Part Number Hot Search : 
NTE21 100ES NTE21 L9310 ATP050SM HN2S04FU NRVB0530 IWD512
Product Description
Full Text Search
 

To Download SS310-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  case: jedec do-214ab molded plastic epoxy: ul 94-0 rate flame retardant terminal: solderable per mil-std-750 method 2026 polarity: color band denotes cathode end mounting position: any approx. weight: 0.21 gram mechanical data maximum rating and electrical characteristics ideal for surface mount applications easy pick and place plastic packages has underwriters lab. flammability classification 94v-0 built-in strain relief low forward voltage drop features forward current: 3.0 amp reverse votlage: 20 ~ 100 volts ss32-g thru SS310-G smd schottky barrier rectifier -g suffix designates rohs compliant version parameter max.repetitive peak reverse voltage max. dc blocking voltage max. rms voltage peak surge forward current 8.3ms single half sine-wave superimposed on rate load ( jedec method ) max. average forward current max. instantaneous forward current at 2.0 a max. dc reverse current at rated dc blocking voltage ta=25 ta=100 max. thermal resistance (note 1) operating junction temperature storage temperature symbol v rrm v dc v rms i fsm i o v f i r r ja r jl t j t stg unit v v v a a v ma c/w 20 20 14 100 100 70 60 60 42 40 40 28 80 3.0 0.50 0.85 0.75 -50 to +125 50 10 0.5 -65 to +150 10 20 c c c c ss32-g ss34-g ss36-g SS310-G smc/do-214ab dimensions in inches and (millimeter) 0.008(0.20 ) 0.0203(0.10 ) 0.124(3.15) 0.108(2.75) 0.103(2.62 ) 0.079(2.00 ) 0.050(1.27) 0.030(0.76) 0.245(6.22 ) 0.220(5.59 ) 0.280(7.11) 0.260(6.60) 0.012(0.31 ) 0.006(0.15 ) 0.320(8.13 ) 0.305(7.75 )
smd schottky barrier rectifier fig. 1 - reverse characteristics percent of rated peak reverse voltage (%) ) a m ( t n e r r u c e s r e v e r fig. 4 - current derating curve 0 20 40 60 80 100 120 140 160 180 200 fig. 3 - junction capacitance ) a ( t n e r r u c d r a w r o f e g r u s k a e p reverse voltage (v) fig. 5 - non repetitive forward surge current 0 20 40 100 80 60 1 5 10 50 1 00 1 100 10 0.1 0.01 tj=75 c tj=25 c tj=25 c 8.3ms single half sine wave jedec methode 0 1.5 3.0 160 20 40 60 80 100 120 140 ) a ( t n e r r u c d r a w r o f e g a r e v a 0.01 0.1 1.0 10 100 100 reverse voltage (v) ) f p ( e c n a t i c a p a c n o i t c n u j 0 200 300 700 0.5 1.0 2.5 2.0 600 500 400 ambient temperature ( c) =1mhz and applied 4vdc reverse voltage ) a ( t n e r r u c d r a w r o f forward voltage (v) fig.2 - forward characteristics 0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9 2.1 1 100 10 0.1 0.01 ss360-g SS310-G tj=25 c pulse width 300us 4% duty cycle rating and characteristic curves (ss32-g thru SS310-G) ss320-g~ss340-g ss360-g~SS310-G ss320-g~ss340-g


▲Up To Search▲   

 
Price & Availability of SS310-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X