Part Number Hot Search : 
24AA0 362611 MMSZ468 AV9155 AN8570SH OCXOWSTC FN3110 AV9155
Product Description
Full Text Search
 

To Download SMCJ15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? ul recognized file # e-326243 ? low profile package ? built-in strain relief ? glass passivated junction ? excellent clamping capability ? typical i r less than 1ua above 10v gxx = specific device code g = green compound y = year m = work month maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% symbol unit p pk watts p d watts i fsm amps v f volts r jc r ja /w t j , t stg -55 to +150 minimum 1500 features ? green compound with suffix "g" on packing code & prefix "g" on datecode ? polarity: indicated by cathode band mechanical data ? 1500 watts peak pulse power capability with a 10/1000 us waveform ? for surface mounted application ? high temperature soldering guaranteed: 260 / 10 seconds at terminals ? weight: 0.26 gram type number operating and storage temperature range peak power dissipation at t a =25 , tp=1ms(note 1) peak forward surge current, 8.3ms single half sine-wave superimposed on rated load (jedec method)(note 2, 3) - unidirectional only 1. for bidrectional use c or ca suffix for types smcj5.0 through types smcj170 2. electrical characterstics apply in both directions smcj series 1500 watts suface mount transient voltage suppressor marking diagram smc/do-214ab devices for bipolar applications version:g11 note 4: v f =3.5v on smcj5.0 thru smcj90 devices and v f =5.0v on smcj100 thru smcj170 devices note 1: non-repetitive current pulse per fig. 3 and derated above t a =25 per fig. 2 note 2: mounted on 16mm x 16mm copper pads to each terminal note 3: 8.3ms single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute maximum value ? terminals: pure tin plated, lead free dimensions in inches and (millimeters) ? case: molded plastic typical thermal resistance ? plastic material used carried underwriters laboratory flammability classification 94v-0 ? fast response time: typically less than 1.0ps from 0 volt to bv min steady state power dissipation maximum instantaneous forward voltage at 50.0a for unidirectional only (note 4) ? standard packaging: 16mm tape per eia std rs-481 5 10 55 200 3.5 / 5.0 pb rohs compliance rohs compliance
version:g11 ratings and characteristic curves (smcj series) fig.2 derating curve 0 1 2 3 4 5 6 0 25 50 75 100 125 150 175 200 t l , lead temperature ( o c) pm(av), steady state power dissipation watts fig. 4 maximum non-repetitive forward surge current 10 100 1000 1 10 100 number of cycles at 60 hz ifsm, peak forward surge a current (a) 8.3ms single half sine wave jedec method unidirectional only fig. 3 clamping power pulse waveform 0 20 40 60 80 100 120 140 0 0.5 1 1.5 2 2.5 3 3.5 4 t, time ms peak pulse current (%) td peak value ippm tr=10use half value- 10/1000sec, waveform as defined by r.e.a. pulse width(td) is defined as the point where the peak current decays to 50% of ippm fig. 5 typical junction capacitance 10 100 1000 10000 100000 1 10 100 v( br ), breakdown voltage (v) cj, junction capacitance (pf) a ta=25 f=1.0mhz vsig=50mvp-p vr=0 vr-rated stand-off voltage unidirectional bidirectiona fig. 1 peak pulse power rating curve 0.1 1 10 100 0.1 1 10 100 1000 10000 tp, pulse width, (us) p ppm , peak pulse power, kw non-repetitive pulse waveform shown in fig.3 ta = 25
test stand-off maximum current voltage reverse leakage it v wm @ v wm min max (ma) (v) id (ua)(note3) smcj5.0 gdd 6.4 7.3 10 5 1000 164 9.6 smcj5.0a gde 6.4 7 10 5 1000 171 9.2 smcj6.0 gdf 6.67 8.15 10 6 1000 138 11.4 smcj6.0a gdg 6.67 7.37 10 6 1000 152 10.3 smcj6.5 gdh 7.22 8.82 10 6.5 500 128 12.3 smcj6.5a gdk 7.22 7.98 10 6.5 500 140 11.2 smcj7.0 gdl 7.78 9.51 10 7 200 118 13.3 smcj7.0a gdm 7.78 8.6 10 7 200 131 12.0 smcj7.5 gdn 8.33 10.30 1 7.5 100 110 14.3 smcj7.5a gdp 8.33 9.21 1 7.5 100 122 12.9 smcj8.0 gdq 8.89 10.9 1 8 50 105 15.0 smcj8.0a gdr 8.89 9.83 1 8 50 115 13.6 smcj8.5 gds 9.44 11.5 1 8.5 20 99 15.9 smcj8.5a gdt 9.44 10.4 1 8.5 20 109 14.4 smcj9.0 gdu 10 12.2 1 9 10 93 16.9 smcj9.0a gdv 10 11.1 1 9 10 102 15.4 smcj10 gdw 11.1 13.6 1 10 5 83 18.8 smcj10a gdx 11.1 12.3 1 10 5 92 17.0 smcj11 gdy 12.2 14.9 1 11 5 78 20.1 smcj11a gdz 12.2 13.5 1 11 5 86 18.2 smcj12 ged 13.3 16.3 1 12 5 71 22.0 smcj12a gee 13.3 14.7 1 12 5 79 19.9 smcj13 gef 14.4 17.6 1 13 5 66 23.8 smcj13a geg 14.4 15.9 1 13 5 73 21.5 smcj14 geh 15.6 19.1 1 14 5 61 25.8 smcj14a gek 15.6 17.2 1 14 5 67 23.2 SMCJ15 gel 16.7 20.4 1 15 5 58 26.9 SMCJ15a gem 16.7 18.5 1 15 5 64 24.4 smcj16 gen 17.8 21.8 1 16 5 54 28.8 smcj16a gep 17.8 19.7 1 16 5 60 26.0 smcj17 geq 18.9 23.1 1 17 5 51 30.5 smcj17a ger 18.9 20.9 1 17 5 57 27.6 smcj18 ges 20 24.4 1 18 5 48 32.2 smcj18a get 20 22.1 1 18 5 53 29.2 smcj20 geu 22.2 27.1 1 20 5 43 35.8 smcj20a gev 22.2 24.5 1 20 5 48 32.4 smcj22 gew 24.4 29.8 1 22 5 39 39.4 smcj22a gex 24.4 26.9 1 22 5 44 35.5 smcj24 gey 26.7 32.6 1 24 5 36 43.0 smcj24a gez 26.7 29.5 1 24 5 40 38.9 smcj26 gfd 28.9 35.3 1 26 5 33 46.6 smcj26a gfe 28.9 31.9 1 26 5 37 42.1 smcj28 gff 31.1 38 1 28 5 31 50.0 smcj28a gfg 31.1 34.4 1 28 5 34 45.4 smcj30 gfh 33.3 40.7 1 30 5 29 53.5 smcj30a gfk 33.3 36.8 1 30 5 32 48.4 smcj33 gfl 36.7 44.9 1 33 5 26 59.0 smcj33a gfm 36.7 40.6 1 33 5 29 53.3 smcj36 gfn 40 48.9 1 36 5 24 64.3 smcj36a gfp 40 44.2 1 36 5 27 58.1 smcj40 gfq 44.4 54.3 1 40 5 22 71.4 smcj40a gfr 44.4 49.1 1 40 5 24 64.5 smcj43 gfs 47.8 58.4 1 43 5 20 76.7 smcj43a gft 47.8 52.8 1 43 5 22 69.4 version:g11 electrical characteristics (ta=25 unless otherwise noted) breakdown voltage vbr (v) at i t device device marking code maximum clamping voltage at ippm vc(v) maximum peak surge current i ppm (a)(note2)
test stand-off maximum current voltage reverse leakage it v wm @ v wm min max (ma) (v) id (ua) smcj45 gfu 50 61.1 1 45 5 19 80.3 smcj45a gfv 50 55.3 1 45 5 21 72.7 smcj48 gfw 53.3 65.1 1 48 5 18 85.5 smcj48a gfx 53.3 58.9 1 48 5 20 77.4 smcj51 gfy 56.7 69.3 1 51 5 17 91.1 smcj51a gfz 56.7 62.7 1 51 5 19 82.4 smcj54 ggd 60 73.3 1 54 5 16 96.3 smcj54a gge 60 66.3 1 54 5 18 87.1 smcj58 ggf 64.4 78.7 1 58 5 15 103 smcj58a ggg 64.4 71.2 1 58 5 16 93.6 smcj60 ggh 66.7 81.5 1 60 5 14 107 smcj60a ggk 66.7 73.7 1 60 5 16 96.8 smcj64 ggl 71.1 86.9 1 64 5 13.8 114 smcj64a ggm 71.1 78.6 1 64 5 15 103 smcj70 ggn 77.8 95.1 1 70 5 12.6 125 smcj70a ggp 77.8 86 1 70 5 13.9 113 smcj75 ggq 83.3 102 1 75 5 11.7 134 smcj75a ggr 83.3 92.1 1 75 5 13 121 smcj78 ggs 86.7 106 1 78 5 11.3 139 smcj78a ggt 86.7 95.8 1 78 5 12.5 126 smcj85 ggu 94.4 115 1 85 5 10.4 151 smcj85a ggv 94.4 104 1 85 5 11.5 137 smcj90 ggw 100 122 1 90 5 9.8 160 smcj90a ggx 100 111 1 90 5 10.7 146 smcj100 ggy 111 136 1 100 5 8.8 179 smcj100a ggz 111 123 1 100 5 9.7 162 smcj110 ghd 122 149 1 110 5 8 196 smcj110a ghe 122 135 1 110 5 8.9 177 smcj120 ghf 133 163 1 120 5 7.3 214 smcj120a ghg 133 147 1 120 5 8.1 193 smcj130 ghh 144 176 1 130 5 6.8 231 smcj130a ghk 144 159 1 130 5 7.5 209 SMCJ150 ghl 167 204 1 150 5 5.8 266 SMCJ150a ghm 167 185 1 150 5 6.4 243 smcj160 ghn 178 218 1 160 5 5.4 287 smcj160a ghp 178 197 1 160 5 6 259 smcj170 ghq 189 231 1 170 5 5.1 304 smcj170a ghr 189 209 1 170 5 5.7 275 notes: 1. v br measure after i t applied for 300us, i t =square wave pulse or equivalent. 2. surge current waveform per figure. 3 and derate per figure. 2. 3. for bipolar types having v wm of 10 volts and less, the i d limit is doubled. 4. all terms and symbols are consistent with ansi/ieee c62.35. version:g11 maximum clamping voltage at ippm vc(v) (note5) maximum peak pulse surge current i ppm (a)(note5) electrical characteristics (ta=25 unless otherwise noted) device device marking code breakdown voltage vbr (v) at i t
tvs application notes: version : g11 any combination of this three, or any one of these applivations, will prevent damage to the load. this would require varying trade-offs in power supply protection versus maintenance(changing the time fuse). an additional method is to utilize the trans recommended pad sizes the pad dimensions should be 0.010"(0.25mm) longer than the contact size, in the lead axis. this allows a solder filler to form, see figure below. contact factort for soldering methods. transient voltage suppressors may be used at various points in a circuit to provide various degrees of protection. the following is a typical linear power supply with transient voltage suppressor units plaved at different points. all provide protection transient voltage suppressor 1 provides maximum protection. however, the system will probably require replacement of the line fuse(f) since it provides a dominant portion of the series impedance when a surge is encountered. hower, we do not recommend to use the tvs diode here, unless we can know the electric circuit impedance and the magnitude of surge rushed into the circuit. otherwise the tvs diode is easy to be destroyed by voltage surge. transient voltage suppressor 2 provides execllent protection of circuitry excluding the transformer(t). however, since the transformer is a large part of the series impedance, the chance of the line fuse opening during the surge condition is reduced. transient voltage suppressor 3 provides the load with complete protection. it uses a unidirectional transient voltage suppressor, which is a cost advantage. the series impedance now includes the line fuse, transformer, and bridge rectifier(b) so failure


▲Up To Search▲   

 
Price & Availability of SMCJ15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X