Part Number Hot Search : 
WDW3T W981616 BT130 1210E IC18F STD2805 ST7687A ELM742X
Product Description
Full Text Search
 

To Download OSR5PA5201A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ver a.0 5 5 m m m m b b u u l l l l e e t t p p r r e e m m i i u u m m red l l e e d d OSR5PA5201A features outline dimension high luminous leds 5 5 m m m m b b u u l l l l e e t t standard directivity superior weather-resistance uv resistant epoxy water clear type applications traffic signal, portable light source signage and channel letter decorating and entertainment lighting architectural lighting outdoor/indoor applications/other lighting  .*/ .*/   ? "opef $buipef 6ojunn 5pmfsbodf?nn ."9    3     absolute maximum rating 5b

directivity item symbol value unit dc forward current i f 50 ma pulse forward current* i fp 120 ma reverse voltage v r 5 v power dissipation p d 120 mw operating temperature topr -40~ +85 
storage temperature tstg -40 ~ +100 
lead soldering temperature tsol 260 
/5sec  *pulse width max.10ms , duty ratio max 1/10             electrical -optical characteristics  5b

maximum forward current item symbol condition min. typ. max. 6oju dc forward voltage v f i f =20ma 1.8 2.1 2.4 v dc reverse current i r v r =5v - - 10 a domi. wavelength* d i f =20ma 619 624 629 nm luminous intensity* iv i f =20ma - 40000 - mcd 50% power angle 2 1/2 i f =20ma - 8 - deg * 1 tolerance of dominant wavelength is + 1nm * 2 tolerance of luminous intensity is + 15% led & application technologies 3ui +b
$8 3ui +b
$8 3ui +b
$8     .byjnvo1fsnjttjcmf'psxbse$vssfou5k$ *g 'psxbse$vssfoun"
       5b "ncjfou5fnqfsbuvsf$
      


▲Up To Search▲   

 
Price & Availability of OSR5PA5201A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X