Part Number Hot Search : 
REEL1 4H56043 CR4802AC TS822ILT AMS41221 11SRWA MNR4G 24C54
Product Description
Full Text Search
 

To Download NTB0102DP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the ntb0102 is a 2-bit, dual supply translat ing transceiver with auto direction sensing, that enables bidirectional voltage level translation. it features two 2-bit input-output ports (an and bn), one output enable in put (oe) and two supply pins (v cc(a) and v cc(b) ). v cc(a) can be supplied at any voltage between 1.2 v and 3.6 v and v cc(b) can be supplied at any voltage between 1.65 v and 5.5 v, making th e device suitable for translating between any of the low voltage nodes (1.2 v, 1.5 v, 1.8 v, 2.5 v, 3.3 v and 5.0 v). pins an and oe are referenced to v cc(a) and pins bn are referenced to v cc(b) . a low level at pin oe causes the outputs to assume a high-impedance off-state. this device is fully specified for partial power-down applications using i off . the i off circuitry disables the output, preventing the damaging backflow current through the device when it is powered down. 2. features and benefits ? wide supply voltage range: ? v cc(a) : 1.2 v to 3.6 v and v cc(b) : 1.65 v to 5.5 v ? i off circuitry provides partial power-down mode operation ? inputs accept voltages up to 5.5 v ? esd protection: ? hbm jesd22-a114e class 2 exceeds 2500 v for a port ? hbm jesd22-a114e class 3b exceeds 15000 v for b port ? mm jesd22-a115-a exceeds 200 v ? cdm jesd22-c101e exceeds 1500 v ? latch-up performance exceeds 100 ma per jesd 78b class ii ? multiple package options ? specified from ? 40 cto+85 c and ? 40 cto+125 c ntb0102 dual supply translating trans ceiver; auto dire ction sensing; 3-state rev. 2 ? 28 april 2011 product data sheet
ntb0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 28 april 2011 2 of 26 nxp semiconductors ntb0102 dual supply translating transceiver; auto direction sensing; 3-state 3. ordering information 4. marking [1] the pin 1 indicator is located on the lower left corner of the device, below the marking code. 5. functional diagram table 1. ordering information type number package temperature range name description version NTB0102DP ? 40 c to +125 c tssop8 plastic thin shrink small outline package; 8 leads; body width 3 mm; lead length 0.5 mm sot505-2 ntb0102gt ? 40 cto+125 c xson8 plastic extremely thin small outline package; no leads; 8 terminals; body 1 1.95 0.5 mm sot833-1 ntb0102gd ? 40 cto+125 c xson8u plastic extremely thin small outline package; no leads; 8 terminals; utlp based; body 3 2 0.5 mm sot996-2 ntb0102gf ? 40 cto+125 c xson8 extremely thin small outline package; no leads; 8 terminals; body 1.35 1 0.5 mm sot1089 ntb0102gu ? 40 c to +125 c xqfn10 plastic, extremely thin quad flat package; no leads; 10 terminals; body 1.40 1.80 0.50 mm sot1160-1 table 2. marking type number marking code [1] NTB0102DP t02 ntb0102gt t02 ntb0102gd t02 ntb0102gf t2 ntb0102gu t2 fig 1. logic symbol 001aal914 v cc(b) v cc(a) a2 oe b2 a1 4 6 5 b1 1 8
ntb0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 28 april 2011 3 of 26 nxp semiconductors ntb0102 dual supply translating transceiver; auto direction sensing; 3-state 6. pinning information 6.1 pinning 6.2 pin description fig 2. pin configuration sot505-2 (tssop8) fig 3. pin configuration sot833-1 (xson8) and sot1089 (xson8) ntb0102 b2 b1 gnd v cc(b) v cc(a) oe a2 a1 001aam484 1 2 3 4 6 5 8 7 ntb0102 oe v cc(b) b1 a1 v cc(a) gnd b2 a2 001aam485 36 27 18 45 transparent top view fig 4. pin configuration sot996-2 (xson8u) fi g 5. pin configuration sot1160-1 (xqfn10) 001aam486 ntb0102 transparent top view 8 7 6 5 1 2 3 4 b2 gnd v cc(a) a2 b1 v cc(b) oe a1 ntb0102 5 b2 n.c. 4 oe 3 b1 8 10 gnd 9 a1 7 n.c. 6v cc(b) a2 1 v cc(a) 2 terminal 1 index area 001aam56 0 transparent top view table 3. pin description symbol pin description sot505-2, sot833-1, sot1089 and sot996-2 sot1160-1 b2, b1 1, 8 5, 8 data input or output (referenced to v cc(b) ) gnd 2 9 ground (0 v) v cc(a) 3 2 supply voltage a a2, a1 4, 5 1, 10 data input or output (referenced to v cc(a) )
ntb0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 28 april 2011 4 of 26 nxp semiconductors ntb0102 dual supply translating transceiver; auto direction sensing; 3-state 7. functional description [1] h = high voltage level; l = low voltage level; x = don?t care; z = high-impedance off-state. [2] when either v cc(a) or v cc(b) is at gnd level, the device goes into power-down mode. 8. limiting values [1] the minimum input and minimum output voltage ratings may be e xceeded if the input and output current ratings are observed. [2] v cco is the supply voltage associated with the output. [3] v cco + 0.5 v should not exceed 6.5 v. [4] for tssop8 package: above 55 c the value of p tot derates linearly with 2.5 mw/k. for xson8 and xson8u packages: above 118 c the value of p tot derates linearly with 7.8 mw/k. for xqfn10 package: above 128 c the value of p tot derates linearly with 11.5 mw/k. oe 6 4 output enable input (active high; referenced to v cc(a) ) v cc(b) 7 6 supply voltage b n.c. - 3, 7 not connected table 3. pin description ?continued symbol pin description sot505-2, sot833-1, sot1089 and sot996-2 sot1160-1 table 4. function table [1] supply voltage input input/output v cc(a) v cc(b) oe an bn 1.2 v to v cc(b) 1.65 v to 5.5 v l z z 1.2 v to v cc(b) 1.65 v to 5.5 v h input or output output or input gnd [2] gnd [2] xzz table 5. limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc(a) supply voltage a ? 0.5 +6.5 v v cc(b) supply voltage b ? 0.5 +6.5 v v i input voltage [1] ? 0.5 +6.5 v v o output voltage active mode [1] [2] [3] ? 0.5 v cco +0.5 v power-down or 3-state mode [1] ? 0.5 +6.5 v i ik input clamping current v i <0v ? 50 - ma i ok output clamping current v o <0v ? 50 - ma i o output current v o =0vtov cco [2] - 50 ma i cc supply current i cc(a) or i cc(b) -100ma i gnd ground current ? 100 - ma t stg storage temperature ? 65 +150 c p tot total power dissipation t amb = ? 40 c to +125 c [4] -250mw
ntb0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 28 april 2011 5 of 26 nxp semiconductors ntb0102 dual supply translating transceiver; auto direction sensing; 3-state 9. recommended operating conditions [1] the a and b sides of an unused i/o pair must be held in the same state, both at v cci or both at gnd. [2] v cc(a) must be less than or equal to v cc(b) . 10. static characteristics [1] v cco is the supply voltage associated with the output. [2] v cci is the supply voltage associated with the input. table 6. recommended operating conditions [1] [2] symbol parameter conditions min max unit v cc(a) supply voltage a 1.2 3.6 v v cc(b) supply voltage b 1.65 5.5 v v i input voltage 0 5.5 v v o output voltage power-down or 3-state mode; v cc(a) = 1.2 v to 3.6 v; v cc(b) = 1.65 v to 5.5 v a port 0 3.6 v b port 0 5.5 v t amb ambient temperature ? 40 +125 c t/ v input transition rise and fall rate v cc(a) = 1.2 v to 3.6 v; v cc(b) =1.65vto5.5v - 40 ns/v table 7. typical static characteristics at recommended operating conditions; voltag es are referenced to gnd (ground = 0 v); t amb = 25 c. symbol parameter conditions min typ max unit v oh high-level output voltage a port; v cc(a) = 1.2 v; i o = ? 20 a-1.1-v v ol low-level output voltage a port; v cc(a) = 1.2 v; i o = 20 a-0.09-v i i input leakage current oe input; v i = 0 v to 3.6 v; v cc(a) = 1.2 v to 3.6 v; v cc(b) =1.65vto5.5v -- 1 a i oz off-state output current a or b port; v o =0vtov cco ; v cc(a) = 1.2 v to 3.6 v; v cc(b) = 1.65 v to 5.5 v [1] -- 1 a i off power-off leakage current a port; v i or v o = 0 v to 3.6 v; v cc(a) =0v;v cc(b) =0vto5.5v -- 1 a b port; v i or v o = 0 v to 5.5 v; v cc(b) =0v;v cc(a) =0vto3.6v -- 1 a i cc supply current v i = 0 v or v cci ; i o = 0 a [2] i cc(a) ; v cc(a) = 1.2 v; v cc(b) = 1.65 v to 5.5 v - 0.05 - a i cc(b) ; v cc(a) = 1.2 v; v cc(b) = 1.65 v to 5.5 v - 3.3 - a i cc(a) + i cc(b) ; v cc(a) = 1.2 v; v cc(b) =1.65vto5.5v - 3.5 - a c i input capacitance oe input; v cc(a) = 1.2 v to 3.6 v; v cc(b) =1.65vto5.5v - 1.0 - pf c i/o input/output capacitance a port; v cc(a) = 1.2 v to 3.6 v; v cc(b) = 1.65 v to 5.5 v - 4.0 - pf b port; v cc(a) = 1.2 v to 3.6 v; v cc(b) = 1.65 v to 5.5 v - 7.5 - pf
ntb0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 28 april 2011 6 of 26 nxp semiconductors ntb0102 dual supply translating transceiver; auto direction sensing; 3-state table 8. typical supply current at recommended operating conditions; voltag es are referenced to gnd (ground = 0 v); t amb = 25 c. v cc(a) v cc(b) unit 1.8 v 2.5 v 3.3 v 5.0 v i cc(a) i cc(b) i cc(a) i cc(b) i cc(a) i cc(b) i cc(a) i cc(b) 1.2 v101010101020101050na 1.5 v10101010101010650na 1.8 v10101010101010350na 2.5 v- - 101010101040na 3.3 v----10101010na table 9. static characteristics at recommended operating conditions; volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions ? 40 c to +85 c ? 40 c to +125 c unit min max min max v ih high-level input voltage a or b port and oe input [1] v cc(a) = 1.2 v to 3.6 v; v cc(b) = 1.65 v to 5.5 v 0.65v cci - 0.65v cci -v v il low-level input voltage a or b port and oe input [1] v cc(a) = 1.2 v to 3.6 v; v cc(b) = 1.65 v to 5.5 v -0.35v cci -0.35v cci v v oh high-level output voltage i o = ? 20 a [2] a port; v cc(a) = 1.4 v to 3.6 v v cco ? 0.4 - v cco ? 0.4 - v b port; v cc(b) = 1.65 v to 5.5 v v cco ? 0.4 - v cco ? 0.4 - v v ol low-level output voltage i o =20 a [2] a port; v cc(a) = 1.4 v to 3.6 v - 0.4 - 0.4 v b port; v cc(b) = 1.65 v to 5.5 v - 0.4 - 0.4 v i i input leakage current oe input; v i = 0 v to 3.6 v; v cc(a) = 1.2 v to 3.6 v; v cc(b) =1.65vto5.5v - 2- 5 a i oz off-state output current a or b port; v o =0vorv cco ; v cc(a) = 1.2 v to 3.6 v; v cc(b) = 1.65 v to 5.5 v [2] - 2- 10 a i off power-off leakage current a port; v i or v o = 0 v to 3.6 v; v cc(a) =0v;v cc(b) =0vto5.5v - 2- 10 a b port; v i or v o = 0 v to 5.5 v; v cc(b) =0v;v cc(a) =0vto3.6v - 2- 10 a
ntb0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 28 april 2011 7 of 26 nxp semiconductors ntb0102 dual supply translating transceiver; auto direction sensing; 3-state [1] v cci is the supply voltage associated with the input. [2] v cco is the supply voltage associated with the output. 11. dynamic characteristics i cc supply current v i = 0 v or v cci ; i o = 0 a [1] i cc(a) oe = low; v cc(a) = 1.4 v to 3.6 v; v cc(b) = 1.65 v to 5.5 v -3-15 a oe = high; v cc(a) = 1.4 v to 3.6 v; v cc(b) = 1.65 v to 5.5 v -3-20 a v cc(a) = 3.6 v; v cc(b) =0v - 2 - 15 a v cc(a) = 0 v; v cc(b) =5.5v - ? 2- ? 15 a i cc(b) oe = low; v cc(a) = 1.4 v to 3.6 v; v cc(b) = 1.65 v to 5.5 v -5-15 a oe = high; v cc(a) = 1.4 v to 3.6 v; v cc(b) = 1.65 v to 5.5 v -5-20 a v cc(a) = 3.6 v; v cc(b) =0v - ? 2- ? 15 a v cc(a) = 0 v; v cc(b) =5.5v - 2 - 15 a i cc(a) + i cc(b) v cc(a) = 1.4 v to 3.6 v; v cc(b) =1.65vto5.5v -8-40 a table 9. static characteristics ?continued at recommended operating conditions; volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions ? 40 c to +85 c ? 40 c to +125 c unit min max min max table 10. typical dynamic characteristics for temperature 25 c [1] voltages are referenced to gnd (ground = 0 v); for test circuit see figure 8 ; for waveforms see figure 6 and figure 7 . symbol parameter conditions v cc(b) unit 1.8 v 2.5 v 3.3 v 5.0 v v cc(a) = 1.2 v; t amb = 25 c t pd propagation delay a to b 5.9 4.8 4.4 4.2 ns b to a 5.6 4.8 4.5 4.4 ns t en enable time oe to a, b 0.5 0.5 0.5 0.5 s t dis disable time oe to a; no external load [2] 6.96.96.96.9ns oe to b; no external load [2] 9.58.68.58.0ns oe to a 81 69 83 68 ns oe to b 81 69 83 68 ns t t transition time a port 4.0 4.0 4.1 4.1 ns b port 2.6 2.0 1.7 1.4 ns
ntb0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 28 april 2011 8 of 26 nxp semiconductors ntb0102 dual supply translating transceiver; auto direction sensing; 3-state [1] t pd is the same as t plh and t phl . t en is the same as t pzl and t pzh . t dis is the same as t plz and t phz . t t is the same as t thl and t tlh [2] delay between oe going low and wh en the outputs are actually disabled. [3] skew between any two outputs of the same package switching in the same direction. t sk(o) output skew time between channels [3] 0.20.20.20.2ns t w pulse width data inputs 15 13 13 13 ns f data data rate 70 80 80 80 mbps table 10. typical dynamic characteristics for temperature 25 c [1] ?continued voltages are referenced to gnd (ground = 0 v); for test circuit see figure 8 ; for waveforms see figure 6 and figure 7 . symbol parameter conditions v cc(b) unit 1.8 v 2.5 v 3.3 v 5.0 v table 11. dynamic characteristics for temperature range ? 40 c to +85 c [1] voltages are referenced to gnd (ground = 0 v); for test circuit see figure 8 ; for wave forms see figure 6 and figure 7 . symbol parameter conditions v cc(b) unit 1.8 v 0.15 v 2.5 v 0.2 v 3.3 v 0.3 v 5.0 v 0.5 v min max min max min max min max v cc(a) = 1.5 v 0.1 v t pd propagation delay a to b 1.4 12.9 1.2 10.1 1.1 10.0 0.8 9.9 ns b to a 0.9 14.2 0.7 12.0 0.4 11.7 0.3 13.7 ns t en enable time oe to a, b - 1.0 - 1.0 - 1.0 - 1.0 s t dis disable time oe to a; no external load [2] 1.0 11.9 1.0 11.9 1.0 11.9 1.0 11.9 ns oe to b; no external load [2] 1.0 16.9 1.0 15.2 1.0 14.1 1.0 13.8 ns oe to a - 320 - 260 - 260 - 280 ns oe to b - 200 - 200 - 200 - 200 ns t t transition time a port 0.9 5.1 0.9 5.1 0.9 5.1 0.9 5.1 ns b port 0.9 4.7 0.6 3.2 0.5 2.5 0.4 2.7 ns t sk(o) output skew time between channels [3] - 0.5 - 0.5 - 0.5 - 0.5 ns t w pulse width data inputs 25 - 25 - 25 - 25 - ns f data data rate - 40 - 40 - 40 - 40 mbps v cc(a) = 1.8 v 0.15 v t pd propagation delay a to b 1.6 11.0 1.4 7.7 1.3 6.8 1.2 6.5 ns b to a 1.5 12.0 1.3 8.4 1.0 7.6 0.9 7.1 ns t en enable time oe to a, b - 1.0 - 1.0 - 1.0 - 1.0 s t dis disable time oe to a; no external load [2] 1.0 11.0 1.0 11.0 1.0 11.0 1.0 11.0 ns oe to b; no external load [2] 1.0 15.4 1.0 13.5 1.0 12.4 1.0 12.1 ns oe to a - 260 - 230 - 230 - 230 ns oe to b - 200 - 200 - 200 - 200 ns t t transition time a port 0.8 4.1 0.8 4.1 0.8 4.1 0.8 4.1 ns b port 0.9 4.7 0.6 3.2 0.5 2.5 0.4 2.7 ns
ntb0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 28 april 2011 9 of 26 nxp semiconductors ntb0102 dual supply translating transceiver; auto direction sensing; 3-state [1] t pd is the same as t plh and t phl . t en is the same as t pzl and t pzh . t dis is the same as t plz and t phz . t t is the same as t thl and t tlh . [2] delay between oe going low and wh en the outputs are actually disabled. [3] skew between any two outputs of the same package switching in the same direction. t sk(o) output skew time between channels [3] - 0.5 - 0.5 - 0.5 - 0.5 ns t w pulse width data inputs 20 - 17 - 17 - 17 - ns f data data rate - 49 - 60 - 60 - 60 mbps v cc(a) = 2.5 v 0.2 v t pd propagation delay a to b - - 1.1 6.3 1.0 5.2 0.9 4.7 ns b to a - - 1.2 6.6 1.1 5.1 0.9 4.4 ns t en enable time oe to a, b - - - 1.0 - 1.0 - 1.0 s t dis disable time oe to a; no external load [2] - - 1.0 9.2 1.0 9.2 1.0 9.2 ns oe to b; no external load [2] - - 1.0 11.9 1.0 10.7 1.0 10.2 ns oe to a - - - 200 - 200 - 200 ns oe to b - - - 200 - 200 - 200 ns t t transition time a port - - 0.7 3.0 0.7 3.0 0.7 3.0 ns b port - - 0.7 3.2 0.5 2.5 0.4 2.7 ns t sk(o) output skew time between channels [3] - - - 0.5 - 0.5 - 0.5 ns t w pulse width data inputs - - 12 - 10 - 10 - ns f data data rate - - - 85 - 100 - 100 mbps v cc(a) = 3.3 v 0.3 v t pd propagation delay a to b - - - - 0.9 4.7 0.8 4.0 ns b to a - - - - 1.0 4.9 0.9 3.8 ns t en enable time oe to a, b - - - - - 1.0 - 1.0 s t dis disable time oe to a; no external load [2] - - - - 1.0 9.2 1.0 9.2 ns oe to b; no external load [2] - - - - 1.0 10.1 1.0 9.6 ns oe to a - - - - - 260 - 260 ns oe to b - - - - - 200 - 200 ns t t transition time a port - - - - 0.7 2.5 0.7 2.5 ns b port - - - - 0.5 2.5 0.4 2.7 ns t sk(o) output skew time between channels [3] - - - - - 0.5 - 0.5 ns t w pulse width data inputs - - - - 10 - 10 - ns f data data rate - - - - - 100 - 100 mbps table 11. dynamic characteristics for temperature range ? 40 c to +85 c [1] ?continued voltages are referenced to gnd (ground = 0 v); for test circuit see figure 8 ; for wave forms see figure 6 and figure 7 . symbol parameter conditions v cc(b) unit 1.8 v 0.15 v 2.5 v 0.2 v 3.3 v 0.3 v 5.0 v 0.5 v min max min max min max min max
ntb0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 28 april 2011 10 of 26 nxp semiconductors ntb0102 dual supply translating transceiver; auto direction sensing; 3-state table 12. dynamic characteristics for temperature range ? 40 c to +125 c [1] voltages are referenced to gnd (ground = 0 v); for test circuit see figure 8 ; for wave forms see figure 6 and figure 7 . symbol parameter conditions v cc(b) unit 1.8 v 0.15 v 2.5 v 0.2 v 3.3 v 0.3 v 5.0 v 0.5 v min max min max min max min max v cc(a) = 1.5 v 0.1 v t pd propagation delay a to b 1.4 15.9 1.2 13.1 1.1 13.0 0.8 12.9 ns b to a 0.9 17.2 0.7 15.0 0.4 14.7 0.3 16.7 ns t en enable time oe to a, b - 1.0 - 1.0 - 1.0 - 1.0 s t dis disable time oe to a; no external load [2] 1.0 12.5 1.0 12.5 1.0 12.5 1.0 12.5 ns oe to b; no external load [2] 1.0 18.1 1.0 16.2 1.0 14.9 1.0 14.6 ns oe to a - 340 - 280 - 280 - 300 ns oe to b - 220 - 220 - 220 - 220 ns t t transition time a port 0.9 7.1 0.9 7.1 0.9 7.1 0.9 7.1 ns b port 0.9 6.5 0.6 5.2 0.5 4.8 0.4 4.7 ns t sk(o) output skew time between channels [3] - 0.5 - 0.5 - 0.5 - 0.5 ns t w pulse width data inputs 25 - 25 - 25 - 25 - ns f data data rate - 40 - 40 - 40 - 40 mbps v cc(a) = 1.8 v 0.15 v t pd propagation delay a to b 1.6 14.0 1.4 10.7 1.3 9.8 1.2 9.5 ns b to a 1.5 15.0 1.3 11.4 1.0 10.6 0.9 10.1 ns t en enable time oe to a, b - 1.0 - 1.0 - 1.0 - 1.0 s t dis disable time oe to a; no external load [2] 1.0 11.5 1.0 11.5 1.0 11.5 1.0 11.5 ns oe to b; no external load [2] 1.0 16.5 1.0 14.5 1.0 13.3 1.0 12.7 ns oe to a - 280 - 250 - 250 - 250 ns oe to b - 220 - 220 - 220 - 220 ns t t transition time a port 0.8 6.2 0.8 6.1 0.8 6.1 0.8 6.1 ns b port 0.9 5.8 0.6 5.2 0.5 4.8 0.4 4.7 ns t sk(o) output skew time between channels [3] - 0.5 - 0.5 - 0.5 - 0.5 ns t w pulse width data inputs 22 - 19 - 19 - 19 - ns f data data rate - 45 - 55 - 55 - 55 mbps v cc(a) = 2.5 v 0.2 v t pd propagation delay a to b - - 1.1 9.3 1.0 8.2 0.9 7.7 ns b to a - - 1.2 9.6 1.1 8.1 0.9 7.4 ns t en enable time oe to a, b - - - 1.0 - 1.0 - 1.0 s t dis disable time oe to a; no external load [2] - - 1.0 9.6 1.0 9.6 1.0 9.6 ns oe to b; no external load [2] - - 1.0 12.6 1.0 11.4 1.0 10.8 ns oe to a - - - 220 - 220 - 220 ns oe to b - - - 220 - 220 - 220 ns t t transition time a port - - 0.7 5.0 0.7 5.0 0.7 5.0 ns b port - - 0.7 4.6 0.5 4.8 0.4 4.7 ns
ntb0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 28 april 2011 11 of 26 nxp semiconductors ntb0102 dual supply translating transceiver; auto direction sensing; 3-state [1] t pd is the same as t plh and t phl . t en is the same as t pzl and t pzh . t dis is the same as t plz and t phz . t t is the same as t thl and t tlh. [2] delay between oe going low and wh en the outputs are actually disabled. [3] skew between any two outputs of the same package switching in the same direction. t sk(o) output skew time between channels [3] - - - 0.5 - 0.5 - 0.5 ns t w pulse width data inputs; - - 14 - 13 - 10 - ns f data data rate - - - 75 - 80 - 100 mbps v cc(a) = 3.3 v 0.3 v t pd propagation delay a to b - - - - 0.9 7.7 0.8 7.0 ns b to a - - - - 1.0 7.9 0.9 6.8 ns t en enable time oe to a, b - - - - - 1.0 - 1.0 s t dis disable time oe to a; no external load [2] - - - - 1.0 9.5 1.0 9.5 ns oe to b; no external load [2] - - - - 1.0 10.7 1.0 9.6 ns oe to a - - - - - 280 - 280 ns oe to b - - - - - 220 - 220 ns t t transition time a port - - - - 0.7 4.5 0.7 4.5 ns b port - - - - 0.5 4.1 0.4 4.7 ns t sk(o) output skew time between channels [3] - - - - - 0.5 - 0.5 ns t w pulse width data inputs - - - - 10 - 10 - ns f data data rate - - - - - 100 - 100 mbps table 12. dynamic characteristics for temperature range ? 40 c to +125 c [1] ?continued voltages are referenced to gnd (ground = 0 v); for test circuit see figure 8 ; for wave forms see figure 6 and figure 7 . symbol parameter conditions v cc(b) unit 1.8 v 0.15 v 2.5 v 0.2 v 3.3 v 0.3 v 5.0 v 0.5 v min max min max min max min max
ntb0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 28 april 2011 12 of 26 nxp semiconductors ntb0102 dual supply translating transceiver; auto direction sensing; 3-state [1] c pd is used to determine the dynamic power dissipation (p d in w). p d =c pd v cc 2 f i n+ (c l v cc 2 f o ) where: f i = input frequency in mhz; f o = output frequency in mhz; c l = load capacitance in pf; v cc = supply voltage in v; n = number of inputs switching; (c l v cc 2 f o ) = sum of the outputs. [2] f i = 10 mhz; v i =gndtov cc ; t r = t f = 1 ns; c l = 0 pf; r l = . 12. waveforms table 13. typical power dissipation capacitance voltages are referenced to gnd (ground = 0 v). [1] [2] symbol parameter conditions v cc(a) unit 1.2 v 1.2 v 1.5 v 1.8 v 2.5 v 2.5 v 3.3 v v cc(b) 1.8 v 5.0 v 1.8 v 1.8 v 2.5 v 5.0 v 3.3 v to 5.0 v t amb = 25 c c pd power dissipation capacitance outputs enabled; oe = v cc(a) aport: (direction a to b) 5555555pf aport: (direction b to a) 8888888pf b port: (direction a to b) 18 18 18 18 18 18 18 pf b port: (direction b to a) 13 16 12 12 12 12 13 pf outputs disabled; oe = gnd a port: (direction a to b) 0.12 0.12 0.04 0.05 0.08 0.08 0.07 pf a port: (direction b to a) 0.01 0.01 0.01 0.01 0.01 0.01 0.01 pf b port: (direction a to b) 0.01 0.01 0.01 0.01 0.01 0.01 0.01 pf b port: (direction b to a) 0.07 0.09 0.07 0.07 0.05 0.09 0.09 pf measurement points are given in table 14 . v ol and v oh are typical output voltage levels that occur with the output load. fig 6. data input (an, bn) to data output (bn, an) propagation delay times 001aal91 8 t plh t phl v m v m bn, an output an, bn input v i gnd v oh v ol t thl t tlh 90 % 10 %
ntb0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 28 april 2011 13 of 26 nxp semiconductors ntb0102 dual supply translating transceiver; auto direction sensing; 3-state [1] v cci is the supply voltage associated with the input and v cco is the supply voltage associated with the output. measurement points are given in table 14 . v ol and v oh are typical output voltage levels that occur with the output load. fig 7. enable and disable times 001aal91 9 t plz t phz outputs disabled outputs enabled outputs enabled output low-to-off off-to-low output high-to-off off-to-high oe input v oh v cco gnd v ol gnd v i t pzl t pzh v y v m v m v x v m table 14. measurement points [1] supply voltage input output v cco v m v m v x v y 1.2 v 0.5v cci 0.5v cco v ol + 0.1 v v oh ? 0.1 v 1.5 v 0.1 v 0.5v cci 0.5v cco v ol + 0.1 v v oh ? 0.1 v 1.8 v 0.15 v 0.5v cci 0.5v cco v ol + 0.15 v v oh ? 0.15 v 2.5 v 0.2 v 0.5v cci 0.5v cco v ol + 0.15 v v oh ? 0.15 v 3.3 v 0.3 v 0.5v cci 0.5v cco v ol + 0.3 v v oh ? 0.3 v 5.0 v 0.5 v 0.5v cci 0.5v cco v ol + 0.3 v v oh ? 0.3 v
ntb0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 28 april 2011 14 of 26 nxp semiconductors ntb0102 dual supply translating transceiver; auto direction sensing; 3-state [1] v cci is the supply voltage associated with the input. [2] for measuring data rate, pulse width, propagati on delay and output rise and fall measurements, r l = 1 m ; for measuring enable and disable times, r l = 50 k . [3] v cco is the supply voltage associated with the output. test data is given in table 15 . all input pulses are supplied by generators having the following characteristics: prr 10 mhz; z o = 50 ; dv/dt 1.0 v/ns. r l = load resistance. c l = load capacitance including jig and probe capacitance. v ext = external voltage for measuring switching times. fig 8. test circuit for measuring switching times v m v m t w t w 10 % 90 % 0 v v i v i negative pulse positive pulse 0 v v m v m 90 % 10 % t f t r t r t f 001aal92 0 v ext v cc v i v o dut c l r l r l g table 15. test data supply voltage input load v ext v cc(a) v cc(b) v i [1] t/ v c l r l [2] t plh , t phl t pzh , t phz t pzl , t plz [3] 1.2 v to 3.6 v 1.65 v to 5.5 v v cci 1.0ns/v 15pf 50k , 1 m open open 2v cco
ntb0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 28 april 2011 15 of 26 nxp semiconductors ntb0102 dual supply translating transceiver; auto direction sensing; 3-state 13. application information 13.1 applications voltage level-translation applications. the nt b0102 can be used to interface between devices or systems operating at different supply voltages. see figure 9 for a typical operating circuit using the ntb0102. fig 9. typical operating circuit 001aam48 7 1.8 v system controller 3.3 v system 1.8 v 3.3 v 0.1 f 0.1 f v cc(a) oe a1 data data gnd ntb0102 a2 b1 b2 v cc(b)
ntb0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 28 april 2011 16 of 26 nxp semiconductors ntb0102 dual supply translating transceiver; auto direction sensing; 3-state 13.2 architecture the architecture of the ntb0102 is shown in figure 10 . the device does not require an extra input signal to control the direction of data flow from a to b or from b to a. in a static state, the output drivers of the ntb0102 ca n maintain a defined output level, but the output architecture is designed to be weak, so that they can be overdriven by an external driver when data on the bus starts flowing in the opposite direction. the output of one-shot circuits detect rising or falling edges on th e a or b ports. during a rising edge, the one-shot circuits turn on the pmos transistor s (t1, t3) for a short duration, accelerating the low-to-high transition. si milarly, during a falling edge, the one-shot circuits turn on the nmos transistors (t2, t4) for a short duration, accelerating the high-to-low transition. during output transitio ns the typical output impedance is 70 at v cco = 1.2 v to 1.8 v, 50 at v cco = 1.8 v to 3.3 v and 40 at v cco = 3.3 v to 5.0 v. fig 10. architecture of ntb0102 i/o cell (one channel) 001aal92 1 one shot one shot one shot one shot b a v cc(b) v cc(a) 4 k 4 k t3 t4 t1 t2
ntb0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 28 april 2011 17 of 26 nxp semiconductors ntb0102 dual supply translating transceiver; auto direction sensing; 3-state 13.3 input driver requirements for correct operation, the device driving the data i/os of the ntb0102 must have a minimum drive capability of 2 ma see figure 11 for a plot of typical input current versus input voltage. 13.4 power-up during operation v cc(a) must never be higher than v cc(b) , however during power-up v cc(a) v cc(b) does not damage the device, so eith er power supply can be ramped up first. there is no special power-up sequencing required. the ntb0102 includes circuitry that disables all output ports when either v cc(a) or v cc(b) is switched off. 13.5 enable and disable an output enable input (oe) is used to dis able the device. setting oe = low causes all i/os to assume the high-impedance off-state. the disable time (t dis with no external load) indicates the delay between when oe goes low and when outputs actually become disabled. the enable time (t en ) indicates the amount of time the user must allow for one one-shot circuitry to become operation al after oe is taken high. to ensure the high-impedance off-state during power-up or power-down, pin oe should be tied to gnd through a pull-down resistor, the minimum value of the resistor is determined by the current-sourcing capa bility of the driver. 13.6 pull-up or pull-down resistors on i/o lines as mentioned previously the ntb0102 is design ed with low static dr ive strength to drive capacitive loads of up to 70 pf. to avoi d output contention issues, any pull-up or pull-down resistors used must be above 50 k . for this reason the ntb0102 is not recommended for use in open drain driver applications such as 1-wire or i 2 c-bus. for these applications, the nts0102 level translator is recommended. v t : input threshold voltage of the ntb0102 (typically v cci / 2). v d : supply voltage of the external driver. fig 11. typical input current versus input voltage graph 001aal92 2 v t /4 k ? (v d ? v t )/4 k i i v i
ntb0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 28 april 2011 18 of 26 nxp semiconductors ntb0102 dual supply translating transceiver; auto direction sensing; 3-state 14. package outline fig 12. package outline sot505-2 (tssop8) unit a 1 a max. a 2 a 3 b p l h e l p wy v ce d (1) e (1) z (1) references outline version european projection issue date iec jedec jeita mm 0.15 0.00 0.95 0.75 0.38 0.22 0.18 0.08 3.1 2.9 3.1 2.9 0.65 4.1 3.9 0.70 0.35 8 0 0.13 0.1 0.2 0.5 dimensions (mm are the original dimensions) note 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 0.47 0.33 sot505-2 - - - 02-01-16 w m b p d z e 0.25 14 8 5 a 2 a 1 l p (a 3 ) detail x a l h e e c v m a x a y 2.5 5 mm 0 scale tssop8: plastic thin shrink small outline package; 8 leads; body width 3 mm; lead length 0.5 mm sot505- 2 1.1 pin 1 index
ntb0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 28 april 2011 19 of 26 nxp semiconductors ntb0102 dual supply translating transceiver; auto direction sensing; 3-state fig 13. package outline sot833-1 (xson8) terminal 1 index area references outline version european projection issue date iec jedec jeita sot833-1 - - - mo-252 - - - sot833- 1 07-11-14 07-12-07 dimensions (mm are the original dimensions) xson8: plastic extremely thin small outline package; no leads; 8 terminals; body 1 x 1.95 x 0.5 mm d e e 1 e a 1 b l l 1 e 1 e 1 0 1 2 mm scale notes 1. including plating thickness. 2. can be visible in some manufacturing processes. unit mm 0.25 0.17 2.0 1.9 0.35 0.27 a 1 max b e 1.05 0.95 d ee 1 l 0.40 0.32 l 1 0.5 0.6 a (1) max 0.5 0.04 1 8 2 7 3 6 4 5 8 (2) 4 (2) a
ntb0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 28 april 2011 20 of 26 nxp semiconductors ntb0102 dual supply translating transceiver; auto direction sensing; 3-state fig 14. package outline sot996-2 (xson8u) references outline version european projection issue date iec jedec jeita sot996-2 - - - - - - sot996- 2 07-12-18 07-12-21 unit a max mm 0.5 0.05 0.00 0.35 0.15 3.1 2.9 0.5 1.5 0.5 0.3 0.6 0.4 0.1 0.05 a 1 dimensions (mm are the original dimensions) x son8u: plastic extremely thin small outline package; no leads; 8 terminals; utlp based; body 3 x 2 x 0.5 mm 0 1 2 mm scale b d 2.1 1.9 e e e 1 l l 1 0.15 0.05 l 2 v w 0.05 y y 1 0.1 c y c y 1 x b 14 85 e 1 e a c b v m c w m l 2 l 1 l terminal 1 index area b a d e detail x a a 1
ntb0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 28 april 2011 21 of 26 nxp semiconductors ntb0102 dual supply translating transceiver; auto direction sensing; 3-state fig 15. package outline sot1089 (xson8) references outline version european projection issue date iec jedec jeita sot1089 mo-252 sot1089_po 10-04-09 10-04-12 unit mm max nom min 0.5 0.04 1.40 1.35 1.30 1.05 1.00 0.95 0.55 0.35 0.35 0.30 0.27 a (1) dimensions note 1. including plating thickness. 2. visible depending upon used manufacturing technology. x son8: extremely thin small outline package; no leads; 8 terminals; body 1.35 x 1 x 0.5 mm sot108 9 a 1 bl 1 0.40 0.35 0.32 0.20 0.15 0.12 deee 1 l 0 0.5 1 mm scale terminal 1 index area e d detail x a a 1 l l 1 b e 1 e terminal 1 index area 1 4 8 5 (4 ) (2) (8 ) (2) x
ntb0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 28 april 2011 22 of 26 nxp semiconductors ntb0102 dual supply translating transceiver; auto direction sensing; 3-state fig 16. package outline sot1160-1 (xqfn10) references outline version european projection issue date iec jedec jeita sot1160-1 - - - - - - - - - sot1160-1_po 09-12-28 09-12-29 unit (1) mm max nom min 0.5 0.05 0.00 0.25 0.20 0.15 1.5 1.4 1.3 1.9 1.8 1.7 0.4 0.45 0.40 0.35 0.55 0.50 0.45 0.05 a dimensions note 1. plastic or metal protrusions of 0.075 mm maximum per side are not included. x qfn10: plastic, extremely thin quad flat package; no leads; 1 0 terminals; body 1.40 x 1.80 x 0.50 mm sot1160- 1 a 1 a 3 0.127 bdeee 1 0.8 e 2 0.4 ll 1 v 0.1 wy 0.05 y 1 0.05 0 1 2 mm scale b a terminal 1 index area d e c y c y 1 x detail x a a 1 a 3 b e 1 e 2 e a c b v c w terminal 1 index area l 1 l 5 10 8 6 7 2 1 3
ntb0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 28 april 2011 23 of 26 nxp semiconductors ntb0102 dual supply translating transceiver; auto direction sensing; 3-state 15. abbreviations 16. revision history table 16. abbreviations acronym description cdm charged device model dut device under test esd electrostatic discharge hbm human body model mm machine model nmos n-type metal oxide semiconductor pmos p-type metal oxide semiconductor prr pulse repetition rate table 17. revision history document id release date data sheet status change notice supersedes ntb0102 v.2 20110428 product data sheet - ntb0102 v.1 modifications: ? added ta b l e 8 : total supply current (typical). ntb0102 v.1 20100922 product data sheet - -
ntb0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 28 april 2011 24 of 26 nxp semiconductors ntb0102 dual supply translating transceiver; auto direction sensing; 3-state 17. legal information 17.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 17.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 17.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interrupt ion, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use in automotive applications ? this nxp semiconductors product has been qua lified for use in automotive applications. the product is not desi gned, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be ex pected to result in personal injury, death or severe property or environmental dam age. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this docu ment contains the product specification.
ntb0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 28 april 2011 25 of 26 nxp semiconductors ntb0102 dual supply translating transceiver; auto direction sensing; 3-state export control ? this document as well as the item(s) described herein may be subject to export control regu lations. export might require a prior authorization from national authorities. 17.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 18. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors ntb0102 dual supply translating transceiver; auto direction sensing; 3-state ? nxp b.v. 2011. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 28 april 2011 document identifier: ntb0102 please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 19. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 3 ordering information . . . . . . . . . . . . . . . . . . . . . 2 4 marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 5 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 6 pinning information . . . . . . . . . . . . . . . . . . . . . . 3 6.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 6.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 7 functional description . . . . . . . . . . . . . . . . . . . 4 8 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4 9 recommended operating conditions. . . . . . . . 5 10 static characteristics. . . . . . . . . . . . . . . . . . . . . 5 11 dynamic characteristics . . . . . . . . . . . . . . . . . . 7 12 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 13 application information. . . . . . . . . . . . . . . . . . 15 13.1 applications . . . . . . . . . . . . . . . . . . . . . . . . . . 15 13.2 architecture . . . . . . . . . . . . . . . . . . . . . . . . . . 16 13.3 input driver requirements . . . . . . . . . . . . . . . . 17 13.4 power-up . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 13.5 enable and disable . . . . . . . . . . . . . . . . . . . . . 17 13.6 pull-up or pull-down resistors on i/o lines . . . 17 14 package outline . . . . . . . . . . . . . . . . . . . . . . . . 18 15 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 23 16 revision history . . . . . . . . . . . . . . . . . . . . . . . . 23 17 legal information. . . . . . . . . . . . . . . . . . . . . . . 24 17.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 24 17.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24 17.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 24 17.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 25 18 contact information. . . . . . . . . . . . . . . . . . . . . 25 19 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26


▲Up To Search▲   

 
Price & Availability of NTB0102DP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X