Part Number Hot Search : 
R1005 RURD840 NJT4030P ZUMT918 SB121 DTC143X GJ9585 L161B
Product Description
Full Text Search
 

To Download MPSA42 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MPSA42 npn plastic encapsulated transistor elektronische bauelemente 02-apr-2010 rev. a page 1 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed individually. ? ? base ? ? collecto r emitter ? ? rohs compliant product a suffix of ?-c? specifies halogen & lead-free features high voltage npn transistor absolute maximum ratings (t a = 25c unless otherwise specified) parameter symbol rating unit collector to base voltage v cbo 300 v collector to emitter voltage v ceo 300 v emitter to base voltage v ebo 5 v collector current - continuous i c 0.5 a collector power dissipation p c 625 mw junction, storage temperature t j , t stg 150, -55~150 c thermal resistance, junction to ambinet r ja 200 c/ mw thermal resistance, junction to case r jc 83.3 c/ mw electrical characteristics (t a = 25c unless otherwise specified) parameter symbol min typ max unit test condition collector to base breakdown voltage v (br)cbo 300 - - v i c =100 a, i e = 0a collector to emitter breakdown voltage v (br)ceo 300 - - v i c =1ma, i b = 0a emitter to base breakdown voltage v (br)ebo 5 - - v i e =100 a, i c = 0a collector cut-off current i cbo - - 0.25 a v cb =200 v, i e = 0 a emitter cut-off current i ebo - - 0.1 a v eb =5 v, i c =0 ma dc current gain h fe(1) 60 - - v ce =10v, i c =1ma h fe(2) 80 - 250 v ce =10v, i c =10ma h fe(3) 75 - - v ce =10v, i c =30ma collector to emitter saturation voltage v ce(sat) - - 0.2 v i c =20ma, i b =2ma base to emitter voltage v be(sat) - - 0.9 v i c =20ma, i b =2ma transition frequency f t 50 - - mhz v ce = 20v, i c = 10ma, f=30mhz classification of h fe(2) rank a b 1 b 2 c range 80-100 100-150 150-200 200-250 to-92 ref. millimete r min. max. a 4.40 4.70 b 4.30 4.70 c 12.70 - d 3.30 3.81 e 0.36 0.56 f 0.36 0.51 g 1.27 typ. h 1.10 - j 2.42 2.66 k 0.36 0.76 a c e k f d b g h j
MPSA42 npn plastic encapsulated transistor elektronische bauelemente 02-apr-2010 rev. a page 2 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves
MPSA42 npn plastic encapsulated transistor elektronische bauelemente 02-apr-2010 rev. a page 3 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves


▲Up To Search▲   

 
Price & Availability of MPSA42

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X