Part Number Hot Search : 
103A1 AD5539Q PT50M DTQS3 P2P50E DTQS3 DTQS3 W208D
Product Description
Full Text Search
 

To Download MOV-20D101K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features high voltage rating high current rating bidirectional surge protection fast response time rohs compliant* agency recognition: applications power supplies power systems line voltage telecom systems white goods / appliances mov-20dxxxk series - metal oxide varistor *rohs directive 2002/95/ec jan. 27, 2003 including annex and rohs recast 2011/65/eu june 8, 2011. speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. industry standard compliance standard ul 1449 file number e313168 general information the mov-20dxxxk series of 20 mm radial leaded varistor devices protects against overvoltage transients such as lightning, power contact and power induction. the metal oxide varistors offer a choice of varistor voltages from 18 v to 1800 v and v rms voltages from 11 v to 1100 v. the devices have a high current handling, high energy absorption capability and fast response times to protect against transient faults up to rated limits. absolute maximum ratings (@ t a = 25 ? unless otherwise noted) parameter symbol min. typ. max. unit operating temperature t opr -40 25 +85 ?c storage temperature t stg -40 25 +125 ?c rated wattage p w 1.00 watt varistor voltage temperature coef cient v tc 0 0.1 0.05 % / ?c response time t r 10 25 ns varistor voltage tolerance v tol -10 0 10 % electrical characteristics (@ t a = 25 ? unless otherwise noted) *rohs compliant bourns part no. max. continuous voltage (v) voltage @ 1 ma dc (v) voltage @ class current max. peak current max. energy max. cap. (8/20 s) (8/20 s) (j) (pf) r.m.s. d.c. min. nom. max. class current (a) max. clamping voltage (v) one time 8/20 s 1 khz mov-20d180k 11 14 16 18 20 20 36 2000 11.0 28500 mov-20d220k 14 18 20 22 24 20 43 2000 14.0 18500 mov-20d270k 17 22 24 27 30 20 53 2000 18.0 13000 mov-20d330k 20 26 30 33 36 20 65 2000 23.0 11500 mov-20d390k 25 31 35 39 43 20 77 2000 26.0 8500 mov-20d470k 30 38 42 47 52 20 93 2000 33.0 7400 mov-20d560k 35 45 50 56 62 20 110 2000 41.0 6500 mov-20d680k 40 56 61 68 75 20 135 2000 46.0 5800 mov-20d820k 50 65 74 82 90 100 135 6500 38.0 4900 MOV-20D101K 60 85 90 100 110 100 165 6500 45.0 4000 mov-20d121k 75 100 108 120 132 100 200 6500 55.0 3300 mov-20d151k 95 125 135 150 165 100 250 6500 70.0 2700 mov-20d181k 115 150 162 180 198 100 300 6500 85.0 2200 mov-20d201k 130 170 185 200 225 100 340 6500 95.0 2000 mov-20d221k 140 180 198 220 242 100 360 6500 100.0 1800 mov-20d241k 150 200 216 240 264 100 395 6500 108.0 1650 mov-20d271k 175 225 243 270 297 100 455 6500 127.0 1500 mov-20d301k 190 250 270 300 330 100 500 6500 136.0 1300 mov-20d331k 210 275 297 330 363 100 550 6500 150.0 1200 mov-20d361k 230 300 324 360 396 100 595 6500 163.0 1100 mov-20d391k 250 320 351 390 429 100 650 6500 180.0 1000 mov-20d431k 275 350 387 430 473 100 710 6500 190.0 930 mov-20d471k 300 385 423 470 517 100 775 6500 220.0 850 mov-20d511k 320 415 459 510 561 100 845 6500 220.0 780 mov-20d561k 350 460 504 560 616 100 925 6500 220.0 710 mov-20d621k 385 505 558 620 682 100 1025 6500 220.0 650 mov-20d681k 420 560 612 680 748 100 1120 6500 220.0 600 mov-20d751k 460 615 675 750 825 100 1240 6500 230.0 530 mov-20d781k 485 640 702 780 858 100 1290 6500 255.0 510 mov-20d821k 510 670 738 820 902 100 1355 6500 265.0 500 mov-20d911k 550 745 819 910 1001 100 1500 6500 282.0 440 mov-20d102k 625 825 900 1000 1100 100 1650 6500 310.0 400 mov-20d112k 680 895 990 1100 1210 100 1815 6500 342.0 360 mov-20d152k 750 990 1080 1500 1320 100 1980 6500 383.0 320 mov-20d182k 1100 1465 1620 1800 1980 100 2970 6500 625.0 220 20d201 k 5 www.datasheet.co.kr datasheet pdf - http://www..net/
speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. 3312 - 2 mm smd trimming potentiometer 20d431k 5 t h 23.0 (1.023) max. 1.0 ?0.1 (.039 ?.004) 10.0 ?0.8 (.394 ?.031) 20.0 (.787) min. product dimensions mov-20dxxxk series - metal oxide varistor dimensions: mm (inches) this is an rohs compliant molded radial package with 100 % sn plating on the terminations. part number dim. h (max.) dim. t (max.) mov-20d180k 26.0 (1.024) 4.2 (.165) mov-20d220k 26.0 (1.024) 4.3 (.169) mov-20d270k 26.0 (1.024) 4.6 (.181) mov-20d330k 26.0 (1.024) 4.2 (.165) mov-20d390k 26.0 (1.024) 4.4 (.173) mov-20d470k 26.0 (1.024) 4.6 (.181) mov-20d560k 26.0 (1.024) 4.7 (.185) mov-20d680k 26.0 (1.024) 4.8 (.189) mov-20d820k 26.0 (1.024) 4.2 (.165) MOV-20D101K 26.0 (1.024) 4.4 (.173) mov-20d121k 26.0 (1.024) 4.6 (.181) mov-20d151k 26.0 (1.024) 4.8 (.189) mov-20d181k 26.0 (1.024) 4.0 (.157) mov-20d201k 26.0 (1.024) 4.2 (.165) mov-20d221k 26.0 (1.024) 4.3 (.169) mov-20d241k 26.0 (1.024) 4.4 (.173) mov-20d271k 26.0 (1.024) 4.6 (.181) mov-20d301k 26.0 (1.024) 4.8 (.189) part number dim. h (max.) dim. t (max.) mov-20d331k 26.0 (1.024) 5.0 (.197) mov-20d361k 26.0 (1.024) 5.2 (.205) mov-20d391k 26.0 (1.024) 5.4 (.213) mov-20d431k 26.0 (1.024) 5.6 (.220) mov-20d471k 26.0 (1.024) 5.9 (.232) mov-20d511k 26.0 (1.024) 6.0 (.236) mov-20d561k 28.0 (1.102) 6.5 (.256) mov-20d621k 28.0 (1.102) 6.9 (.272) mov-20d681k 28.0 (1.102) 7.0 (.276) mov-20d751k 28.0 (1.102) 7.2 (.283) mov-20d781k 28.0 (1.102) 7.4 (.291) mov-20d821k 28.0 (1.102) 7.8 (.307) mov-20d911k* 28.0 (1.102) 8.2 (.323) mov-20d102k* 28.0 (1.102) 8.7 (.343) mov-20d112k* 28.0 (1.102) 9.2 (.362) mov-20d152k* 28.0 (1.102) 10.2 (.402) mov-20d182k* 28.0 (1.102) 12.2 (.480) * not available in tape & reel packaging. how to order mov - 20d nn (n) k (tr) model designator mov = metal oxide varistor disc diameter 20d = 20 mm nominal varistor voltage see electrical characteristics table multiplier of voltage digits 0 = no multiplier 1 = nn * 10 1 2 = nn * 10 2 varistor voltage tolerance k = 10 % packaging blank = bulk tr = tape & reel* examples: mov-20d270k = 27 v, bulk pack mov-20d331ktr = 330 v, tape & reel * models mov-20d911k, 102k, 112k, 152k and 182k are not available in tape & reel packaging. internal construction www.datasheet.co.kr datasheet pdf - http://www..net/
speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. 3312 - 2 mm smd trimming potentiometer 10 1 100 1000 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 current (a) voltage (v) 680 560 470 390 330 270 220 180 max. leakage current test current waveform 10 -6 to 10 -3 a: direct current 10 -1 to 10 4 a: 8/20 s max. clamping voltage 10 100 1000 10000 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 3 10 4 10 0 10 1 10 2 10 3 10 4 current (a) voltage (v) max. leakage current test current waveform 10 -6 to 10 -3 a: direct current 10 -1 to 10 4 a: 8/20 s max. clamping voltage 431 391 361 331 301 271 241 221 201 181 151 121 101 820 100 1000 10000 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 3 10 4 current (a) voltage (v) max. leakage current test current waveform 10 -6 to 10 -3 a: direct current 10 -1 to 10 4 a: 8/20 s max. clamping voltage 182 152 112 102 911 821 781 751 681 621 561 511 471 mov-20dxxxk series - metal oxide varistor performance graphs v-i characteristics mov-20d180k to mov-20d680k mov-20d820k to mov-20d431k mov-20d471k to mov-20d182k bourns part number bourns part marking mov-20d180k 20d180k mov-20d220k 20d220k mov-20d270k 20d270k mov-20d330k 20d330k mov-20d390k 20d390k mov-20d470k 20d470k mov-20d560k 20d560k mov-20d680k 20d680k mov-20d820k 20d820k MOV-20D101K 20d101k mov-20d121k 20d121k mov-20d151k 20d151k mov-20d181k 20d181k mov-20d201k 20d201k mov-20d221k 20d221k mov-20d241k 20d241k mov-20d271k 20d271k mov-20d301k 20d301k mov-20d331k 20d331k mov-20d361k 20d361k mov-20d391k 20d391k mov-20d431k 20d431k mov-20d471k 20d471k mov-20d511k 20d511k mov-20d561k 20d561k mov-20d621k 20d621k mov-20d681k 20d681k mov-20d751k 20d751k mov-20d781k 20d781k mov-20d821k 20d821k mov-20d911k 20d821k mov-20d102k 20d102k mov-20d112k 20d112k mov-20d152k 20d152k mov-20d182k 20d182k note: the ??marking on mov products is for traceability of production assembly for quality assurance compliance. typical part marking www.datasheet.co.kr datasheet pdf - http://www..net/
cddfn5-0504n - tvs/steering diode array packaging information tape & reel item symbol 20 mm disc reel outside diameter rd 355 (13.98) reel inner diameter rd1 30 (11.81) tape width rw 55 (2.165) reel width rw1 63 (2.48) pitch of component p 25.4 ?1.0 (1.00 ?0.04) feed hole pitch p0 12.7 ?1.0 (0.50 ?0.04) feed hole center to pitch p1 7.7 ?0.7 (0.303 ?0.03) feed hole center to component center p2 12.7 ?1.0 (0.50 ?0.04) lead to lead distance f 10.0 ?0.8 (0.39 ?0.03) component alignment h 4.0 max. (0.157) max. tape width w 18.0 ?0.5 (0.71 ?0.02) hole down tape width w0 12.0 ?0.8 (0.47 ?0.03) hole position w1 9.0 ?0.5 (0.35 ?0.02) hole down tape position w2 3.0 max. (0.12) max. height from center to component base h 19.0 ?1.0 (0.75 ?0.04) seating plane height h0 16.0 ?0.5 (0.63 ?0.02) component height h1 47.0 max. (1.85) max crimp length c 2.60 typ. (0.10) max feed hole diameter d0 4.0 ?0.2 (0.16 ?0.08) total tape thickness t 0.6 ?0.3 (0.02 ?0.01) length of clippped height l 1.0 max. (0.04) max quantity per reel mov-20d180k ?20d331k mov-20d361k ?20d821k - 250 400 12 /11 speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. mov-20dxxxk series - metal oxide varistor h1 h w0 w1 t f p0 p1 d0 l p2 p h w2 w rd1 rd rw rw1 dimensions: mm (inches) bulk 250.0 (9.84) 170.0 (6.69) 60.0 (2.36) quantity: mov-20d180k ? 20d331k = 500 pcs. per box mov-20d361k ? 20d821k = 400 pcs. per box mov-20d911k ? 20d182k = 300 pcs. per box asia-paci c: tel: +886-2 2562-4117 fax: +886-2 2562-4116 europe: tel: +41-41 768 5555 fax: +41-41 768 5510 the americas: tel: +1-951 781-5500 fax: +1-951 781-5700 www.bourns.com note: models mov-20d911k, 102k, 112k, 152k and 182k are not available in tape & reel packaging. www.datasheet.co.kr datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of MOV-20D101K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X