Part Number Hot Search : 
BZQ55CXX K1149DAD LTC2123 215005 MTD800 X9421WS NTE2340 C502J1N2
Product Description
Full Text Search
 

To Download MBRB20200CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MBRB20200CT 20 amp high voltage features ? high junction temperature capability ? low leakage current mcc catalog number maximum re current peak reverse voltage maximum rms voltage maximum dc blocking voltage mbrb 20 2 0 0 ct 2 0 0 v 140v 200 v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 20 a t c = 125 c peak forward surge current i fsm 150a 8.3ms, half maximum instantaneous forward voltage MBRB20200CT v f .95 v                     mcc * pulse test: pulse width38 0 sec, duty cycle 2% i fm =10a t j =25 c 200volts  
 omponents 2 0736 marilla street chatsworth       
     barrier rectifier power schottky maximum reverse current at rated dc blocking voltage i r 50ua t c = 25 c 15ma t c = 125 c v f .80v i fm = 10a t j = 125 c sine wave revision: a 2011/01/01 d 2 -pack suggested solder pad layout 2 , 4 heatsink 1 3 c dimensions inches mm dim min max min max note a .320 .380 8.13 9.65 b .380 .411 9.65 10.45 c .160 .190 4.06 4.83 d .020 .035 0.51 0.89 e .045 .059 1.14 1.50 g .095 .105 2.41 2.67 h .096 .120 2.43 3.03 j .014 .021 0.35 0.53 k .090 .110 2.29 2.79 s .575 .625 14.60 15.80 v .045 .055 1.14 1.40 e j k h a s v b d g 1 2 3 4 inches mm .065 1.65 .330 8.38 .420 10.66 .120 3.05 . 070 1.78 .740 18.79 tm micro commercial components x marking : type number www. mccsemi .com 1 of 3 epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 operating temperature: -5 5c to +150c storage temperature: -55c to +175c maximum ratings ? lead free finish/rohs compliant (note1) ("p"suffix designates compliant. see ordering information) notes: 1. high temperature solder exemption applied, see eu directive annex notes 7.
MBRB20200CT mcc figure 1. typical forward voltage (per leg)              
 
 
     

 
 

    
  
!"     
       

                  
 
 
 
  figure 2. typical reverse current (per leg)   # #              # #
   $% &   "'         
!" figure 3. forward power dissipation "   " "
 
        (    #        
!" 
  
!"
   figure 4. current derating, case &  $% 
 
     )     
!"      ) 
 
     
  !*

!"
   figure 5. current derating, ambient $% &            #     "
 +
      
 
         figure 6. typical capacitance (per leg) revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 2 of 3
mcc revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 3 of 3 d e vi c e p ac k i n g p a r t n u m b e r - bp t ub e : 1 k p c s / b o x o r de r i n g i n f or m a ti on : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of MBRB20200CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X