Part Number Hot Search : 
D4NK8 BD675 TF1203 00021 2N5462 SD103 NT600 EG300
Product Description
Full Text Search
 

To Download MBRB1545CTT4G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2010 may, 2010 ? rev. 11 1 publication order number: mbrb1545ct/d mbrb1545ct switchmode ? power rectifier d 2 pak surface mount power package the d 2 pak power rectifier employs the schottky barrier principle with a platinum barrier metal. these state-of-the-art devices have the following features: features ? center ? tap configuration ? guardring for stress protection ? low forward voltage ? 175 c operating junction temperature ? epoxy meets ul 94, v ? 0 @ 0.125 in ? short heatsink tab manufactured ? not sheared ? similar in size to the industry standard to220 package ? pb ? free packages are available mechanical characteristics ? case: epoxy, molded, epoxy meets ul 94, v ? 0 ? weight: 1.7 grams (approximately) ? finish: all external surfaces corrosion resistant and terminal leads are readily solderable ? lead and mounting surface temperature for soldering purposes: 260 c max. for 10 seconds ? device meets msl1 requirements ? esd ratings: machine model, c (>400 v) human body model, 3b (>8000 v) schottky barrier rectifier 15 amperes 45 volts 1 3 4 http://onsemi.com d 2 pak case 418b style 3 3 4 1 marking diagram b1545 = device code a = assembly location y = year ww = work week g = pb ? free package aka = diode polarity device package shipping ? ordering information mbrb1545ct d 2 pak 50 units/rail mbrb1545ctt4 d 2 pak 800/tape & reel mbrb1545ctg d 2 pak (pb ? free) 50 units/rail MBRB1545CTT4G d 2 pak (pb ? free) 800 tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our t ape and reel packaging specifications brochure, brd8011/d. ay ww b1545g aka
mbrb1545ct http://onsemi.com 2 maximum ratings (per leg) rating symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 45 v average rectified forward current (rated v r , t c = 167 c) total device i f(av) 7.5 15 a peak repetitive forward current, (rated v r , square wave, 20 khz, t c = 166 c) i frm 15 a non ? repetitive peak surge current (surge applied at rated load conditions halfwave, single phase, 60 hz) i fsm 150 a peak repetitive reverse surge current (2.0  s, 1.0 khz) i rrm 1.0 a storage temperature range t stg ? 65 to +175 c operating junction temperature (note 1) t j ? 65 to +175 c voltage rate of change (rated v r ) dv/dt 10,000 v/  s stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. 1. the heat generated must be less than the thermal conductivity from junction ? to ? ambient: dp d /dt j < 1/r  ja . thermal characteristics (per leg) characteristic symbol value unit thermal resistance ? junction to case ? junction to ambient (note 2) r  jc r  ja 2.0 50 c/w electrical characteristics (per leg) characteristic symbol value unit maximum instantaneous forward voltage (note 3) (i f = 7.5 amps, t j = 125 c) (i f = 15 amps, t j = 125 c) (i f = 15 amps, t j = 25 c) v f 0.57 0.72 0.84 v maximum instantaneous reverse current (note 3) (rated dc voltage, t j = 125 c) (rated dc voltage, t j = 25 c) i r 15 0.1 ma 2. when mounted using minimum recommended pad size on fr ? 4 board. 3. pulse test: pulse width = 300  s, duty cycle 2.0%.
mbrb1545ct http://onsemi.com 3 , reverse leakage current (ma) , average forward power dissipation (watts) dc 16 14 12 10 8 6 4 2 0 p f(av) 16 14 12 10 8 6 4 2 0 i f(av) , average forward current (amps) t j = 125 c = 20 i pk i av = 10 i pk i av square wave 25 c 10 1 0.1 0.01 i r 0.001 50 40 30 20 10 0 v r , reverse voltage (volts) 85 c 125 c 25 c 85 c 125 c 0.5 0.4 0.3 0.2 0.1 v f , instantaneous forward voltage (volts) 0.6 0.7 0.8 0.9 50 30 20 10 3 2 1 0.5 i f , instantaneous forward current (amps) i pk i av = 5 i pk i av =  figure 1. typical forward voltage, per leg figure 2. typical reverse current, per leg figure 3. typical forward power dissipation figure 4. current derating, case, per leg t c , case temperature ( c) i f(av) , average forward current (a) 14 12 10 8 6 4 2 0 155 165 170 175 square dc 160
mbrb1545ct http://onsemi.com 4 package dimensions style 3: pin 1. anode 2. cathode 3. anode 4. cathode d 2 pak case 418b ? 04 issue k seating plane s g d ? t ? m 0.13 (0.005) t 23 1 4 3 pl k j h v e c a dim min max min max millimeters inches a 0.340 0.380 8.64 9.65 b 0.380 0.405 9.65 10.29 c 0.160 0.190 4.06 4.83 d 0.020 0.035 0.51 0.89 e 0.045 0.055 1.14 1.40 g 0.100 bsc 2.54 bsc h 0.080 0.110 2.03 2.79 j 0.018 0.025 0.46 0.64 k 0.090 0.110 2.29 2.79 s 0.575 0.625 14.60 15.88 v 0.045 0.055 1.14 1.40 ? b ? m b w w notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. 418b ? 01 thru 418b ? 03 obsolete, new standard 418b ? 04. f 0.310 0.350 7.87 8.89 l 0.052 0.072 1.32 1.83 m 0.280 0.320 7.11 8.13 n 0.197 ref 5.00 ref p 0.079 ref 2.00 ref r 0.039 ref 0.99 ref m l f m l f m l f variable configuration zone r n p u view w ? w view w ? w view w ? w 123 *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* 8.38 5.080 dimensions: millimeters pitch 2x 16.155 1.016 2x 10.49 3.504
mbrb1545ct http://onsemi.com 5 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 mbrb1545ct/d switchmode is a trademark of semiconductor components industries, llc. literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loca l sales representative


▲Up To Search▲   

 
Price & Availability of MBRB1545CTT4G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X