Part Number Hot Search : 
PGA100 TMR4812 KRC235S 043045 XFATM 79BEZ MJE1300 LS6501
Product Description
Full Text Search
 

To Download M57924 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  part jacket number color m57545 gray m57546 blue m57547 white m57548 pink m57550 yellow m57551 lime green m57723 brown m57761 violet m57887 red M57924 orange m57936 black m58069 kelley green pair pair number color code 1 white-blue blue 2 white-orange orange 3 white-green green 4 white-brown brown 5e lan ? description unshielded twisted pair (utp) category 5e cable for use in horizontal cabling systems as described in ansi/tia/eia 568-b. the cable consists of #24 awg solid bare copper insulated conductors, assembled into four tightly twisted pairs, with a ripcord, under an overall jacket. print includes descending footage markers from 1000 to 0 on each 1000 ft reel or box. this product and/or its manufacture is covered by us patent nos. 5424491 & 5563377 (pl). the plenum rated cable is for use in air handling ducts and spaces in accordance with article 800 of the national electrical code (nec). the cable is ul (usa) & cul (canada) listed for this application by passing nfpa 262 (ul 910 - steiner tunnel) test. the riser non-plenum rated cable is for use as a vertical run in a shaft and for general purpose communications use in accordance with article 800 of the nec. the cable is et l (usa) & c et l (canada) listed for this application by passing ul 1666 riser cable flammability test. supported applications ieee 802.3 10base-t (ethernet), 100base-t (fast ethernet), and 1000base-t (gigabit ethernet), ansi.x3.263 fddi tp-pmd, ieee 802.5 4 and 16 mbps token ring, atm up to 155 mbps. referenced electricals are sweep tested to 100mhz. industry approvals standards: tia/eia 568-b.2 cat 5e horizontal cable listings: pl C ul/cul type cmp np C c (et l )us type cmr performance: etl verified to tia/eia cat 5e construction primaries: conductor: 24 awg (.5 mm) solid bare copper insulation: pl C dual insulation, fep on all 4 pairs np C thermoplastic polyolefin pair assembly: 2 primaries twisted in varied lays color code: see table 1 cable assembly: 4 pairs cabled together jacket: pl C no lead plenum rated thermoplastic np C no lead flame retardant thermoplastic jacket color: see table 2 nominal cable od: pl C .180 (4.57 mm) np C .1 83 (4. 65 mm) physical characteristics cable weight: pl: 23 lbs/1000ft (34 kg/km) np: 2 0 lbs/1000ft (3 0 kg/km) bending radius: 1 (25.4 mm) min (4 x cable od) pulling tension: 25 lbf (110 n) max operating temp.: pl: C20c to +60c (C4f to +140f) np: C34c to +60c (C30f to +140f) storage temp.: pl: C20c to +75c (C4f to +167f) np: C34c to +75c (C30f to +167f) installation pl: 0c to +60c (+32f to +140f) temp.*: np: C20c to +60c (C4f to +140f) *the installation temperature refers to the temperature of the cable while being installed or pulled. do not install plenum cable below 0c ( + 32f). 4 pair #24 awg utp category 5e cable table 1 table 2 plenum non-plenum jacket insulation conductor ripcord part jacket number color m57552 dec 068 gray m57553 blue m57554 white m57555 pink m57556 yellow m57557 green m58007 violet m58008 red m58009 orange m58010 black m58234 lime green m58312 dk. brown pl = plenum np = non-plenum
freq attenuation next acr* ps-next ps-acr* elfext ps-elfext rl (mhz) (db/100m) (db/mft) (db/100m) (db/100m) (db/100m) (db/100m) (db/100m) (db/100m) (db) avg max max avg min min avg min min min min min .772 1.6 1.8 5.5 79 68.0 66.2 70 64.0 62.2 - - - 1.0 1.8 2.0 6.3 77 66.3 64.3 68 62.3 60.3 63.8 60.8 20.0 4.0 3.8 4.1 13 68 57.3 53.2 57 53.3 49.2 51.7 48.7 23.0 8.0 5.4 5.8 18 64 52.8 47.0 54 48.8 43.0 45.7 42.7 24.5 10.0 6.0 6.5 20 62 51.3 44.8 52 47.3 40.8 43.8 40.8 25.0 16.0 7.6 8.2 25 60 48.3 40.1 50 44.3 36.1 39.7 36.7 25.0 20.0 8.6 9.3 28 58 46.8 37.5 48 42.8 33.5 37.7 34.7 25.5 25.0 9.7 10.4 32 57 45.3 34.9 47 41.3 30.9 35.8 32.8 24.3 31.25 10.9 11.7 36 56 43.9 32.2 46 39.9 28.2 33.9 30.9 23.6 62.5 15.8 17.0 52 52 39.4 22.4 42 35.4 18.4 27.8 24.8 21.5 100.0 20.5 22.0 67 48 36.3 14.3 38 32.3 10.3 23.8 20.8 20.1 *acr - minimum attenuation to crosstalk ratio 5e lan ? 4 pair #24 awg utp category 5e cable electrical characteristics (ref table 3) conductor dcr: 9.38 ? /100m (28.6 ? mft) max dcr unbalance: 5% max mutual capacitance: 46 pf/m (14 pf/ft) nom capacitance unbalance pair/ground: 132 pf/100m (400 pf/mft) max characteristic impedance: 100 ? 15% (1-100 mhz) input impedance: 100 ? 15% (1-100 mhz) return loss (rl): 20 + 5 log 10 ( f ) db min (1-10 mhz) 25 db min (>10-20 mhz) 25 - 7 log 10 ( f /20) db min (>20 mhz) insertion loss: 1.967 f + .023 f + db/100m max (attenuation) near end crosstalk (next): 36.3 - 15 log 10 ( f /100) db/100m min power sum near end crosstalk (ps-next): 32.3 - 15 log 10 ( f /100) db/100m min equal level far end crosstalk (elfext): 23.8 - 20 log 10 ( f /100) db/100m min power sum equal level far end crosstalk (ps-elfext): 20.8 - 20 log 10 ( f /100) db/100m min propagation delay: 534 + 36 f ns/100m max delta delay (skew): 25 ns/100m max nominal velocity of 72% plenum propagation (nvp): 68% non-plenum where f = frequency in mhz from .772 to 100 mhz. table 3 reference electrical characteristics 11 /003 .050 f 9 mohawk drive, leominster, ma 01453 (978) 537-9961 ? 1-800-422-9961 ? fax (978) 537-4358 info@mohawk-cdt.com www.mohawk-cdt.com mohawk/cdt reserves the right to change specification in the interest of product enhancement.


▲Up To Search▲   

 
Price & Availability of M57924

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X