Part Number Hot Search : 
KBPC3 A2D6N CA9541 DA168L P222NQ STDH90 09MUQ MV5026A
Product Description
Full Text Search
 

To Download LV0101CF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  60811 sy 20110601-s00011/o2010 sy 20101006-s00003 no.a1855-1/6 specifications of any and all sanyo semiconductor co.,l td. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer ' s products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer ' sproductsor equipment. any and all sanyo semiconductor co.,ltd. products described or contained herein are, with regard to "standard application", intended for the use as general el ectronics equipment (home appliances, av equipment, communication device, office equipment, industrial equ ipment etc.). the products mentioned herein shall not be intended for use for any "special application" (medica l equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, t ransportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of re liability and can directly threaten human lives in case of failure or malfunction of the product or may cause har m to human bodies, nor shall they grant any guarantee thereof. if you should intend to use our products for app lications outside the standard applications of our customer who is considering such use and/or outside the scope of our intended standard applications, please consult with us prior to the intended use. if there is n o consultation or inquiry before the intended use, our customer shall be solely responsible for the use. LV0101CF overview the LV0101CF is a photo ic for ultra-small illumination sensor. it enables to be mounted on a very small limited space such as on the mobile phones which is becoming small and thinner and on other mobile applications. functions ? logarithm current output ? excellent luminous efficiency function ? built-in sleep function ? low current consumption specifications absolute maximum ratings at ta = 25 c parameter symbol conditions ratings unit maximum supply voltage v cc max 6v operating temperature topr -30 to +85 c storage temperature tstg -40 to +100 c recommended operating conditions and operating voltage range at ta = 25 c parameter symbol conditions ratings unit min typ max recommended supply voltage v cc 2.3 2.5 5.5 v sw pin low voltage vl sleep mode 0 0.4 v sw pin high voltage vh normal mode 1.5 v cc v monolithic linear ic for ultra-small illumination sensor photo ic orderin g numbe r : ena1855a www.datasheet.co.kr datasheet pdf - http://www..net/
LV0101CF no.a1855-2/6 electrical and optical characteristics at ta = 25 c, v cc = 2.5v parameter symbol conditions ratings unit min typ max current dissipation *1, *3 i cc ev = 1000 lx, r l = 27k 50 75 100 a sleep current isl ev = 0 lx 0.01 0.1 a output current (1) *1, *3 i o 1 ev = 100 lx 18 21 24 a output current (2) *1, *3 i o 2 ev = 1000 lx 27 31 35 a dark current i leak ev = 0 lx 0.35 0.5 a temperature coefficient *2 itc ev = 100 lx 0.1 %/ c rise time *4 tr1 ev = 1000 lx 40 100 s fall time *4 tf1 ev = 1000 lx 2 5 ms peak sensitivity wave length *2 p 550 nm *1. measured with the standard light source a. white led is used instead in the mass production line. *2. design guaranteed item *3. test circuit for measuring current dissipation and output current out v cc a a ipd LV0101CF light source *4. measuring method of rise time (tr) and fall time (tf) ipd 0a vout 90% 10% tf tr gnd ipd LV0101CF v cc out pulse drive white led 0.8v www.datasheet.co.kr datasheet pdf - http://www..net/
LV0101CF no.a1855-3/6 3 4 21 4 3 12 package dimensions unit : mm (typ) 3410 pad layout ball pitch : 0.5mm, ball size : 0.25mm pad layout (photos) pad 3 3 3 4 4 2 2 1 1 3 4 2 1 * the position with pad becomes pin 1. pin no. pin name function 1 v cc power supply 2 en enable 3 gnd ground 4 out output sanyo : odcsp4j(1.08x1.08) 0.5 0.1 (0.52) (0.42) 0.68 max 2 1.08 0.5 0.25 1.08 top view side view side view bottom view 43 12 1 34 www.datasheet.co.kr datasheet pdf - http://www..net/
LV0101CF no.a1855-4/6 internal block diagram pd 1 4 2 3 v cc out en gnd current amplifier chip pattern diagram (top view) 83.5 167 83.5 195 195 85 85 pad center ( ? 386.9, ? 377.9) 540 540 1080 1080 unit: m 167 pd pd pd pd * the pad becomes pin 1. www.datasheet.co.kr datasheet pdf - http://www..net/
LV0101CF no.a1855-5/6 0 30 20 10 40 50 1 2 3 5 7 2 3 5 7 10 100 1 100 10 2 3 57 2 3 57 2 3 57 2 3 57 1k 100 1k 2 3 57 2 3 57 2 3 57 23 57 10k 0 1.4 10 -60 -40 -20 40 20 0 60 80 100 120 -60 -40 -20 20 0 40 60 80 100 120 illuminance, lux -- lx output current, i o -- a 0 20 40 60 80 100 120 0.00001 0.0001 0.001 0.01 0.1 2 3 5 7 2 3 5 7 2 3 5 7 2 3 5 7 2 3 5 7 2 3 5 7 1 10 1 23 57 23 57 23 57 23 57 10 100 1k 10 100 1k 10k illuminance, lux -- lx current drain, i cc -- a r io -- v cc 0 0.2 0.4 0.6 0.8 1 1.2 0.001 0.01 2 3 5 7 0.1 2 3 5 7 1 2 3 5 7 2 3 5 7 0.8 1 0.2 0.4 0.6 1.4 1.2 0.8 1 0.2 0.4 0.6 1.2 2345 45 6 supply voltage, v cc -- v relative output current ratio, ri o -- ratio ri cc -- v cc i d -- ta 0 1.4 23 6 supply voltage, v cc -- v relative current drain ratio, ri cc -- ratio ambient temperature, ta -- c dark current, i d -- a 1 2 3 57 2 3 57 2 3 57 2 3 57 10k illuminance, lux -- lx sleep current, isl -- a 1 10 10k illuminance, lux -- lx output current, i o -- a i o -- lux ambient temperature, ta -- c relative current ratio, ri -- ratio ri -- ta i o -- lux i cc -- lux isl -- lux @1000lx @100lx @1000lx sleep current when sleep current www.datasheet.co.kr datasheet pdf - http://www..net/
LV0101CF ps no.a1855-6/6 this catalog provides information as of june, 2011. specifications and information herein are subject to change without notice. sanyo semiconductor co.,ltd. assumes no responsib ility for equipment failures that result from using products at values that exceed, even momentarily, rate d values (such as maximum ra tings, operating condition ranges, or other parameters) listed in products specif ications of any and all sanyo semiconductor co.,ltd. products described or contained herein. sanyo semiconductor co.,ltd. strives to supply high-qual ity high-reliability products, however, any and all semiconductor products fail or malfunction with some probabi lity. it is possible that these probabilistic failures or malfunction could give rise to acci dents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause dam age to other property. when designing equipment, adopt safety measures so that these kinds of accidents or e vents cannot occur. such measures include but are not limited to protective circuits and error prevention c ircuits for safe design, redundant design, and structural design. upon using the technical information or products descri bed herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of sanyo semiconductor co.,ltd. or any third party. sanyo semiconductor co.,ltd. shall not be liable f or any claim or suits with regard to a third party's intellctual property rights which has resulted from the use of the technical information and products mentioned above. information (including circuit diagr ams and circuit parameters) herein is for example only; it is not guaranteed for volume production. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equi pment, refer to the "delivery specification" for the sanyo semiconductor co.,ltd. product that you intend to use. in the event that any or all sanyo semiconductor c o.,ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities conc erned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any in formation storage or retrieval system, or otherwise, without the prior written consent of sanyo semiconductor co.,ltd. 0 0.2 0.1 0.4 0.3 0.5 0.6 0.7 0.8 0.9 0.2 0.4 0.6 0.8 1 1 0 1.2 200 400 600 800 1000 0 30 60 1200 -90 -60 -30 90 0 0.2 0.4 0.6 0.8 1 1.2 -90 -60 -30 30 06090 @1000lx @1000lx LV0101CF human eye wavelength, -- nm relative sensitivity, rs -- ratio angle, deg -- relative output current ratio, ri o -- ratio spectral response directivity angle, deg -- relative pd current ratio, ri pd -- ratio directivity www.datasheet.co.kr datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of LV0101CF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X