Part Number Hot Search : 
NCP5306 1N5334A MIC2288 X9316WP B035C0 SM8013 BU508AFI D4NC5
Product Description
Full Text Search
 

To Download LPS600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.vishay.com for technical questions, contact: sfer@vishay.com document number: 50053 64 revision: 27-oct-10 lps 600 vishay sfernice power resistor for mounting onto a heatsink thick film technology features ? 600 w at 85 c bottom case temperature ? wide resistance range: 0.3 to 900 k e24 series ? non inductive ? easy mounting ? low thermal radiation of the case ? compliant to rohs directive 2002/95/ec note ? tolerances unless stated: 0.2 mm mechanical specifications mechanical protection insulated case ul 94 v-0 resistive element thick film substrate alumina end connections screws m4 tightening torque - on connections 2 nm - on heatsink 2 nm maximum torque 2.5 nm weight 83 g 10 % environmental specifications temperature range - 55 c to 155 c climatic category 55/155/56 dimensions in millimeter s 2 x m4 useful depth: 8 57 34 60 36 2 x ? 4.2 lps 600 6k8 5 % v2 64.7 15.2 21.2 25.2 13.6 ? 20 25.8 1 electrical specifications resistance range 0.3 to 900 k tolerances (standard) 1 % to 10 % power rating and thermal resistance 600 w at + 85 c bottom case temperature r th (j - c) : 0.112 c/w temperature coefficient r 1 u : 500 ppm/c 1 u < r 10 u : 300 ppm/c 10 u < r : 150 ppm/c - 55 c/155 c iec 60115-1 standard limiting element voltage u l 5 kv dielectric strength iec 60115-1, 1 min, 10 ma max. 7 kv rms or 12 kv rms insulation resistance 10 4 m inductance 0.1 h critical resistance 41.66 k www.datasheet.co.kr datasheet pdf - http://www..net/
document number: 50053 for technical questions, contact: sfer@vishay.com www.vishay.com revision: 27-oct-10 65 lps 600 power resistor for m ounting onto a heatsink thick film technology vishay sfernice recommendations for mounting onto a heatsink ? surfaces in contact must be carefully cleaned. ? the heatsink must have an acceptable flat ness: from 0.05 mm to 0.1 mm/100 mm. ? roughness of the heatsink must be around 6. 3 m. in order to improve thermal con ductivity, surfaces in contact (alumina, heatsink) should be coated with a silicone grease (type si 340 from rh?ne-poulenc or dow 340 from dow corning) or a thermal film (type q pad ii) easier and fast er to install than the grease. ? the fastening of the resistor to the heatsink is under pressure control of two screws tightened at 2 nm for full power availabi lity. ? the following accessories are supplied with each product: 2 screws chc m4 x 25 class 8.8 and 2 m4 contact lock washers for heatsink mounting, 2 screws th m4 x 6/6 and 2 m4 contact lock washers for connections. choice of the heatsink the user must choose the heatsink accord ing to the working conditions of the component (power, room temperature). maximum working temperature must not exceed 155 c. the dissipated power is simply calculated by the following ratio: p: expressed in w t: difference between maximum workin g temperature and room temperature r th (j - c) : thermal resistance value measured between resistive laye r and outer side of the resistor. it is the thermal resistance of the component: (see spec ifications environmental paragraph). r th (c - a) : thermal resistance value measured between outer side of the resistor and room temper ature. it is the thermal resistance of the thermal interfac e, the heatsink (type, shape) and the quality of the fastening device. example: r th (c - a) for lps 600 power dissipation 180 w at + 50 c room temperature. t 155 c - 50 c = 105 c r th (j - c) + r th (c - a) = = = 0.58 c/w r th (j - c) = 0.112 c/w r th (c - a) = 0.58 c/w - 0.112 c/w = 0.468 c/w performance tests conditions requirements momentary overload iec 60115-1 2 x p r /10 s u max. u l = 5000 v (0.25 % + 0.05 ) rapid temperature change iec 60115-1/iec 60068-2-14 test na 50 cycles - 55 c to + 155 c (0.5 % + 0.05 ) load life iec 60115-1 1000 h (90/30) p r at 85 c (0.5 % + 0.05 ) humidity (steady state) iec 60115-1 56 days rh 95 %/40 c (0.5 % + 0.05 ) vibration mil std 202 method 204 cond. d (10 g ; 5/500 hz) (0.25 % + 0.05 ) climatic sequence iec 60115-1 (55/155/56) (1 % + 0.05 ) tightening torque on heatsink lps 300 2 nm p t r th (j - c) r th (c - a) + [] --------------------------------------------------------- - = t p ------- 105 180 --------- - www.datasheet.co.kr datasheet pdf - http://www..net/
www.vishay.com for technical questions, contact: sfer@vishay.com document number: 50053 66 revision: 27-oct-10 lps 600 vishay sfernice power resistor for mo unting onto a heatsink thick film technology overloads in any case the applied voltage must be lower than u l = 5000 v. short time overload: 2 x p r /10 s accidental overload: the values indicated on the following graph are applicable to resistors in air or mounted onto a heatsink. energy curve power rating the temperature of the case should be maintained within the limits specified in the following figure. to optimize the thermal cond uction, contacting surfaces should be coated with silicone grease or thermal film, and heatsink mounting screws tightened to 2 nm. marking series, style, ohmic value (in ), tolerance (in %), manufacturing date, vishay sfernice trademark. overload duration in s energy in j 10 000 1000 100 10 1 0.1 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 1 bottom case temperature in c rated dissipation in % 100 80 60 40 20 0 0 50 100 150 200 85 155 packaging box of 15 units ordering information lps 600 100 k 1 % xxx bo15 e model style resistance value tolerance 1 % 2 % 5 % 10 % custom design optional on request: special tcr, shape etc. packaging lead (pb)-free global part number information global model dielectric ohmic value tolerance packaging special lps 600 l = dielectric strength 7 kv h = dielectric strength 12 kv the first three digits are significant figures and the last digit specifies the number of zeros to follow. r designates decimal point. 4 8 r7 = 48.7 47r0 = 47 1001 = 1 k 4r70 = 4.7 r240 = 0.24 f = 1 % g = 2 % j = 5 % k = 10 % b = box 15 pieces as applicable zax 600h47r j s 0 p 0b l www.datasheet.co.kr datasheet pdf - http://www..net/
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners. www.datasheet.co.kr datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of LPS600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X