Part Number Hot Search : 
7812CD2T BGW211 EM55002 BR3506 L272D BU4229G ISL29044 EDF1DS
Product Description
Full Text Search
 

To Download LC420WU1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product specification 1/ 30 LC420WU1 liquid crystal display ver. 1.0 july. 22, 2005 title 42.0? wuxga tft lcd buyer general model supplier lg.philips lcd co., ltd. *model LC420WU1 *when you obtain standard approval, please use the above model name without suffix suffix sl01 for approval specification tv product development dept. lg. philips lcd co., ltd y.h.choi / engineer prepared by reviewed by signature date approved by please return 1 copy for your confirmation with your signature and comments. / / / signature date approved by ) ) ( ( final specification preliminary specification ? c. h. och / g. manager h. m. moon / manager
product specification 2/ 30 LC420WU1 liquid crystal display ver. 1.0 july. 22, 2005 contents number item page cover 1 3-2 interface connections 8 3-3 signal timing specifications 12 9-6 handling precautions for protection film 28 appendix a inverter input vo ltage protection circuit 29 14 9 precautions 27 9-1 mounting precautions 27 9-2 operating precautions 27 9-3 electrostatic di scharge control 28 9-4 precautions for strong light exposure 28 9-5 storage 28 appendix b black level and black uniformity 30 3-5 color data reference 7-2 emc 25 8 packing 26 8-1 designation of lot mark 26 8-2 packing form 26 contents 2 record of revisions 3 1 general description 4 2 absolute maximum ratings 5 3 electrical specifications 6 3-1 electrical characteristics 6 3-4 signal timing waveforms 13 3-6 power sequence 15 4 optical specifications 17 5 mechanical characteristics 21 6 reliability 24 7 international standards 25 7-1 safety 25
product specification 3/ 30 LC420WU1 liquid crystal display ver. 1.0 july. 22, 2005 revision no. revision date page description 0.0 feb.03, 2005 - preliminary sp ecification(first draft) 0.1 apr.21, 2005 - 1sfmjnjobsz4qfdjgjdbujpo 4fdpoe%sbgu
1.0 july.22,2005 - correction for the number of table 2 add contents for page29 7 table 3. electrical characteristics 7 add note 4 for unloading input voltage 12 table 8. time table for ntsc & table 9 time table for pal 13 3-4. signal time waveforms 5 table 1. absolute maximum ratings 17 table 13. optical characteristics 18 add note 7 for black level and black uniformity 0.2 may.17, 2005 12 table 7.timing table 16 table 10. power sequence for inverter 17,18 optical specification 18 table 14. gray scale specificati on (luminance [%] (typ.) with dcr) 24 table.16 environment test condition 29 add appendix a for inverter i nput voltage protection circuit final specification 30 add appendix b for black level and black uniformity 25 apply new iec standard for 7-1.safety and 7-2. emc 22,23 change the mechanical drawing for front and rear view record of revisions
product specification 4/ 30 LC420WU1 liquid crystal display ver. 1.0 july. 22, 2005 the LC420WU1 is a color active matrix liquid crystal display with an integral cold cathode fluorescent lamp(ccfl) backlight system. the matrix employs a-si thin film transistor as the active element. it is a transmissive display type which is operating in the normally black mode. it has a 42.02 inch diagonally measured active display area with wuxga resolution (1080 vertical by 1920 horizontal pixel array). each pixel is divided into red, green and blue sub-pixels or dots which are arrayed in vertical stripes. gray scale or the luminance of the sub-pixel color is determined with a 8-bit gray scale signal for each dot. therefore, it can present a palette of more than 16.7m(true) colors. it has been designed to apply the 8-bit 2-port lvds interface. it is intended to support lcd tv, pctv where high brightness, super wide viewing angle, high color gamut, high color depth and fast response time are important. general features active screen size 42.02 inches(1067.31mm) diagonal outline dimension 1005.6(h) x 609.8 (v) x 55.5 mm(d) (typ.) pixel pitch 0.4845 mm x 0.4845 mm pixel format 1920 horiz. by 1080 vert. pixels, rgb stripe arrangement color depth 8-bit, 16.7 m colors viewing angle (cr>10) viewing angle free ( r/l 178 (typ.), u/d 178 (typ.)) luminance, white 550 cd/m 2 (center 1point ,typ.) power consumption total 187.3 w (typ.) (logic=7.3 w, inverter=180 w [i bl = 6.5ma] ) weight 14.5k g (typ.) display mode transmissive mode, normally black surface treatment hard coating(3h), anti-glare treatment of the front polarizer 1. general description cn1 (51pin) lvds 2port source driver circuit tft - lcd panel (1920 ? rgb ? 1080 pixels) g1 s1 s1920 g1080 back light assembly (22 ccfl) mini-lvds(rgb) timing controller [lvds rx + dcr + odc integrated] gate driver circuit +24.0v gnd eeprom power circuit block sda scl +12.0v sdram mem ctrl rgb vbr for ai dcr enable vbr_out status 12pin x 1cns 2pin x 1cn
product specification 5/ 30 LC420WU1 liquid crystal display ver. 1.0 july. 22, 2005 the following items are maximum values which, if exceeded, may cause faulty operation or damage to the lcd module. table 1. absolute maximum ratings note : 1. temperature and relative humidity range are shown in the figure below. wet bulb temperature should be 39 ? c max. and no condensation of water. 90% 10 20 30 40 50 60 70 80 0 -20 0 10 20 30 40 50 dry bulb temperature [ ? c ] wet bulb temperature [ ? c ] storage operation humidity [(%)rh] 10% 40% 60% 60 2. absolute maximum ratings value parameter min max unit lcm backlight inverter v bl +21.6 +26.0 v dc brightness control voltage v br 0 +3.3 v dc operating temperature t op 0 +40 ? c note 1 v lcd -0.3 +14.0 v dc at 25 2 ? c on/off control voltage von/off -0.3 +5.25 v dc storage temperature t st -20 +50 ? c operating ambient humidity h op 10 90 %rh storage humidity h st 10 90 %rh power input voltage remark symbol
product specification 6/ 30 LC420WU1 liquid crystal display ver. 1.0 july. 22, 2005 it requires two power inputs. one is employed to power for the lcd circuit. the other is used for the ccfl backlight and inverter circuit. table 2. electrical characteristics note : 1. the specified current and power consumption are under the v lcd =12.0v, 25 2 ? c, f v =60hz condition whereas mosaic pattern(8 x 6) is displayed and f v is the frame frequency. 2. the current is specified at the maximum current pattern. 3. the duration of rush current is about 2ms and rising time of power input is 1ms (min.). value parameter symbol min typ max circuit : power input voltage v lcd 11.4 12.0 12.6 v dc - 610 793 ma 1 power consumption p lcd - 7.3 9.5 watt 1 rush current i rush - - 3.0 a 3 power input current i lcd - 820 1066 ma 2 unit note mosaic pattern(8 x 6) white : 255gray black : 0gray 3. electrical specifications 3-1. electrical characteristics
product specification 7/ 30 LC420WU1 liquid crystal display ver. 1.0 july. 22, 2005 table 3. electrical characteristics (continue) note : 1. electrical characteristics are determined after t he unit has been ?on? and stable for approximately 120 minutes at 25 ? 2 ? c the specified current and power consumption are under the typical supply input voltage, it is total power consumption. the ripple voltage of the power supply input voltage is under 0.2 vp-p. lpl recommend input voltage is 24.0v ? 5%. 2. brightness control. this v br voltage control brightness. 3. the life is determined as the time at which luminanc e of the lamp is 50% compared to that of initial value at the typical lamp current on condition of continuous operating at 25 2 ? c. specified value is when lamp is aligned horizontally. 4. the maximum value for unloading input voltage is on ly valid as inverter enable signal is off. please refer to page 16 for inverter on/off power sequence condition. v br voltage function 3.3v maximum brightness (100%) 0v minimum brightness.(burst on duty 25%) value parameter symbol min typ max inverter : power input voltage v bl 22.8 24.0 26.0 v dc power supply input voltage ripple -0.2 0.2 vp-p unloading input voltage 28 vdc lamp : life time power consumption p bl 160 180 200 w 50,000 hrs 3 1 brightness adjust v br 03.3v dc 2 input voltage for control system signals power input current i bl 67.5 9a on v on 2.5 5.0 v dc on/off off v off -0.3 0.0 0.5 v dc unit note
product specification 8/ 30 LC420WU1 liquid crystal display ver. 1.0 july. 22, 2005 table 4. module connector(cn1) pin configuration - lcd connector(cn1): fi-r51s-hf(manufactured by jae) or equivalent - mating connector : fi-r51hl(jae) or compatible note : 1. all gnd(ground) pins should be connected together to the lcd module?s metal frame. 2. all v lcd (power input) pins should be connected together. 3. all input levels of lvds signals are based on the iea 664 standard. this lcd module employs two kinds of interface c onnection, a 51-pin connector is used for the module electronics and two 12-pin connectors are used for the integral backlight system. 3-2-1. lcd module 3-2. interface connections no symbol description no symbol description 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 reserved - re0n no connection or gnd second channel 0- second channel 0+ second channel 1- second channel 1+ second channel 2- second channel 2+ ground second clock channel c- second clock channel c+ ground second channel 3- second channel 3+ no connection no connection no connection or gnd no connection or gnd ground ground ground no connection power supply +12.0v power supply +12.0v power supply +12.0v power supply +12.0v re0p re1n re1p re2n re2p gnd reclkn reclkp gnd re3n re3p reserved (nc) reserved (nc) reserved reserved gnd gnd gnd nc v lcd v lcd v lcd v lcd - - 2 reserved (nc) no connection 11 gnd ground 12 ro0n first channel 0- 13 ro0p first channel 0+ 14 ro1n first channel 1- 15 ro1p first channel 1+ 21 gnd ground 22 ro3n first channel 3- 23 ro3p first channel 3+ 24 reserved (nc) no connection 25 reserved (nc) no connection 3 reserved (nc) no connection 4 reserved (nc) no connection 5 reserved (nc) no connection 6 reserved (nc) no connection 7 reserved (nc) no connection 8 reserved (nc) no connection 9 reserved (nc) no connection 10 reserved (nc) no connection 16 ro2n first channel 2- 17 ro2n first channel 2+ 18 gnd ground 19 roclkn first clock channel c- 20 roclkp first clock channel c+ 26 reserved no connection or gnd 1 reserved (nc) no connection
product specification 9/ 30 LC420WU1 liquid crystal display ver. 1.0 july. 22, 2005 table 5. required signal assignment for flat link (thine : thc63lvd823) transmitter(pin7=?l) note: 1. the lcd module uses a 100 ohm( ? ) resistor between positive and negative lines of each receiver input. 2. refer to lvds transmitter data sheet for detail descriptions. (thc63lvd823 or compatible) 3. ?7? means msb and ?0? means lsb at r,g,b pixel data. r10/r20 r11/r21 r12/r22 r13/r23 r14/r24 r15/r25 r16/r26 r17/r27 g10/g20 g11/g21 g12/g22 g13/g23 g14/g24 g15/g25 g16/g26 g17/g27 b10/b20 b11/b21 b12/b22 b13/b23 b14/b24 b15/b25 b16/b26 b17/b27 hsync vsync data enable clock host system 24 bit ta1-ta1+ tb1-/tb1+ tc1-/tc1+ tclk1- tclk1+ td1-/td1+ ta2-/ta2+ tb2-/tb2+ tc2-/tc2+ tclk2- tclk2+ td2-/td2+ thc63lvd823 or compatible rxo0- rxo0+ rxo1- rxo1+ rxo2- rxo2+ rxoclk- rxoclk+ rxo3- rxo3+ rxe0- rxe0+ rxe1- rxe1+ rxe2- rxe2+ rxeclkin- rxeclkin+ rxe3- rxe3+ lg / dism dcr enable fi-r51s-hf timing controller lcd module ground 49 48 47 46 40 39 44 43 42 41 37 35 31 30 36 34 32 29 28 27 100 ? 100 ? 100 ? 100 ? 100 ? 100 ? 100 ? 100 ? 100 ? 100 ? 12 13 14 15 16 17 19 20 22 23 28 29 30 31 32 33 35 36 38 39 7 10 53/81 54/82 57/83 58/84 59/85 60/86 51/79 52/80 63/91 64/92 65/93 66/94 67/95 68/96 61/89 62/90 73/99 74/100 75/1 76/2 77/5 78/6 69/97 70/98 7 8 9 10
product specification 10 / 30 LC420WU1 liquid crystal display ver. 1.0 july. 22, 2005 table 6. required signal assignment for flat link (thine : thc63lvd823) transmitter(pin7=?h?) r10/r20 r11/r21 r12/r22 r13/r23 r14/r24 r15/r25 r16/r26 r17/r27 g10/g20 g11/g21 g12/g22 g13/g23 g14/g24 g15/g25 g16/g26 g17/g27 b10/b20 b11/b21 b12/b22 b13/b23 b14/b24 b15/b25 b16/b26 b17/b27 hsync vsync data enable clock host system 24 bit ta1+/ta1- tb1+/tb1- tc1+/tc1- tclk1+ tclk1- td1+/td1- ta2+/ta2- tb2+/tb2- tc2+/tc2- tclk2+ tclk2- td2+/td2 thc63lvd823 or compatible 12 13 14 15 16 17 19 20 22 23 28 29 30 31 32 33 35 36 38 39 7 10 100 ? 100 ? 100 ? 100 ? 100 ? 48 49 46 47 39 40 34 32 29 fi-r51s-hf timing controller lcd module vcc 51/79 52/80 53/81 54/82 57/83 58/84 59/85 60/86 61/89 62/90 63/91 64/92 65/93 66/94 67/95 68/96 69/97 70/98 73/99 74/100 75/1 76/2 77/5 78/6 7 8 9 10 note: 1. the lcd module uses a 100 ohm( ? ) resistor between positive and negative lines of each receiver input. 2. refer to lvds transmitter data sheet for detail descriptions. (thc63lvd823 or compatible) 3. ?7? means msb and ?0? means lsb at r,g,b pixel data. 43 44 41 42 36 37 35 31 30 27 28 100 ? 100 ? 100 ? rxo0-/rxo0+ rxo1-/rxo1+ rxo2-/rxo2+ rxoclk- rxoclk+ rxo3-/rxo3+ rxe0-/rxe0+ rxe1-/rxe1+ rxe2-/rxe2+ rxeclkin- rxeclkin+ rxe3-/rxe3+ lg / dism dcr enable
product specification 11 / 30 LC420WU1 liquid crystal display ver. 1.0 july. 22, 2005 table 7. inverter connector pin configulation 3-2-2. backlight inverter note : 1. gnd should be connected to the lcd module ? s metal frame. 2. minimum brightness : v br = 0.0v maximum brightness : v br = 3.3v 3. v on : 2.5 ~ 5.0v v off : -0.3 ~ 0.5v pin no symbol description master slave v bl v bl v bl v bl v bl v bl gnd gnd gnd gnd gnd don?t care 12 on/off 0v ~ 5.0v on/off don?t care 3 option pin(lamp open status detection) 1 gnd power gnd gnd 2 status upper 3.0v(normal), under 0.7v(abnormal) status v bl v bl v bl v bl gnd gnd gnd gnd gnd v br note 1 v bl power supply +24.0v 2 v bl power supply +24.0v 3 v bl power supply +24.0v 4 v bl power supply +24.0v 5 v bl power supply +24.0v 6 gnd power gnd 7 gnd power gnd 2 8 gnd power gnd 9 gnd power gnd 10 gnd power gnd 1 11 v br 0v ~ 3.3v pcb 1 2 3 12 11 top bottom component side *oqvudpoofdups 1 1 2 4ubuvtdpoofdups input connector -inverter connector : s12b-ph-sm3(manufactured by jst) or equivalent -mating connector : phr-12 or equivalent status connector -inverter connector : 20022wr-02a00(manufactured by yeon ho co., korea) -mating connector : 20022hr-02s00(manufactured by yeon ho co., korea)
product specification 12 / 30 LC420WU1 liquid crystal display ver. 1.0 july. 22, 2005 table 8. timing table for ntsc table 8 and table9 show the signal timing required at the input of the lvds transmitter. all of the interface signal timing should be satisfied with the following specification for normal operation. 3-3. signal timing specifications item symbol min. typ. max. dclk period t clk 12.98 13.47 13.98 nsec dclk frequency f clk 71.55 74.25 77 mhz =148.5 /2 frequency f v 57 60 63 hz frequency f h 65.46 67.5 68.94 khz valid t vv - 1080 - line blank t vt -t vv 11 45 69 line total t vt 1091 1125 1149 line vertical valid t hv - 960 - t clk 320 1280 140 1100 100 1060 unit notes blank t ht -t hv t clk horizontal total t ht t clk =2200/2 table 9. timing table for pal khz 57.25 56.25 55.25 f h frequency hz 53 50 47 f v frequency line 1145 1125 1105 t vt total line 65 45 25 t vt -t vv blank line - 1080 - t vv valid vertical =123.75 /2 mhz 67.5 61.88 59.63 f clk dclk frequency nsec 16.77 16.16 14.81 t clk dclk period t clk - 960 - t hv valid 1200 240 max. 1100 140 typ. 1060 100 min. notes unit symbol item =2200/2 t clk t ht total horizontal t clk t ht -t hv blank note : 1. the performance of the electro-optical characte ristics may be influenced by variance of the vertical refresh rate. 2. above timing tables are only valid for de mode.
product specification 13 / 30 LC420WU1 liquid crystal display ver. 1.0 july. 22, 2005 0.7vdd 0.3vdd t clk invalid data valid data invalid data invalid data invalid data pixel 0,0 pixel 2,0 pixel 1,0 pixel 3,0 de(data enable) valid data 0.5 vdd t ht de(data enable) dclk first data second data de, data 3-4. signal timing waveforms t hv t vv t vt 1 1080
product specification 14 / 30 LC420WU1 liquid crystal display ver. 1.0 july. 22, 2005 the brightness of each primary color(red,green,blue) is based on the 8-bit gray scale data input for the color. the higher binary input, the brighter the color. table 10 provides a reference for color versus data input. table 10. color data reference input color data red msb lsb green msb lsb blue msb lsb black 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 red (255) green (255) blue (255) cyan magenta yellow white red (000) dark 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 green (000) dark 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 green (001) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0 green ... ... ... ... green (254) 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 green (255) 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 red (001) 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 red ... ... ... ... red (254) 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 red (255) 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 blue (000) dark blue (001) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 ... ... ... ... blue (254) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 0 blue (255) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 basic color 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 color r7 r6 r5 r4 r3 r2 r1 r0 g7 g6 g5 g4 g3 g2 g1 g0 b7 b6 b5 b4 b3 b2 b1 b0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 blue 3-5. color data reference
product specification 15 / 30 LC420WU1 liquid crystal display ver. 1.0 july. 22, 2005 3-6. power sequence 3-6-1. lcd driving circuit note : 1. please avoid floating state of interface signal at invalid period. 2. when the interface signal is invalid, be sure to pull down the power supply v lcd to 0v. 3. the case when the t2/t5 exceed maximum specification, it operates protection pattern(black pattern) till valid signal inputted. there is no reliability problem. 4. the t3/t4 is recommended value, the case w hen failed to meet a minimum specification, abnormal display would be shown. there is no reliability problem. value parameter min typ max t1 0.5 - 20 ms t2 0.5 - 50 ms t6 - - 100 ms t7 2.0 - - s t8 0 < t8 < t2 ms t9 0 < t9 < t5 ms t3 200 - - ms ms t4 200 - - t5 0.5 - 50 ms unit table 11. power sequence interface signal (tx) power for lamp power supply for lcd v lcd 10% 0v 90% 90% 10% t 1 t 2 t 5 t 6 t 7 t 3 t 4 valid data lamp on t 8 t 9 option signal (dcr_enable)
product specification 16 / 30 LC420WU1 liquid crystal display ver. 1.0 july. 22, 2005 3-6-2. on/off for inverter value parameter min typ max remark t1 - 20 ms after inverter?s connected t4 -100 --ms v bl .jo
y  t2 500 - - ms t3 200 - - ms ms t5 - - 10 unit table 12. power sequence for inverter enable (on/off) v br power for inverter v bl 10% 0v 90% t 1 t 2 t 3 t 2 0.7v t 4 t 4 24v (typ.) 3-6-3. deep condition for inverter 0v v bl 5 v bl (min) x 0.8
product specification 17 / 30 LC420WU1 liquid crystal display ver. 1.0 july. 22, 2005 table 13. optical characteristics ta= 25 ? 2 ? c , v lcd =12.0v, f v =60hz, dclk=148.5mhz vbr=3.3v lcd module optical stage(x,y) pritchard 880 or equivalent 50cm value parameter symbol min typ max unit note cr 600 800 - cr with dcr 1100 1600 - luminance variation white 5p - - 1.6 3 without dcr with dcr 5p 6 gray scale black level l black - tbd tbd 7 black uniformity black - tbd tbd gray-to-gray rise + decay tr r+ tr d -18 - 1 surface luminance, white l wh 400 550 - cd/m 2 2 g to g -8 16 ms 4 red green blue white viewing angle (cr>10) x axis, right( =0 ? ) r 85 89 - x axis, left ( =180 ? ) y axis, up ( =90 ? ) y axis, down ( =270 ? ) l 85 89 - u 85 89 - d 85 89 - degree 5 gx 0.286 gy 0.613 bx 0.147 by 0.070 wx 0.285 wy 0.293 rx 0.638 ry 0.342 typ +0.03 typ -0.03 color coordinates [cie1931] response time (gray-to-gray) contrast ratio fig. 1 optical characteristic measurement equipment and method optical characteristics are determined after the unit ha s been ?on? and stable for approximately 2 hrs in a dark environment at 25 ? 2 ? c. the specified optical values are measured at an approximate 50cm distance from the lcd surface on condition that viewing angle of and equal to 0 ? . fig. 1 shows additional information conc erning the measurement equipment and method. 4. optical specification
product specification 18 / 30 LC420WU1 liquid crystal display ver. 1.0 july. 22, 2005 note : 1. contrast ratio(cr) is defined mathematically as : surface luminance with all white pixels contrast ratio = surface luminance with all black pixels measure position : center 1-point 2. surface luminance( l wh ) is the luminance value measured at an approximate 50cm distance from the center 1-point of lcd surface as all pixels displaying white. see fig. 2 for more information. 3. the variation of surface luminance , white is defined as : white(5p) = maximum(l on1 ,l on2 , l on3 , l on4 , l on5 ) / minimum(l on1 ,l on2 , l on3 , l on4 , l on5 ) where l on1 to l on5 are the luminance with all pixels displaying white at 5 locations . for more information, see the fig. 2. 4. response time is defined as the required time fo r the transition from g(n) to g(m) (rise time, tr r ) and from g(m) to g(n) (decay time, tr d ). for additional information see the fig. 3. (n product specification 19 / 30 LC420WU1 liquid crystal display ver. 1.0 july. 22, 2005 fig. 3 response time response time is defined as the following figure and sh all be measured by switching the input signal for ?gray(n)? and ?gray(m)?. measuring point for surface luminance & measuring point for luminance variation. fig. 2 5 points for luminance measure a : h / 4 mm b : v / 4 mm h : 930.24 mm v : 523.26 mm @ h,v : active area h a v b y ? t   gray(m) gray(n) t r r t r d 100 90 10 0 optical response n,m = 0(black)~255(white), n product specification 20 / 30 LC420WU1 liquid crystal display ver. 1.0 july. 22, 2005 fig. 4 viewing angle dimension of viewing angle range normal y e = 0 , right = 180 , left = 270 , down = 90 , up
product specification 21 / 30 LC420WU1 liquid crystal display ver. 1.0 july. 22, 2005 table 13 provides general mechanical characteristics. note : please refer to page21 and 22 for mechanic drawings in terms of tolerance. 5. mechanical characteristics table 15. mechanical characteristics item value horizontal 1005.6 mm vertical 609.8 mm vertical 531.0 mm vertical 523.26 mm weight 14.5kg (typ.), 15.5kg (max.) surface treatment hard coating(3h) anti-glare treatment of the front polarizer depth 55.5 mm horizontal 939.0 mm horizontal 930.24 mm active display area bezel area outline dimension
product specification 22 / 30 LC420WU1 liquid crystal display ver. 1.0 july. 22, 2005
product specification 23 / 30 LC420WU1 liquid crystal display ver. 1.0 july. 22, 2005 master slave
product specification 24 / 30 LC420WU1 liquid crystal display ver. 1.0 july. 22, 2005 no. test item condition 1 high temperature storage test ta= 50 ? c 240h 2 low temperature storage test ta= -20 ? c 240h 3 high temperature operation test ta= 40 ? c 50%rh 240h 4 low temperature operation test ta= 0 ? c 240h 5 vibration test (non-operating) waveform : random vibration level : 1.0g rms bandwidth : 10-500hz duration : x,y,z, 10 min / one time each direction 6 shock test (non-operating) shock level : 100g waveform : half sine wave, 2ms direction : ? x, ? y, ? z one time each direction 7 humidity condition operation ta= 40 ? c, 90%rh 8 altitude operating storage / shipment 0 - 14,000 feet(4267.2m) 0 - 40,000 feet(12192m) 6. reliability table 16. environment test condition
product specification 25 / 30 LC420WU1 liquid crystal display ver. 1.0 july. 22, 2005 7. international standards 7-1. safety a) ul 60950-1:2003, first edition, underwriters laboratories, inc., standard for safety of information technology equipment. b) can/csa c22.2, no. 60950-1-03 1 st ed. april 1, 2003, canadian standards association, standard for safety of information technology equipment. c) en 60950-1:2001, first edition, european committee for electrotechnical standardization(cenelec) european standard for safety of information technology equipment. 7-2. emc a) ansi c63.4 ?methods of measurement of radio- noise emissions from low-voltage electrical and electrical equipment in the range of 9khz to 40ghz. ?american national standards institute(ansi), 1992 b) c.i.s.p.r. ?limits and methods of measurement of radio interface characteristics of information technology equipment.? international special committee on radio interference. c) en 55022 ?limits and methods of measurement of radio interface characteristics of information technology equipment.? european committee for electrotechnical standardization.(cenelec), 1998 ( including a1: 2000 )
product specification 26 / 30 LC420WU1 liquid crystal display ver. 1.0 july. 22, 2005 8-1. designation of lot mark a) lot mark abcdefghi jklm a,b,c : size(inch) d : year e : month f : panel code g : factory code h : assembly code i,j,k,l,m : serial no. note 1. year b) location of lot mark 2. month serial no. is printed on the label. the label is attached to the backside of the lcd module. this is subject to change without prior notice. 8-2. packing form a) package quantity in one pallet : 10 pcs b) pallet size : 1140 mm x 1000 mm x 810 mm. 5. serial no. mark year 6 2006 2 2002 3 2003 4 2004 5 2005 0 2000 1 2001 7 9 8 7 2007 99 98 97 b nov mark month a oct 6 jun 7 jul 8 aug 9 sep 4 apr 5 may c 4 2 1 dec mar feb jan a0001 ~ a9999, ..... , z9999 00001 ~ 99999 mark 100000 ~ 1 ~ 99999 year 4. factory code 3. panel code panel code p1 factory p2 factory p3 factory p4 factory p5 factory 45 3 hydis panel 2h mark 1 8. packing factory code lpl gumi lpl nanjing hee sung mark c d k
product specification 27 / 30 LC420WU1 liquid crystal display ver. 1.0 july. 22, 2005 please pay attention to the followings when you use this tft lcd module. 9-1. mounting precautions (1) you must mount a module using holes arranged in four corners or four sides. (2) you should consider the mounting structure so that uneven force (ex. twisted stress) is not applied to the module. and the case on which a module is mounted should have sufficient strength so that external force is not transmitted directly to the module. (3) please attach the surface transparent protective plat e to the surface in order to protect the polarizer. transparent protective plate should have sufficient strength in order to the resist external force. (4) you should adopt radiation structure to satisfy the temperature specification. (5) acetic acid type and chlorine type materials for the cover case are not desirable because the former generates corrosive gas of attacking the polarizer at high temperature and the latter causes circuit break by electro-chemical reaction. (6) do not touch, push or rub the exposed polarizers with glass, tweezers or anything harder than hb pencil lead. and please do not rub with dust clothes with chemical treatment. do not touch the surface of polarizer for bare hand or greasy cloth.(some cosmetics are detrimental to the polarizer.) (7) when the surface becomes dusty, please wipe gently with absorbent cotton or other soft materials like chamois soaks with petroleum benzine. normal-hexane is recommended for cleaning the adhesives used to attach front / rear polarizers. do not use acetone, toluene and alcohol because they cause chemical damage to the polarizer. (8) wipe off saliva or water drops as soon as possib le. their long time contact with polarizer causes deformations and color fading. (9) do not open the case because inside circuits do not have sufficient strength. 9-2. operating precautions (1) the spike noise causes the mis-operation of circuits. it should be lower than following voltage : v= ? 200mv(over and under shoot voltage) (2) response time depends on the temperature.(in lower temperature, it becomes longer.) (3) brightness depends on the temperature. (in lower temperature, it becomes lower.) and in lower temperature, response time(required time that brightness is stable after turned on) becomes longer. (4) be careful for condensation at sudden temperature change. condensation makes damage to polarizer or electrical contacted parts. and after fadi ng condensation, smear or spot will occur. (5) when fixed patterns are displayed for a l ong time, remnant image is likely to occur. (6) module has high frequency circuits. sufficient suppression to the electromagnetic interference shall be done by system manufacturers. grounding and shielding methods may be important to minimized the interference. (7) please do not give any mechanical and/or acoustical impact to lcm. otherwise, lcm can?t be operated its full characteristics perfectly. (8) a screw which is fastened up the steels should be a machine screw. (if not, it causes metallic foreign material and deal lcm a fatal blow) (9) please do not set lcd on its edge. 9. precautions
product specification 28 / 30 LC420WU1 liquid crystal display ver. 1.0 july. 22, 2005 since a module is composed of electronic circuits, it is not strong to electrostatic discharge. make certain that treatment persons are connected to ground through wris t band etc. and don?t touch interface pin directly. 9-3. electrostatic discharge control strong light exposure causes degradation of polarizer and color filter. 9-4. precautions for strong light exposure when storing modules as spares for a long time, the following precautions are necessary. (1) store them in a dark place. do not expose the module to sunlight or fluorescent light. keep the temperature between 5 ? c and 35 ? c at normal humidity. (2) the polarizer surface should not come in contact with any other object. it is recommended that they be stored in the container in which they were shipped. 9-5. storage 9-6. handling precautions for protection film (1) the protection film is attached to the bezel with a small masking tape . when the protection film is peeled off, static el ectricity is generated betw een the film and polarizer. this should be peeled off slowly and carefully by people who are electrically grounded and with well ion- blown equipment or in such a condition, etc. (2) when the module with protection film attached is st ored for a long time, sometimes there remains a very small amount of glue still on the bezel af ter the protection film is peeled off. (3) you can remove the glue easily. when the glue remains on the bezel surface or its vestige is recognized, please wipe them off with absorbent cotton waste or other soft material like chamois soaked with normal- hexane.
appendix a : inverter input voltage protection circuit the cas is only defined as spec-i n parameters, so lpl and philips agr ee to make an appendix for inverter input voltage circuit application in terms of LC420WU1-sl01 1.input voltage protection circuit definition input voltage protection circuit perceive abnormal input voltage coming at the master & slave inverter. in case the inverter input voltage level is under 19.v or over 27.5v, this circuit operates for preventing inverter?s abnormal operation. if inverter input voltage come back normal conditi on, this protection circuit will be reset and inverter works properly. 2. input voltage protection circuit contents the original purpose of inverter input voltage protection circuit is only for preventing inverter?s damage. please don?t regard this circuit and voltage level as the parameters which should be controlled. 1) high voltage protection : over 27.5v 2) low voltage protection : under 19v 3. agreement the protection circuit can?t be eliminated without both of lpl and philips agreement <7> <7> po 0'' 3ftfu0/ 0'' 3ftfu0/ 0'' 3ftfu0/ 0'' 29 / 30 ver. 1.0 july. 21, 2005
appendix b : black level and black uniformity a : h / 4 mm b : v / 4 mm h : 697.685 mm v : 392.256 mm @ h,v : active area h a v b y ? t   it is not available to be specified bl ack level and black uniformity on the spec at this moment. so lpl will get more actual data for the future production(LC420WU1-sl01). 1. black level : surface luminance of black (l black ) is the luminance value at center 1-point. 2. black uniformity the variation of surface luminance of black , black is defined as : black = maximum(l on1 ,l on2 , l on3 , l on4 , l on5 ) / minimum(l on1 ,l on2 , l on3 , l on4 , l on5 ) 3. sampling size : regular rv event test quantity ( 5 pcs ) 4. measurement method : follow same rule as optical characteristics measurement. 5. measurement location: refer to below. 6. current status below is actual data of production on rv (4 jul 2005 ~ 5 jul 2005 ). this is only useful for reference. 1) light leakage & stitch limit sample : # 177 2) touch limit sample : #148 no. luminance black level 1 639 606 623 619 647 2 0.75 0.76 0.78 0.75 3 4 50.78 7. plan to review black level and black uniformity lpl will continue to monitor the black level and unif ormity. both lpl and philips will review black level as well as black uniformity together. this spec will be discussed sooner or later. ( end of sept.) 30 / 30 ver. 1.0 july. 21, 2005


▲Up To Search▲   

 
Price & Availability of LC420WU1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X