Part Number Hot Search : 
2SK18 78MXX AUP1T 101EC 200AAO5B 0100S CST4108 SW07S
Product Description
Full Text Search
 

To Download KTC3535T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2001. 6. 28 1/3 semiconductor technical data KTC3535T epitaxial planar npn transistor revision no : 0 relay drivers, lamp drivers, motor drivers and strobes application. features  adoption of mbit processes.  high current capacitance.  low collector-to-emitter saturation voltage.  high speed switching.  ultrasmall-sized package permitting applied sets to be made small and slim.  high allowable power dissipation.  complementary to kta1535t maximum rating (ta=25 1 ) dim millimeters a b d e tsm 2.9 0.2 1.6+0.2/-0.1 0.70 0.05 0.4 0.1 2.8+0.2/-0.3 1.9 0.2 0.95 0.16 0.05 0.00-0.10 0.25+0.25/-0.15 c f g h i j k0.60 l0.55 a f g g d k b e c l h j j i 2 1 3 + _ + _ + _ + _ + _ 1. emitter 2. base 3. collector electrical characteristics (ta=25 1 ) characteristic symbol rating unit collector-base voltage v cbo 20 v collector-emitter voltage v ceo 20 v emitter-base voltage v ebo 5 v collector current dc i c 3 a pulse i cp 5 base current i b 600 ma collector power dissipation p c * 0.9 w junction temperature t j 150 1 storage temperature range t stg -55  150 1 * package mounted on a ceramic board (600 m' 0.8 j ) type name marking lot no. h d characteristic symbol test condition min. typ. max. unit collector cut-off current i cbo v cb =12v, i e =0 - - 0.1  a emitter cut-off current i ebo v eb =4v, i c =0 - - 0.1  a collector-base breakdown voltage v (br)cbo i c =10  a, i e =0 20 - - v collector-emitter breakdown voltage v (br)ceo i c =1ma, i b =0 20 - - v emitter-base breakdown voltage v (br)ebo i e =10  a, i c =0 5 - - v collector-emitter saturation voltage v ce(sat) i c =1.5a, i b =30ma - 120 150 mv base-emitter saturation voltage v be(sat) i c =1.5a, i b =30ma - 0.85 1.2 v dc current gain h fe v ce =2v, i c =500ma 200 - 560 transition frequency f t v ce =2v, i c =500ma - 180 - mhz collector output capacitance c ob v cb =10v, f=1mhz - 30 - pf swiitching time turn-on time t on - 30 - ns storage time t stg - 210 - fall time t f - 11 - i b1 b2 i input output 50 ? 220 f pw=20 s dc 1% 470 f r v 1k ? l r be v =-5v cc v =5v 20i =-20i =i =1.5a b1 b2 c < =
2001. 6. 28 2/3 KTC3535T revision no : 0 v - i c collector current i (a) c collector current i (a) collector-emitter voltage v (v) 0 ce 0 i - v c ce 0.2 0.4 0.6 0.8 1.0 1 2 3 4 5 ce(sat) c dc current gain h fe collector current i (a) c ce(sat) collector-emitter saturation c collector current i (a) collector-emitter voltage v (v) 0 ce 0 i - v c ce 12345 1 2 3 4 5 i =0ma 2ma 2ma 5ma 5ma 10ma 10ma 15ma 15ma 20ma 20 ma 25ma 25 ma 40ma 40ma 60ma 1ma 1ma b i /i =50 cb i /i =50 cb i /i =20 cb i =0ma b voltage v (mv) h - i fe c ta=-25 c v =2v ce ta= 25 c ta= 75 c t a =75 c ta =75 c ta =25 c t a =- 25 c ta=2 5 c ta=-25 c ta=25 c ta=75 c ta=-25 c 0.1 10 0.3 0.5 1 3 5 0.01 0.03 0.1 0.3 1 3 10 0.01 0.03 1 0.1 0.3 1 3 10 3 5 10 30 50 100 300 500 1k v - i c collector current i (a) be(sat) c be(sat) base-emitter saturation voltage v (v) 0.01 0.03 0.1 0.3 1 3 10 v - i c collector current i (a) ce(sat) c ce(sat) collector-emitter saturation voltage v (mv) 0.01 0.03 1 0.1 0.3 1 3 10 3 5 10 30 50 100 300 500 1k 100 300 500 700 1k
2001. 6. 28 3/3 KTC3535T revision no : 0 collector output capacitance ob collector-base voltage v (v) cb c (pf) c - v ob cb transition frequency f (mhz) t collector current i (a) c 30 1k f - i t c 50 100 300 500 0.01 0.03 0.1 1 3 0.3 f=1mhz ta=75 c v =2v ce v =2v ce ta=-25 c ta=25 c 135 30 10 c collector current i (a) base-emitter voltage v (v) 0 be 0 0.5 i - v c be 0.2 0.4 0.6 0.8 1.0 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 10 30 50 70 100 collector current i (a) c collector-emitter voltage v (v) ce safe operating area 0.02 0.1 0.3 0.5 3 5 1 10 0.05 0.2 1 3 10 20 mounted on a ceramic board single nonrepetitive pulse ta=25 c curves must be derated linearly with increase in temperature * i max.(pulsed) c i max (contin- uous) c 10 0ms * 10m s * 1 ms* 50 0 s* d c op e rati o n (600mm ` 0.8mm) 2 c collector power dissipation p (w) ambient temperature ta ( c) 0 0 pc - ta 20 40 60 80 100 120 140 160 0.2 0.4 0.6 0.8 1.0 mounted on a ceramic board (600mm ` 0.8mm) 2


▲Up To Search▲   

 
Price & Availability of KTC3535T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X