Part Number Hot Search : 
SMBG5933 SSP2N90A SIC403A 000901 BCP52TA P6KE15 SIC403A FTD2017R
Product Description
Full Text Search
 

To Download GMM3X60-015X2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2011 ixys all rights reserved 1 - 3 20110307 GMM3X60-015X2 ixys reserves the right to change limits, test conditions and dimensions. v dss = 150 v i d25 = 57 a r dson typ. = 17 mw three phase full bridge with trench mosfets in dcb isolated high current package applications ac drives ? in automobiles - electric power steering - starter generator ? in industrial vehicles - propulsion drives - fork lift drives ? in battery supplied equipment features ? mosfets in trench technology: - low rdson - optimized intrinsic reverse diode ? package: - high level of integration - high current capability - aux. terminals for mosfet control - terminals for soldering or welding connections - isolated dcb ceramic base plate with optimized heat transfer ? space and weight savings symbol conditions characteristic values (t vj = 25 c, unless otherwise specifed) min. typ. max. r dson 1) on chip level at t vj = 25c v gs = 10 v t vj = 125c 17 36 22 mw mw v gs(th) v ds = 20 v; i d = 1 ma 2.5 4.5 v i dss v ds = v dss ; v gs = 0 v t vj = 25c t vj = 125c 0.1 1 a ma i gss v gs = 20 v; v ds = 0 v 0.2 a q g q gs q gd v gs = 10 v; v ds = 65 v; i d = 50 a tbd tbd tbd nc nc nc t d(on) t r t d(off) t f inductive load v gs = 10 v; v ds = 96 v i d = 50 a; r g = 33 ?; t j = 125c tbd tbd tbd tbd ns ns ns ns e on e off e recoff tbd tbd tbd mj mj mj r thjc r thjh with heat transfer paste (ixys test setup) 1.3 1.0 1.6 k/w k/w 1) v ds = i d (r ds(on) + 2r pin to chip ) mosfets symbol conditions maximum ratings v dss t vj = 25c to 150c 150 v v gs 20 v i d25 i d90 i d110 t c = 25c t c = 90c t c = 110c 57 45 43 a a a i f25 i f90 i f110 t c = 25c (diode) t c = 90c (diode) t c = 110c (diode) tbd tbd tbd a a a s2 l3 g2 s1 g1 s3 g3 s4 g4 s5 g5 s6 g6 l3+ l2 l1 l1+ l2+ l3- l1- l2- t e n t a t i v e
? 2011 ixys all rights reserved 2 - 3 20110307 GMM3X60-015X2 ixys reserves the right to change limits, test conditions and dimensions. component symbol conditions maximum ratings i rms per pin in main current paths (p+, n-, l1, l2, l3) may be additionally limited by external connections 2 pins for output l1, l2, l3 75 a t j t stg -55...+175 -55...+125 c c v isol i isol < 1 ma, 50/60 hz, f = 1 minute 1000 v~ f c mounting force with clip 50 - 250 n symbol conditions characteristic values min. typ. max. r pin to chip 1) tbd mw c p coupling capacity between shorted pins and back side metallization 160 pf weight 25 g 1) v ds = i d (r ds(on) + 2r pin to chip ) source-drain diode symbol conditions characteristic values (t j = 25c, unless otherwise specifed) min. typ. max. v sd (diode) i f = 50 a; v gs = 0 v 0.9 1.2 v t rr q rm i rm i f = 50 a; -di f /dt = 800 a/s; v r = 96 v tbd tbd tbd ns c a t e n t a t i v e
? 2011 ixys all rights reserved 3 - 3 20110307 GMM3X60-015X2 ixys reserves the right to change limits, test conditions and dimensions. leads ordering part name & packing unit marking part marking delivering mode base qty. ordering code smd standard gmm 3x60-015x2 - smd gmm 3x60-015x2 blister 28 510635 t e n t a t i v e


▲Up To Search▲   

 
Price & Availability of GMM3X60-015X2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X