Part Number Hot Search : 
BTA20 BUZ110SL ATP14ASM 1N5749D 13NM60 ERIES NCP12 TA8808BN
Product Description
Full Text Search
 

To Download FAN3100C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  january 2011 ? 2007 fairchild semiconductor corporation www.fairchildsemi.com fan3100 ? rev. 1.0.3 fan3100 ? single 2a high-speed, low-side gate driver fan3100 single 2a high-speed, low-side gate driver features ? 3a peak sink/source at v dd = 12v ? 4.5 to 18v operating range ? 2.5a sink / 1.8a source at v out = 6v ? dual-logic inputs allow configuration as non-inverting or inverting with enable function ? internal resistors turn driver off if no inputs ? 13ns typical rise time and 9ns typical fall-time with 1nf load ? choice of ttl or cmos input thresholds ? millerdrive? technology ? typical propagation delay time under 20ns with input falling or rising ? 6-lead 2x2mm mlp or 5-pin sot23 packages ? rated from ?40c to 125c ambient applications ? switch-mode power supplies ? high-efficiency mosfet switching ? synchronous rectifier circuits ? dc-to-dc converters ? motor control description the fan3100 2a gate driver is designed to drive an n- channel enhancement-mode mosfet in low-side switching applications by providing high peak current pulses during the short switchi ng intervals. the driver is available with either ttl (fan3100t) or cmos (FAN3100C) input thresholds. internal circuitry provides an under-voltage lockout func tion by holding the output low until the supply voltage is within the operating range. the fan3100 delivers fast mosfet switching performance, which helps maximize efficiency in high- frequency power converter designs. fan3100 drivers incorporate millerdrive? architecture for the final output stage. this bipolar-mosfet combination provides high peak current during the miller plateau stage of the mosfet turn-on / turn-off process to minimize switching loss, while providing rail-to-rail voltage swing and reverse current capability. the fan3100 also offers dual inputs that can be configured to operate in non-in verting or inverting mode and allow implementation of an enable function. if one or both inputs are left unconnected, internal resistors bias the inputs such that the output is pulled low to hold the power mosfet off. the fan3100 is available in a lead-free finish 2x2mm 6- lead molded leadless package (mlp), for smallest size with excellent thermal perfo rmance, or industry-standard 5-pin sot23. functional pin configurations figure 1. 2x2mm 6-lead mlp (top view) figure 2. sot23-5 (top view)
? 2007 fairchild semiconductor corporation www.fairchildsemi.com fan3100 ? rev. 1.0.3 2 fan3100 ? single 2a high-speed, low-side gate driver ordering information part number input threshold package packing method quantity / reel FAN3100Cmpx cmos 6-lead 2x2mm mlp tape & reel 3000 FAN3100Csx cmos 5-pin sot23 tape & reel 3000 fan3100tmpx ttl 6-lead 2x2mm mlp tape & reel 3000 fan3100tsx ttl 5-pin sot23 tape & reel 3000 package outlines figure 3. 2x2mm 6-lead mlp (top view) figure 4. sot23-5 (top view) thermal characteristics (1) package ? jl (2) ? jt (3) ? ja (4) ? jb (5) ? jt (6) units 6-lead 2x2mm molded leadless package (mlp) 2.7 133 58 2.8 42 c/w sot23-5 56 99 157 51 5 c/w notes: 1. estimates derived from thermal simulati on; actual values depend on the application. 2. theta_jl ( ? jl ): thermal resistance between the semi conductor junction and the bottom surfac e of all the leads (including any thermal pad) that are typically soldered to a pcb. 3. theta_jt ( ? jt ): thermal resistance between the se miconductor junction and the top surfac e of the package, assuming it is held at a uniform temperature by a top-side heatsink. 4. theta_ja ( ja ): thermal resistance between junction and ambient, dependent on the pcb design, heat sinking, and airflow. the value given is for natural convection with no heatsink us ing a 2sp2 board, as specifi ed in jedec standards jesd51-2, jesd51-5, and jesd51-7, as appropriate. 5. psi_jb ( ? jb ): thermal characterization parameter providing co rrelation between semiconductor junction temperature and an application circuit board reference point for the thermal environment defined in note 4. for the mlp-6 package, the board reference is defined as the pcb copper c onnected to the thermal pad and protruding from either end of the package. for the sot23-5 package, the board reference is defi ned as the pcb copper adjacent to pin 2. 6. psi_jt ( ? jt ): thermal characterization parameter providing corre lation between the semiconducto r junction temperature and the center of the top of the package for the thermal environment defined in note 4.
? 2007 fairchild semiconductor corporation www.fairchildsemi.com fan3100 ? rev. 1.0.3 3 fan3100 ? single 2a high-speed, low-side gate driver pin definitions sot23 pin # mlp pin # name pin description 1 3 vdd supply voltage . provides power to the ic. 2 agnd analog ground for input signals (mlp only). connect to pgnd underneath the ic. 2 gnd ground (sot-23 only). common ground reference for input and output circuits. 3 1 in+ non-inverting input . connect to vdd to enable output. 4 6 in - inverting input . connect to agnd or pgnd to enable output. 5 4 out gate drive output : held low unless required inputs are present and v dd is above uvlo threshold. pad p1 thermal pad (mlp only). exposed metal on the bottom of the package which is electrically connected to pin 5. 5 pgnd power ground (mlp only). for output drive circuit; separates switching noise from inputs. output logic in+ in ? out 0 (7) 0 0 0 (7) 1 (7) 0 1 0 1 1 1 (7) 0 note: 7. default input signal if no external connection is made.
? 2007 fairchild semiconductor corporation www.fairchildsemi.com fan3100 ? rev. 1.0.3 4 fan3100 ? single 2a high-speed, low-side gate driver block diagrams figure 5. simplified block diagram (sot23 pin-out) figure 6. simplified block diagram (mlp pin-out)
? 2007 fairchild semiconductor corporation www.fairchildsemi.com fan3100 ? rev. 1.0.3 5 fan3100 ? single 2a high-speed, low-side gate driver absolute maximum ratings stresses exceeding the absolute maximum ratings may damage the device. the devic e may not function or be operable above the recommended operating c onditions and stressing the parts to these levels is not recommended. in addition, extended exposure to stre sses above the recommended operating conditi ons may affect device reliability. the absolute maximum ratings are stress ratings only. symbol parameter min. max. unit v dd vdd to pgnd -0.3 20.0 v v in voltage on in+ and in- to gnd, agnd, or pgnd gnd - 0.3 v dd + 0.3 v v out voltage on out to gnd, ag nd, or pgnd gnd - 0.3 v dd + 0.3 v t l lead soldering temperature (10 seconds) +260 oc t j junction temperature -55 +150 oc t stg storage temperature -65 +150 oc esd electrostatic discharge protection level human body model, jedec jesd22-a114 4 kv charged device model, jedec jesd22-c101 750 v recommended operating conditions the recommended operating conditions table defines the conditions for actual device oper ation. recommended operating conditions are specified to ens ure optimal performance to the datasheet specificat ions. fairchild does not recommend exceeding them or designing to absolute maximum ratings. symbol parameter min. max. unit v dd supply voltage range 4.5 18.0 v v in input voltage in+, in- 0 v dd v t a operating ambient te mperature -40 +125 oc
? 2007 fairchild semiconductor corporation www.fairchildsemi.com fan3100 ? rev. 1.0.3 6 fan3100 ? single 2a high-speed, low-side gate driver electrical characteristics unless otherwise noted, v dd = 12v, t j = -40c to +125c. currents are def ined as positive into the device and negative out of the device. symbol parameter conditions min. typ. max. unit supply v dd operating range 4.5 18.0 v i dd supply current inputs/en not connected FAN3100C (8) 0.20 0.35 ma fan3100t 0.5 0.8 ma v on turn-on voltage 3.5 3.9 4.3 v v off turn-off voltage 3.3 3.7 4.1 v inputs (fan3100t) v inl_t in+, in- logic low voltage, maximum 0.8 v v inh_t in+, in- logic high voltage, minimum 2.0 v i in+ non-inverting input in from 0 to v dd -1 175 a i in- inverting input in from 0 to v dd -175 1 a v hys in+, in- logic hysteresis voltage 0.2 0.4 0.8 v inputs (FAN3100C) v inl_c in+, in- logic low voltage 30 %v dd v inh_c in+, in- logic high voltage 70 %v dd i inl in current, low in from 0 to v dd -1 175 a i inh in current, high in from 0 to v dd -175 1 a v hys_c in+, in- logic hysteresis voltage 17 %v dd output i sink out current, mid-voltage, sinking (9) out at v dd /2, c load = 0.1f, f = 1khz 2.5 a i source out current, mid-voltage, sourcing (9) out at v dd /2, c load = 0.1f, f = 1khz -1.8 a i pk_sink out current, peak, sinking (9) c load = 0.1f, f = 1khz 3 a i pk_source out current, peak, sourcing (9) c load = 0.1f, f = 1khz -3 a t rise output rise time (10) c load = 1000pf 13 20 ns t fall output fall time (10) c load = 1000pf 9 14 ns t d1 , t d2 output prop. delay, cmos inputs (10) 0 - 12v in ; 1v/ns slew rate 7 15 28 ns t d1 , t d2 output prop. delay, ttl inputs (10) 0 - 5v in ; 1v/ns slew rate 9 16 30 ns i rvs output reverse current withstand (9) 500 ma note: 8. lower supply current due to inactive ttl circuitry. 9. not tested in production. 10. see timing diagrams of figure 7 and figure 8.
? 2007 fairchild semiconductor corporation www.fairchildsemi.com fan3100 ? rev. 1.0.3 7 fan3100 ? single 2a high-speed, low-side gate driver timing diagrams 90% 10% output input t d1 t d2 t rise t fall v inl v inh figure 7. non-inverting
? 2007 fairchild semiconductor corporation www.fairchildsemi.com fan3100 ? rev. 1.0.3 8 fan3100 ? single 2a high-speed, low-side gate driver typical performance characteristics typical characteristics are provided at 25c and v dd =12v unless otherwise noted. figure 9. i dd (static) vs. supply voltage figure 10. i dd (static) vs. supply voltage figure 11. i dd (no-load) vs. frequency figure 12. i dd (no-load) vs. frequency figure 13. i dd (1nf load) vs. frequency figure 14. i dd (1nf load) vs. frequency
? 2007 fairchild semiconductor corporation www.fairchildsemi.com fan3100 ? rev. 1.0.3 9 fan3100 ? single 2a high-speed, low-side gate driver typical performance characteristics typical characteristics are provided at 25c and v dd =12v unless otherwise noted. figure 15. i dd (static) vs. temperature figure 16. i dd (static) vs. temperature figure 17. input thresholds vs. supply voltage figure 18. input thresholds vs. supply voltage figure 19. input thresholds % vs. supply voltage
? 2007 fairchild semiconductor corporation www.fairchildsemi.com fan3100 ? rev. 1.0.3 10 fan3100 ? single 2a high-speed, low-side gate driver typical performance characteristics typical characteristics are provided at 25c and v dd =12v unless otherwise noted. figure 20. cmos input thresholds vs. temperature figure 21. ttl input thresholds vs. temperature figure 22. uvlo thresholds vs. temperature figure 23. uvlo hysteresis vs. temperature figure 24. propagation delay vs. supply voltage figure 25. propagation delay vs. supply voltage
? 2007 fairchild semiconductor corporation www.fairchildsemi.com fan3100 ? rev. 1.0.3 11 fan3100 ? single 2a high-speed, low-side gate driver typical performance characteristics typical characteristics are provided at 25c and v dd =12v unless otherwise noted. figure 26. propagation delay vs. supply voltage figure 27. propagation delay vs. supply voltage figure 28. propagation delay vs. temperature figure 29. propagation delay vs. temperature figure 30. propagation delay vs. temperature figure 31. propagation delay vs. temperature
? 2007 fairchild semiconductor corporation www.fairchildsemi.com fan3100 ? rev. 1.0.3 12 fan3100 ? single 2a high-speed, low-side gate driver typical performance characteristics typical characteristics are provided at 25c and v dd =12v unless otherwise noted. figure 32. fall time vs. supply voltage figure 33. rise time vs. supply voltage figure 34. rise and fall time vs. temperature figure 35. rise / fall waveforms with 1nf load figure 36. rise / fall waveforms with 10nf load
? 2007 fairchild semiconductor corporation www.fairchildsemi.com fan3100 ? rev. 1.0.3 13 fan3100 ? single 2a high-speed, low-side gate driver typical performance characteristics typical characteristics are provided at 25c and v dd =12v unless otherwise noted. figure 37. quasi-static source current with v dd =12v figure 38. quasi-static sink current with v dd =12v figure 39. quasi-static source current with v dd =8v figure 40. quasi-static sink current with v dd =8v 470f al. el. v dd v out 1f ceramic 4.7f ceramic c load 0.1f i out in 1khz current probe lecroy ap015 figure 41. quasi-static i out / v out test circuit
? 2007 fairchild semiconductor corporation www.fairchildsemi.com fan3100 ? rev. 1.0.3 14 fan3100 ? single 2a high-speed, low-side gate driver applications information input thresholds the fan3100 offers ttl or cmos input thresholds. in the fan3100t, the input th resholds meet industry- standard ttl logic thresholds, independent of the v dd voltage, and there is a hysteresis voltage of approximately 0.4v. these leve ls permit the inputs to be driven from a range of input logic signal levels for which a voltage over 2v is consi dered logic high. the driving signal for the ttl inputs should have fast rising and falling edges with a slew rate of 6v/s or faster, so the rise time from 0 to 3.3v should be 550ns or less. with reduced slew rate, circuit noise could cause the driver input voltage to exceed t he hysteresis voltage and retrigger the driver input, causing erratic operation. in the FAN3100C, the logic input thresholds are dependent on the v dd level and, with v dd of 12v, the logic rising edge threshold is approximately 55% of v dd and the input falling edge thre shold is approximately 38% of v dd . the cmos input configuration offers a hysteresis voltage of approximately 17% of v dd . the cmos inputs can be used with relatively slow edges (approaching dc) if good decoupling and bypass techniques are incorporated in the system design to prevent noise from violating the input voltage hysteresis window. this allows setting precise timing intervals by fitting an r-c circuit between the controlling signal and the in pin of the driver. t he slow rising edge at the in pin of the driver intr oduces a delay between the controlling signal and the ou t pin of the driver. static supply current in the i dd (static) typical performance graphs (figure 9 - figure 10 and figure 15 - figure 16), the curve is produced with all inputs floating (out is low) and indicates the lowest static i dd current for the tested configuration. for other st ates, additional current flows through the 100k ? resistors on the inputs and outputs shown in the block diagrams (see figure 5 - figure 6). in these cases, t he actual static i dd current is the value obtained from the curves plus this additional current. millerdrive? gate drive technology fan3100 drivers incorporate the millerdrive? architecture shown in figur e 42 for the output stage, a combination of bipolar and mos devices capable of providing large currents ov er a wide range of supply voltage and temperature variat ions. the bipolar devices carry the bulk of the current as out swings between 1/3 to 2/3 v dd and the mos devices pu ll the output to the high or low rail. the purpose of the millerdrive ? architecture is to speed up switching by providing t he highest current during the miller plateau region when the gate-drain capacitance of the mosfet is being charged or discharged as part of the turn-on / turn-off process. for applications that have ze ro voltage switching during the mosfet turn-on or turn-off interval, the driver supplies high peak current for fast switching even though the miller plateau is not present. this situation often occurs in synchronous rectifier applications because the body diode is generally conducting before the mosfet is switched on. the output pin slew rate is determined by v dd voltage and the load on the output. it is not user adjustable, but if a slower rise or fall ti me at the mosfet gate is needed, a series resistor can be added. figure 42. millerdrive? output architecture under-voltage lockout the fan3100 start-up logic is optimized to drive ground referenced n-channel mosfets with a under-voltage lockout (uvlo) function to ens ure that the ic starts up in an orderly fashion. when v dd is rising, yet below the 3.9v operational level, this circuit holds the output low, regardless of the status of the input pins. after the part is active, the supply voltage must drop 0.2v before the part shuts down. this hyster esis helps prevent chatter when low v dd supply voltages have noise from the power switching. this confi guration is not suitable for driving high-side p-channel mosfets because the low output voltage of t he driver would turn the p-channel mosfet on with v dd below 3.9v. vdd bypass capacitor guidelines to enable this ic to turn a power device on quickly, a local, high-frequency, bypass capacitor c byp with low esr and esl should be connected between the vdd and gnd pins with minimal tr ace length. this capacitor is in addition to bulk electrolytic capacitance of 10f to 47f often found on driver and controller bias circuits. a typical criterion for choosing the value of c byp is to keep the ripple voltage on the v dd supply 5%. often this is achieved with a value 20 times the equivalent load capacitance c eqv , defined here as q gate /v dd . ceramic capacitors of 0.1f to 1f or larger are common choices, as are dielectrics, such as x5r and x7r, which have good temper ature characteristics and high pulse current capability. if circuit noise affects normal operation, the value of c byp may be increased to 50-100 times the c eqv , or c byp may be split into two c apacitors. one should be a larger value, based on equiva lent load capacitance, and the other a smaller value, such as 1-10nf, mounted
? 2007 fairchild semiconductor corporation www.fairchildsemi.com fan3100 ? rev. 1.0.3 15 fan3100 ? single 2a high-speed, low-side gate driver closest to the vdd and gnd pins to carry the higher- frequency components of t he current pulses. layout and connection guidelines the fan3100 incorporates fast reacting input circuits, short propagation delays, and powerful output stages capable of delivering current peaks over 2a to facilitate voltage transition times from under 10ns to over 100ns. the following layout and connection guidelines are strongly recommended: ? keep high-current output and power ground paths separate from logic input signals and signal ground paths. this is especially critical when dealing with ttl-level logic thresholds. ? keep the driver as close to the load as possible to minimize the length of high-current traces. this reduces the series induc tance to improve high- speed switching, while r educing the loop area that can radiate emi to the driver inputs and other surrounding circuitry. ? the fan3100 is available in two packages with slightly different pinouts, offering similar performance. in the 6-pin mlp package, pin 2 is internally connected to the input analog ground and should be connected to power ground, pin 5, through a short direct pat h underneath the ic. in the 5-pin sot23, the internal analog and power ground connections are made thr ough separate, individual bond wires to pin 2, which should be used as the common ground point for power and control signals. ? many high-speed power circuits can be susceptible to noise injected from t heir own output or other external sources, possibly causing output re- triggering. these effects can be especially obvious if the circuit is tested in breadboard or non-optimal circuit layouts with long input, enable, or output leads. for best results, make connections to all pins as short and direct as possible. ? the turn-on and turn-off current paths should be minimized as discussed in the following sections. figure 43 shows the pulsed gate drive current path when the gate driver is suppl ying gate charge to turn the mosfet on. the current is supplied from the local bypass capacitor, c byp , and flows through the driver to the mosfet gate and to gr ound. to reach the high peak currents possible, the resistance and inductance in the path should be minimized. the localized c byp acts to contain the high peak current pulses within this driver- mosfet circuit, preventing them from disturbing the sensitive analog circuitry in the pwm controller. figure 43. current path for mosfet turn-on
? 2007 fairchild semiconductor corporation www.fairchildsemi.com fan3100 ? rev. 1.0.3 16 fan3100 ? single 2a high-speed, low-side gate driver figure 44 shows the current path when the gate driver turns the mosfet off. idea lly, the driver shunts the current directly to the source of the mosfet in a small circuit loop. for fast turn -off times, the resistance and inductance in this path should be minimized. figure 44. current path for mosfet turn-off truth table of logic operation the fan3100 truth table indica tes the operational states using the dual-input configur ation. in a non-inverting driver configurati on, the in- pin should be a logic low signal. if the in- pin is connected to logic high, a disable function is realized, and the driver output remains low regardless of the stat e of the in+ pin. in+ in- out 0 0 0 0 1 0 1 0 1 1 1 0 in the non-inverting driver c onfiguration in figure 45, the in- pin is tied to ground and the input signal (pwm) is applied to in+ pin. the in- pin can be connected to logic high to disable the driver and the output remains low, regardless of the stat e of the in+ pin. figure 45. dual-input driver enabled, non-inverting configuration in the inverting driver applic ation shown in figure 46, the in+ pin is tied high. pulling the in+ pin to gnd forces the output low, regardless of t he state of the in- pin. figure 46. dual-input driver enabled, inverting configuration
? 2007 fairchild semiconductor corporation www.fairchildsemi.com fan3100 ? rev. 1.0.3 17 fan3100 ? single 2a high-speed, low-side gate driver operational waveforms at power up, the driver out put remains low until the v dd voltage reaches the turn-on th reshold. the magnitude of the out pulses rises with v dd until steady-state v dd is reached. the non-inverting operation illustrated in figure 47 shows that the out put remains low until the uvlo threshold is reached, then the output is in-phase with the input. figure 47. non-inverting start-up waveforms for the inverting configurat ion of figure 46, start-up waveforms are shown in figure 48. with in+ tied to vdd and the input signal applied to in?, the out pulses are inverted with respect to the input. at power up, the inverted output remains low until the v dd voltage reaches the turn-on threshold, then it follows the input with inverted phase. figure 48. inverting start-up waveforms thermal guidelines gate drivers used to switch mosfets and igbts at high frequencies can dissipate significant amounts of power. it is important to determine the driver power dissipation and the resulting j unction temperature in the application to ensure that t he part is operating within acceptable temperature limits. the total power dissipation in a gate driver is the sum of two components; p gate and p dynamic : p total = p gate + p dynamic (1) gate driving loss: the most significant power loss results from supplying gat e current (charge per unit time) to switch the load mosfet on and off at the switching frequency. the power dissipation that results from driving a mo sfet at a specified gate- source voltage, v gs , with gate charge, q g , at switching frequency, f sw , is determined by: p gate = q g ? v gs ? f sw (2) dynamic pre-drive / shoot-through current: a power loss resulting from internal current consumption under dynamic operating conditions, including pin pull-up / pull-down resistor s, can be obtained using the i dd (no-load) vs. frequency graphs in typical performance characteristics to determine the current i dynamic drawn from v dd under actual operating conditions: p dynamic = i dynamic ? v dd (3) once the power dissipated in the driver is determined, the driver junction rise with respect to circuit board can be evaluated using the fo llowing thermal equation, assuming ? jb was determined for a similar thermal design (heat sinking and air flow): t j = p total ? ? jb + t b (4) where: t j = driver junction temperature ? jb = (psi) thermal characterization parameter relating temperature rise to total power dissipation t b = board temperature in location defined in the thermal characteristics table. in a typical forward converter application with 48v input, as shown in figure 49, the fds2672 would be a potential mosfet selection. the typical gate charge would be 32nc with v gs = v dd = 10v. using a ttl input driver at a switching fr equency of 500khz, the total power dissipation can be calculated as: p gate = 32nc ? 10v ? 500khz = 0.160w (5) p dynamic = 8ma ? 10v = 0.080w (6) p total = 0.24w (7) the 5-pin sot23 has a junction-to-lead thermal characterization parameter ? jb = 51c/w. in a system application, the localized temperature around the device is a func tion of the layout and construction of the pcb al ong with airflow across the surfaces. to ensure reliabl e operation, the maximum junction temperature of t he device must be prevented from exceeding the maximum rating of 150c; with 80% derating, t j would be limited to 120c. rearranging equation 4 determines the board temperature required to maintain the junction temperature below 120c: t b,max = t j - p total ? ? jb (8) t b,max = 120c ? 0.24w ? 51c/w = 108c (9) for comparison purposes, r eplace the 5-pin sot23 used in the previous exam ple with the 6-pin mlp package with ? jb = 2.8c/w. the 6-pin mlp package can operate at a pcb tem perature of 119c, while maintaining the junction tem perature below 120c. this illustrates that the physically smaller mlp package with thermal pad offers a more conductive path to remove the heat from the driver. c onsider the tradeoffs between reducing overall circuit size with junction temperature reduction for increased reliability.
? 2007 fairchild semiconductor corporation www.fairchildsemi.com fan3100 ? rev. 1.0.3 18 fan3100 ? single 2a high-speed, low-side gate driver typical application diagrams figure 49. forward converter, primary-side gate drive (mlp package shown) figure 50. driver for two-transistor forward converter gate transformer figure 51. secondary synchronous rectifier driver figure 52. programmable time delay using cmos input
? 2007 fairchild semiconductor corporation www.fairchildsemi.com fan3100 ? rev. 1.0.3 19 fan3100 ? single 2a high-speed, low-side mosfet driver table 1. related products part number type gate drive (11) (sink/src) input threshold logic package FAN3100C single 2a +2.5a / -1.8a cmos single channel of two-input/one-output sot23-5, mlp6 fan3100t single 2a +2.5a / -1.8a ttl single channel of two-input/one-output sot23-5, mlp6 fan3226c dual 2a +2.4a / -1.6a cmos dual inverting channels + dual enable soic8, mlp8 fan3226t dual 2a +2.4a / -1.6a ttl dual in verting channels + dual enable soic8, mlp8 fan3227c dual 2a +2.4a / -1.6a cmos dual n on-inverting channels + dual enable soic8, mlp8 fan3227t dual 2a +2.4a / -1.6a ttl dual non- inverting channels + dual enable soic8, mlp8 fan3228c dual 2a +2.4a / -1.6a cmos dual channels of two-input/one-output, pin config.1 soic8, mlp8 fan3228t dual 2a +2.4a / -1.6a ttl dual channels of two-input/one-output, pin config.1 soic8, mlp8 fan3229c dual 2a +2.4a / -1.6a cmos dual channels of two-input/one-output, pin config.2 soic8, mlp8 fan3229t dual 2a +2.4a / -1.6a ttl dual channels of two-input/one-output, pin config.2 soic8, mlp8 fan3223c dual 4a +4.3a / -2.8a cmos dual inverting channels + dual enable soic8, mlp8 fan3223t dual 4a +4.3a / -2.8a ttl dual in verting channels + dual enable soic8, mlp8 fan3224c dual 4a +4.3a / -2.8a cmos dual n on-inverting channels + dual enable soic8, mlp8 fan3224t dual 4a +4.3a / -2.8a ttl dual non- inverting channels + dual enable soic8, mlp8 fan3225c dual 4a +4.3a / -2.8a cmos dual channels of two-input/one-output soic8, mlp8 fan3225t dual 4a +4.3a / -2.8a ttl dual channels of two-input/one-output soic8, mlp8 note: 11. typical currents with out at 6v and v dd = 12v.
? 2007 fairchild semiconductor corporation www.fairchildsemi.com fan3100 ? rev. 1.0.3 20 fan3100 ? single 2a high-speed, low-side mosfet driver physical dimensions figure 53. 2x2mm, 6-lead molded leadless package (mlp) package drawings are provided as a servic e to customers considering fairchild co mponents. drawings may change in any manner without notice. please note the revision and/or date on the drawi ng and contact a fairchild semiconductor representative to ver ify or obtain the most recent revision. package specifications do not expand the terms of fairchild?s worldwide terms and conditions, specifically the warranty therein, which covers fairchild products. always visit fairchild semiconductor?s online pack aging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/
? 2007 fairchild semiconductor corporation www.fairchildsemi.com fan3100 ? rev. 1.0.3 21 fan3100 ? single 2a high-speed, low-side mosfet driver physical dimensions (continued) 5 1 4 3 2 land pattern recommendation b a l c 0.10 c 0.20 cab 0.60 ref 0.55 0.35 seating plane 0.25 gage plane 8 0 notes: unless othewise specified a) this package conforms to jedec mo-178, issue b, variation aa, b) all dimensions are in millimeters. 1.45 max 1.30 0.90 0.15 0.05 1.90 0.95 0.50 0.30 3.00 2.60 1.70 1.50 3.00 2.80 symm c 0.95 0.95 2.60 0.70 1.00 see detail a 0.22 0.08 c) ma05brev5 top view (0.30) figure 54. 5-lead sot-23 package drawings are provided as a servic e to customers considering fairchild co mponents. drawings may change in any manner without notice. please note the revision and/or date on the drawi ng and contact a fairchild semiconductor representative to ver ify or obtain the most recent revision. package specifications do not expand the terms of fairchild?s worldwide terms and conditions, specifically the warranty therein, which covers fairchild products. always visit fairchild semiconductor?s online pack aging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/
? 2007 fairchild semiconductor corporation www.fairchildsemi.com fan3100 ? rev. 1.0.3 22 fan3100 ? single 2a high-speed, low-side mosfet driver


▲Up To Search▲   

 
Price & Availability of FAN3100C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X