Part Number Hot Search : 
3DG64 TLMO3101 6D100030 A1215 6CHS1 B39202 T15CA IXTA1
Product Description
Full Text Search
 

To Download DTA124ECA08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bl galaxy electrical production specification digital transistor dta(r 1 =r 2 series)ca document number: bl/ssdtc128 www.galaxycn.com rev.a 1 features z epitaxial planar die construction. z complementary npn types available(dtc) z built-in biasing resistors,r 1 =r 2 z also available in lead free version. applications z the pnp style digital transistor. sot-23 ordering information type no. marking package code dta114eca 14 sot-23 dta143eca 13 sot-23 dta124eca 15 sot-23 dta144eca 16 sot-23 maximum rating @ ta=25 unless otherwise specified symbol parameter value units v cc supply voltage -50 v v in input voltage dta114eca dta124eca dta143eca dta144eca +10 to-40 +10 to -40 +10 to -30 +10 to -40 v i o output current dta114eca dta124eca dta143eca dta144eca -50 -30 -100 -30 ma i c (max.) output current all -100 ma p d power dissipation 200 mw r ja thermal resistance, junction to ambient air 625 /w t j ,t stg operating and storage and temperature range -55 to +150 pb lead-free
bl galaxy electrical production specification digital transistor dta(r 1 =r 2 series)ca document number: bl/ssdtc128 www.galaxycn.com rev.a 2 electrical characteristics @ ta=25 unless otherwise specified parameter symbol test conditions min typ max unit input voltage v i(off) v cc =-5v,i o =-100 a -0.5 -1.1 - input voltage dta143eca dta114eca dta144eca dta124eca v i(on) v o =-0.3v,i o =-20ma v o =-0.3v,i o =-10ma v o =-0.3v,i o =-2ma v o =-0.3v,i o =-5ma - -1.9 -3 v output voltage dta143eca dta114eca dta144eca dta124eca v o(on) i o /i i =-10ma/-0.5ma, - -0.1 -0.3 v input current dta143eca dta114eca dta144eca dta124eca i i v i =-5v - - -1.8 -0.88 -0.18 -0.36 ma output current i o(off) v cc =-50v,v i =0v - - -0.5 a dc current gain dta143eca dta114eca dta144eca dta124eca g i v o =-5v,i o =-10ma v o =-5v,i o =-5ma v o =-5v,i o =-5ma v o =-5v,i o =-5ma 20 20 68 56 - - input resistor dta143eca dta114eca dta144eca dta124eca r 1 (r 2 ) 4.7 10 47 22 k ? input resistor (r 1 ) tolerance r 1 - -30 +30 % resistance ratio r 2 /r 1 - 0.8 1 1.2 gain-bandwidth product f t v ce =-10v,i e =5ma, f=100mhz - 250 - mhz typical characteristics @ ta=25 unless otherwise specified
bl galaxy electrical production specification digital transistor dta(r 1 =r 2 series)ca document number: bl/ssdtc128 www.galaxycn.com rev.a 3
bl galaxy electrical production specification digital transistor dta(r 1 =r 2 series)ca document number: bl/ssdtc128 www.galaxycn.com rev.a 4 package outline plastic surface mounted package sot-23 soldering footprint unit : mm package information sot-23 dim min max a 2.85 2.95 b 1.25 1.35 c 1.0typical d 0.37 0.43 e 0.35 0.48 g 1.85 1.95 h 0.02 0.1 j 0.1typical k 2.35 2.45 all dimensions in mm device package shipping dta114eca/124eca/143eca/144eca sot-23 3000/tape&reel


▲Up To Search▲   

 
Price & Availability of DTA124ECA08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X