Part Number Hot Search : 
41821 180N0 2MBI400 BUK95 AVC16 R2505 MAX695 UN2122
Product Description
Full Text Search
 

To Download DDTA115TUA-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30327 rev. 5 - 2 1 of 4 ddta (r1- only seri es) ua www.diodes.co m ? diodes incorporated ddta (r1-only ser ies) ua pnp pre-biased sm all sig nal sot- 323 surface mo unt transisto r epitaxial planar die construction complementary npn types av ailable ( ddtc ) built-in biasing resistor, r1 only lead free /rohs co mpliant (note 2 ) "green" device, not e 3 and 4 features maximum ratings @ t a = 25 c unless otherwise s pecified mechanical data case: sot-323 case material: molded plastic, "green" molding compound, note 4. ul flamm ability classification rating 94v-0 moisture sensitivity: level 1 per j-std-020c terminal connections: see diagram terminals: solderable per mil-std-202, method 208 lead free plating (matte tin finish annealed over alloy 42 leadframe). marking: date code and type code, see page 2 type code: see table below ordering information (see page 2) weight: 0.006 grams (approximate) t c u d o r p w e n b r 1 s c h e m a t i c d i a g r a m e c p/n r1 (nom) type code ddta113tua ddta123tua ddta143tua ddta114tua ddta124tua ddta144tua ddta115tua ddta125tua 1k w 2.2k w 4.7k w 10k w 22k w 47k w 100k w 200k w p01 p03 p07 p12 p16 p19 p23 p25 characteristic symbol value unit collector-base voltage v cbo -50 v collector-emitter voltage v ceo -50 v emitter-base voltage v ebo -5 v collector current i c (max) -100 ma power dissipation p d 200 mw thermal resistance, j unction to ambient air (note 1) r q ja 625 c/w operating and storage and temperature range t j , t stg -55 to +150 c sot-323 dim min max a 0.25 0.40 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal e 0.30 0.40 g 1.20 1.40 h 1.80 2.20 j 0.0 0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.18 a 0 8 all dimensions in m m note: 1. mounted on fr4 pc board with recommended pad layout at http :// www .diodes.com/ datasheets /ap02001. pdf . 2. no purposefully added lead. 3. diodes inc.'s "green" policy can be found on our website at http: //www.diodes.com/products/lead_free/index.php. 4. product manufactured with date code 0609 (week 9, 2006) and newer are built with green molding compound. product manufactured prior t o date code 0609 are built with non-green molding compound and may contain halogens or sb2o3 fire retardants. a m j l f d b c h k g b e c l e a d - f r e e g r e e n
ds30327 rev. 5 - 2 2 of 4 ddta ( r1-o nly series) ua www.diodes.co m characteristic symbol min typ max unit test condition collector-base breakdown voltage bv cbo - 50 ? ? v i c = -50 m a collector-emitter breakdown voltage bv ceo -50 ? ? v i c = -1ma emitter-base breakdown voltage bv ebo - 5 ? ? v i e = -50 m a collector cutoff current i cbo ? ? -0.5 m a v cb = -50v emitter cutoff current i ebo ? ? -0.5 m a v eb = -4v collector-emitter saturation voltage v ce(sat) ? ? -0.3 v i c/ i b = -10ma/-1ma ddta113tua i c/ i b = -5ma/-0.5ma ddta123tua i c/ i b = -2.5ma/-.25ma ddta143tua i c/ i b = -1ma/-.1ma ddta114tua i c/ i b = -5ma-/0.5ma ddta124tua i c/ i b = -2.5ma/-.25ma ddta144tua i c/ i b = -1ma/-0.1ma ddta115tua i c/ i b = -.5ma/-.05ma ddta125tua dc current trans fer ratio h fe 100 250 600 ? i c = -1ma, v ce = -5v input resistor (r 1 ) tolerance d r 1 -30 ? +30 % ? gain-bandwidth product* f t ? 250 ? mhz v ce = -10v, i e = 5m a, f = 100mhz electri cal character isti cs @ t a = 25 c unless otherwise s pecified t c u d o r p w e n * transistor - for referenc e only xxx = product type marking code, see table on page 1 ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september x x x y m marking i nformat ion notes: 4. product manufactured with dat e code 0609 (week 9, 2006) and newer are built with green molding compound. product manufactured prior to date code 0609 are built with non-green molding compound and may contain halogens or sb2o3 fire retardants. 5. for packaging details, go to our website at http: //www.diodes.com/datasheets/ap02007.pdf . orderi ng inform ation device packaging shipping ddta113tua-7-f sot-323 3000/tape & reel ddta123tua-7-f sot-323 3000/tape & reel ddta143tua-7-f sot-323 3000/tape & reel ddta114tua-7-f sot-323 3000/tape & reel ddta124tua-7-f sot-323 3000/tape & reel ddta144tua-7-f sot-323 3000/tape & reel DDTA115TUA-7-F sot-323 3000/tape & reel ddta125tua-7-f sot-323 3000/tape & reel (note 4 & 5) month jan feb march apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d year 2002 2003 2004 2005 2006 2007 2008 2009 code n p r s t u v w date code key
ds30327 rev. 5 - 2 3 of 4 ddta ( r1-o nly series) ua www.diodes.co m t c u d o r p w e n 1 1 10 0 10 20 30 40 50 i , co llec t or c urr ent (ma ) c fig. 6 in put v olt age vs. c ollec tor c urren t v = 0.2 o v , i n p u t v o l t a g e ( v ) i n -25c 25c 75 c 0 .0 1 0 .1 1 1 0 1 0 0 0 1 2 3 4 8 9 1 0 i , c o l l e c t o r c u r r e n t ( m a ) c v , in p u t v o l t a g e ( v ) in f ig . 5 c o lle ct o r c u rr e n t v s. i n p u t v o ltag e -2 5 c 5 6 7 75 c 25 c 0 .0 0 1 0 6 1 2 0 2 0 3 0 c , c a p a c i t a n c e ( p f ) o b v , r e v e r s e b i a s v o lt a g e ( v ) r f i g . 4 o u t p u t c a p a c i t a n c e 1 0 5 1 5 2 5 1 0 8 4 2 i = 0 v e 10 1000 100 1 1 10 100 h , d c c u r r e n t g a i n ( n o r m a l i z e d ) f e i , collec t or cur rent (ma) c fig. 3 dc current g ain v = 10 ce 75 c -25 c 25 c 0. 00 1 0. 01 0. 1 1 0 10 20 30 40 50 v , m a x i m u m c o l l e c t o r v o l t a g e ( v ) c e ( s a t ) i , c o ll e c t o r c u r r e n t ( m a ) c f ig . 2 v vs . i ce (s a t) c i / i = 1 0 c b -2 5 c 25 c 75 c -5 0 0 5 0 1 0 0 1 5 0 2 5 0 2 0 0 1 5 0 5 0 1 0 0 0 t , a m b ie n t t e m p e r a t u r e ( c ) a f ig . 1 d e ra ti n g c u rv e p , p o w e r d i s s i p a t i o n ( m i l l i w a t t s ) d typical curves - ddta114tua
ds30327 rev. 5 - 2 4 of 4 ddta ( r1-o nly series) ua www.diodes.co m i m p o r t a n t n o t i c e d i o d e s , i n c . a n d i t s s u b s i d i a r i e s r e s e r v e t h e r i g h t t o m a k e c h a n g e s w i t h o u t f u r t h e r n o t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o r r e c t i o n s , m o d i f i c a t i o n s , e n h a n c e - m e n t s , i m p r o v e m e n t s , o r o t h e r c h a n g e s . d i o d e s , i n c . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g o u t o f t h e a p p l i c a t i o n o r u s e o f a n y p r o d u c t d e s c r i b e d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y l i c e n s e u n d e r i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f p r o d u c t s i n s u c h a p p l i c a t i o n s s h a l l a s s u m e a l l r i s k s o f s u c h u s e a n d w i l l a g r e e t o h o l d d i o d e s i n c o r p o r a t e d a n d a l l t h e c o m p a n i e s w h o s e p r o d u c t s a r e r e p r e s e n t e d o n o u r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s . l i f e s u p p o r t t h e p r o d u c t s l o c a t e d o n o u r w e b s i t e a t w w w . d i o d e s . c o m a r e n o t r e c o m m e n d e d f o r u s e i n l i f e s u p p o r t s y s t e m s w h e r e a f a i l u r e o r m a l f u n c t i o n o f t h e c o m p o n e n t m a y d i r e c t l y t h r e a t e n l i f e o r c a u s e i n j u r y w i t h o u t t h e e x p r e s s w r i t t e n a p p r o v a l o f d i o d e s i n c o r p o r a t e d . t c u d o r p w e n


▲Up To Search▲   

 
Price & Availability of DDTA115TUA-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X