|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1. configuration & dimensions : 3. electrical characteristics ( @ 25c ) : superworld electronics (s) pte ltd 2. schematic : DCS3-20 (f) series power transformer pg. 1 note : specifications subject to change without notice. please check our website for latest information. 25.02.2008 7 5 8 1 4 indicates polarity 41.28 (1.625) 3 size w 27.00 (1.063) 52.40 (2.063) 2.4 va l h 30.18 (1.188) 44.45 (1.75) 14.30 (0.563) a b ml 113.40 gram unit : mm (inch) 3.96 (0.156) 2.39 (0.094) 6.35 (0.250) 4.76 (0.187) l ml a h w 9.53 (0.375) b solder lug terminal 4.76(0.187)qu ick connect holes 4.76(0.187)dia. mfg. 3 2 a. primary voltage ac 115/230 v 50/60 hz . b. no load primary current less than 10ma / 15ma . c. secondary voltage (5%) ac 24.50 v / 24.50 v . d. secondary load current 0.12a . e. full load primary current less than 40ma / 25ma . f. full load secondary voltage (5%) 20.00v / 20.00v . pin 3-4 pin 1-2 g. dc resistance pin 5-8 c.t. pin 7 primary-1 = 575 ohm . pin 5-7 pin 7-8 h. insulation resistance i. withstand voltage (hi-pot) secondary-1 = 10.35 ohm . dc 500v 100meg ohm of more . ac 2500v 60hz 1 minutes . less than 60 deg c . ei-35 x 13.00 m/m . j. temperature rise k. core size 2669 l. turns & wire gauge primary-1 2669 288 x 2 primary-2 secondary pin 5-7-8 pin 3-4 pin 1-2 turns diameter 0.08 m/m . 0.08 m/m . turns diameter 0.20 m/m . turns diameter pin 5-8 c.t. pin 7 primary-2 = 750 ohm . secondary-2 = 10.35 ohm .
|
Price & Availability of DCS3-20 |