Part Number Hot Search : 
MOC8103 06836 LS3250 ACTR433T 04166 T3963240 DTA144E FDD8426H
Product Description
Full Text Search
 

To Download B37873K5473M60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  siemens matsushita components 49 features l extremely high volumetric efficiency l non-linear capacitance change l y5u characteristic is also fulfilled applications l blocking l coupling l decoupling l interference suppression terminations l for soldering: sizes 0402 through 1210: silver/nickel/tin sizes 1812, 2220: silver palladium l for conductive adhesion: all sizes: silver palladium packing l blister and cardboard tape, for details refer to chapter taping and packing, page 111 . l bulk case for sizes 0603, 0805 and 1206, for details see page 114 . maximum ratings climatic category in accordance with iec 68-1: 30/85/56 dimensions (mm) *) for bulk cases: 1,6 0,1 tolerances in acc. with cecc 32101-801 available capacitance tolerances standard tolerance in bold print rated voltage values v r = 16 v, 25 v, 50 v size inch /mm lbsk 0402 /1005 1,0 0,10 0,50 0,05 0,5 0,05 0,2 0603 /1608 1,6 0,15*) 0,80 0,10 0,8 0,10 0,3 0805 /2012 2,0 0,20 1,25 0,15 1,3 max. 0,5 1206 /3216 3,2 0,20 1,60 0,15 1,3 max. 0,5 1210 /3225 3,2 0,30 2,50 0,30 1,3 max. 0,5 1812 /4532 4,5 0,30 3,20 0,30 1,3 max. 0,5 2220 /5750 5,7 0,40 5,00 0,40 1,3 max 0,5 tolerance symbol d c r / c r = 20 % m kke0272-v s b k k l multilayer chip capacitors z5u (y5u) / f characteristic
50 siemens matsushita components product range 1) i b (inch) / l b (mm) z5u (y5u) / f characteristic size 1) inch mm 0402 1005 0603 1608 0805 2012 1206 3216 1210 3225 1812 4532 2220 5750 type b37922 b37932 b37942 b37873 b37951 b37954 b37957 v r (vdc) 16 25 25 50 25 50 25 50 50 50 50 1,0 nf 2,2 nf 4,7 nf 10 nf 15 nf 22 nf 33 nf 47 nf 68 nf 100 nf 150 nf 220 nf 330 nf 470 nf 680 nf 1,0 m f 1,5 m f 2,2 m f 3,3 m f 4,7 m f chip thickness ( s ): 0,5 0,1 mm 0,6 0,1 mm 0,8 0,1 mm 1,2 0,1 mm
siemens matsushita components 51 chip thickness: s : 0,5 0,1 mm q : 0,6 0,1 mm m : 0,8 0,1 mm u : 1,2 0,1 mm ordering codes for z5u (y5u) / f characteristic, 16/25 vdc, agnisn terminations size 0402/1005 0402/1005 0603/1608 0805/2012 1206/3216 v r 16 v 25 v 25 v 25 v 25 v c r ordering code 1) b37922- b37922- b37932- b37942- b37873- 1,0 nf 2,2 nf 3,3 nf 4,7 nf 6,8 nf 10 ,0 nf 15 ,0 nf 22 ,0 nf 33 ,0 nf 47 ,0 nf 68 ,0 nf 100 ,0 nf 150 ,0 nf 220 ,0 nf 330 ,0 nf 470 ,0 nf 680 ,0 nf 1,0 m f -k9223-m60 -k9473-m60 -k9104-m60 s s s -k0102-m60 -k0222-m60 -k0332-m60 -k0472-m60 -k0682-m60 -k0103-m60 s s s s s s -k0223-m60 -k0333-m60 -k0473-m60 -k0683-m60 -k0104-m60 m m m m m -k0473-m60 -k0683-m60 -k0104-m60 -k0154-m60 -k0224-m62 -k0334-m62 q q q m u u -k0154-m60 -k0224-m60 -k0334-m60 -k0474-m62 -k0684-m62 -k0105-m62 m m m u u u 1) the tables contain the ordering codes for the standard capacitance tolerance: m = 20%. example: b37922-k9223- m 60
52 siemens matsushita components chip thickness: q : 0,6 0,1 mm m : 0,8 0,1 mm u : 1,2 0,1 mm ordering codes for z5u (y5u) / f characteristic, 50 vdc, agnisn terminations size 0603/1608 0805/2012 1206/3216 1210/3225 c r ordering code 1) b37932- b37942- b37873- b37951- 10 nf 15 nf 22 nf 33 nf 47 nf 68 nf 100 nf 150 nf 220 nf 330 nf 470 nf 680 nf 1 m f -k5103-m60 -k5153-m60 -k5223-m60 -k5333-m60 -k5473-m60 m m m m m -k5103-m60 -k5153-m60 -k5223-m60 -k5333-m60 -k5473-m60 -k5683-m60 -k5104-m60 -k5154-m62 q q q q q q m u -k5473-m60 -k5683-m60 -k5104-m60 -k5154-m60 -k5224-m60 -k5334-m62 -k5474-m62 m m m m m u u -k5224-m62 -k5334-m62 -k5474-m62 -k5684-m62 -k5105-m62 m m m u u ordering codes for z5u (y5u) / f characteristic, 50 vdc, agpd terminations size 1812/4532 2220/5750 c r ordering code 1) b37954- b37957- 470 ,0 nf 680 ,0 nf 1 ,0 m f 1,5 m f 2,2 m f 3,3 m f 4,7 m f -j5474-m62 -j5684-m62 -j5105-m62 -j5155-m62 u u u u -j5105-m62 -j5155-m62 -j5225-m62 -j5335-m62 -j5475-m62 u u u u u 1) the tables contain the ordering codes for the standard capacitance tolerance: m = 20%. example: b37932-k5103- m 60
siemens matsushita components 53 chip thickness: q : 0,6 0,1 mm m : 0,8 0,1 mm ordering codes for chip capacitors, z5u (y5u) / f characteristic, 25 v/50 vdc, agnisn terminations, bulk case packing size 0603 0603 0805 1206 v r 25 v 50 v 50 v 50 v c r ordering code 1) b37932- b37932- b37942- b37873- 10 nf 15 nf 22 nf 33 nf 47 nf 68 nf 100 nf 150 nf -k0223-m01 -k0333-m01 -k0473-m01 -k0683-m01 -k0104-m01 m m m m m -k5103-m01 -k5153-m01 -k5223-m01 -k5333-m01 -k5473-m01 m m m m m -k5103-m01 -k5153-m01 -k5223-m01 -k5333-m01 -k5473-m01 -k5683-m01 q q q q q q -k5473-m01 -k5683-m01 -k5104-m01 -k5154-m01 q q q q 1) the tables contain the ordering codes for the standard capacitance tolerance: m = 20%. example: b37932-k0223- m 01
54 siemens matsushita components characteristics capacitance change d c / c 25 versus capacitance change d c / c 0 versus temperature t superimposed dc voltage v impedance | z | versus dissipation factor tan d versus frequency f temperature t
siemens matsushita components 55 insulation resistance r ins versus capacitance change d c / c 1 versus temperature t time t r ins
scs ?dependable, fast and competent european technology center for ceramic components siemens matsushita components components + s m there when you need us this is an organization thats proven its worth. because it stands for more customer proximity and thus better service. here you get infor- mation straight from the source, implementation of the latest tech- nologies and products that match the market. concentration of resources means that design engineers and production engineers are working side by side. and scs warehousing directly at the plant ensures fastest possible delivery.


▲Up To Search▲   

 
Price & Availability of B37873K5473M60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X