Part Number Hot Search : 
16E7H 6TRPB HC08A 16E7H B431L Z5237 WP710 40102
Product Description
Full Text Search
 

To Download ADCMP670-1AUJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dual comparators with 400mv reference preliminary technical data adcmp670 rev. prb information furnished by analog devices is believed to be accurate and reliable. however, no responsibility is assumed by analog devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. specifications subject to change without notice. no license is granted by implication or otherwise under any patent or patent rights of analog devices. trademarks and registered trademarks are the property of their respective owners. one technology way, p.o. box 9106, norwood, ma 02062-9106, u.s.a. tel: 781.329.4700 www.analog.com fax: 781.461.3113 ?2006 analog devices, inc. all rights reserved. features low quiescent current: 6.5 a typ supply range: 1.7v to 5.5v 400mv reference 0.8% accuracy over temperature input range includes ground internal hysteresis: 6.5mv typ low input bias current: 10na max 40ma typical output sink current supports wired-and connections input polarities: one inverting and one noninverting low profile (1mm) tsot package applications battery-powered system monitoring threshold detectors window comparators relay driving optoisolator driving industrial control systems handheld instruments general description the adcmp670 combine two low power, low voltage comparators with a 400mv reference in the 6-lead tsot package. operating within a supply range of 1.7v to 5.5v, the devices only draw 6.5 a typical, making them ideal for low voltage system monitoring and portable applications. hysteresis is included in the comparators to insure stable output operation. each comparator has only one input available externally, the other inputs ar e connected internally to the reference. the comparator outp uts are open collector and the output load can be referred to any voltage up to supply voltage. the output stage sinking capability guaranteed greater than 5ma over temperature. the adcmp670 has one inverting input and one non- inverting input, making it suitable for use as a window comparator. available in commercial, industrial and automotive temperature ranges. functional block diagram +ina gnd v cc outa adcmp670-1 -inb 400mv outb figure 1.
adcmp670 preliminary technical data rev. prb | page 2 of 14 table of contents specifications..................................................................................... 3 absolute maximum ratings............................................................ 5 esd caution.................................................................................. 5 pin configuration and function descriptions............................. 6 typical performance characteristics ............................................. 7 applications information ..................................................... 12 comparators and internal reference........................................ 12 adding hysteresis....................................................................... 12 outline dimensions ....................................................................... 13 ordering guide .......................................................................... 13 revision history
preliminary technical data adcmp670 rev. prb | page 3 of 14 specifications table 1. v cc = 1.7v to 5.5v, t a = 25c , unless otherwise noted. table 2 v cc = 1.7v to 5.5v, 0c t a 70c , unless otherwise noted. parameter min typ max unit test conditions/comments rising input threshold voltage tbd 400 tbd mv vs = 1.7v, note1 tbd 400 tbd mv vs = 5v, note1 falling input threshold voltage tbd 393.5 tbd mv vs = 1.7v, note1 tbd 393.5 tbd mv vs = 5v, note1 hysteresis = v th(r) C v th(f) tbd 6.5 tbd mv note1 input bias current 0.01 tbd na vs = 1.7v, vin = vs 4 tbd na vs = 1.7v, vin = 0.1v output low voltage 60 tbd mv vs = 1.7v, iout = 3ma, note2 70 tbd mv vs = 5v, iout = 5ma, note2 output leakage current 0.01 tbd a vs=1.7v, vout = vs, note3 0.01 tbd a vs=1.7v, vout = 5.5v, note3 high-to-low propagation delay 29 s vs = 5v, vol = 400mv, note2,4 low-to-high propagation delay 18 s vs = 5v, voh = 0.9 x vs, note2,4 output rise time 2.2 s vs = 5v, vo = (0.1 to 0.9) x vs, note2,4 output fall time 0.22 s vs = 5v, vo = (0.1 to 0.9) x vs, note2,4 supply current tbd a vs = 1.7v tbd a vs = 5.5v parameter min typ max unit test conditions/comments rising input threshold voltage tbd tbd mv vs = 1.7v, note1 tbd tbd mv vs = 5v, note1 falling input threshold voltage tbd tbd mv vs = 1.7v, note1 tbd tbd mv vs = 5v, note1 hysteresis = v th(r) C v th(f) tbd tbd mv note1 input bias current tbd na vs = 1.7v, vin = vs tbd na vs = 1.7v, vin = 0.1v output low voltage tbd mv vs = 1.7v, iout = 3ma, note2 tbd mv vs = 5v, iout = 5ma, note2 output leakage current tbd a vs=1.7v, vout = vs, note3 tbd a vs=1.7v, vout = 5.5v, note3 supply current tbd a vs = 1.7v tbd a vs = 5.5v
adcmp670 preliminary technical data rev. prb | page 4 of 14 table 3 v cc = 1.7v to 5.5v, -40c t a 85c , unless otherwise noted. table 4 v cc = 1.7v to 5.5v, -40c t a 125c , unless otherwise noted. note1: r l =100k, v o =2v swing note2: 10mv input overdrive note3: vin = 40mv overdrive note4: r l =10k note5: no load parameter min typ max unit test conditions/comments rising input threshold voltage tbd tbd mv vs = 1.7v, note1 tbd tbd mv vs = 5v, note1 falling input threshold voltage tbd tbd mv vs = 1.7v, note1 tbd tbd mv vs = 5v, note1 hysteresis = v th(r) C v th(f) tbd tbd mv note1 input bias current tbd na vs = 1.7v, vin = vs tbd na vs = 1.7v, vin = 0.1v output low voltage tbd mv vs = 1.7v, iout = 3ma, note2 tbd mv vs = 5v, iout = 5ma, note2 output leakage current tbd a vs=1.7v, vout = vs, note3 tbd a vs=1.7v, vout = 5.5v, note3 supply current tbd a vs = 1.7v tbd a vs = 5.5v parameter min typ max unit test conditions/comments rising input threshold voltage tbd tbd mv vs = 1.7v, note1 tbd tbd mv vs = 5v, note1 falling input threshold voltage tbd tbd mv vs = 1.7v, note1 tbd tbd mv vs = 5v, note1 hysteresis = v th(r) C v th(f) tbd tbd mv note1 input bias current tbd na vs = 1.7v, vin = vs tbd na vs = 1.7v, vin = 0.1v output low voltage tbd mv vs = 1.7v, iout = 3ma, note2 tbd mv vs = 5v, iout = 5ma, note2 output leakage current tbd a vs=1.7v, vout = vs, note3 tbd a vs=1.7v, vout = 5.5v, note3 supply current tbd a vs = 1.7v tbd a vs = 5.5v
preliminary technical data adcmp670 rev. prb | page 5 of 14 absolute maximum ratings t a = 25c, unless otherwise noted. table 5. parameter rating v s ?0.3v to +6v inx ?0.3v to +6v outx ?0.3v to +6v operating temperature range ?40c to +125c storage temperature range ?65c to +150c ja thermal impedance, sc70 146c/w lead temperature soldering (10 sec) 300c vapor phase (60 sec) 215c infrared (15 sec) 220c stresses above those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. esd caution esd (electrostatic discharge) sensitive device. electrosta tic charges as high as 4000 v readily accumulate on the human body and test equipment and can discharge with out detection. although this product features proprietary esd protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. therefore, proper esd precautions are recommended to avoid performance degradation or loss of functionality.
adcmp670 preliminary technical data rev. prb | page 6 of 14 pin configuration and fu nction descriptions 1 2 4 6 outb gnd -inb outa adcmp 670-1 3 +ina 5 v s figure 2. pin configuration table 6. pin function descriptions pin no. mnemonic description 1 outa open drain output for comparator a. capable of sinking up to 40ma of current. 2 gnd ground. 3 +ina monitors analog input voltage on comparator a. co nnected to noninverting input. the other input of comparator a is connected to a 400mv reference. 4 -inb monitors analog input voltage on comparator b. connected to inverting input. the other input of comparator b is connected to a 400mv reference. 5 vs power supply. operates from 1.7v to 5.5v. 6 outb open drain output for comparator b. capable of sinking up to 40ma of current.
preliminary technical data adcmp670 rev. prb | page 7 of 14 typical performance characteristics figure 3. distribution of rising input threshold voltage figure 4. distribution of hysteresis figure 5.rising input threshold voltage vs temperature figure 6. distribution of falling input threshold voltage figure 7. rising input threshold voltage vs temperature figure 8.rising input threshold voltage vs supply voltage
adcmp670 preliminary technical data rev. prb | page 8 of 14 figure 9. hysteresis vs temperature figure 10. hysteresis vs supply voltage figure 11. quiescent supply current vs supply voltage figure 12. hysteresis vs temperature figure 13. minimum supply voltage figure 14. startup supply current
preliminary technical data adcmp670 rev. prb | page 9 of 14 figure 15. supply current vs output sink current figure 16 supply current vs output sink current figure 17. supply current vs output sink current figure 18. below ground input bias current figure 19. low level input bias current figure 20 high level input bias current
adcmp670 preliminary technical data rev. prb | page 10 of 14 figure 21. output saturation voltage vs output sink current figure 22 output saturation voltage vs output sink current figure 23. output saturation voltage vs output sink current figure 24. output short circuit current figure 25. output short circuit current figure 26. output leakage current
preliminary technical data adcmp670 rev. prb | page 11 of 14 figure 27. propagation delay vs input overdrive figure 28.non inverting and inverting comparators propagation delay figure 29. rise and fall times vs output pullup resistor
adcmp670 preliminary technical data rev. prb | page 12 of 14 applications information the adcmp670 is a dual low power comparators with a build in 400mv reference that operates from 1.7v to 5.5v. the comparators are approx 0.8% accurate with a built in hysteresis of approx 6.5mv. the outputs are open drain capable of sinking 40ma comparators and internal reference each of the comparators has on e input available externally, comparator a has a noninverting input and comparator b has an inverting input available. the other comparator inputs are connected internally to the 400mv reference. the rising input threshold voltage of the comparators is designed to be equal to that of the reference (i.e.400mv). adding hysteresis to prevent oscillations at the output caused by noise or slowly moving signals passing the switching threshold, each comparator has built-in hysteresis of approximately 6.5mv. positive feedback can be used to adjust hysteresis to the noninverting comparators.
preliminary technical data adcmp670 rev. prb | page 13 of 14 outline dimensions 1 3 4 5 2 6 pi n 1 1.60 bsc 2.80 bsc 1.90 bsc 0.95 bsc 0.22 0.08 10 4 0 0.50 0.30 0.10 max 0.90 0.87 0.84 seating plane 1.00 max 0.60 0.45 0.30 2.90 bsc figure 2. 6-lead tsot package (uj-6)dimensions shown in millimeters ordering guide model temperature range package description branding package outline ADCMP670-1AUJ C40c to +125c tsot, 6 lead uj-6
adcmp670 preliminary technical data rev. prb | page 14 of 14 notes ? 2006 analog devices, inc. all rights reserved. trademarks and registered trademarks are the prop erty of their respective owners. pr06153-0-5/06(prb)


▲Up To Search▲   

 
Price & Availability of ADCMP670-1AUJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X