Part Number Hot Search : 
S455GC SR330 FN2139 18X20 LX1671 UGC10KH EA09937 AN5256
Product Description
Full Text Search
 

To Download 74026-8324 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/19/2010 please check www.molex.com for latest part information part number: 0740268324 status: active overview: vhdm description: 2.00mm (.079") pitch vhdm? board-to-board daughtercard receptacle, right angle, 8-row, 3 blade power module, 3 circuits, mating blade length: 10.50mm (.413") blade 1, 9.00mm (.354") blade 2, 12.00mm (.472")blade 3 documents: 3d model rohs certificate of compliance (pdf) drawing (pdf) general product family backplane connectors series 74026 application daughtercard application tooling documents tooling manual comments daughtercard receptacle module, power, 3-blade component type power receptacle overview vhdm product name vhdm? style n/a physical circuits (loaded) 3 circuits (maximum) 3 color - resin black durability (mating cycles max) 200 first mate / last break no guide to mating part no keying to mating part none material - metal high performance alloy (hpa) material - plating mating gold material - plating termination gold, tin-lead material - resin high temperature thermoplastic number of columns n/a number of pairs open pin field number of rows 8 orientation right angle pcb retention none pcb thickness recommended (in) 0.070 in pcb thickness recommended (mm) 1.80 mm packaging type tube pitch - mating interface (in) 0.079 in pitch - mating interface (mm) 2.00 mm plating min: mating (in) 30 plating min: mating (m) 0.75 plating min: termination (in) 2, 35.2 plating min: termination (m) 0.05, 0.88 polarized to pcb yes surface mount compatible (smc) yes temperature range - operating -55c to +105c termination interface: style through hole - compliant pin electrical current - maximum per contact 10a series image - reference only eu rohs china rohs rohs compliant by exemption reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 74026 series mates with 74029 vhdm? board-to-board backplane receptacle power module
data rate 2.5 gbps real signals (per 25mm) 100 voltage - maximum 250v material info reference - drawing numbers packaging specification pk-70873-201 sales drawing sd-74026-002 vhdm and very high density metric are trademarks of amphenol corporation this document was generated on 05/19/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 74026-8324

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X