Part Number Hot Search : 
715QNV RN4910FE KD621K20 C9015 8ALCB 2SC4467 LC6528L SM8222A
Product Description
Full Text Search
 

To Download 3721160041 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www. littelfuse .com in our continuing strategy to deliver unparalleled circuit protection solutions, technical expertise and application leadership, we proudly introduce the wickmann group and its products to the littelfuse portfolio. 011906 ? 8.5 0.5 min max. 8 l ? 0.6 5.08 1 +0.1 40ma 0040 250v 900 90 0.009 ? 50ma 0050 250v 500 70 0.01 ? ? ? ? ? 63ma 0063 250v 400 80 0.02 ? ? ? ? ? 80ma 0080 250v 370 100 0.023 ? ? ? ? ? 100ma 0100 250v 300 110 0.047 ? ? ? ? ? 125ma 0125 250v 260 120 0.066 ? ? ? ? ? 160ma 0160 250v 200 130 0.14 ? ? ? ? ? 200ma 0200 250v 170 140 0.20 ? ? ? ? ? 250ma 0250 250v 150 150 0.28 ? ? ? ? ? 315ma 0315 250v 140 160 0.36 ? ? ? ? ? 400ma 0400 250v 130 170 0.9 ? ? ? ? ? 500ma 0500 250v 125 180 1.3 ? ? ? ? ? 630ma 0630 250v 120 200 2.5 ? ? ? ? ? 800ma 0800 250v 110 220 3.8 ? ? ? ? ? 1.00a 1100 250v 110 360 5.5 ? ? ? ? ? ? ? 1.25a 1125 250v 95 450 9 ? ? ? ? ? ? ? 1.60a 1160 250v 95 450 14 ? ? ? ? ? ? ? 2.00a 1200 250v 85 600 23 ? ? ? ? ? ? ? 2.50a 1250 250v 80 700 35 ? ? ? ? ? ? ? 3.15a 1315 250v 80 1100 60 ? ? ? ? ? ? ? 4.00a 1400 250v 75 1200 95 ? ? ? ? ? ? ? 5.00a 1500 250v 80 1300 94 g ? ? ? ? 6.30a* 1630 250v 58 1250 105 g ?? ?? 35a / 250 v ac 1 50-60hz cos ? = 1.0 40a / 250 v ac 50a / 250 v ac vde semko curus meti pse-jet** ccc k-mark** ** ** s s s s s ubminia ubminia ubminia ubminia ubminia ture ture ture ture ture f f f f f uses uses uses uses uses dimensions (mm) dimensions (mm) dimensions (mm) dimensions (mm) dimensions (mm) long leads ( l=18.8mm) short leads ( l=4.3mm) limits for pre-arcing time limits for pre-arcing time limits for pre-arcing time limits for pre-arcing time limits for pre-arcing time permissible continuous operating current is permissible continuous operating current is permissible continuous operating current is permissible continuous operating current is permissible continuous operating current is 100 100 100 100 100 % at ambient temperature of 23 % at ambient temperature of 23 % at ambient temperature of 23 % at ambient temperature of 23 % at ambient temperature of 23 oc (73.4 oc (73.4 oc (73.4 oc (73.4 oc (73.4 of). of). of). of). of). holes in pcb order order order order order qty. qty. qty. qty. qty. order- order- order- order- order- series series series series series amp code packaging amp code packaging amp code packaging amp code packaging amp code packaging information information information information information number number number number number 372 rated amp voltage breaking voltage drop power dissipation melting integral approvals current code rating cap acity 1.0 x i n 1.5 x i n 10 x i n max. (mv) max. (mw) min. (a 2 s) rated current 1.5 x i n 2.1 x i n 2.75 x i n 4 x i n 10 x i n 40 ma ... 6.30 a > 1 h < 2 min 400 ms ... 10s 150 ms ... 3 s 20 ms ... 150 ms no. no. no. no. no. 372 / 372 / 372 / 372 / 372 / tr5 tr5 tr5 tr5 tr5 ? ? ? ? ? iec 60127-3/iv iec 60127-3/iv iec 60127-3/iv iec 60127-3/iv iec 60127-3/iv , 250 v , 250 v , 250 v , 250 v , 250 v , t , t , t , t , t lead free lead free lead free lead free lead free t t t t t ime-current characteristic ime-current characteristic ime-current characteristic ime-current characteristic ime-current characteristic time lag (t) standard standard standard standard standard iec 60127-3/iv approvals approvals approvals approvals approvals vde semko culus recognized meti ccc features features features features features lead free reduced pcb space requirements direct solderable or plug-in versions internationally approved low internal resistance shocksafe casing halogen free specifications specifications specifications specifications specifications packaging packaging packaging packaging packaging 000: tape/ammopack (1,000 pcs.) 041: short leads - bulk (1,000 pcs.) materials materials materials materials materials base/cap: brown thermoplastic polyamide pa 6.6, ul 94v0 round pins: copper, sn plated operating t operating t operating t operating t operating t emperature emperature emperature emperature emperature -40 oc to +85 oc (consider de-rating) climatic category climatic category climatic category climatic category climatic category -40 oc/+85 oc/21 days (en 60068-1,-2-1,-2-2,-78) stock conditions stock conditions stock conditions stock conditions stock conditions +10 oc to +60 oc relative humidity 75 % yearly average, without dew, maximum value for 30 days-95 % vibration resistance vibration resistance vibration resistance vibration resistance vibration resistance 24 cycles at 15 min. each (en 60068-2-6) 10 - 60 hz at 0.75 mm amplitude 60 - 2000 hz at 10 g acceleration lead pull strength lead pull strength lead pull strength lead pull strength lead pull strength 10 n (en 60068-2-21) solderability solderability solderability solderability solderability 260 oc, 3 s (wave) 350 oc, 3 s (soldering iron) soldering heat resistance soldering heat resistance soldering heat resistance soldering heat resistance soldering heat resistance 260 oc, 10 s (iec 60068-2-20) marking marking marking marking marking , 372, 250 v, t, current rating, approvals unit weight unit weight unit weight unit weight unit weight 0.77 g (approx.) 1 per ul, approved breaking capacity is 50 a at 250 v. * conducting path min. 0.2 mm 2 **pse-jet and k-mark for china production specifications are subject to change without notice g expert report note: 1.00 means the number one with two decimal places. 1,000 means the number one thousand.
www. littelfuse .com in our continuing strategy to deliver unparalleled circuit protection solutions, technical expertise and application leadership, we proudly introduce the wickmann group and its products to the littelfuse portfolio. 011906 t t t t t ime (sec.) ime (sec.) ime (sec.) ime (sec.) ime (sec.) contact littelfuse for individual i-t curves i i i i i fault fault fault fault fault / i / i / i / i / i rated rated rated rated rated s s s s s ubminia ubminia ubminia ubminia ubminia ture ture ture ture ture f f f f f uses uses uses uses uses tr5 ? / no. 372 372 372 372 372 23456789 110 0 . 0 0 1 0 . 0 1 0 . 1 1 1 0 1 0 0 1 , 0 0 0 1 0 , 0 0 0 1 0 0 , 0 0 0 15 1.5 i-t characteristics (min-max limit) iec 60127-3/iv


▲Up To Search▲   

 
Price & Availability of 3721160041

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X