Part Number Hot Search : 
D25XB100 3021F GR8837M MCH3144 AO8816L 2N2907A SMA16 MC33349
Product Description
Full Text Search
 

To Download 2SA0886 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  power transistors 1 publication date: february 2003 sjd00003bed 2SA0886 (2sa886) silicon pnp epitaxial planar type for low-frequency power amplification complementary to 2sc1847 features ? output of 4 w can be obtained by a complementary pair with 2sc1847 ? to-126b package which requires no insulation plate for installa- tion to the heat sink absolute maximum ratings t a = 25 c electrical characteristics t a = 25 c 3 c unit: mm 1: emitter 2: collector 3: base to-126b-a1 package parameter symbol conditions min typ max unit collector-base voltage (emitter open) v cbo i c = ? 1 ma, i e = 0 ? 50 v collector-emitter voltage (base open) v ceo i c = ? 2 ma, i b = 0 ? 40 v collector-base cutoff current (emitter open) i cbo v cb = ? 20 v, i e = 0 ? 1 a collector-emitter cutoff current (base open) i ceo v ce = ? 10 v, i b = 0 ? 100 a emitter-base cutoff current (collector open) i ebo v eb = ? 5 v, i c = 0 ? 10 a forward current transfer ratio * h fe v ce = ? 5 v, i c = ? 1 a 80 220 ? collector-emitter saturation voltage v ce(sat) i c = ? 1.5 a, i b = ? 0.15 a ? 1.0 v base-emitter saturation voltage v be(sat) i c = ? 2 a, i b = ? 0.2 a ? 1.5 v transition frequency f t v cb = ? 5 v, i e = 0.5 a, f = 200 mhz 150 mhz collector output capacitance c ob v cb = ? 20 v, i e = 0, f = 1 mhz 45 pf (common base, input open circuited) parameter symbol rating unit collector-base voltage (emitter open) v cbo ? 50 v collector-emitter voltage (base open) v ceo ? 40 v emitter-base voltage (collector open) v ebo ? 5v collector current i c ? 1.5 a peak collector current i cp ? 3a collector power dissipation p c 1.2 w junction temperature t j 150 c storage temperature t stg ? 55 to + 150 c note) 1. measuring methods are based on japanese industrial standard jis c 7030 measuring methods for transistors. 2. * : rank classification note) the part numbers in the parenthesis show conventional part number. rank q r h fe1 80 to 160 120 to 220 8.0 +0.5 ?0.1 1.9 0.1 3.05 0.1 3.8 0.3 11.0 0.5 16.0 1.0 3.2 0.2 0.75 0.1 0.5 0.1 2.3 0.2 4.6 0.2 0.5 0.1 1.76 0.1 123 3.16 0.1
2SA0886 2 sjd00003bed v be(sat) ? i c h fe ? i c f t ? i e p c ? t a i c ? v ce v ce(sat) ? i c c ob ? v cb v cer ? r be i ceo ? t a 0 160 40 120 80 0 1.6 1.2 0.8 0.4 collector power dissipation p c ( w ) ambient temperature t a ( c ) 0 ?10 ?2 ?4 ?8 ?6 0 ?4.0 ?3.5 ?3.0 ?2.5 ?2.0 ?1.5 ?1.0 ?0.5 t c =25?c i b =?40ma ?5ma ?10ma ?15ma ?20ma ?25ma ?30ma ?35ma collector current i c (a) collector-emitter voltage v ce (v) ?0.01 ?0.01 ?0.1 ?1 ?10 ?0.1 ?1 i c /i b =10 t c =100?c 25?c ?25?c collector-emitter saturation voltage v ce(sat) (v) collector current i c (a) ?0.01 ?0.01 ?1 ?0.1 ?0.1 ?1 ?10 t c =?25?c 25?c 100?c i c /i b =10 base-emitter saturation voltage v be(sat) (v) collector current i c (a) ?0.01 ?1 ?0.1 1 10 100 1000 v ce =?5v t c =100?c 25?c ?25?c forward current transfer ratio h fe collector current i c (a) 0.01 0.1 1 10 0 240 200 160 120 80 40 transition frequency f t (mhz) emitter current i e (a) v cb =?5v f=200mhz t c =25?c ?1 ?10 ?100 0 20 40 60 80 100 120 140 i e =0 f=1mhz t c =25?c collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) 0 ?60 ?50 ?40 ?30 ?20 ?10 0.001 0.01 0.1 1 10 t c =25?c base-emitter resistance r be (k ? ) collector-emitter voltage (resistor between b and e) v cer (v) 1 1000 100 10 0 120 20 100 40 80 60 ambient temperature t a ( c) v ce =?12v i ceo (t a ) i ceo (t a = 25 c)
2SA0886 3 sjd00003bed safe operation area r th ? t ? 0.001 ? 0.1 ? 0.01 ? 0.1 ? 1 ? 10 ? 1 ? 10 ? 100 single pulse t c =25?c t=10ms t=1s i cp i c collector current i c (a) collector-emitter voltage v ce (v) 10 ? 1 1 10 10 2 10 4 10 3 10 ?4 10 4 10 3 10 2 10 1 10 ?1 10 ?2 10 ?3 (1)without heat sink (2)with a 100 100 2mm al heat sink (1) (2) time t (s) thermal resistance r th ( c/w)
request for your special attention and precautions in using the technical information and semiconductors described in this material (1) an export permit needs to be obtained from the competent authorities of the japanese government if any of the products or technologies described in this material and controlled under the "foreign exchange and foreign trade law" is to be exported or taken out of japan. (2) the technical information described in this material is limited to showing representative characteris- tics and applied circuits examples of the products. it neither warrants non-infringement of intellec- tual property right or any other rights owned by our company or a third party, nor grants any license. (3) we are not liable for the infringement of rights owned by a third party arising out of the use of the product or technologies as described in this material. (4) the products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instru- ments and household appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (5) the products and product specifications described in this material are subject to change without notice for modification and/or improvement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifications satisfy your requirements. (6) when designing your equipment, comply with the guaranteed values, in particular those of maxi- mum rating, the range of operating power supply voltage, and heat radiation characteristics. other- wise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) when using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) this material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd. 2002 jul


▲Up To Search▲   

 
Price & Availability of 2SA0886

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X