Part Number Hot Search : 
UDA1384 00568 LM8V33 2060CT BRF10 PVC16133 2SC3390 M3731
Product Description
Full Text Search
 

To Download 26-61-3020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/20/2010 please check www.molex.com for latest part information part number: 0026613020 status: active description: 3.96mm (.156") pitch kk? solid header, right angle, without peg, 2 circuits, gold (au) plating documents: 3d model product specification ps-08-50 (pdf) drawing (pdf) rohs certificate of compliance (pdf) packaging specification (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 41772 application board-to-board, wire-to-board product name kk? physical breakaway no circuits (loaded) 2 circuits (maximum) 2 color - resin natural durability (mating cycles max) 100 flammability 94v-0 glow-wire compliant no lock to mating part none material - metal brass material - plating mating gold material - resin polyester number of rows 1 orientation right angle pc tail length (in) 0.140 in pc tail length (mm) 3.56 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type bag pitch - mating interface (in) 0.156 in pitch - mating interface (mm) 3.96 mm polarized to mating part yes polarized to pcb no shrouded partial stackable yes temperature range - operating 0c to +75c termination interface: style through hole electrical current - maximum per contact 7a voltage - maximum 250v solder process data duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 41772 series mates with 3069 , 2139 , 2145 , 6442 , 7674 , 7675 , 41695 , l ink:41815
max. cycles at max. process temperature 1 process temperature max. c 235 material info old part number 41772-0019 reference - drawing numbers product specification ps-08-50 sales drawing sda-41772 this document was generated on 04/20/2010 please check www.molex.com for latest part information

41772 rev: ecr/ecn information: sheet no. ec no.: ucp2010-0165 l6 date: 8/24/2009 title: kk 156 header assembly flat right angle solid body w/o pegs - 2 - document number: created / revised by: checked by: approved by: sda - 41772 mkipper jbell fsmith template filename: product_spec [size_a](v.1). doc group a-41772-0002/0018 group a-41772-0463/0479 group a-41772-0480/0496 group a-41772-0036/0052 header no: 41770-0002/0018 header no: 41770-0002/0018 header no: 41770-0002/0018 header no: 41770-0002/0018 pin no: 2161-16(102) pin no: 43294-0470 pin no: 43294-0471 pin no: 2161-52(102) plating: 102 C tin plating: 208 - 15 gold plating: 228 - 30 gold plating: 102 C tin pin length l 25.40 / 1.000 pin length l 25.40 / 1.000 pin length l 25.40 / 1.000 pin length l 27.00 / 1.063 mating m 14.86 / .585 mating m 14.86 / .585 mating m 14.86 / .585 mating m 16.51 / .650 gold loc g n/a gold loc g 7.11/ .280 gold loc g 7.11/ .280 gold loc g n/a height y 4.95 / .195 height y 4.95 / .195 height y 4.95 / .195 height y 4.95 / .195 pc tail p 3.56 / .140 pc tail p 3.56 / .140 pc tail p 3.56 / .140 pc tail p 3.51 / .138 options tin loc t overall tin loc t 4.06/ .160 tin loc t 4.06/ .160 tin loc t overall voided ckts none voided ckts none voided ckts none voided ckts none pack per pk-41772-002 pack per pk-41772-002 pack per pk-41772-002 pack per pk-41772-002 ckts material no engineer number material no engineer number material no engineer number material no engineer number 2 26-60-3020 a-41772-0002 41772-0463 a-41772-0463 41772-0480 a-41772-0480 26-60-3021 a-41772-0036 3 26-60-3030 a-41772-0003 41772-0464 a-41772-0464 41772-0481 a-41772-0481 26-60-3031 a-41772-0037 4 26-60-3040 a-41772-0004 41772-0465 a-41772-0465 41772-0482 a-41772-0482 26-60-3041 a-41772-0038 5 26-60-3050 a-41772-0005 41772-0466 a-41772-0466 41772-0483 a-41772-0483 26-60-3051 a-41772-0039 6 26-60-3060 a-41772-0006 41772-0467 a-41772-0467 41772-0484 a-41772-0484 26-60-3061 a-41772-0040 7 26-60-3070 a-41772-0007 41772-0468 a-41772-0468 41772-0485 a-41772-0485 26-60-3071 a-41772-0041 8 26-60-3080 a-41772-0008 41772-0469 a-41772-0469 41772-0486 a-41772-0486 26-60-3081 a-41772-0042 9 26-60-3090 a-41772-0009 41772-0470 a-41772-0470 41772-0487 a-41772-0487 26-60-3091 a-41772-0043 10 26-60-3100 a-41772-0010 41772-0471 a-41772-0471 41772-0488 a-41772-0488 26-60-3101 a-41772-0044 11 26-60-3110 a-41772-0011 41772-0472 a-41772-0472 41772-0489 a-41772-0489 26-60-3111 a-41772-0045 12 26-60-3120 a-41772-0012 41772-0473 a-41772-0473 41772-0490 a-41772-0490 26-60-3121 a-41772-0046 13 26-60-3130 a-41772-0013 41772-0474 a-41772-0474 41772-0491 a-41772-0491 26-60-3131 a-41772-0047 14 26-60-3140 a-41772-0014 41772-0475 a-41772-0475 41772-0492 a-41772-0492 26-60-3141 a-41772-0048 15 26-60-3150 a-41772-0015 41772-0476 a-41772-0476 41772-0493 a-41772-0493 26-60-3151 a-41772-0049 16 26-60-3160 a-41772-0016 41772-0477 a-41772-0477 41772-0494 a-41772-0494 26-60-3161 a-41772-0050 17 26-60-3170 a-41772-0017 41772-0478 a-41772-0478 41772-0495 a-41772-0495 26-60-3171 a-41772-0051 18 26-60-3180 a-41772-0018 41772-0479 a-41772-0479 41772-0496 a-41772-0496 26-60-3181 a-41772-0052
41772 rev: ecr/ecn information: sheet no. ec no.: ucp2010-0165 l6 date: 8/24/2009 title: kk 156 header assembly flat right angle solid body w/o pegs - 3 - document number: created / revised by: checked by: approved by: sda - 41772 mkipper jbell fsmith template filename: product_spec [size_a](v.1). doc group a-41772-0497/0513 group a-41772-0514/0530 group a-41772-0019/0035 group a-41772-0070/0086 header no: 41770-0002/0018 header no: 41770-0002/0018 header no: 41770-0002/0018 header no: 41770-0002/0018 pin no: 43294-0524 pin no: 43294-0525 pin no: 2161-16(501) pin no: 2161-21(102) plating: 208 C 15 gold plating: 228 C 30 gold plating: 501 C gold plating: 102-tin pin length l 26.92/ 1.060 pin length l 26.92/ 1.060 pin length l 25.40/ 1.000 pin length l 28.58 / 1.125 mating m 16.51 / .650 mating m 16.51 / .650 mating m 14.86 / .585 mating m 17.60/ .693 gold loc g 8.77/ .345 gold loc g 8.77/ .345 gold loc g overall gold loc g n/a height y 4.95 / .195 height y 4.95 / .195 height y 4.95 / .195 height y 4.98/ .196 pc tail p 3.43 / .135 pc tail p 3.43 / .135 pc tail p 3.56 / .140 pc tail p 3.96/ .156 options tin loc t 5.08/ .200 tin loc t 5.08/ .200 tin loc t n/a tin loc t overall voided ckts none voided ckts none voided ckts none voided ckts none pack per pk-41772-002 pack per pk-41772-002 pack per pk-41772-002 pack per pk-41772-002 ckts material no engineer number material no engineer number material no engineer number material no engineer number 2 41772-0497 a-41772-0497 41772-0514 a-41772-0514 26-61-3020 a-41772-0019 26-60-3026 a-41772-0070 3 41772-0498 a-41772-0498 41772-0515 a-41772-0515 26-61-3030 a-41772-0020 26-60-3036 a-41772-0071 4 41772-0499 a-41772-0499 41772-0516 a-41772-0516 26-61-3040 a-41772-0021 26-60-3046 a-41772-0072 5 41772-0500 a-41772-0500 41772-0517 a-41772-0517 26-61-3050 a-41772-0022 26-60-3056 a-41772-0073 6 41772-0501 a-41772-0501 41772-0518 a-41772-0518 26-61-3060 a-41772-0023 26-60-3066 a-41772-0074 7 41772-0502 a-41772-0502 41772-0519 a-41772-0519 26-61-3070 a-41772-0024 26-60-3076 a-41772-0075 8 41772-0503 a-41772-0503 41772-0520 a-41772-0520 26-61-3080 a-41772-0025 26-60-3086 a-41772-0076 9 41772-0504 a-41772-0504 41772-0521 a-41772-0521 26-61-3090 a-41772-0026 26-60-3096 a-41772-0077 10 41772-0505 a-41772-0505 41772-0522 a-41772-0522 26-61-3100 a-41772-0027 26-60-3106 a-41772-0078 11 41772-0506 a-41772-0506 41772-0523 a-41772-0523 26-61-3110 a-41772-0028 26-60-3116 a-41772-0079 12 41772-0507 a-41772-0507 41772-0524 a-41772-0524 26-61-3120 a-41772-0029 26-60-3126 a-41772-0080 13 41772-0508 a-41772-0508 41772-0525 a-41772-0525 26-61-3130 a-41772-0030 26-60-3136 a-41772-0081 14 41772-0509 a-41772-0509 41772-0526 a-41772-0526 26-61-3140 a-41772-0031 26-60-3146 a-41772-0082 15 41772-0510 a-41772-0510 41772-0527 a-41772-0527 26-61-3150 a-41772-0032 26-60-3156 a-41772-0083 16 41772-0511 a-41772-0511 41772-0528 a-41772-0528 26-61-3160 a-41772-0033 26-60-3166 a-41772-0084 17 41772-0512 a-41772-0512 41772-0529 a-41772-0529 26-61-3170 a-41772-0034 26-60-3176 a-41772-0085 18 41772-0513 a-41772-0513 41772-0530 a-41772-0530 26-61-3180 a-41772-0035 26-60-3186 a-41772-0086
41772 rev: ecr/ecn information: sheet no. ec no.: ucp2010-0165 l6 date: 8/24/2009 title: kk 156 header assembly flat right angle solid body w/o pegs - 4 - document number: created / revised by: checked by: approved by: sda - 41772 mkipper jbell fsmith template filename: product_spec [size_a](v.1). doc group a-41772-0155/0171 group group group a-41772-0206/0222 header no: 41770-0002/0018 header no: header no: header no: 41770-0002/0018 pin no: 2161-16(102) pin no: pin no: pin no: 2161-19(102) plating: 102-tin plating: plating: plating: 102-tin pin length l 25.40/ 1.000 pin length l pin length l pin length l 26.13/ 1.032 mating m 14.86/ .585 mating m mating m mating m 14.86/ .585 gold loc g n/a gold loc g gold loc g gold loc g n/a height y 4.95/ .195 height y height y height y 4.95/ .195 pc tail p 3.56/ .140 pc tail p pc tail p pc tail p 4.37/ .172 options tin loc t overall tin loc t tin loc t tin loc t overall voided ckts ckt 2 voided ckts voided ckts voided ckts none pack per pk-41772-002 pack per pack per pack per pk-41772-002 ckts material no engineer number material no engineer number material no engineer number material no engineer number 2 26-62-3024 a-41772-0155 a-41772-0206 3 26-62-3034 a-41772-0156 a-41772-0207 4 26-62-3044 a-41772-0157 a-41772-0208 5 26-62-3054 a-41772-0158 a-41772-0209 6 26-62-3064 a-41772-0159 a-41772-0210 7 26-62-3074 a-41772-0160 a-41772-0211 8 26-62-3084 a-41772-0161 26-60-3082 a-41772-0212 9 26-62-3094 a-41772-0162 a-41772-0213 10 26-62-3104 a-41772-0163 a-41772-0214 11 26-62-3114 a-41772-0164 a-41772-0215 12 26-62-3124 a-41772-0165 26-60-3122 a-41772-0216 13 26-62-3134 a-41772-0166 a-41772-0217 14 26-62-3144 a-41772-0167 26-60-3142 a-41772-0218 15 26-62-3154 a-41772-0168 a-41772-0219 16 26-62-3164 a-41772-0169 a-41772-0220 17 26-62-3174 a-41772-0170 a-41772-0221 18 26-62-3184 a-41772-0171 a-41772-0222
41772 rev: ecr/ecn information: sheet no. ec no.: ucp2010-0165 l6 date: 8/24/2009 title: kk 156 header assembly flat right angle solid body w/o pegs - 5 - document number: created / revised by: checked by: approved by: sda - 41772 mkipper jbell fsmith template filename: product_spec [size_a](v.1). doc group a-41772-0291/0307 group a-41772-0308/ 0324 group a-41772-0325/0340 group a-41772-0341/0352 header no: 41770-0002/0018 header no: 41770-0002/0018 header no: 41770-0003/0018 header no: 41770-0007/0018 pin no: 2161-62(102) pin no: 2161-75(102) pin no: 2161-16(102) pin no: 2161-16(102) plating: 102-tin plating: 102-tin plating: 102-tin plating: 102-tin pin length l 24.89/ .980 pin length l 16.94/ .667 pin length l 25.40/ 1.000 pin length l 25.40/ 1.000 mating m 13.54/ .533 mating m 5.87/ .231 mating m 14.86/ .585 mating m 14.86/ .585 gold loc g n/a gold loc g n/a gold loc g n/a gold loc g n/a height y 4.93/ .194 height y 4.90/ .193 height y 4.95/ .195 height y 4.95/ .195 pc tail p 3.86/ .152 pc tail p 3.61/ .142 pc tail p 3.56/ .140 pc tail p 3.56/ .140 options tin loc t overall tin loc t overall tin loc t overall tin loc t overall pin bend r. . 045 r pin bend r. . 045 r voided ckts ckt 3 voided ckts ckt 7 pack per pk-41772-002 pack per pk-41772-001 pack per pk-41772-002 pack per pk-41772-002 ckts material no engineer number material no engineer number material no engineer number material no engineer number 2 a-41772-0291 26-60-3028 a-41772-0308 3 a-41772-0292 26-60-3038 a-41772-0309 a-41772-0325 4 26-60-3047 a-41772-0293 26-60-3048 a-41772-0310 a-41772-0326 5 26-60-3057 a-41772-0294 26-60-3058 a-41772-0311 a-41772-0327 6 26-60-3067 a-41772-0295 26-60-3068 a-41772-0312 26-62-3061 a-41772-0328 7 26-60-3077 a-41772-0296 26-60-3078 a-41772-0313 a-41772-0329 a-41772-0341 8 a-41772-0297 26-60-3088 a-41772-0314 26-62-3081 a-41772-0330 26-62-3082 a-41772-0342 9 26-60-3097 a-41772-0298 26-60-3098 a-41772-0315 a-41772-0331 a-41772-0343 10 a-41772-0299 26-60-3108 a-41772-0316 a-41772-0332 a-41772-0344 11 a-41772-0300 26-60-3118 a-41772-0317 a-41772-0333 a-41772-0345 12 26-60-3127 a-41772-0301 26-60-3128 a-41772-0318 a-41772-0334 a-41772-0346 13 a-41772-0302 26-60-3138 a-41772-0319 a-41772-0335 a-41772-0347 14 a-41772-0303 26-60-3148 a-41772-0320 a-41772-0336 a-41772-0348 15 a-41772-0304 26-60-3158 a-41772-0321 a-41772-0337 26-62-3152 a-41772-0349 16 a-41772-0305 26-60-3168 a-41772-0322 a-41772-0338 a-41772-0350 17 a-41772-0306 26-60-3178 a-41772-0323 a-41772-0339 a-41772-0351 18 a-41772-0307 26-60-3188 a-41772-0324 a-41772-0340 a-41772-0352
41772 rev: ecr/ecn information: sheet no. ec no.: ucp2010-0165 l6 date: 8/24/2009 title: kk 156 header assembly flat right angle solid body w/o pegs - 6 - document number: created / revised by: checked by: approved by: sda - 41772 mkipper jbell fsmith template filename: product_spec [size_a](v.1). doc group a-41772-0353/0367 group a-41772-0378/0394 group a-41772-0412/0428 group a-41772-0429/0445 header no: 41770-0004/0018 header no: 41770-0002/0018 header no: 41770-0002/0018 header no: 41770-0002/0018 pin no: 2161-16(102) pin no: 2161-56(102) pin no: 2161-63(102) pin no: 2161-67(102) plating: 102-tin plating: 102-tin plating: 102-tin plating: 102-tin pin length l 25.40/ 1.000 pin length l 17.86/ .703 pin length l 24.38/ .960 pin length l 18.69/ .736 mating m 14.86/ .585 mating m 5.94/ .234 mating m 15.06/ .593 mating m 10.48/ .413 gold loc g n/a gold loc g n/a gold loc g n/a gold loc g n/a height y 4.95/ .195 height y 4.90/ .193 height y 2.71/ .107 height y 2.71/ .107 pc tail p 3.56/ .140 pc tail p 4.45/ .175 pc tail p 4.06/ .160 pc tail p 2.92/ .115 options tin loc t overall tin loc t overall tin loc t overall tin loc t overall voided ckts ckt 4 pin bend r. . 045 r pin bend r. . 045 r pin bend r. . 045 r pack per pk-41772-002 pack per pk-41772-001 pack per pk-41772-001 pack per pk-41772-001 ckts material no engineer number material no engineer number material no engineer number material no engineer number 2 26-60-3029 a-41772-0378 27-60-3020 a-41772-0412 a-41772-0429 3 26-60-3039 a-41772-0379 a-41772-0413 a-41772-0430 4 a-41772-0353 26-60-3049 a-41772-0380 a-41772-0414 a-41772-0431 5 a-41772-0354 26-60-3059 a-41772-0381 a-41772-0415 a-41772-0432 6 a-41772-0355 26-60-3069 a-41772-0382 a-41772-0416 27-60-3061 a-41772-0433 7 a-41772-0356 26-60-3079 a-41772-0383 27-60-3070 a-41772-0417 27-60-3071 a-41772-0434 8 26-62-3083 a-41772-0357 26-60-3089 a-41772-0384 a-41772-0418 a-41772-0435 9 a-41772-0358 26-60-3099 a-41772-0385 a-41772-0419 a-41772-0436 10 a-41772-0359 26-60-3109 a-41772-0386 a-41772-0420 a-41772-0437 11 a-41772-0360 26-60-3119 a-41772-0387 a-41772-0421 a-41772-0438 12 26-62-3123 a-41772-0361 26-60-3129 a-41772-0388 a-41772-0422 a-41772-0439 13 a-41772-0362 26-60-3139 a-41772-0389 a-41772-0423 a-41772-0440 14 a-41772-0363 26-60-3149 a-41772-0390 a-41772-0424 a-41772-0441 15 a-41772-0364 26-60-3159 a-41772-0391 a-41772-0425 a-41772-0442 16 a-41772-0365 26-60-3169 a-41772-0392 a-41772-0426 a-41772-0443 17 a-41772-0366 26-60-3179 a-41772-0393 a-41772-0427 a-41772-0444 18 a-41772-0367 26-60-3189 a-41772-0394 a-41772-0428 a-41772-0445
41772 rev: ecr/ecn information: sheet no. ec no.: ucp2010-0165 l6 date: 8/24/2009 title: kk 156 header assembly flat right angle solid body w/o pegs - 7 - document number: created / revised by: checked by: approved by: sda - 41772 mkipper jbell fsmith template filename: product_spec [size_a](v.1). doc group a-41772-0446/0462 group a-41772-0548/0560 group a-41772-0561/0573 group a-41772-0605/0621 header no: 41770-0002/0018 header no: 41770-0006/0018 header no: 41770-0006/0018 header no: 41770-0002/0018 pin no: 2161-21(501) pin no: 2161-16(102) pin no: 2161-52(102) pin no: 2161-64(503) plating: 501-gold plating: 102-tin plating: 102-tin plating: 503-gold pin length l 28.57/1.125 pin length l 25.40/ 1.000 pin length l 27.00/ 1.063 pin length l 29.85 / 1.175 mating m 17.60/.693 mating m 14.86/ .585 mating m 16.51/ .650 mating m 15.19 / .598 gold loc g overall gold loc g n/a gold loc g n/a gold loc g overall height y 4.95/ .195 height y 4.95/ .195 height y 4.95/ .195 height y 9.25 / .364 pc tail p 3.99/ .157 pc tail p 3.56/ .140 pc tail p 3.51/ .138 pc tail p 3.38 / .133 options tin loc t n/a tin loc t overall tin loc t overall tin loc t na voided ckts none voided ckts ckts 2, 4, 6 voided ckts. ckts 2, 4, 6 voided ckts. none pack per pk-41772-002 pack per pk-41772-002 pack per pk-41772-002 pack per pk-41772-002 ckts material no engineer number item no item no material no engineer number 2 27-60-3022 a-41772-0446 41772-0605 3 27-60-3032 a-41772-0447 417720606 41772-0606 4 27-60-3042 a-41772-0448 41772-0607 5 27-60-3052 a-41772-0449 41772-0608 6 27-60-3062 a-41772-0450 41772-0548 41772-0561 41772-0609 7 27-60-3072 a-41772-0451 41772-0549 41772-0562 41772-0610 8 27-60-3082 a-41772-0452 41772-0550 41772-0563 41772-0611 9 27-60-3092 a-41772-0453 41772-0551 41772-0564 41772-0612 10 27-60-3102 a-41772-0454 41772-0552 41772-0565 41772-0613 11 27-60-3112 a-41772-0455 41772-0553 41772-0566 41772-0614 12 27-60-3122 a-41772-0456 41772-0554 41772-0567 41772-0615 13 27-60-3132 a-41772-0457 41772-0555 41772-0568 41772-0616 14 27-60-3142 a-41772-0458 41772-0556 41772-0569 41772-0617 15 27-60-3152 a-41772-0459 41772-0557 41772-0570 41772-0618 16 27-60-3162 a-41772-0460 41772-0558 41772-0571 41772-0619 17 27-60-3172 a-41772-0461 41772-0559 41772-0572 41772-0620 18 27-60-3182 a-41772-0462 41772-0560 41772-0573 41772-0621
41772 rev: ecr/ecn information: sheet no. ec no.: ucp2010-0165 l6 date: 8/24/2009 title: kk 156 header assembly flat right angle solid body w/o pegs - 8 - document number: created / revised by: checked by: approved by: sda - 41772 mkipper jbell fsmith template filename: product_spec [size_a](v.1). doc group 41772-0622/0631 group 41772-0632/0647 group 41772-0648/0657 group 41772-0663 header no: 41770-0009/0018 header no: 41770-0003/0018 header no: 41770-0009/0018 header no: 41770-0004 pin no: 2161-70(102) pin no: 2161-24(102) pin no: 2161-45(102) pin no: 2161-45(154) plating: 102 C tin plating: 102 C tin plating: 102 C tin plating: 154 C tin pin length l 23.24 / .915 pin length l 20.32 / .800 pin length l 20.85 / .821 pin length l 20.85 / .821 mating m 13.08 / .515 mating m 13.08 / .515 mating m 13.08 / .515 mating m 10.16 / .400 gold loc g n/a gold loc g n/a gold loc g n/a gold loc g n/a height y 4.95 / .195 height y 1.98 / .078 height y 2.54 / .100 height y 4.95 / .195 pc tail p 3.18 / .125 pc tail p 3.18 / .125 pc tail p 3.18 / .125 pc tail p 3.71 / .146 options tin loc t overall tin loc t overall tin loc t overall tin loc t overall voided ckts 5, 8, 9 voided ckts 3 voided ckts 5, 8, 9 voided ckts none pack per pk-41772-001 pack per pk-41772-001 pack per pk-41772-001 pack per pk-41772-001 ckts material no engineer number material no engineer number material no engineer number material no engineer number 2 3 41772-0632 4 41772-0633 41772-0663 41772-0663 5 41772-0634 6 41772-0635 7 41772-0636 41772-0636 8 41772-0637 9 41772-0622 41772-0638 41772-0648 10 41772-0623 41772-0639 41772-0649 11 41772-0624 41772-0640 41772-0650 12 41772-0625 41772-0641 41772-0651 13 41772-0626 41772-0642 41772-0652 14 41772-0627 41772-0627 41772-0643 41772-0653 41772-0653 15 41772-0628 41772-0644 41772-0654 16 41772-0629 41772-0645 41772-0655 17 41772-0630 41772-0646 41772-0656 18 41772-0631 41772-0647 41772-0657


▲Up To Search▲   

 
Price & Availability of 26-61-3020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X