|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1 p/n:pm0241 rev. 2.3, jun. 20, 2003 features ? bit organization - 2m x 8 (byte mode) - 1m x 16 (word mode) fast access time - random access: 100ns (max.) - page access: 30ns (max.) page size - 8 double words per page current - operating: 60ma - standby: 50ua supply voltage - 5v 10% package - 44 pin sop (500mil) - 42 pin pdip (600mil) - 48 pin tsop (20mm x 12mm) order information part no. access page access package time time mx23c1611mc-10 100ns 30ns 44 pin sop mx23c1611mc-12 120ns 50ns 44 pin sop mx23c1611pc-10 100ns 30ns 42 pin pdip mx23c1611pc-12 120ns 50ns 42 pin pdip mx23c1611tc-10 100ns 30ns 48 pin tsop mx23c1611tc-12 120ns 50ns 48 pin tsop pin description symbol pin function a0~a19 address inputs d0~d14 data outputs d15/a-1 d15 (word mode)/ lsb address (byte mode) ce chip enable input oe output enable input byte word/ byte mode selection vcc power supply pin vss ground pin nc no connection pin configuration 44 sop 42 pdip mode selection ce oe byte d31/a-1 d0~d15 d16~d31 mode power h x x x high z high z - stand-by l h x x high z high z - active l l h output d0~d7 d8~d15 word active l l l input d0~d7 high z byte active 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 nc a18 a17 a7 a6 a5 a4 a3 a2 a1 a0 ce vss oe d0 d8 d1 d9 d2 d10 d3 d11 nc a19 a8 a9 a10 a11 a12 a13 a14 a15 a16 byte vss d15/a-1 d7 d14 d6 d13 d5 d12 d4 vcc mx23c1611 mx23c1611 mx23c1611 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 a18 a17 a7 a6 a5 a4 a3 a2 a1 a0 ce vss oe d0 d8 d1 d9 d2 d10 d3 d11 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 a19 a8 a9 a10 a11 a12 a13 a14 a15 a16 byte vss d15/a-1 d7 d14 d6 d13 d5 d12 d4 vcc 5 volt 16-mbit (2m x 8 / 1m x 16) mask rom with page mode
2 p/n:pm0241 rev. 2.3, jun. 20, 2003 mx23c1611 48 tsop (normal type) byte a16 a15 a14 a13 a12 a11 a10 a9 a8 a19 vss nc a18 a17 a7 a6 a5 a4 a3 a2 a1 a0 ce 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 vss vss d15/a-1 d7 d14 d6 d13 d5 d12 d4 vcc vcc nc d11 d3 d10 d2 d9 d1 d8 d0 oe vss vss 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 mx23c1611 (normal type) block diagram address buffer memory array page buffer page decoder word/ byte output buffer d0 d15/(d7) a3 a19 a0/(a-1) a2 ce byte oe note: chip enable active low input activates the chip's control logic, address buffer and page buffer. 3 p/n:pm0241 rev. 2.3, jun. 20, 2003 mx23c1611 absolute maximum ratings item symbol ratings voltage on any pin relative to vss vin -1.3v to vcc+2.0v (note) ambient operating temperature topr -40 c to 85 c storage temperature tstg -65 c to 125 c dc characteristics (ta = 0 c ~ 70 c, vcc = 5v 10%) item symbol min. max. conditions output high voltage voh 2.4v - ioh = -1.0ma output low voltage vol - 0.4v iol = 2.1ma input high voltage vih 2.2v vcc+0.3v input low voltage vil -0.3v 0.2 x vcc input leakage current ili - 5ua 0v, vcc output leakage current ilo - 5ua 0v, vcc operating current icc1 - 60ma trc = 100ns, all output open standby current (ttl) istb1 - 1ma ce = vih standby current (cmos) istb2 - 50ua ce>vcc-0.2v input capacitance cin - 10pf ta = 25 c, f = 1mhz output capacitance cout - 10pf ta = 25 c, f = 1mhz note: minimum dc voltage on input or i/o pins is -0.5v. during voltage transitions, inputs may undershoot vss to -1.3v for periods of up to 20ns. maximum dc voltage on input or i/o pins is vcc+0.5v. during voltage transi- tions, input may overshoot vcc to vcc+2.0v for peri- ods of up to 20ns. ac characteristics (ta = 0 c ~ 70 c, vcc = 5v 10%) item symbol 23C1611-10 23c1611-12 min. max. min. max. read cycle time trc 100ns - 120ns - address access time taa - 100ns - 120ns chip enable access time tce - 100ns - 120ns page mode access time tpa - 30ns - 50ns output enable time toe - 30ns - 50ns output hold after address toh 0ns - 0ns - output high z delay thz - 20ns - 20ns note:output high-impedance delay (thz) is measured from oe or ce going high, and this parameter guaran- teed by design over the full voltage and temperature op- erating range - not tested. 4 p/n:pm0241 rev. 2.3, jun. 20, 2003 mx23c1611 ac test conditions input pulse levels 0.4v~ 2.4v input rise and fall times 10ns input timing level 1.5v output timing level 0.8v and 2.0v output load see figure timing diagram random read page read a3-a19 (a-1),a0,a1,a2 data note: ce, oe are enable. page size is 8 words in 16-bit mode, 16 bytes in 8-bit mode. valid add valid 1'st add 2'nd add tpa taa 3'rd add valid valid note: no output loading is present in tester load board. active loading is used and under software programming control. output loading capacitance includes load board's and all stray capacitance. dout c<30pf iol (load)=2.1ma ioh (load)=-1ma tce taa toh thz add add add add ce oe data valid valid valid trc toe 5 p/n:pm0241 rev. 2.3, jun. 20, 2003 mx23c1611 package information 6 p/n:pm0241 rev. 2.3, jun. 20, 2003 mx23c1611 7 p/n:pm0241 rev. 2.3, jun. 20, 2003 mx23c1611 8 p/n:pm0241 rev. 2.3, jun. 20, 2003 mx23c1611 revision history revision description page date 1.8 tace--->1000ns changes to tace--->100ns p3 jul/20/1998 1.9 ac characteristics: toh 10ns --> 0ns p3 feb/01/1999 2.0 typing error correction p1 jan/18/2000 2.1 modify package information p5~7 jul/18/2001 2.2 1. modify standby current:100ns-->50ns p1,3 no v/21/2002 2. modify page access time:50ns(max.)-->30ns(max) p1,3 3. modify package information p5~7 2.3 1. modify 42-pdip package information p5 jun/20/2003 mx23c1611 m acronix i nternational c o., l td . headquarters: tel:+886-3-578-6688 fax:+886-3-563-2888 europe office : tel:+32-2-456-8020 fax:+32-2-456-8021 hong kong office : tel:+86-755-834-335-79 fax:+86-755-834-380-78 japan office : kawasaki office : tel:+81-44-246-9100 fax:+81-44-246-9105 osaka office : tel:+81-6-4807-5460 fax:+81-6-4807-5461 singapore office : tel:+65-6346-5505 fax:+65-6348-8096 taipei office : tel:+886-2-2509-3300 fax:+886-2-2509-2200 m acronix a merica, i nc. tel:+1-408-262-8887 fax:+1-408-262-8810 http : //www.macronix.com macronix international co., ltd. reserves the right to change product and specifications without notice. |
Price & Availability of 23C1611-10 |