Part Number Hot Search : 
T994D BAS16 ON2782 B120N MB1510 1SV284 1500W M050A
Product Description
Full Text Search
 

To Download VESD05A4A-HS4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  VESD05A4A-HS4 document number 81786 rev. 1.4, 02-mar-10 vishay semiconductors www.vishay.com 1 20 8 96 20 8 97 1 5 4 2 3 6 for technical support, please contact: esdprotection@vishay.com 4-line (quad) esd protection diode array in llp1010-6l features ? ultra compact llp1010-6l package ? low package height < 0.4 mm ? 4-line esd protection (quad) ? low leakage current < 0.1 a ? low load capacitance c d = 12 pf ? esd-protection acc. iec 61000-4-2 15 kv contact discharge 17 kv air discharge ? surge current acc. iec 6100-4-5 i pp > 2.5 a ? soldering can be checked by standard vision inspection. no x-ray necessary ? pin plating nipdau (e4) no whisker growth ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec marking (example only) dot = pin 1 marking x = date code y = type code (see table below) ordering information package data ** please see document ?vishay material category policy?: www.vishay.com/doc?99902 20932 xy device name ordering code taped units per reel (8 mm tape on 7" reel) minimum order quantity VESD05A4A-HS4 VESD05A4A-HS4-gs08 5000 5000 device name package name type code weight molding compound flammability rating moisture sensitivity level soldering conditions VESD05A4A-HS4 llp1010-6l a 1.07 mg ul 94 v-0 msl level 1 (according j-std-020) 260 c/10 s at terminals
www.vishay.com 2 document number 81786 rev. 1.4, 02-mar-10 VESD05A4A-HS4 vishay semiconductors for technical support, please contact: esdprotection@vishay.com absolute maximum ratings bias -mode (4-line bi directional as ymmetrical protection mode) with the VESD05A4A-HS4 up to 4 signal- or data-lines (l1 to l4) can be protected against voltage transients. with pin 2 and 6 connected to ground and pin 1, 3, 4 and 5 connected to a signal- or data-line which has to be protected. as long as the voltage level on the data- or signal-line is between 0 v (ground level) and the specified m aximum r everse w orking v oltage ( v rwm ) the protection diode between data line and ground offer a high isolation to the ground line. the protection device behaves like an open switch. as soon as any positive transient voltage signal exceeds the break through voltage level of the protection diode, the diode becomes conductive and shorts the tr ansient current to ground. now the protection device behaves like a closed switch. the c lamping v oltage ( v c ) is defined by the br eakthrough v oltage ( v br ) level plus the voltage drop at the series impedance (res istance and inductance) of the protection device. any negative transient signal will be clamped accordingly. t he negative transient curr ent is flowing in the forward direction of the protection diode. the low f orward v oltage ( v f ) clamps the negative transient close to the ground level. due to the different clamping levels in forward and reverse direction the VESD05A4A-HS4 clamping behaviour is bi directional and as ymmetrical ( bias ). rating test conditions symbol value unit peak pulse current bias-mode: each input (pin 1, 3 to 5) to ground (pin 2 and 6); acc. iec 61000-4-5; t p = 8/20 s; single shot i ppm 2.5 a bisy-mode: each input (pin 1, 3 to 5) to any other input pin. pin 2 and 6 not connected. acc. iec 61000-4-5; t p = 8/20 s; single shot i ppm 2.5 a peak pulse power bias-mode: each input (pin 1, 3 to 5) to ground (pin 2 and 6); acc. iec 61000-4-5; t p = 8/20 s; single shot p pp 30 w bisy-mode: each input (pin 1, 3 to 5) to any other input pin. pin 2 and 6 not connected. acc. iec 61000-4-5; t p = 8/20 s; single shot p pp 33 w esd immunity acc. iec61000-4-2; 10 pulses bias-mode: each input (pin 1, 3 to 5) to ground (pin 2 and 6) contact discharge v esd 15 kv air discharge v esd 17 kv acc. iec 61000-4-2 ; 10 pulses bisy-mode: each input (pin 1, 3 to 5) to any other input pin. pin 2 and 6 not connected. contact discharge v esd 15 kv air discharge v esd 17 kv operating temperature junction temperature t j - 40 to + 125 c storage temperature t stg - 55 to + 150 c 20 8 9 8 l4 l1 1 5 4 2 3 6 l3 l2
VESD05A4A-HS4 document number 81786 rev. 1.4, 02-mar-10 vishay semiconductors www.vishay.com 3 for technical support, please contact: esdprotection@vishay.com electrical characteristics ratings at 25 c, ambient temperature unless otherwise specified VESD05A4A-HS4 bias mode: each input (pin 1, 3, 4 and 5) to ground (pin 2 and/or 6) if a higher surge current or peak pulse current (i pp ) is needed, some protection diodes in the VESD05A4A-HS4 can also be used in parallel in order to "multiply" the performance. if two diodes are switched in parallel you get ? double surge power = double peak pulse current (2 x i ppm ) ? half of the line inductance = reduced clamping voltage ? half of the line resistance = reduced clamping voltage ? double line capacitance (2 x c d ) ? double reverse leakage current (2 x i r ) parameter test conditions/remarks symbol min. ty p. max. unit protection paths number of line which can be protected n lines 4 lines reverse stand-off voltage at i r = 0.1 a v rwm 5v reverse current at v r = v rwm = 5 v i r < 0.01 0.1 a reverse breakdown voltage at i r = 1 ma v br 68v clamping voltage at i pp = 2.5 a acc. iec 61000-4-5 v c 12 v forward clamping voltage at i f = 2.5 a acc. iec 61000-4-5 v f 2.5 v capacitance at v r = 0 v; f = 1 mhz c d 12 15 pf at v r = 2.5 v; f = 1 mhz c d 7.5 8.5 pf l1 l2 20900 1 5 4 2 3 6
www.vishay.com 4 document number 81786 rev. 1.4, 02-mar-10 VESD05A4A-HS4 vishay semiconductors for technical support, please contact: esdprotection@vishay.com bisy -mode (3-line bi directional sy mmetrical protection mode) if a bipolar symmetrical protection device is needed the VESD05A4A-HS4 can also be used as a three-line protection device. therefore three pins (example: pin 1, 3, and 5) has to be connected to the signal- or data- line (l1 to l3) and pin 3 to ground. pin 2 and 6 must not be connected! positive and negative volt age transients will be clamped in the same way. the clam ping current from one data line through the VESD05A4A-HS4 to the ground passes one diode in forward direction and the other one in reverse direction. the c lamping v oltage ( v c ) is defined by the br eakthrough v oltage ( v br ) level of one diode plus the forward voltage of the other diode plus the vo ltage drop at the series impedances (resistances and inductances) of the protection device. due to the same clamping levels in positive and negative direction the VESD05A4A-HS4 voltage clamping behaviour is also bi directional and sy mmetrical ( bisy ). electrical characteristics ratings at 25 c, ambient temperature unless otherwise specified VESD05A4A-HS4 bisy mode: each input (pin 1, 3, 4 or 5) to any other input pin connected to ground; pin 2 and 6 not connected parameter test conditions/remarks symbol min. ty p. max. unit protection paths number of line which can be protected n lines 3lines reverse stand-off voltage at i r = 0.1 a v rwm 5.5 v reverse current at v r = v rwm = 5.5 v i r < 0.01 0.1 a reverse breakdown voltage at i r = 1 ma v br 6.5 8.7 v clamping voltage at i pp = 2.5 a acc. iec 61000-4-5 v c 11.5 13 v capacitance at v r = 0 v; f = 1 mhz c d 68pf at v r = 2.5 v; f = 1 mhz c d 57pf 20901 l1 l2 1 5 4 2 3 6 l3
VESD05A4A-HS4 document number 81786 rev. 1.4, 02-mar-10 vishay semiconductors www.vishay.com 5 for technical support, please contact: esdprotection@vishay.com typical characteristics (t amb = 25 c, unless otherwise specified) figure 1. 8/20 s peak pulse current wave form acc. iec 61000-4-5 figure 2. esd discharge current wave form acc. iec 61000-4-2 (330 /150 pf) figure 3. typical capacitance c d vs. reverse voltage v r 0 % 20 % 40 % 60 % 8 0 % 100 % 010203040 time ( s) i ppm 20 s to 50 % 8 s to 100 % 2054 8 0 % 20 % 40 % 60 % 8 0 % 100 % 120 % - 10 0 10 20 30 40 50 60 70 8 0 90 100 time (ns) discharge c u rrent i esd rise time = 0.7 ns to 1 ns 53 % 27 % 20557 0 2 4 6 8 10 12 14 0123456 f = 1 mhz bias-mode bisy-mode v r ( v ) c d (pf) 20 888 figure 4. typical forward current i f vs. forward voltage v f figure 5. typical reverse voltage v r vs. reverse current i r figure 6. typical peak clamping voltage v c vs. peak pulse current i pp 0.001 0.01 0.1 1 10 100 0.5 0.6 0.7 0. 8 0.9 1 v f ( v ) i f (ma) 20 88 9 0 1 2 3 4 5 6 7 8 0.01 0.1 1 10 100 1000 10000 i r ( a) v r ( v ) 20 8 90 - 15 - 10 - 5 0 5 10 15 0123 v c positi v e s u rge negati v e s u rge bisy-mode meas u red acc. iec 61000-4-5 ( 8 /20 s - w a v e form) i pp (a) v c ( v ) 20 8 91
www.vishay.com 6 document number 81786 rev. 1.4, 02-mar-10 VESD05A4A-HS4 vishay semiconductors for technical support, please contact: esdprotection@vishay.com figure 7. typical peak clamping voltagev c vs. peak pulse current i pp figure 8. typical clamping performance at + 8 kv contact discharge (acc. iec 61000-4-2) figure 9. typical clamping performance at - 8 kv contact discharge (acc. iec 61000-4-2) - 4 - 2 0 2 4 6 8 10 12 0123 bias-mode v c positi v e s u rge negati v e s u rge meas u red acc. iec 61000-4-5 ( 8 /20 s - w a v e form) i pp (a) v c ( v ) 20 8 92 - 30 - 20 - 10 0 10 20 30 40 50 60 70 - 10 0 10 20 30 40 50 60 70 8 090 acc. iec 61000-4-2 + 8 k v contact discharge t (ns) v c-esd ( v ) 20 8 93 - 60 - 50 - 40 - 30 - 20 - 10 0 10 20 30 40 - 10 0 10 20 30 40 50 60 70 8 090 acc. iec 61000-4-2 - 8 k v contact discharge t (ns) v c-esd ( v ) 20 8 94 figure 10. typical peak clamping voltage at esd contact discharge (acc. iec 61000-4-2) - 150 - 100 - 50 0 50 100 150 0 5000 10000 15000 20000 acc. iec 61000-4-2 contact discharge v c-esd positi v e discharge negati v e discharge v esd (k v ) v c-esd ( v ) 20 8 95
VESD05A4A-HS4 document number 81786 rev. 1.4, 02-mar-10 vishay semiconductors www.vishay.com 7 for technical support, please contact: esdprotection@vishay.com package dimensions in millimeter s (inches): llp1010-6l solder resist mask solder pad 0.125 (0.005) ref. 0.03 (0.001) 0 (0.000) pin 1 marking 0.4 (0.016) 0.33 (0.013) 0.35 (0.014) b sc 0.7 (0.02 8 ) ref. 0.22 (0.009) exp. dap 0.2 (0.00 8 ) 0.1 (0.004) 0.5 (0.020) exp. dap 0.25 (0.010) 0.15 (0.006) 1.05 (0.041) 0.95 (0.037) 1.05 (0.041) 0.95 (0.037) soldermask opening 0.03 meas u red middle of the package 0.05 (0.002) 0.175 (0.007) 0.35 (0.014) 0.7 (0.02 8 ) 0.35 (0.014) 0.3 (0.012) 0.22 (0.009) 0.5 (0.020) foot print recommendation: 20 8 99 doc u ment no.:s 8 - v -3906.04-004 (4) re v . 4 - date: 09. sep. 200 8 created - date: 17.j u ly.2007
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of VESD05A4A-HS4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X