Part Number Hot Search : 
20TG6N UCC28051 SKIIP ATC14 TLC52 K070600E 0103NA BFC41
Product Description
Full Text Search
 

To Download SI2312CDS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vishay siliconix SI2312CDS document number: 65900 s10-0641-rev. a, 22-mar-10 www.vishay.com 1 new product n-channel 20 v (d-s) mosfet features ? halogen-free according to iec 61249-2-21 definition ? trenchfet ? power mosfet ? 100 % r g tested ? compliant to rohs directive 2002/95/ec applications ? dc/dc converters ? load switch for portable applications product summary v ds (v) r ds(on) ( ) i d (a) e q g (typ.) 20 0.0318 at v gs = 4.5 v 6 a 8.8 nc 0.0356 at v gs = 2.5 v 6 a 0.0414 at v gs = 1.8 v 5.6 marking code p5 xxx lot tracea b ility and date code part # code orderin g information: SI2312CDS-t1-ge3 (lead (p b )-free and halogen-free) n -channel mosfet g d s g s d top v ie w 2 3 sot-23 1 notes: a. package limited b. surface mounted on 1" x 1" fr4 board. c. t = 5 s. d. maximum under steady state conditions is 125 c/w. e. based on t c = 25 c. absolute maximum ratings t a = 25 c, unless otherwise noted parameter symbol limit unit drain-source voltage v ds 20 v gate-source voltage v gs 8 continuous drain current (t j = 150 c) t c = 25 c i d 6 a a t c = 70 c 5.1 t a = 25 c 5 b, c t a = 70 c 4 b, c pulsed drain current i dm 20 continuous source-drain diode current t c = 25 c i s 1.75 t a = 25 c 1.04 b, c maximum power dissipation t c = 25 c p d 2.1 w t c = 70 c 1.3 t a = 25 c 1.25 b, c t a = 70 c 0.8 b, c operating junction and storage temperature range t j , t stg - 55 to 150 c soldering recommendations (peak temperature) 260 thermal resistance ratings parameter symbol typical maximum unit maximum junction-to-ambient b, d t 5 s r thja 80 100 c/w maximum junction-to-foot (drain) steady state r thjf 40 60
www.vishay.com 2 document number: 65900 s10-0641-rev. a, 22-mar-10 vishay siliconix SI2312CDS new product notes: a. pulse test; pulse width 300 s, duty cycle 2 % b. guaranteed by design, not s ubject to production testing. stresses beyond those listed under ?absolute maximum ratings? ma y cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other condit ions beyond those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. specifications t j = 25 c, unless otherwise noted parameter symbol test conditions min. typ. max. unit static drain-source breakdown voltage v ds v gs = 0 v, i d = 250 a 20 v v ds temperature coefficient v ds /t j i d = 250 a 25 mv/c v gs(th) temperature coefficient v gs(th) /t j - 2.6 gate-source threshold voltage v gs(th) v ds = v gs , i d = 250 a 0.45 1.0 v gate-source leakage i gss v ds = 0 v, v gs = 8 v 100 na zero gate voltage drain current i dss v ds = 20 v, v gs = 0 v 1 a v ds = 20 v, v gs = 0 v, t j = 70 c 10 on-state drain current a i d(on) v ds 5 v, v gs = 4.5 v 20 a drain-source on-state resistance a r ds(on) v gs = 4.5 v, i d = 5.0 a 0.0265 0.0318 v gs = 2.5 v, i d = 4.7 a 0.0296 0.0356 v gs = 1.8 v, i d = 4.3 a 0.0345 0.0414 forward transconductance a g fs v ds = 10 v, i d = 5.0 a 24 s dynamic b input capacitance c iss v ds = 10 v, v gs = 0 v, f = 1 mhz 865 pf output capacitance c oss 105 reverse transfer capacitance c rss 55 total gate charge q g v ds = 10 v, v gs = 5 v, i d = 5.0 a 12 18 nc v ds = 10 v, v gs = 4.5 v, i d = 5.0 a 8.8 14 gate-source charge q gs 1.1 gate-drain charge q gd 0.7 gate resistance r g f = 1 mhz 0.5 2.4 4.8 tu r n - o n d e l ay t i m e t d(on) v dd = 10 v, r l = 2.2 i d ? 4 a, v gen = 4.5 v, r g = 1 816 ns rise time t r 17 26 turn-off delay time t d(off) 31 47 fall time t f 816 tu r n - o n d e l ay t i m e t d(on) v dd = 10 v, r l = 2.2 i d ? 4 a, v gen = 5 v, r g = 1 510 rise time t r 13 20 turn-off delay time t d(off) 21 32 fall time t f 612 drain-source body diode characteristics continuous source-drain diode current i s t c = 25 c 1.75 a pulse diode forward current i sm 20 body diode voltage v sd i s = 4 a, v gs = 0 v 0.75 1.2 v body diode reverse recovery time t rr i f = 4 a, di/dt = 100 a/s, t j = 25 c 12 20 ns body diode reverse recovery charge q rr 510nc reverse recovery fall time t a 7 ns reverse recovery rise time t b 5
document number: 65900 s10-0641-rev. a, 22-mar-10 www.vishay.com 3 vishay siliconix SI2312CDS new product typical characteristics 25 c, unless otherwise noted output characteristics on-resistance vs. drain current and gate voltage gate charge 0 5 10 15 20 0.0 0.5 1.0 1.5 2.0 v gs =5vthru2v v gs =1.5v v gs =1v v ds - drain-to-source voltage (v) - drain current (a) i d 0.020 0.025 0.030 0.035 0.040 0.045 0 5 10 15 20 v gs =1.8v v gs =4.5v v gs =2.5v - on-resistance ( ) r ds(on) i d - drain current (a) 0 1 2 3 4 5 0246810 v ds =16v i d =5a v ds =10v v ds =5v - gate-to-source voltage (v) q g - total gate charge (nc) v gs transfer characteristics capacitance on-resistance vs. junction temperature 0 1 2 3 4 5 0.0 0.3 0.6 0.9 1.2 1.5 t c = 25 c t c =125 c t c = - 55 c v gs - gate-to-source voltage (v) - drain current (a) i d c rss 0 300 600 900 1200 0 5 10 15 20 c iss c oss v ds - drain-to-source voltage (v) c - capacitance (pf) 0.70 0.95 1.20 1.45 1.70 - 50 - 25 0 25 50 75 100 125 150 v gs = 2.5 v, i = 4.7 a v gs =4.5v,i d =5 a t j - junction temperature (c) (normalized) - on-resistance r ds(on) d
www.vishay.com 4 document number: 65900 s10-0641-rev. a, 22-mar-10 vishay siliconix SI2312CDS new product typical characteristics 25 c, unless otherwise noted source-drain diode forward voltage threshold voltage 0.1 1 10 100 0.0 0.3 0.6 0.9 1.2 t j = 25 c t j = 150 c v sd - source-to-drain voltage (v) - source current (a) i s 0.1 0.3 0.5 0.7 0.9 - 50 - 25 0 25 50 75 100 125 150 i d = 250 a (v) v gs(th) t j - temperature (c) on-resistance vs. gate-to-source voltage single pulse power (junction-to-ambient) 0.02 0.03 0.04 0.05 0.06 02468 t j =25 c i d =5a t j = 125 c - on-resistance ( ) r ds(on) v gs - gate-to-source voltage (v) 0 8 16 24 32 0.001 0.01 0.1 1 10 100 time (s) power (w) safe operating area, junction-to-ambient 100 1 0.1 1 10 100 0.01 10 0.1 t a = 25 c single pulse 100 ms limited by r ds(on) * bvdss limited 1ms 100 s 10 ms 1s,10s dc v ds - drain-to-source voltage (v) *v gs > minimum v gs at which r ds(on) is specied - drain current (a) i d
document number: 65900 s10-0641-rev. a, 22-mar-10 www.vishay.com 5 vishay siliconix SI2312CDS new product typical characteristics 25 c, unless otherwise noted * the power dissipation p d is based on t j(max.) = 150 c, using junction-to-cas e thermal resistance, and is mo re useful in settling the upper dissipation limit for cases where additional heatsinking is used. it is used to determ ine the current rating, when this rating falls below the package limit. current derating* 0.0 1.5 3.0 4.5 6.0 7.5 0 255075100125150 package limited t c - case temperature (c) i d - drain current (a) power derating, junction-to-foot 0.0 0.5 1.0 1.5 2.0 2.5 0 25 50 75 100 125 150 t c - case temperature (c) power (w) power derating, junction-to-ambient 0.0 0.3 0.6 0.9 1.2 0 25 50 75 100 125 150 t a - ambient temperature (c) power (w)
www.vishay.com 6 document number: 65900 s10-0641-rev. a, 22-mar-10 vishay siliconix SI2312CDS new product typical characteristics 25 c, unless otherwise noted vishay siliconix maintains worldwide manufacturing capability. pr oducts may be manufactured at one of several qualified locatio ns. reliability data for silicon technology and package reliability represent a composite of all qualified locations. for related documents such as packa ge/tape drawings, part marking, and reliability data, see www.vishay.com/ppg?65900 . normalized thermal transient im pedance, junction-to-ambient 10 -3 10 -2 1 10 10 000 10 -1 10 -4 100 0.2 0.1 square wave pulse duration (s) normalized effective transient thermal impedance 1 0.1 0.01 t 1 t 2 notes: p dm 1. duty cycle, d = 2. per unit base = r thja = 125 c/w 3. t jm -t a =p dm z thja (t) t 1 t 2 4. surface mounted duty cycle = 0.5 single pulse 0.02 0.05 1000 normalized thermal transient impedance, junction-to-foot 10 -3 10 -2 0 1 1 10 -1 10 -4 0.2 0.1 duty cycle = 0.5 square wave pulse duration (s) normalized effective transient thermal impedance 1 0.1 0.05 single pulse 0.02
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of SI2312CDS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X