Part Number Hot Search : 
DA15PFP2 AS384X UPD80C49 90020 SW1251W VV5430 R1601 HER805T
Product Description
Full Text Search
 

To Download PNA2602PN205 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 pna2602 (pn205) darlington phototransistor for optical control systems features darlington output, high sensitivity easy to combine light emission and photodetection on same printed circuit board small size, thin side-view type package darlington phototransistors 50 ? t d : delay time t r : rise time (time required for the collector photo current to increase from 10% to 90% of its final value) t f : fall time (time required for the collector photo current to decrease from 90% to 10% of its initial value) sig.in - . // *01" !+ 
( !0  
( %& '&      $ 2*3 %*' 4* 0.3 2.54 1.2 4.2 0.3 ?3.5 0.2 4.8 0.3 2.4 2.4 2.8 12.8 min. 10.0 min. 1.8 1.0 0.45 0.15 2-0.45 0.15 2-0.98 0.2 r1.75 not soldered 1: emitter 2: collector unit : mm 12 absolute maximum ratings (ta = 25?c) parameter symbol ratings unit collector to emitter voltage v ceo 20 v emitter to collector voltage v eco 5v collector current i c 30 ma collector power dissipation p c 100 mw operating ambient temperature t opr C25 to +80 ?c storage temperature t stg C30 to +100 ?c electro-optical characteristics (ta = 25?c) parameter symbol conditions min typ max unit dark current i ceo v ce = 10v 0.1 0.5 a collector photo current i ce(l) v ce = 10v, l = 2 lx *1 0.2 1 ma peak sensitivity wavelength p v ce = 10v 800 nm acceptance half angle measured from the optical axis to the half power point 35 deg. response time t r , t f *2 v cc = 10v, i ce(l) = 5ma, r l = 100 ? 100 s collector saturation voltage v ce(sat) i ce(l) = 1ma, l = 100 lx *1 0.7 1.5 v *1 measurements were made using a tungsten lamp (color temperature t = 2856k) as a light source. *2 switching time measurement circuit note) the part number in the parenthesis shows conventional part number.
2 pna2602 darlington phototransistors p c ta 120 100 80 60 40 20 ambient temperature ta (?c ) collector power dissipation p c (mw) 0 20406080100 0 C 20 spectral sensitivity characteristics 100 80 60 40 20 wavelength (nm) relative sensitivity s (%) 400 600 800 1000 1200 0 200 ta = 25?c i ce(l) v ce 32 24 16 8 0 collector to emitter voltage v ce (v) collector photo current i ce(l) (ma) 020 16 812 424 ta = 25?c t = 2856k i ce(l) l 10 3 10 2 10 1 illuminance l (lx) collector photo current i ce(l) (ma) 10 10 2 10 3 10 C1 1 v ce = 10v ta = 25?c t = 2856k i ce(l) ta 10 10 C1 1 ambient temperature ta (?c ) collector photo current i ce(l) (ma) C 40 0 40 80 120 10 C2 i ceo ta 10 2 10 C1 10 10 C2 1 ambient temperature ta (?c ) v ce = 10v dark current i ceo ( a) 10 C3 C 20 0 40 80 20 60 100 0? 10? 20? 30? 40? 50? 60? 70? 80? 90? directivity characteristics t r i ce(l) 10 3 10 2 collector photo current i ce(l) (ma) rise time t r ( s) 10 C1 110 10 10 C2 v cc = 10v ta = 25?c t f i ce(l) 10 3 10 2 collector photo current i ce(l) (ma) fall time t f ( s) 10 C1 110 10 10 C2 v cc = 10v ta = 25?c v ce = 10v t = 2856k 20 90 100 80 70 60 50 40 30 relative sensitivity s (%) 1 lx p c = 100mw l = 30 lx 5 lx 2 lx 20 lx 10 lx 50 ? 10% 90% sig.in t d t r t f r l v cc sig. out sig. out r l = 1k ? 500 ? 100 ? 50 ? 10% 90% sig.in t d t r t f r l v cc sig. out sig. out r l = 1k ? 500 ? 100 ?
please read the following notes before using the datasheets a. these materials are intended as a reference to assist customers with the selection of panasonic semiconductor products best suited to their applications. due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. b. panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. therefore, panasonic will not assume any liability for any damages arising from any errors etc. that may ap- pear in this material. c. these materials are solely intended for a customer's individual use. therefore, without the prior written approval of panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the internet or in any other way, is prohibited. request for your special attention and precautions in using the technical information and semiconductors described in this material (1) an export permit needs to be obtained from the competent authorities of the japanese govern- ment if any of the products or technologies described in this material and controlled under the "foreign exchange and foreign trade law" is to be exported or taken out of japan. (2) the technical information described in this material is limited to showing representative character- istics and applied circuit examples of the products. it does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) the products described in this material are intended to be used for standard applications or gen- eral electronic equipment (such as office equipment, communications equipment, measuring in- struments and household appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (4) the products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. at the final stage of your design, purchas- ing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifications satisfy your requirements. (5) when designing your equipment, comply with the guaranteed values, in particular those of maxi- mum rating, the range of operating power supply voltage and heat radiation characteristics. other- wise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) when using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) no part of this material may be reprinted or reproduced by any means without written permission from our company. 2001 mar


▲Up To Search▲   

 
Price & Availability of PNA2602PN205

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X