Part Number Hot Search : 
IL250 SPT7720 15N0612 UNA0222 06VDC3 60204 W0603 SDW85F1C
Product Description
Full Text Search
 

To Download MC100EL04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2005 june, 2005 ? rev. 4 1 publication order number: mc10el04/d mc10el04, MC100EL04 5vecl 2-input and/nand the mc10el/100el04 is a 2-input and/nand gate. the device is functionally equivalent to the e104 device with higher performance capabilities. with propagation delays and output transition times significantly faster than the e104, the el04 is ideally suited for those applications which require the ultimate in ac performance. the 100 series contains temperature compensation. features ? 240 ps propagation delay ? esd protection: > 1 kv human body model, > 100 v machine model ? pecl mode operating range: v cc = 4.2 v to 5.7 v with v ee = 0 v ? necl mode operating range: v cc = 0 v with v ee = ? 4.2 v to ? 5.7 v ? internal input pulldown resistors ? meets or exceeds jedec spec eia/jesd78 ic latchup test ? moisture sensitivity level 1 for additional information, see application note and8003/d ? flammability rating: ul 94 v ? 0 @ 0.125, oxygen index 28 to 34 ? transistor count = 45 devices ? pb ? free packages are available 1 2 3 45 6 7 8 nc d 0 d 1 nc v ee q q v cc figure 1. logic diagram and pinout pin function d0, d1 ecl data inputs q, q ecl data outputs v cc positive supply v ee negative supply nc no connect table 1. pin description *for additional marking information, refer to application note and8002/d. marking diagrams* (note: microdot may be in either location) kl89 alyw   soic ? 8 d suffix case 751 1 8 tssop ? 8 dt suffix case 948r 1 8 1 8 see detailed ordering and shipping information in the package dimensions section on page 6 of this data sheet. ordering information http://onsemi.com kel89 alyw  1 8 l = wafer lot y = year w = work week  = pb ? free package h = mc10 k = mc100 a = assembly location hel89 alyw  1 8 hl89 alyw   1 8
mc10el04, MC100EL04 http://onsemi.com 2 table 2. maximum ratings symbol parameter condition 1 condition 2 rating units v cc pecl mode power supply v ee = 0 v 8 v v ee necl mode power supply v cc = 0 v ? 8 v v i pecl mode input voltage necl mode input voltage v ee = 0 v v cc = 0 v v i  v cc v i  v ee 6 ? 6 v v i out output current continuous surge 50 100 ma ma t a operating temperature range ? 40 to +85 c t stg storage temperature range ? 65 to +150 c  ja thermal resistance (junction ? to ? ambient) 0 lfpm 500 lfpm soic ? 8 soic ? 8 190 130 c/w c/w  jc thermal resistance (junction ? to ? case) standard board soic ? 8 41 to 44 c/w  ja thermal resistance (junction ? to ? ambient) 0 lfpm 500 lfpm tssop ? 8 tssop ? 8 185 140 c/w c/w  jc thermal resistance (junction ? to ? case) standard board tssop ? 8 41 to 44 5% c/w t sol wave solder pb pb ? free <2 to 3 sec @ 248 c <2 to 3 sec @ 260 c 265 265 c maximum ratings are those values beyond which device damage can occur. maximum ratings applied to the device are individual str ess limit values (not normal operating conditions) and are not valid simultaneously. if these limits are exceeded, device functional operation i s not implied, damage may occur and reliability may be affected. table 3. 10el series pecl dc characteristics v cc = 5.0 v; v ee = 0.0 v (note 1) ? 40 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit i ee power supply current 14 17 14 17 14 17 ma v oh output high voltage (note 4) 3920 4010 4110 4020 4105 4190 4090 4185 4280 mv v ol output low voltage (note 2) 3050 3200 3350 3050 3210 3370 3050 3227 3405 mv v ih input high voltage 3770 4110 3870 4190 3940 4280 mv v il input low voltage 3050 3500 3050 3520 3050 3555 mv i ih input high current d0 d1 250 150 250 150 250 150  a i il input low current 0.5 0.5 0.3  a note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 lfpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 1. input and output parameters vary 1:1 with v cc. v ee can vary +0.25 v / ? 0.5 v for +25 c and +85 c or v ee can vary +0.06 v / ? 0.5 v for ? 40 c. 2. outputs are terminated through a 50  resistor to v cc ? 2.0 v.
mc10el04, MC100EL04 http://onsemi.com 3 table 4. 10el series necl dc characteristics v cc = 0.0 v; v ee = ? 5.0 v (note 3) ? 40 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit i ee power supply current 14 17 14 17 14 17 ma v oh output high voltage (note 4) ? 1080 ? 990 ? 890 ? 980 ? 895 ? 810 ? 910 ? 815 ? 720 mv v ol output low voltage (note 4) ? 1950 ? 1800 ? 1650 ? 1950 ? 1790 ? 1630 ? 1950 ? 1773 ? 1595 mv v ih input high voltage ? 1230 ? 890 ? 1130 ? 810 ? 1060 ? 720 mv v il input low voltage ? 1950 ? 1500 ? 1950 ? 1480 ? 1950 ? 1445 mv i ih input high current d0 d1 250 150 250 150 250 150  a i il input low current 0.5 0.5 0.3  a note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 lfpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 3. input and output parameters vary 1:1 with v cc . v ee can vary +0.25 v / ? 0.5 v for +25 c and +85 c or v ee can vary +0.06 v / ? 0.5 v for ? 40 c. 4. outputs are terminated through a 50  resistor to v cc ? 2.0 v. table 5. 100el series pecl dc characteristics v cc = 5.0 v; v ee = 0.0 v (note 5) ? 40 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit i ee power supply current 14 17 14 17 16 20 ma v oh output high voltage (note 6) 3915 3995 4120 3975 4045 4120 3975 4050 4120 mv v ol output low voltage (note 6) 3170 3305 3445 3190 3295 3380 3190 3295 3380 mv v ih input high voltage 3835 4120 3835 4120 3835 4120 mv v il input low voltage 3190 3525 3190 3525 3190 3525 mv i ih input high current d0 d1 250 150 250 150 250 150  a i il input low current 0.5 0.5 0.5  a note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 lfpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 5. input and output parameters vary 1:1 with v cc . v ee can vary +0.8 v / ? 0.5 v. 6. outputs are terminated through a 50  resistor to v cc ? 2.0 v.
mc10el04, MC100EL04 http://onsemi.com 4 table 6. 100el series necl dc characteristics v cc = 0.0 v; v ee = ? 5.0 v (note 7) ? 40 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit i ee power supply current 14 17 14 17 16 20 ma v oh output high voltage (note 8) ? 1085 ? 1005 ? 880 ? 1025 ? 955 ? 880 ? 1025 ? 955 ? 880 mv v ol output low voltage (note 8) ? 1830 ? 1695 ? 1555 ? 1810 ? 1705 ? 1620 ? 1810 ? 1705 ? 1620 mv v ih input high voltage ? 1165 ? 880 ? 1165 ? 880 ? 1165 ? 880 mv v il input low voltage ? 1810 ? 1475 ? 1810 ? 1475 ? 1810 ? 1475 mv i ih input high current d0 d1 250 150 250 150 250 150  a i il input low current 0.5 0.5 0.5  a note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 lfpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 7. input and output parameters vary 1:1 with v cc . v ee can vary +0.8 v / ? 0.5 v. 8. outputs are terminated through a 50  resistor to v cc ? 2.0 v. table 7. ac characteristics v cc = 5.0 v; v ee = 0.0 v or v cc = 0.0 v; v ee = ? 5.0 v (note 9) ? 40 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit f max maximum toggle frequency tbd tbd tbd ghz t plh t phl propagation delay to output 70 235 410 130 240 370 155 265 395 ps t jitter cycle ? to ? cycle jitter tbd tbd tbd ps t r t f output rise/fall times q (20% ? 80%) 100 225 350 100 225 350 100 225 350 ps note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 lfpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 9. 10 series: v ee can vary +0.25 v / ? 0.5 v for +25 c and +85 c. or v ee can vary +0.06 v / ? 0.5 v for ? 40 c. 100 series: v ee can vary +0.8 v / ? 0.5 v.
mc10el04, MC100EL04 http://onsemi.com 5 figure 2. typical termination for output driver and device evaluation (see application note and8020/d ? termination of ecl logic devices.) driver device receiver device qd q d z o = 50  z o = 50  50  50  v tt v tt = v cc ? 2.0 v resource reference of application notes an1405/d ? ecl clock distribution techniques an1406/d ? designing with pecl (ecl at +5.0 v) an1503/d ? eclinps  i/o spice modeling kit an1504/d ? metastability and the eclinps family an1568/d ? interfacing between lvds and ecl an1642/d ? the ecl translator guide and8001/d ? odd number counters design and8002/d ? marking and date codes and8020/d ? termination of ecl logic devices and8066/d ? interfacing with eclinps and8090/d ? ac characteristics of ecl devices
mc10el04, MC100EL04 http://onsemi.com 6 ordering information device package shipping ? mc10el04d soic ? 8 98 units / rail mc10el04dg soic ? 8 (pb ? free) 98 units / rail mc10el04dr2 soic ? 8 2500 / tape & reel mc10el04dr2g soic ? 8 (pb ? free) 2500 / tape & reel mc10el04dt tssop ? 8 100 units / rail mc10el04dtg tssop ? 8 (pb ? free) 100 units / rail mc10el04dtr2 tssop ? 8 2500 / tape & reel mc10el04dtr2g tssop ? 8 (pb ? free) 2500 / tape & reel MC100EL04d soic ? 8 98 units / rail MC100EL04dg soic ? 8 (pb ? free) 98 units / rail MC100EL04dr2 soic ? 8 2500 / tape & reel MC100EL04dr2g soic ? 8 (pb ? free) 2500 / tape & reel MC100EL04dt tssop ? 8 100 units / rail MC100EL04dtg tssop ? 8 (pb ? free) 100 units / rail MC100EL04dtr2 tssop ? 8 2500 / tape & reel MC100EL04dtr2g tssop ? 8 (pb ? free) 2500 / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
mc10el04, MC100EL04 http://onsemi.com 7 package dimensions soic ? 8 nb case 751 ? 07 issue af seating plane 1 4 5 8 n j x 45  k notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. 6. 751 ? 01 thru 751 ? 06 are obsolete. new standard is 751 ? 07. a b s d h c 0.10 (0.004) dim a min max min max inches 4.80 5.00 0.189 0.197 millimeters b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.053 0.069 d 0.33 0.51 0.013 0.020 g 1.27 bsc 0.050 bsc h 0.10 0.25 0.004 0.010 j 0.19 0.25 0.007 0.010 k 0.40 1.27 0.016 0.050 m 0 8 0 8 n 0.25 0.50 0.010 0.020 s 5.80 6.20 0.228 0.244 ? x ? ? y ? g m y m 0.25 (0.010) ? z ? y m 0.25 (0.010) z s x s m  1.52 0.060 7.0 0.275 0.6 0.024 1.270 0.050 4.0 0.155  mm inches  scale 6:1 *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint*
mc10el04, MC100EL04 http://onsemi.com 8 package dimensions dim min max min max inches millimeters a 2.90 3.10 0.114 0.122 b 2.90 3.10 0.114 0.122 c 0.80 1.10 0.031 0.043 d 0.05 0.15 0.002 0.006 f 0.40 0.70 0.016 0.028 g 0.65 bsc 0.026 bsc l 4.90 bsc 0.193 bsc m 0 6 0 6  seating plane pin 1 1 4 85 detail e b c d a g detail e f m l 2x l/2 ? u ? s u 0.15 (0.006) t s u 0.15 (0.006) t s u m 0.10 (0.004) v s t 0.10 (0.004) ? t ? ? v ? ? w ? 0.25 (0.010) 8x ref k ident k 0.25 0.40 0.010 0.016 tssop ? 8 dt suffix plastic tssop package case 948r ? 02 issue a notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash. protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. terminal numbers are shown for reference only. 6. dimension a and b are to be determined at datum plane ?w?. on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada japan : on semiconductor, japan customer focus center 2 ? 9 ? 1 kamimeguro, meguro ? ku, tokyo, japan 153 ? 0051 phone : 81 ? 3 ? 5773 ? 3850 mc10el04/d eclinps is a trademark of semiconductor components industries, llc (scillc). literature fulfillment : literature distribution center for on semiconductor p.o. box 61312, phoenix, arizona 85082 ? 1312 usa phone : 480 ? 829 ? 7710 or 800 ? 344 ? 3860 toll free usa/canada fax : 480 ? 829 ? 7709 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : http://onsemi.com order literature : http://www.onsemi.com/litorder for additional information, please contact your local sales representative.


▲Up To Search▲   

 
Price & Availability of MC100EL04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X