Part Number Hot Search : 
LRI64 2A1102 4410N MNM208 D60NF55L TN0520N3 D0Z14G4 AK4116VF
Product Description
Full Text Search
 

To Download MAX639C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  for pricing, delivery, and ordering information, please contact maxim/dallas direct! at 1-888-629-4642, or visit maxim? website at www.maxim-ic.com. ________________________________________________________________ maxim integrated products 1 _______________general description the max639/max640/max653 step-down switching regulators provide high efficiency over a wide range of load currents, delivering up to 225ma. a current-limiting pulse-frequency-modulated (pfm) control scheme gives the devices the benefits of pulse-width-modulated (pwm) converters (high efficiency at heavy loads), while using only 10? of supply current (vs. 2ma to 10ma for pwm converters). the result is high efficiency over a wide range of loads. the max639/max640/max653 input range is 4v to 11.5v, and the devices provide lower preset output volt- ages of 5v, 3.3v, and 3v, respectively. or, the output can be user-adjusted to any voltage from 1.3v to the input voltage. the max639/max640/max653 have an internal 1a power mosfet switch, making them ideal for minimum-compo- nent, low- and medium-power applications. for increased output drive capability, use the max649/max651/max652 step-down controllers, which drive an external p-channel fet to deliver up to 5w. ________________________applications 9v battery to 5v, 3.3v, or 3v conversion high-efficiency linear regulator replacement portable instruments and handy-terminals 5v-to-3.3v converters ____________________________features ? high efficiency for a wide range of load currents ? 10a quiescent current ? output currents up to 225ma ? preset or adjustable output voltage: 5.0v (max639) 3.3v (max640) 3.0v (max653) ? low-battery detection comparator ? current-limiting pfm control scheme ______________ordering information ordering information continued on last page. * contact factory for dice specifications. max639/max640/max653 5v/3.3v/3v/adjustable, high-efficiency, low i q , step-down dc-dc converters 19-4505; rev 4; 7/05 part temp range pin-package max639 cpa 0? to +70? 8 plastic dip MAX639Csa 0? to +70? 8 so MAX639C/d 0? to +70? dice* 1 2 3 4 5 8 7 6 max639 max640 max653 dip/so top view vfb shdn v+ lx vout lbo lbi gnd __________________pin configuration gnd max639 shdn lx vout lbo low-battery detector output on/off lbi low-battery detector input output 5v 225ma input 5.5v to 11.5v v+ vfb __________typical operating circuit max639esa -40? to +85? 8 so max639epa -40? to +85? 8 plastic dip max639mja -55? to +125? 8 cerdip
max639/max640/max653 5v/3.3v/3v/adjustable, high-efficiency, low i q , step-down dc-dc converters 2 _______________________________________________________________________________________ absolute maximum ratings electrical characteristics (v+ = 9v for the max639, v+ = 5v for the max640/max653, i load = 0ma, t a = t min to t max , typical values are at t a = +25?, unless otherwise noted.) stresses beyond those listed under ?bsolute maximum ratings?may cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specificatio ns is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. parameter min typ max units 91 dropout voltage 0.5 v output voltage (note 2) 2.88 3.00 3.12 v 3.17 3.30 3.43 94 87 91 85 supply current supply voltage 4.0 11.5 v 10 20 ? 4.80 5.00 5.20 efficiency 89 % conditions max653 i out = 100ma, l = 100? max653, v+ = 4.0v to 11.5v, 0ma < i out < 100ma max640, v+ = 4.0v to 11.5v, 0ma < i out < 100ma max639 max640 shdn = v+, no load max639, v+ = 6.0v to 11.5v, 0ma < i out < 100ma v+...........................................................................................12v lx .........................................................(v+ - 12v) to (v+ + 0.3v) lbi, lbo, vfb, shdn, vout........................-0.3v to (v+ + 0.3v) lx output current (note 1) ......................................................1a lbo output current ............................................................10ma continuous power dissipation (t a = +70?) plastic dip (derate 9.09mw/? above +70?) .............727mw so (derate 5.88mw/? above +70?) ..........................471mw cerdip (derate 8.00mw/? above +70?) ..................640mw operating temperature ranges: MAX639C_ _ .......................................................0? to +70? max639e_ _ ....................................................-40? to +85? max639mja ..................................................-55? to +125? storage temperature range .............................-65? to +160? lead temperature (soldering, 10s) .................................+300? i out = 100ma, l = 100? i out = 25ma, l = 470? i out = 100ma, l = 100? i out = 25ma, l = 470? i out = 100ma, l = 100? i out = 25ma, l = 470? switch on-time v+ = 9v, v out = 5v v+ = 6v, v out = 3v 42.5 50.0 57.5 v+ = 9v, v out = 3.3v v+ = 4v, v out = 3.3v ? 10.6 12.5 14.4 v+ = 9v, v out = 3v v+ = 4v, v out = 3v 14.2 16.7 19.2 7.5 8.8 10.1 60.7 71.4 82.1 7.1 8.3 9.5 max653 max639 max640 switch off-time v+ = 9v, v out = 5v v+ = 6v, v out = 3v 14.6 17.2 19.8 v+ = 9v, v out = 3.3v v+ = 4v, v out = 3.3v ? 9.0 11.7 13.5 v+ = 9v, v out = 3v v+ = 4v, v out = 3v 16.6 19.5 22.4 13.3 15.6 17.9 13.3 15.6 17.9 14.6 17.2 19.8 max653 max639 max640 note 1: peak inductor current must be limited to 600ma by using an inductor of 100? or greater.
max639/max640/max653 5v/3.3v/3v/adjustable, high-efficiency, low i q , step-down dc-dc converters _______________________________________________________________________________________ 3 __________________________________________typical operating characteristics (circuit of figure 3, internal feedback, l = 100?, t a = +25?, unless otherwise noted.) 100 50 10 100 1 efficiency vs. output current 60 max639-1 output current (a) efficiency (%) 70 80 90 1m 10m 100m l = 100 h v + = 9v max639 max640 max653 100 50 10 100 efficiency vs. output current 60 max639-2 output current (a) efficiency (%) 70 80 90 1m 10m max639, v+ = 6v max640, v+ = 4.3v max653, v+ = 4v 100m l = 470 h 100 50 10 100 efficiency vs. output current 60 max639-3 output current (a) efficiency (%) 70 80 90 1m 10m max639 max640 max653 100m l = 470 h v+ = 9v note 2: output guaranteed by correlation to measurements of device parameters (i.e., switch on-resistance, on-times, off-times, and output voltage trip points). electrical characteristics (continued) (v+ = 9v for the max639, v+ = 5v for the max640/max653, i load = 0ma, t a = t min to t max , typical values are at t a = +25?, unless otherwise noted.) parameter v 0.4 1.2 min typ max ma v lbo = 0.4v units lbo leakage current 0.001 0.1 ? v lbo = 11.5v lbo delay 25 ? 50mv overdrive 2.5 shdn threshold 0.80 1.15 2.00 v shdn pull-up current 0.10 0.20 0.40 ? ? shdn = 0v v ? t a = +25? t a = t min to t max max639 max640/max653 2.8 lx switch leakage 0.003 1.0 30.0 vfb bias current 4.0 15.0 na vfb dual-mode trip point lx switch on-resistance 50 0.8 1.5 vfb threshold 1.26 1.28 1.30 mv 1.24 1.28 1.32 lbi bias current 210 lbi threshold 1.26 1.28 1.30 na 1.24 1.28 1.32 lbo sink current 0.8 2.5 conditions v+ = 6v, t a = t min to t max , max639 v+ = 4v, t a = t min to t max , max640/max653 v+ = 11.5v, v lx = 0v vfb = 2v v+ = 9v, t a = +25?, max639/max640/max653 max6_ _c max6_ _e/m v lbi = 2v max6_ _c max6_ _e/m
0 10 max640 output voltage ripple vs. input voltage 25 100 max639-10 v+ (v) output voltage ripple (mv) 7 75 150 3456 89 1112 i out = 25ma l = 100 h 125 50 l = 220 h l = 470 h 0 10 max653 output voltage ripple vs. input voltage 25 100 max639-11 v+ (v) output voltage ripple (mv) 7 75 150 3456 89 1112 i load = 25ma 125 50 l = 220 h l = 470 h l = 100 h max639/max640/max653 5v/3.3v/3v/adjustable, high-efficiency, low i q , step-down dc-dc converters 4 _______________________________________________________________________________________ 100 50 10 100 1 efficiency vs. output current 60 max639-4 output current (a) efficiency (%) 70 80 90 1m 10m 100m l = 100 h max639, v+ = 6v max640, v+ = 4.3v max653, v+ = 4v 100 10 maximum output current vs. input voltage 200 max639-07 v+ (v) maximum output current (ma) 7 250 3456 89 1112 150 max640 max653 max639 l = 100 h 80 10 efficiency vs. input voltage 85 95 max639-05 v+ (v) efficiency (%) 7 90 100 3456 89 1112 i out = 100ma max639 max640 max653 80 10 efficiency vs. input voltage 85 95 max639-06 v+ (v) efficiency (%) 7 90 100 3456 89 1112 l = 470 h i out = 25ma max639 max640 max653 25 10 maximum output current vs. input voltage 65 max639-08 v+ (v) maximum output current (ma) 7 75 3456 89 1112 55 max640 max653 max639 45 35 l = 470? 0 10 max639 output voltage ripple vs. input voltage 25 100 max639-09 input voltage (v) output voltage ripple (mv) 7 75 150 5 6 8 9 11 12 l = 100 h 125 50 l = 220 h l = 470 h i out = 25ma _____________________________typical operating characteristics (continued) (circuit of figure 3, internal feedback, l = 100?, t a = +25?, unless otherwise noted.)
max639/max640/max653 5v/3.3v/3v/adjustable, high-efficiency, low i q , step-down dc-dc converters _______________________________________________________________________________________ 5 0 70 max639 start-up time vs. output current 2 8 max639-12 output current (ma) start-up time (ms) 20 6 12 010 40 60 80 100 v+ = 5.5v 10 4 30 50 90 v+ = 9.0v v+ = 11.5v measured from the rising edge of v+ or shdn to (v out = 5v). 0 70 max640/max653 start-up time vs. output current 2 8 max639-13 output current (ma) start-up time (ms) 20 6 0 10 40 60 80 100 10 4 30 50 90 v+ = 9.0v v+ = 11.5v v+ = 5.0v measured from the rising edge of v+ or shdn to (v out = 3.3v)(max640) or (v out = 3.0v)(max653). the start-up time difference between the max640 and the max653 is negligible. l = 100 h 0 30 max639 start-up time vs. output current 10 30 max639-14 output current (ma) start-up time (ms) 0 5 15 25 40 20 10 20 v+ = 9.0v v+ = 11.5v v+ = 5.5v measured from the rising edge of v+ or shdn to (v out = 5.0v) l = 470 h. 0 30 max640/max653 start-up time vs. output current 10 30 max639-15 output current (ma) start-up time (ms) 05 15 25 40 20 10 20 v+ = 9.0v v+ = 11.5v v+ = 5.0v measured from the rising edge of v+ or shdn to (v out = 3.3v)(max640) or (v out = 3.0v)(max653). the start-up time difference between the max640 and the max653 is negligible. l = 470 h _____________________________typical operating characteristics (continued) (circuit of figure 3, internal feedback, l = 100?, t a = +25?, unless otherwise noted.) 0 7 no-load supply current vs. input voltage 40 60 max639-16 input voltage (v) no-load supply current ( a) 4 50 70 0 1 2 3 5 6 11 12 max639, v out = 5v 10 30 20 9 810 max653, v out = 3v
max639/max640/max653 5v/3.3v/3v/adjustable, high-efficiency, low i q , step-down dc-dc converters 6 _______________________________________________________________________________________ max653 line-transient response a b a: v in, 4v to 8v, 2v/div b: v out , 100mv/div v out = 3v, i load = 100ma 10ms/div a: v in, 6v to 11.5v, 2v/div b: v out , 100mv/div v out = 5v, i load = 100ma max639 line-transient response a b 10ms/div _____________________________typical operating characteristics (continued) (circuit of figure 3, internal feedback, l = 100?, t a = +25?, unless otherwise noted.) a: i load, 0ma to 100ma, 50ma/div b: v out , 100mv/div, ac coupled v in = 5v, v out = 3v max653 load-transient response a b 1ms/div max639 load-transient response a b a: i load, 0ma to 200ma, 100ma/div b: v out , 100mv/div, ac coupled v in = 9v, v out = 5v 1ms/div
max639/max640/max653 5v/3.3v/3v/adjustable, high-efficiency, low i q , step-down dc-dc converters _______________________________________________________________________________________ 7 name function 1 vout sense input for regulated-output operation. internally connected to an on-chip voltage divider and to the variable duty-cycle, on-demand oscillator. it must be connected to the external regulated output. 2 lbo low-battery output. an open-drain n-channel mosfet sinks current when the voltage at lbi drops below 1.28v. 3 lbi low-battery input. when the voltage at lbi drops below 1.28v, lbo sinks current. pin 4 gnd ground ______________________________________________________________pin description 5 lx drain of a pmos power switch that has its source connected to v+. lx drives the external inductor, which provides current to the load. 6 v+ positive supply-voltage input. should not exceed 11.5v 7 vfb 8 shdn dual-mode feedback pin. when vfb is grounded, the internal voltage divider sets the output to 5v (max639), 3.3v (max640) or 3v (max653). for adjustable operation, connect vfb to an external volt- age divider. shutdown input ?active low. when pulled below 0.8v, the lx power switch stays off, shutting down the regulator. when the shutdown input is above 2v, the regulator stays on. tie shdn to v+ if shut- down mode is not used. ____________________getting started designing power supplies with the max639/max640/ max653 is easy. the few required external components are readily available. the most general applications use the following components: (1) capacitors: for the input and output filter capaci- tors, try using electrolytics in the 100? range, or use low-esr capacitors to minimize output ripple. capacitor values are not critical. (2) diode: use the popular 1n5817 or equivalent schottky diode. (3) inductor: for the highest output current, choose a 100? inductor with an incremental saturation cur- rent rating of at least 600ma. to obtain the highest efficiencies and smallest size, refer to the inductor selection section. _______________detailed description figure 1 shows a simplified, step-down dc-dc con- verter. when the switch is closed, a voltage equal to (v+ - v out ) is applied to the inductor. the current through the inductor ramps up, storing energy in the inductor? magnetic field. this same current also flows into the output filter capacitor and load. when the switch opens, the current continues to flow through the inductor in the same direction, but must also flow through the diode. the inductor alone supplies current to the load when the switch is open. this current decays to zero as the energy stored in the inductor? magnetic field is transferred to the output filter capaci tor and the load. v+ v l l v out c out i l figure 1. simplified step-down converter switch off max639 fg02 0v switch on 0a switch off switch on i l at 200ma/div v l at 5v/div figure 2. simplified step-down converter operation
max639/max640/max653 figure 2 shows what happens to the ideal circuit of figure 1 if the switch turns on with a 66% duty cycle and v+ = 3/2 v out . the inductor current rises more slowly than it falls because the magnitude of the voltage applied during t on is less than that applied during t off . varying the duty cycle and switching frequency keeps the peak current constant as input voltage varies. the max639/max640/max653 control the switch (t on and t off ) according to the following equations: equation (1) t on = 50?v / (v+ - v out ) equation (2) t off 50?v / v out equation (3) i peak = 50?v / l these three equations ensure constant peak currents for a given inductor value, across all input voltages (ignoring the voltage drop across the diode (d1) and the resistive losses in the switch and inductor). the variable duty cycle also ensures that the current through the inductor discharges to zero at the end of each pulse. figure 3 shows the max639/max640/max653 block dia- gram and a typical connection in which 9v is converted to 5v (max639), 3.3v (max640), or 3.0v (max653). the sequence of events in this application is as follows: when the output dips: (1) the error comparator switches high. (2) the internal oscillator starts (15? start-up time) and connects to the gate of the lx output driver. (3) lx turns on and off according to t on and t off , charging and discharging the inductor, and sup- plying current to the output (as described above). when the output voltage recovers: (1) the comparator switches low. (2) lx turns off. (3) the oscillator shuts down to save power. fixed or adjustable output for operation at the preset output voltage, connect vfb to gnd; no external resistors are required. for other output voltages, use an external voltage divider. set the output voltage using r3 and r4 as determined by the following formula: r3 = r4 [(v out / vfb threshold) - 1] where r4 is any resistance in the 10k ? to 1m ? range (typ- ically 100k ? ), and the vfb threshold is typically 1.28v. 5v/3.3v/3v/adjustable, high-efficiency, low i q , step-down dc-dc converters 8 _______________________________________________________________________________________ max639 max640 max653 variable frequency and duty-cycle oscillator error comparator low-battery comparator +1.28v bandgap reference mode-select comparator c out 100 f 1n5817 l = 100 h 5v, 3.3v or 3.0v at 100ma 5 1 lx vout 50mv gnd 4 vfb 7 r2 2 3 lbo lbi r1 c in 33 f input, +5.5v to +11.5v (max639), +3.8v to +11.5v (max640), +3.5v to +11.5v (max653) 8 6 shdn v+ figure 3. block diagram
low-battery detector the low-battery detector compares the voltage on the lbi input with the internal 1.28v reference. lbo goes low whenever the input voltage at lbi is less than 1.28v. set the low-battery detection voltage with resis- tors r1 and r2 (figure 3) as determined by the follow- ing formula: r1 = r2 [(vlb / lbi threshold) - 1] where r2 is any resistance in the 10k ? to 1m ? range (typically 100k ? ), the lbi threshold is typically 1.28v, and vlb is the desired low-battery detection voltage. the low-battery comparator remains active in shutdown mode. shutdown mode bringing shdn below 0.8v places the max639/ max640/max643 in shutdown mode. lx becomes high impedance, and the voltage at vout falls to zero. the time required for the output to rise to its nominal regu- lated voltage when brought out of shutdown (start-up time) depends on the inductor value, input voltage, and load current (see the start-up time vs. output current graph in the typical operating characteristics ). the low-battery comparator remains active in shutdown mode. __________applications information inductor selection when selecting an inductor, consider these four factors: peak-current rating, inductance value, series resistance, and size. it is important not to exceed the inductor? peak-current rating. a saturated inductor will pull exces- sive currents through the max639/max640/max653? switch, and may cause damage. avoid using rf chokes or air-core inductors since they have very low peak-cur- rent ratings. electromagnetic interference must not upset nearby circuitry or the regulator ic. ferrite-bobbin types work well for most digital circuits; toroids or pot cores work well for emi-sensitive analog circuits. recall that the inductance value determines i peak for all input voltages (equation 3). if there are no resistive loss- es and the diode is ideal, the maximum average current that can be drawn from the max639/max640/max653 will be one-half i peak . with the real losses in the switch, inductor, and diode taken into account, the real maxi- mum output current typically varies from 90% to 50% of the ideal. the following steps describe a conservative way to pick an appropriate inductor. step 1: decide on the maximum required output current, in amperes: i outmax . step 2: i peak = 4 x i outmax . max639/max640/max653 5v/3.3v/3v/adjustable, high-efficiency, low i q , step-down dc-dc converters _______________________________________________________________________________________ 9 table 1. component suppliers maxl001* 0.65 x 0.33 dia. 100 1.75 7300-13** 0.63 x 0.26 dia. 100 0.89 7300-15** 0.63 x 0.26 dia. 150 0.72 7300-17** 0.63 x 0.26 dia. 220 0.58 7300-19** 0.63 x 0.26 dia. 330 0.47 7300-21** 0.63 x 0.26 dia. 470 0.39 7300-25** 0.63 x 0.26 dia. 1000 0.27 part number size (mm) value (h) i max (a) cd54 5.2 x 5.8 x 4.5 100 0.52 cd54 5.2 x 5.8 x 4.5 220 0.35 cdr74 7.1 x 7.7 x 4.5 100 0.52 cdr74 7.1 x 7.7 x 4.5 220 0.35 cdr105 9.2 x 10.0 x 5.0 100 0.80 cdr105 9.2 x 10.0 x 5.0 220 0.54 part number size (inches) value (f) esr ( ? ) maxc001* 150 0.2 267 series** d sm packages 47 0.2 267 series** e sm packages 100 0.2 part number size v f (v) se014 sot89 0.55 se024 sot89 0.55 inductors ?through hole 0.2 0.27 0.36 0.45 0.58 0.86 2.00 inductors ?surface mount series r ( ? ) 0.63 1.50 0.51 0.98 0.35 0.69 sumida electric (usa) 637 east golf road arlington heights, il 60005 (708) 956-0666 capacitors ?low esr v max (v) 35 10 6.3 * maxim integrated products **matsuo electronics 2134 main street huntington beach, ca 92648 (714) 969-2491 schottky diodes ?surface mount i max (a) 1 0.95 part number size (inches) value (h) i max (a) series r ( ? ) * maxim integrated products **caddell-burns 258 east second street mineola, ny 11501-3508 (516) 746-2310 0.49 x 0.394 dia. collmer semiconductor 14368 proton road dallas, tx 75244 (214) 233-1589 note: this list does not constitute an endorsement by maxim integrated products and is not intended to be a comprehensive list of all manufacturers of these components.
max639/max640/max653 step 3: l = 50 / i peak . l will be in ?. do not use an inductor of less than 100?. step 4: make sure that i peak does not exceed 0.6a or the inductor? maximum current rating, whichever is lower. inductor series resistance affects both efficiency and dropout voltage. a high series resistance severely limits the maximum current available at lower input voltages. output currents up to 225ma are possible if the induc- tor has low series resistance. inductor and series switch resistance form an lr circuit during t on . if the l/r time constant is less than the oscillator t on , the inductor? peak current will fall short of the desired i peak . to maximize efficiency, choose the highest-value inductor that will provide the required output current over the whole range of your input voltage (see typical operating characteristics ). inductors with peak cur- rents in the 600ma range do not need to be very large. they are about the size of a 1w resistor, with surface- mount versions less than 5mm in diameter. table 1 lists suppliers of inductors suitable for use with the max639/max640/max653. output filter capacitor the max639/max640/max653? output ripple has two components. one component results from the variation in stored charge on the filter capacitor with each lx pulse. the other is the product of the current into the capacitor and the capacitor? equivalent series resis- tance (esr). the amount of charge delivered in each oscillator pulse is determined by the inductor value and input voltage. it decreases with larger inductance, but increases as the input voltage lessens. as a general rule, a smaller amount of charge delivered in each pulse results in less output ripple. with low-cost aluminum electrolytic capacitors, the esr-induced ripple can be larger than that caused by the charge variation. consequently, high-quality alu- minum-electrolytic or tantalum filter capacitors will mini- mize output ripple. best results at reasonable cost are typically achieved with an aluminum-electrolytic capac- itor in the 100? range, in parallel with a 0.1? ceramic capacitor (table 1). external diode in most max639/max640/max653 circuits, the current in the external diode (d1, figure 3) changes abruptly from zero to its peak value each time lx switches off. to avoid excessive losses, the diode must have a fast turn-on time. for low-power circuits with peak currents less than 100ma, signal diodes such as the 1n4148 perform well. the 1n5817 diode works well for high- power circuits, or for maximum efficiency at low power. 1n5817 equivalent diodes are also available in surface- mount packages (table 1). although the 1n4001 and other general-purpose rectifiers are rated for high cur- rents, they are unacceptable because their slow turn- off times result in excessive losses. minimum load under no-load conditions, because of leakage from the pmos power switch (see the lx leakage current vs. temperature graph in the typical operating characteristics ) and from the internal resistor from v+ to v out , leakage current may be supplied to the output 5v/3.3v/3v/adjustable, high-efficiency, low i q , step-down dc-dc converters 10 ______________________________________________________________________________________ gnd max639 max640 max653 shdn 6 vout 4 lbi l = 100 h 3 1 5 c in 100 f 1n5817 c out 100 f vfb 7 r3 r4 8 v+ lx output input +4.0v to +11.5v figure 4. adjustable-output operation max639 max640 max653 figure 5. through-hole pc layout and component placement diagram for standard step-down application (top-side view)
capacitor, even when the switch is off. this will usually not be a problem for a 5v output at room temperature, since the diode? reverse leakage current and the feedback resistors?current typically drain the excess. however, if the diode leakage is very low (which can occur at low temperatures and/or small output voltages), charge may build up on the output capacitor, making v out rise above its set point. if this happens, add a small load resistor (typically 1m ? ) to the output to pull a few extra microamps of current from the output capacitor. layout several of the external components in a max639/ max640/max653 circuit experience peak currents up to 600ma. wherever one of these components con- nects to ground, there is a potential for ground bounce. ground bounce occurs when high currents flow through the parasitic resistances of pc board traces. what one component interprets as ground can differ from the ic? ground by several millivolts. this may increase the max639/max640/max653? output ripple, since the error comparator (which is referenced to ground) will generate extra switching pulses when they are not needed. it is essential that the input filter capac- itor? ground lead, the max639/max640/max653? gnd pin, the diode? anode, and the output filter capacitor? ground lead are as close together as possi- ble, preferably at the same point. figure 5 shows a suggested through-hole printed circuit layout that mini- mizes ground bounce. inverter configuration figure 6 shows the max639/max640/max653 in a floating ground configuration. by tying what would nor- mally be the output to the supply-voltage ground, the ic? gnd pin is forced to a regulated -5v (max639), -3.3v (max640), or -3v (max653). avoid exceeding the maximum differential voltage of 11.5v from v+ to v out . other negative voltages can be generated by placing a voltage divider across c out and connecting the tap point to vfb in the same manner as the normal step- down configuration. two aa batteries to 5v, 3.3v, or 3v for battery-powered applications, where the signal ground does not have to correspond to the power-supply ground, the circuit in figure 6 generates 5v (max639), 3.3v (max640), or 3v (max653) from a pair of aa batter- ies. connect the v in ground point to your system? input, and connect the output to your system? ground input. this configuration has the added advantage of reduced on resistance, since the ic? internal power fet has v in + v out of gate drive (figures 7 and 8). max639/max640/max653 5v/3.3v/3v/adjustable, high-efficiency, low i q , step-down dc-dc converters ______________________________________________________________________________________ 11 gnd max639 max640 max653 shdn lx vout -5v -3.3v or -3v 4 v+ vfb l = 100 h 7 1 5 c out 100 f v in c in 100 f 8 6 1n5817 figure 6. inverting configuration max639 fg02 maximum output current (ma) 0 v+ (v) t a = +25? l = 100 h max639 0 20 40 60 80 100 160 1 2 34 5 120 140 figure 7. maximum current capability of figure 6 circuit max639 fg02 efficiency (%) 84.0 v+ (v) t a = +25? v out = -5v l = 470 h i out = 10ma 1.5 84.5 85.0 85.5 86.0 86.5 87.0 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 figure 8. efficiency of figure 6 circuit
max639/max640/max653 5v/3.3v/3v/adjustable, high-efficiency, low i q , step-down dc-dc converters 12 ______________________________________________________________________________________ 8 cerdip -55? to +125? max653mja 8 so -40? to +85? max653esa 8 plastic dip -40? to +85? max653epa dice* 0? to +70? max653c/d 8 so 0? to +70? max653csa 8 plastic dip 0? to +70? max653 cpa 8 cerdip -55? to +125? max640mja 8 plastic dip -40? to +85? max640epa 8 so -40? to +85? max640esa dice* 0? to +70? max640c/d 8 so 0? to +70? max640csa 8 plastic dip 0? to +70? max640 cpa pin-package temp range part _ordering information (continued) * contact factory for dice specifications. ___________________chip topography vfb v+ lbo vout shdn gnd 0.083" (2.108mm) 0.072" (1.828mm) lbi lx transistor count: 221 substrate connected to v+
max639/max640/max653 5v/3.3v/3v/adjustable, high-efficiency, low i q , step-down dc-dc converters maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circu it patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. 13 ____________________maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 2005 maxim integrated products printed usa is a registered trademark of maxim integrated products, inc. soicn .eps package outline, .150" soic 1 1 21-0041 b rev. document control no. approval proprietary information title: top view front view max 0.010 0.069 0.019 0.157 0.010 inches 0.150 0.007 e c dim 0.014 0.004 b a1 min 0.053 a 0.19 3.80 4.00 0.25 millimeters 0.10 0.35 1.35 min 0.49 0.25 max 1.75 0.050 0.016 l 0.40 1.27 0.394 0.386 d d min dim d inches max 9.80 10.00 millimeters min max 16 ac 0.337 0.344 ab 8.75 8.55 14 0.189 0.197 aa 5.00 4.80 8 n ms012 n side view h 0.244 0.228 5.80 6.20 e 0.050 bsc 1.27 bsc c h e e b a1 a d 0 -8 l 1 variations: package information (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation go to www.maxim-ic.com/packages .)


▲Up To Search▲   

 
Price & Availability of MAX639C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X