Part Number Hot Search : 
EMC1201 78P2244 74HCT08D U1000 TFS400F D111I RGP10DE LC75344M
Product Description
Full Text Search
 

To Download MAX1583XETB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general description the max1583 evaluation kit (ev kit) is a fully assembled and tested surface-mount circuit board for evaluating the max1583 white led flash boost converter. the ev kit accepts a 2.6v to 5.5v input voltage and drives up to five series white leds with a constant current to pro- vide camera flash/strobe in cell phones, pdas, dscs, and other hand-held devices. the max1583 switching frequency is 1mhz, allowing tiny external components. two logic inputs control four modes of operation: shut- down mode (0.5? max), movie mode for high-efficien- cy continuous lighting (programmable up to 100ma), precharge mode for charging a reservoir capacitor to 24v while the leds are off (pok output indicates a full reservoir capacitor), and strobe mode for firing the flash during an exposure with a regulated current program- mable up to 300ma (100ma with installed compo- nents). a pushbutton pulse generator is installed to sim- ulate a 30ms flash pulse. the max1583 comes with the max1583x (1a current limit) installed, but the entire max1583 family can be eval- uated with this ev kit with minor component changes. features ? supports up to 5 leds for strobe/flash ? four operational modes strobe: up to 300ma (preset to 100ma) precharge: with pok indicator movie: up to 100ma (preset to 20ma) shutdown: 0.01a (typ) quiescent current ? input current limiting 1a (max1583x) 500ma (max1583y) 250ma (max1583z) ? 24v output overvoltage protection ? 80% efficient (p led / p in ) movie mode ? thermal-shutdown protection ? 10-lead 3mm x 3mm tdfn package ? surface-mount components ? fully assembled and tested evaluates: max1583 max1583 evaluation kit ________________________________________________________________ maxim integrated products 1 19-3246; rev 0; 4/04 component list for pricing, delivery, and ordering information, please contact maxim/dallas direct! at 1-888-629-4642, or visit maxim? website at www.maxim-ic.com. ordering information part temp range ic package max1583evkit 0? to +70? 10 tdfn 3mm x 3mm designation qty description c1 1 22?, 6.3v x5r ceramic capacitor (0805) tdk c2012x5r0j226m c2 1 10? 10%, 25v x5s ceramic capacitor (1206) taiyo yuden tmk316c106kl c3, c4 2 0.01? 10%, 16v x7r ceramic capacitors (0402) tdk c1005x7r1e103k c5 1 0.1? 10%, 25v x7r ceramic capacitor (0603) tdk c1608x7r1e104k d1 1 30v, 500ma, v f = 0.4v schottky diode (sod-323) diodes, inc. b0530ws designation qty description d2 1 white led module nichia nbcw011t d5 1 30v, 100ma schottky diode (sod 523) central semiconductor cmosh-3 ju1, ju2 2 3-pin headers ju3 1 2-pin header l1 1 4.7?, 1.06a, 450m ? toko 984fb-4r7m r1 1 6.04k ? 1% resistor (0402) r2 1 3.01k ? 1% resistor (0402) r3, r4, r5 3 100k ? 5% resistors (0402) sw1 1 momentary pushbutton switch panasonic evq-php03t note: to evaluate the max1583y or max1583z, request a max1583yetb or max1583zetb free sample with the max1583 ev kit.
evaluates: max1583 max1583 evaluation kit 2 _______________________________________________________________________________________ recommended equipment ? to +6v at 1a, variable-output power supply two digital multimeters (dmms) quick start the max1583 ev kit is fully assembled and tested. perform the following steps to verify board operation: 1) verify that shunts are across pins 2 and 3 of jumpers ju1 (en2) and ju2 (en1). this places the max1583 into shutdown mode. 2) verify that ju3 is open. 3) preset the power supply to 2.7v and turn off. do not turn on the power supply until all connec- tions are completed. 4) connect the positive lead of the power supply to the vin pad on the ev kit pc board. connect the ground lead of the power supply to the gnd pad on the ev kit pc board. 5) connect the positive lead of one dmm to the out pad on the ev kit pc board and connect the nega- tive lead of the dmm to the gnd pad. this dmm measures the voltage at out (v out ). 6) connect the positive lead of the other dmm to pok on the ev kit pc board and connect the negative lead of the dmm to the gnd pad. this dmm mea- sures the voltage at pok (v pok ). 7) turn on the power supply. 8) verify that the white led module is off. 9) remove the shunt on ju2 and place it between pins 1 and 2 of ju2. this places the max1583 into movie mode. 10) verify that the white led module lights up. v out should read approximately 7v. 11) sweep the input voltage from 2.7v to 5.5v, verifying that the led module remains on with constant brightness and v out does not change. 12) set the power supply to 2.7v. 13) remove the shunt on ju2 and place it between pins 1 and 2 of ju3. remove the shunt on ju1 and place it between pins 1 and 2 of ju1. this places the max1583 into precharge mode. 14) verify that the white led module is off. verify that v out is approximately 23.5v and v pok is approxi- mately 2.7v. 15) sweep the power supply to 5.5v. verify that the led module remains off, v out is approximately 23.5v, and v pok tracks v vin . 16) set the power supply to 3.3v. 17) push the button on the bottom of the ev kit. this enables a strobe/flash. 18) verify that the led module flashes. detailed description jumper selection en1 and en2 on the max1583 provide control for shut- down mode, movie mode, precharge mode, and strobe mode. jumpers ju1 and ju2 connect en2 and en1 to either vin or gnd (see table 1). an external signal can be used to drive en1 or en2 by removing the corre- sponding shunt completely from the jumper and con- necting the external signal to the appropriate connect- ing pad. ju3 enables the pulse generator for the strobe mode. ju3 must be open if a jumper is installed on ju2 or if en1 is externally driven. setting led current the preset led current in movie mode is 20ma. to set a different movie-mode led current, change r2, where r2 = 60 / i led(movie) . the max1583 is capable of movie-mode currents up to 100ma. the preset led current in strobe mode is 100ma. to set a different strobe-mode led current, change r1, where r1 = 600 / i led(strobe) . the max1583 can reg- ulate strobe-mode led currents up to 300ma; however, the led installed on the max1583 ev kit has a maxi- mum pulse-current rating of 100ma. if larger currents are desired, a new led with a higher pulsed current rating must be installed on the ev kit. evaluating off-board leds the max1583 ev kit allows for easy evaluation of off- board leds. to evaluate off-board leds, first remove the installed led module, d2. next, connect the pad labeled out on the ev kit to the anode of the series led string under evaluation and connect the cathode of the external series led string to the ev kit pad labeled led. component list (continued) designation qty description u1 1 MAX1583XETB (10-pin tdfn) u2 1 max6422xs23 (sot23) none 2 shunts none 1 max1583 ev kit pc board
changing the strobe pulse width the max1583 ev kit includes a pulse generator for con- venience in evaluating the strobe function of the max1583. the strobe pulse width is determined by c4. to change the pulse width of the strobe, replace c4 with a capacitor corresponding to the following equation: the minimum pulse width of the pulse generator is 1ms. using a strobe pulse longer than 30ms may require a larger output reservoir capacitance (c2). refer to the reservoir capacitance vs. current limit section in the max1583 data sheet for details on calcu- lating the required capacitance. c ts pulse 4 275 273 10 6 = ? . evaluates: max1583 max1583 evaluation kit _______________________________________________________________________________________ 3 ju2 position en1 ju1 position en2 max1583 output 1 and 2 connected to vin 1 and 2 connected to vin strobe mode 1 and 2 connected to vin 2 and 3 connected to gnd movie mode 2 and 3 connected to gnd 1 and 2 connected to vin precharge mode 2 and 3 connected to gnd 2 and 3 connected to gnd shutdown mode table 1. ju1 and ju2 functions (dimming control) component suppliers supplier component phone website diodes, inc. schottky diode 805-440-4800 www.diodes.com nichia leds 717-285-2323 www.nichia.com panasonic resistors 714-373-7366 www.maco.panasonic.co.jp taiyo yuden capacitors 408-573-4150 www.t-yuden.com tdk capacitors 888-835-6646 www.component.tdk.com note: indicate that you are using the max1583 when contacting these suppliers.
evaluates: max1583 max1583 evaluation kit 4 _______________________________________________________________________________________ max6422xs23 u2 v cc gnd reset srt c4 0.01 f ju3 c3 0.01 f d5 r4 100k ? r5 100k ? sw1 vin en1 ju2 vin gnd vin vin pok en2 1 2 3 r2 3.01k ? 1% r1 6.04k ? 1% 1 2 3 ju1 c1 22 f r3 100k ? l1 4.7 h 3 4 7 5 1 2 10 d1 c2 10 f c5 0.1 f out d2 white led module led 9 8 in gnd pok en2 stb mov en1 6 led out lx MAX1583XETB u1 figure 1. max1583 ev kit schematic
maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circu it patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 _____________________ 5 2004 maxim integrated products printed usa is a registered trademark of maxim integrated products. evaluates: max1583 max1583 evaluation kit figure 2. max1583 ev kit component placement guide?op silkscreen figure 3. max1583 ev kit pc board layout?omponent side figure 4. max1583 ev kit pc board layout?older side


▲Up To Search▲   

 
Price & Availability of MAX1583XETB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X