Part Number Hot Search : 
XP0121N SMBJ190A FMMT2484 MK325B LR1102 FBS56 F6S21140 PCA9546D
Product Description
Full Text Search
 

To Download CRSH16D-40FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maximum ratings: (t c =25c unless otherwise noted) symbol crsh16d crsh16d crsh16d -40fp -60fp -100fp units peak repetitive reverse voltage v rrm 40 60 100 v dc blocking voltage v r 40 60 100 v rms reverse voltage v r(rms) 26 42 80 v average forward current (t c =90c) i o 16 a peak forward surge current (8.3ms) i fsm 150 a critical rate of rise of reverse voltage dv/dt 10,000 v/ s operating and storage junction temperature t j ,t stg -65 to +150 c typical thermal resistance jc 4.0 c/w typical thermal resistance ja 60 c/w electrical characteristics per diode: (t c =25c unless otherwise noted) crsh16d crsh16d crsh16d -40fp -60fp -100fp symbol test conditions typ max typ max typ max units i r v r =rated v rrm 200 200 200 a i r v r =rated v rrm , t c = 125c 15 15 15 ma v f i f =8.0a 0.65 0.75 0.85 v v f i f =8.0a, t c = 125c 0.57 0.65 0.75 v v f i f =16a 0.84 0.95 1.10 v v f i f =16a, t c = 125c 0.72 0.85 1.00 v c j v r =4.0v, f=1.0mhz 300 300 300 pf CRSH16D-40FP crsh16d-60fp crsh16d-100fp silicon schottky rectifiers dual, common cathode 16 amp, 40 thru 100 volts to-220fp case central semiconductor corp. tm r1 (25-january 2006) features: ? high reliability ? high current capability ? ul flammability classification 94v-o ? low power loss, high efficiency ? low forward voltage ? high surge capacity ? superior lot to lot consistency ? high voltage description: the central semiconductor CRSH16D-40FP series types are silicon schottky rectifiers designed for fast switching applications requiring a low forward voltage drop. marking code: full part number
central semiconductor corp. tm to-220fp case - mechanical outline CRSH16D-40FP crsh16d-60fp crsh16d-100fp silicon schottky rectifiers dual, common cathode 16 amp, 40 thru 100 volts r1 (25-january 2006) lead code: 1) anode d1 2) cathode d1,d2 3) anode d2


▲Up To Search▲   

 
Price & Availability of CRSH16D-40FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X