Part Number Hot Search : 
K2225 ST13091 UNSMF AS7C3 SMA2811 212DH3 212DH3 90010
Product Description
Full Text Search
 

To Download BAS3007A-RPP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2007-11-20 1 bas3007a... low vf schottky diode array ? reverse voltage: 30 v ? forward current: 0.9 a ? small diode quad array for polarity independence, reverse polarity protection and low loss bridge rectification ? very low forward voltage: 0.5 v typ. @ 0.7 a (per diode) ? fast switching ? pb-free (rohs compliant) package 1) ? qualified according aec q101 BAS3007A-RPP 2 1 d 2 d 1 4 3 d 3 d 4 + - ~ ~ type package configuration marking BAS3007A-RPP sot143 bridge e1s maximum ratings at t a = 25c, unless otherwise specified parameter symbol value unit diode reverse voltage 2) v r 30 v peak reverse voltage 2) v rm 30 rms reverse voltage 2) v r ( rms ) 21 forward current 2) t s 46c t s 82c i f 900 700 ma non-repetitive peak surge forward current ( t 10 ms) i fsm 5 a junction temperature t j 150 c storage temperature t st g -65 ... 150 1 pb-containing package may be available upon special request 2 for t a > 25c the derating of v r and i f has to be considered. please refer to the attached curves.
2007-11-20 2 bas3007a... thermal resistance parameter symbol value unit junction - soldering point 1) r thjs 95 k/w electrical characteristics at t a = 25c, unless otherwise specified parameter symbol values unit min. typ. max. dc characteristics reverse current (per diode) 2) v r = 12 v v r = 30 v i r - - - - 30 350 a forward voltage (per diode) 2)3) i f = 100 ma i f = 350 ma i f = 500 ma i f = 700 ma i f = 900 ma v f - - - - - 0.35 0.4 0.45 0.5 0.6 0.4 0.5 0.55 0.6 0.7 v ac characteristics diode capacitance (per diode) v r = 5 v, f = 1 mhz c t - 9 15 pf 1 for calculation of r thja please refer to application note thermal resistance 2 pulsed test, t p = 300 s; d = 0.01 3 when used as shown for reverse polarity protection (rpp, see page 4), the voltage available to the circuit being protected will be two diode drops below the power supply voltage. in other words, the supply current will pass through two diodes.
2007-11-20 3 bas3007a... diode capacitance c t = ? (v r ) f = 1mhz (per diode) 0 5 10 15 20 v 30 v r 4 6 8 10 12 14 16 18 20 22 24 26 pf 30 c t forward voltage v f = ? ( t a ) i f = parameter (per diode) -45 -15 15 45 75 c 135 t a 0 0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5 0.55 0.6 v 0.7 v f if = 100ma if = 350ma if = 700ma if = 900ma forward current i f = ? ( v f ) t a = parameter (per diode) 0.15 0.25 0.35 0.45 v 0.65 v f -1 10 0 10 a i f +125c +85c +25c -40c permissible reverse voltage v r = ? ( t a ) t p = paramter, duty cycle < 0.01 device mounted on pcb with r th = 160 k/w 0 20 40 60 80 100 c 130 t a 0 5 10 15 20 25 v 35 v rmax dc 20 ms 1 ms
2007-11-20 4 bas3007a... forward current i f = ? ( t s ) current flows through two chips per package at the same time (per array) 0 15 30 45 60 75 90 105 120 c 150 t s 0 100 200 300 400 500 600 700 800 ma 1000 i f application example BAS3007A-RPP advanced reverse polarity protection(rpp): due to diode orientation, circuit at the right will be protected from damage and will also function normally in the event reverse polarity is applied to pins 2 and 3 of the BAS3007A-RPP. dc plug to power supply 2 1 4 3 +vs / ground ground / +vs reverse polarity protected circuit ground +vs
2007-11-20 5 bas3007a... package sot143 package outline foot print marking layout (example) standard packing reel ?180 mm = 3.000 pieces/reel reel ?330 mm = 10.000 pieces/reel rf s 2005, june date code (ym) bfp181 type code 56 pin 1 0.8 0.8 1.2 0.9 1.1 0.9 1.2 0.8 0.8 0.8 -0.05 +0.1 1.9 1.7 0.1 2.9 +0.1 -0.05 0.4 0.1 max. 12 3 4 0.25 m b 0.1 1 10? max. 0.15 min. 0.2 a m 2.4 0.15 0.2 10? max. a 1.3 0.1 0...8? 0.08...0.15 2.6 4 3.15 pin 1 8 0.2 1.15 b manufacturer
2007-11-20 6 bas3007a... edition 2006-02-01 published by infineon technologies ag 81726 mnchen, germany ? infineon technologies ag 2007. all rights reserved. attention please! the information given in this dokument shall in no event be regarded as a guarantee of conditions or characteristics (?beschaffenheitsgarantie?). with respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, infineon technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties of non-infringement of intellectual property rights of any third party. information for further information on technology, delivery terms and conditions and prices please contact your nearest infineon technologies office ( www.infineon.com ). warnings due to technical requirements components may contain dangerous substances. for information on the types in question please contact your nearest infineon technologies office. infineon technologies components may only be used in life-support devices or systems with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered.


▲Up To Search▲   

 
Price & Availability of BAS3007A-RPP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X