Part Number Hot Search : 
RC4156N SG2731 SP486E APC08 SPE0571 XN1118 03820 SP8M51
Product Description
Full Text Search
 

To Download BA-3D12UW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  b b r r i i g g h h t t l l e e d d e e l l e e c c t t r r o o n n i i c c s s c c o o r r p p . . b b a a - - 3 3 d d 1 1 2 2 u u w w ver.1.0 page 1 of 3 since 1981 package dimensions : 19.80(.780) 18.78(.739) 2.54(.100) 6.80(.268) 0.5(.020) 3.0(.118)min. 12.70(.500) 6.40(.252) 5.85(.230) 2.20(.087) 0.50(.020) notes: 1. all dimensions are in millimeters(inches). 2. tolerance is 0.25mm(.01")unless otherwise specified. 3. specifications are subject to change without notice. features : 1. emitting area : 18.785.85 mm 2. low power requirement. 3. excellent characters appearance. 4. solid state reliability. 5. categorized for luminous intensity. description : 1. the BA-3D12UW have uniform emitting light. 2. this product use super red chips, which are made from algaas on gaas substrate. 3. this product have a white face and white segments. 4. this product doesn't contain restriction substance, comply rohs standard. internal circuit diagram : I??? http://www.brtled.com
b b r r i i g g h h t t l l e e d d e e l l e e c c t t r r o o n n i i c c s s c c o o r r p p . . b b a a - - 3 3 d d 1 1 2 2 u u w w ver.1.0 page 2 of 3 since 1981 absolute maximum ratings(ta=25 ) parameter symbol rating unit power dissipation per segment pd 80 mw forward current per segment i f 30 ma peak forward current per segment i fp (duty 1/10, 1khz) 150 ma reverse voltage per segment v r 5 v operating temperature topr -40 ~80 - storage temperature tstg -40 ~85 - soldering temperature (1/16" from body) ts o l 260 for 5 seconds - electrical and optical characteristics(ta=25 ) parameter symbol condition min. typ. max. unit forward voltage per segment vf i f =10ma - 1.7 2.5 v luminous intensity per segment iv i f =10ma - 14.0 - mcd reverse current per segment i r v r =5v - - 100 a peak wave length p i f =10ma - 660 - nm dominant wave length d i f =10ma 638 - 648 nm spectral line half-width ? i f =10ma - 20 - nm I??? http://www.brtled.com
b b r r i i g g h h t t l l e e d d e e l l e e c c t t r r o o n n i i c c s s c c o o r r p p . . b b a a - - 3 3 d d 1 1 2 2 u u w w ver.1.0 page 3 of 3 since 1981 typical electro-optical characteristics curves (25 ambient temperature unless otherwise noted) forward voltage (v) f o r w a r d c u r r e n t ( m a ) 12345 0 10 20 30 40 50 fig.2 forward current vs. forward voltage wavelength(nm) r e l a t i v e r a d i a n t i n t e n s i t y fig.1 relative radiant intensity vs. wavelength ambient temperature ta( c) forward current(ma) r e l a t i v e l u m i n o u s i n t e n s i t y -40 -20 0 20 40 60 0 0.5 1.0 1.5 2.0 2.5 3.0 fig.3 relative luminous intensity vs. ambient temperature fig.4 relative luminous intensity vs. forward current 10 20 30 40 50 1.0 2.0 3.0 0 570 600 0.5 630 660 1.0 750 690 720 ambient temperature ta( c) fig.5 forward current f o r w a r d c u r r e n t ( m a ) 0 10 20 40 20 60 40 50 derating curve vs. 80 100 30 120 ambient temperature ( @ 2 0 m a ) ( @ 2 0 m a ) r e l a t i v e l u m i n o u s i n t e n s i t y 0.0 I??? http://www.brtled.com


▲Up To Search▲   

 
Price & Availability of BA-3D12UW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X