Part Number Hot Search : 
00209 10400 XC2267M 90ECB D1975 L74HC DG406C BFC46
Product Description
Full Text Search
 

To Download A3214LUA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  the a3213xx and a3214xx integrated circuits are ultra-sensitive, pole independent hall-effect switches with a latched digital output. they are especially suited for operation in battery-operated, hand-held equipment such as cellular and cordless telephones, pagers, and palmtop computers. a 2.4 volt to 5.5 volt operation and a unique clocking scheme reduce the average operat- ing power requirements C the a3213xx to 825 w, the a3214xx to 14 w (typical at 2.75 v)! except for operating duty cycle and average operating current, the a3213xx and a3214xx are identical. unlike other hall-effect switches, either a north or south pole of sufficient strength will turn the output on; in the absence of a magnetic field, the output is off. the polarity independence and minimal power requirement allows these devices to easily replace reed switches for superior reliability and ease of manufacturing, while eliminating the requirement for signal conditioning. improved stability is made possible through chopper stabilization (dy- namic offset cancellation), which reduces the residual offset voltage normally caused by device overmolding, temperature dependencies, and thermal stress. these devices include on a single silicon chip a hall-voltage generator, small-signal amplifier, chopper stabilization, a latch, and a mosfet output. advanced bicmos processing is used to take advantage of low-voltage and low-power requirements, component matching, very low input-offset errors, and small component geometries. suffix 'ex' devices are rated for operation over a temperature range of -40 c to +85 c; suffix 'lx' devices are rated for operation over a temperature range of -40 c to +150 c. two package styles provide a magnetically optimized package for most applications. package designator lh is a miniature low-profile surface-mount package while designator ua is a three- lead sip for through-hole mounting. features  micropower operation  operate with north or south pole  2.4 v to 5.5 v battery operation  chopper stabilized superior temperature stability extremely low switch-point drift insensitive to physical stress  esd protected to 5 kv  solid-state reliability  small size  easily manufacturable with magnet pole independence data sheet 27622.62c always order by complete part number: the prefix a + the basic four-digit part number + a suffix letter to indicate operating temperature range + a two- letter suffix to indicate package style, e.g., a3214elh . package designator lh pinning (sot23w) 3213 and 3214 absolute maximum ratings at t a = +25 c supply voltage, v dd ............................. 6 v magnetic flux density, b .......... unlimited output off voltage, v out ..................... 6 v output current, i out .......................... 1 ma junction temperature, t j .............. +170 c operating temperature range, t a suffix 'ex' ................... -40 c to +85 c suffix 'lx' ................. -40 c to +150 c storage temperature range, t s .............................. -65 c to +170 c caution: these cmos devices have input static protection (class 3) but are still susceptible to damage if exposed to extremely high static electrical charges. pinning is shown viewed from branded side. micropower, ultra-sensitive hall-effect switches x dwg. ph-016-1 supply ground output v dd 12 3
3213 and 3214 micropower, ultra-sensitive hall-effect switches 115 northeast cutoff, box 15036 worcester, massachusetts 01615-0036 (508) 853-5000 2 functional block diagram copyright ? 2003 allegro microsystems, inc. package designator ua pinning (sip) timing logic dwg. fh-020-5 latch ground output supply x dynamic offset cancellation switch sample & hold dwg. ph-016 1 supply v dd ground 3 2 output x pinning is shown viewed from branded side. 600 400 200 20 60 100 140 0 ambient temperature in c allowable package power dissipation in milliwatts dwg. gh-046-9 package suffix "ua" r ja = 165 c/w 40 80 120 180 700 500 300 100 160 package suffix "lh" r ja = 228 c/w 800 temp. code "e" temp. code "l" note C allowable package power dissipation will not be exceeded unless absolute maximum ratings (page 1) are exceeded.
3213 and 3214 micropower, ultra-sensitive hall-effect switches www.allegromicro.com 3 electrical characteristics: unless otherwise noted over operating voltage and temperature range. limits characteristic symbol test conditions min. typ. max. units operate points b ops south pole to branded side C 42 70 g b opn north pole to branded side -70 -48 C g release points b rps south pole to branded side 10 32 C g b rpn north pole to branded side C -38 -10 g hysteresis b hys |b opx - b rpx |C10Cg notes: 1. as used here, negative flux densities are defined as less than zero (algebraic convention) and -50 g is less than +10 g. 2. b opx = operate point (output turns on); b rpx = release point (output turns off). 3. typical data is at t a = +25 c and v dd = 3.0 v and is for design information only. 4. 1 gauss (g) is exactly equal to 0.1 millitesla (mt). magnetic characteristics: over operating voltage and temperature range. limits characteristic symbol test conditions min. typ. max. units supply voltage range v dd operating 1) 2.4 3.0 5.5 v output leakage current i off v out = 5.5 v, b rpn < b < b rps C <1.0 1.0 a output on voltage v out i out = 1 ma, v dd = 3.0 v C 100 300 mv awake time t awake C6090 s periodt period a3213xx C 240 360 s a3214xx C 60 90 ms duty cycle d.c. a3213xx C 25 C % a3214xx C 0.10 C % chopping frequency f c C 340 C khz supply current i dd(en) chip awake (enabled) C C 2.0 ma i dd(dis) chip asleep (disabled) C C 8.0 a i dd(avg) a3213xx, v dd = 3.0 v C 295 500 a a3213xx, v dd = 5.5 v C 460 700 a a3214xx, v dd = 3.0 v C 5.0 10 a a3214xx, v dd = 5.5 v C 11 15 a esd, human body model C per cdf-aec-q100-002 5.0 C C kv esd, machine model C per jesd22-a115 350 C C v notes: 1. operate and release points will vary with supply voltage. 2. b opx = operate point (output turns on); b rpx = release point (output turns off). 3. typical data is at t a = +25 c and v dd = 3.0 v and is for design information only.
3213 and 3214 micropower, ultra-sensitive hall-effect switches 115 northeast cutoff, box 15036 worcester, massachusetts 01615-0036 (508) 853-5000 4 typical operating characteristics as a function of temperature (v dd = 3 v) a3213xx a3214xx temperature, t a ( c) temperature, t a ( c) switch points, b (g) avg, supply current, i dd ( a) temperature, t a ( c) output on voltage, v out (mv) temperature, t a ( c) avg, supply current, i dd ( a)
3213 and 3214 micropower, ultra-sensitive hall-effect switches www.allegromicro.com 5 typical operating characteristics as a function of supply voltage (t a = 25 c) a3213xx a3214xx supply voltage, v dd (v) supply voltage, v dd (v) supply voltage, v dd (v) switch points, b (g) avg, supply current, i dd ( a) avg, supply current, i dd ( a)
3213 and 3214 micropower, ultra-sensitive hall-effect switches 115 northeast cutoff, box 15036 worcester, massachusetts 01615-0036 (508) 853-5000 6 functional description low average power. internal timing circuitry activates the sensor for 60 s and deactivates it for the remainder of the period (240 s for the a3213xx and 60 ms for the a3214xx). a short "awake" time allows for stabilization prior to the sensor sampling and data latching on the falling edge of the timing pulse. the output during the "sleep" time is latched in the last sampled state. the supply current is not affected by the output state. chopper-stabilized technique. the hall element can be considered as a resistor array similar to a wheatstone bridge. a large portion of the offset is a result of the mismatching of these resistors. these devices use a proprietary dynamic offset cancellation technique, with an internal high-frequency clock to reduce the residual offset voltage of the hall element that is normally caused by device overmolding, temperature depen- dencies, and thermal stress. the chopper-stabilizing technique cancels the mismatching of the resistor circuit by changing the direction of the current flowing through the hall plate using cmos switches and hall voltage measurement taps, while maintaing the hall-voltage signal that is induced by the external magnetic flux. the signal is then captured by a sample-and-hold circuit and further processed using low-offset bipolar circuitry. this technique produces devices that have an extremely stable quiescent hall output voltage, are immune to thermal stress, and have precise recoverability after tempera- ture cycling. this technique will also slightly degrade the device output repeatability. a relatively high sampling frequency is used in order that faster signals can be processed. more detailed descriptions of the circuit operation can be found in technical paper stp 97-10, monolithic magnetic hall sensor using dynamic quadrature offset cancellation and technical paper stp 99-1, chopper-stabilized amplifiers with a track-and-hold signal demodulator . dwg. wh-017-1 0 period 60 s - "awake" "sleep" i dd(en) i dd(dis) sample & output latched dwg. eh-012-1 sample & hold x +v +v hall voltage b + dwg. ah-011-2 operation. the output of this device switches low (turns on) when a magnetic field perpendicular to the hall sensor exceeds the operate point b ops (or is less than b opn ). after turn-on, the output is capable of sinking up to 1 ma and the output voltage is v out(on) . when the magnetic field is reduced below the release point b rps (or increased above b rpn ), the device output switches high (turns off). the difference in the mag- netic operate and release points is the hysteresis (b hys ) of the device. this built-in hysteresis allows clean switching of the output even in the presence of external mechanical vibration and electrical noise. as used here, negative flux densities are defined as less than zero (algebraic convention) and -50 g is less than +10 g.
3213 and 3214 micropower, ultra-sensitive hall-effect switches www.allegromicro.com 7 sensor locations package designator lh package designator ua output dwg. eh-013-2 0.1 f supply (3 v battery) 10 pf 50 k ? x v dd 1 2 3 1 3 2 dw g . mh-011-12 0.0195" 0.50 mm nom branded surface active area depth 0.081" 2.07 mm 0.053" 1.33 mm a 0.046" 0.85 mm 1 2 dw g . mh-025-1 0.011" 0.28 mm nom active area depth 0.059" 1.51 mm a 3 allegro applications. allegro's pole-independent sensing technique allows for operation with either a north pole or south pole magnet orientation, enhancing the manufacturability of the device. the state-of-the-art technology provides the same output polarity for either pole face. it is strongly recommended that an external bypass capacitor be connected (in close proximity to the hall sensor) between the supply and ground of the device to reduce both external noise and noise generated by the chopper-stabilization technique. this is especially true due to the relatively high impedance of battery supplies. the simplest form of magnet that will operate these devices is a bar magnet with either pole near the branded surface of the device. many other methods of operation are possible. extensive applications information on magnets and hall-effect sensors is also available in the allegro electronic data book ams-702 or application note 27701, or at www.allegromicro.com 0 +b 0 dwg. gh-043-1 -b output on 5 v max b ops b rps b opn b rpn output voltage magnetic flux output off
3213 and 3214 micropower, ultra-sensitive hall-effect switches 115 northeast cutoff, box 15036 worcester, massachusetts 01615-0036 (508) 853-5000 8 package designator lh (sot23w, fits sc-59a solder-pad layout) notes: 1. tolerances on package height and width represent allowable mold offsets. dimensions given are measured at the widest point (parting line). 2.exact body and lead configuration at vendors option within limits shown. 3.height does not include mold gate flash. 4.where no tolerance is specified, dimension is nominal. 5.add "lt" to part number for tape and reel. dimensions in inches (for reference only) dimensions in millimeters (controlling dimensions) dwg. ma-011-3 in 12 0.039 0.094 0.03 7 0.028 3 dwg. ma-011-3 mm 12 1.00 2.40 0.95 0.70 3 dwg. ma-010-3d in 12 0.006 0.000 0.0079 0.0050 0.083 0.073 0.118 0.106 0.037 bsc 0.022 ref 0.020 0.012 3 0.045 0.032 0 to 8 0.010 min gauge plane seating plane 0.010 bsc 0.122 0.114 dwg. ma-010-3d mm 12 0.15 0.00 0.20 0.127 2.10 1.85 3.00 2.70 0.95 bsc 0.55 ref 0.50 0.30 3 1.13 0.87 0 to 8 0.25 min gauge plane seating plane 0.25 bsc 3.10 2.90
3213 and 3214 micropower, ultra-sensitive hall-effect switches www.allegromicro.com 9 dimensions in inches (controlling dimensions) dimensions in millimeters (for reference only) package designator ua notes: 1. tolerances on package height and width represent allowable mold offsets. dimensions given are measured at the widest point (parting line). 2.exact body and lead configuration at vendors option within limits shown. 3.height does not include mold gate flash. 4.recommended minimum pwb hole diameter to clear transition area is 0.035" (0.89 mm). 5.where no tolerance is specified, dimension is nominal. 6.supplied in bulk pack (500 pieces per bag). dwg. mh-014e in 0.164 0.159 0.062 0.058 0.0173 0.0138 0.050 bsc 45 0.640 0.600 0.0189 0.0142 0.085 max 45 0.031 123 0.122 0.117 see note dwg. mh-014e mm 4.17 4.04 1.57 1.47 0.44 0.35 1.27 bsc 45 radial lead form (order a321xxua-lc) note: lead-form dimensions are the nominals produced on the forming equipment. no dimensional tolerance is implied or guaranteed for bulk packaging (500 pieces per bag). 0.620" 0.500" (15.7 mm 12.7 mm) 0.100" (2.5 mm) dwg. mh-026 0.108" (2.74 mm) 123
3213 and 3214 micropower, ultra-sensitive hall-effect switches 115 northeast cutoff, box 15036 worcester, massachusetts 01615-0036 (508) 853-5000 10 the products described herein are manufactured under one or more of the following u.s. patents: 4,761,569; 5,619,137; 5,621,319. in addition, a patent is pending for allegro's magnetic pole-independent feature. allegro has several foreign counterpart patents as well. allegro has not licensed any of these patents to any third party. allegro microsystems, inc. reserves the right to make, from time to time, such departures from the detail specifications as may be required to permit improvements in the performance, reliability, or manufacturability of its products. before placing an order, the user is cautioned to verify that the information being relied upon is current. allegro products are not authorized for use as critical components in life-support appliances, devices, or systems without express written approval. the information included herein is believed to be accurate and reliable. however, allegro microsystems, inc. assumes no responsibil- ity for its use; nor for any infringements of patents or other rights of third parties that may result from its use.


▲Up To Search▲   

 
Price & Availability of A3214LUA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X