Part Number Hot Search : 
TBA810 TQ3631 FCW100Z 74AC24 A143E AT1799S 1025LB7C B82499A
Product Description
Full Text Search
 

To Download 94SA107X0016EBP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.vishay.com 9 document number: 90003 revision 29-jun-01 type 94sa vishay *part numbers shown are for 20% capacitance tolerance (x0). 94sa156x0020_ _ _ part number is complete with case code and 2 character package or process code. bp as shown indicates bulk p ack. features ? high capacitance. ? miniaturized. ? 94sa capacitors are suitable for high frequency switching power supplies, etc. solid aluminum capacitors with organic semiconductor electrolyte max. allowable ripple current (marms) (@ 100khz, + 45 c) 1200 1300 1370 1370 1430 1710 1830 2000 2450 2600 2670 2740 2780 3210 3260 3370 3500 6080 9750 9750 max. leakage current ( a) (after 2 minutes) 6.00 8.80 6.60 10.56 5.92 13.20 15.04 13.60 18.80 27.20 20.00 32.00 18.90 40.00 48.00 44.00 41.58 300.80 640.00 554.40 max. esr 100k ~ 300khz (m ? ) 90 70 70 70 60 70 60 50 40 36 30 30 30 30 28 27 25 20 15 15 max. tangent of loss angle 0.06 0.06 0.07 0.06 0.07 0.06 0.06 0.07 0.06 0.06 0.07 0.06 0.07 0.06 0.06 0.07 0.07 0.08 0.09 0.13 case code c d e f g h dimensions in inches (millimeters) case code c d e f g h ? d x l .248 x .268 [6.3 x 6.8] .248 x .386 [6.3 x 9.8] .315 x .413 [8.0 x 10.5] .394 x .413 [10.0 x 10.5] .492 .866 [12.5 22.0] .630 .984 [16.0 25.0] f .098 .020 [2.5 0.5] .098 .020 [2.5 0.5] .138 .020 [3.5 0.5] .197 .020 [5.0 0.5] .197 .040 [5.0 1.0] .295 .040 [7.5 1.0] ? d .018 [0.45] .024 [0.60] .024 [0.60] .024 [0.60] .031 [0.80] .031 [0.80] g (max.) .020 [0.5] .020 [0.5] .031 [0.8] .031 [0.8] .031 [0.8] .031 [0.8] k (max.) .020 [0.5] .020 [0.5] .031 [0.8] .031 [0.8] .031 [0.8] .031 [0.8] ? d + .020 [0.5] max. l + .040 [1.0] max. .157 [4.0] min. ? d .002 [0.05] sleeve f .591 [15.0] min. .787 [20.0] min. b b' g . a c a' f k mark = ideal lead position c = the middle point of a-a' standards of lead position rated voltage (v) 20.0 20.0 10.0 16.0 6.3 20.0 16.0 10.0 20.0 20.0 10.0 16.0 6.3 20.0 16.0 10.0 6.3 16.0 16.0 6.3 nominal capacitance ( f) 15.0 22.0 33.0 33.0 47.0 33.0 47.0 68.0 47.0 68.0 100.0 100.0 150.0 100.0 150.0 220.0 330.0 470.0 1000.0 2200.0 part* number 94sa156x0020cbp 94sa226x0020cbp 94sa336x0010cbp 94sa336x0016cbp 94sa476x06r3cbp 94sa336x0020dbp 94sa476x0016dbp 94sa686x0010dbp 94sa476x0020ebp 94sa686x0020ebp 94sa107x0010ebp 94SA107X0016EBP 94sa157x06r3ebp 94sa107x0020fbp 94sa157x0016fbp 94sa227x0010fbp 94sa337x06r3fbp 94sa477x0016gbp 94sa108x0016hbp 94sa228x06r3hbp standard ratings
document number: 90003 revision 29-jun-01 www.vishay.com 10 type 94sa vishay characteristics - 55 c ~ + 105 c x0 = 20% values in standard ratings table 0.02 cv (0.04 cv for g, h size) values in standard ratings table - 55 c z/z 20 c 1.0 ~ 1.25 + 105 c z/z 20 c 0.75 ~ 1.0 ? c/c within 20% of the initial value tan ? 1.5 times the value of item 3 leakage current the value of item 4 ? c/c within 10% of the initial value tan ? 1.5 times the value of item 3 leakage current the value of item 4 temporary: less than 20% of the rated voltage continuous: less than 10% of the rated voltage environmental performance items 1. operating temperature range 2. capacitance tolerance @ 120hz 3. tangent of loss angle (tan ) @ 120hz 4. leakage current ( a/2 minutes) (or less)* 5. equivalent series resistance ( ? ) (100k ~ 300khz) 6. temperature characteristics impedance ratio at 100khz 7. high temperature load + 105 c, 2,000 hours (? d 12.5, 1,000 hours) rated voltage applied 8. moisture resistance (+ 60 c, 90 ~ 95% rh, 1,000 hours, no voltage) 9. reverse voltage guarantee ****sleeve color: blue. marking: white. **wv = rated voltage. ***(sv) = surge voltage (at room temperature). *if any doubt arises, measure the current after applying voltage (voltage treatment) for 30 minutes at +105 c. the rated voltage should be for all wv. case code list 6.3 (7.2) c e f h 10 (11.5) d f 16 (18.4) c d e f g h 20 (23) c c d e e f capacitance ( f) 15.0 22.0 33.0 47.0 68.0 100.0 150.0 220.0 330.0 470.0 1000.0 2200.0 wv** (sv)*** + 105 c 0.25 temperature coefficient for ripple current ~ + 45 c 1.0 + 85 c 0.7 ambient temperature coefficient + 95 c 0.4 part marking**** ?polarity ?rated voltage ?capacitance ?os-con ?lot number ?maximum operating temperature (+ 105 c)


▲Up To Search▲   

 
Price & Availability of 94SA107X0016EBP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X