Part Number Hot Search : 
M1305 DS1707 DR3103 L4989MD 002228 74F169 25LV10 2SC2497
Product Description
Full Text Search
 

To Download VBUS054CV-06S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  VBUS054CV-06S document number 83299 rev. 1.1, 28-may-10 vishay semiconductors www.vishay.com 1 22036 22037 5 4 6 2 3 1 for technical support, please contact: esdprotection@vishay.com 4-line bus-port esd-protection features ? ultra compact sot-23-6l package ? 4-line usb esd-protection ? low leakage current ? low load capacitance c d = 1.2 pf ? esd-protection acc. iec 61000-4-2 30 kv contact discharge 30 kv air discharge ? high surge current acc. iec61000-4-5 i pp > 11 a ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec marking (example only) yyy = type code (see table below) xx = date code ordering information package data absolute maximum ratings ** please see document ?vishay material category policy?: www.vishay.com/doc?99902 22035 yyy xx xx device name ordering code taped units per reel (8 mm tape on 7" reel) minimum order quantity VBUS054CV-06S VBUS054CV-06S-g-08 3000 15 000 device name package name marking code weight molding compound flammability rating moisture sensitivity level soldering conditions VBUS054CV-06S sot-23-6l 4cv 15.2 mg ul 94 v-0 msl level 1 (according j-std-020) 260 c/10 s at terminals parameter test conditions symbol value unit peak pulse current pin 1, 3, 4 or 6 to pin 2 acc. iec 61000-4-5; t p = 8/20 s; single shot i ppm 11 a pin 5 to pin 2 acc. iec 61000-4-5; t p = 8/20 s; single shot i ppm 13 a peak pulse power pin 1, 3, 4 or 6 to pin 2 acc. iec 61000-4-5; t p = 8/20 s; single shot p pp 242 w pin 5 to pin 2 acc. iec 61000-4-5; t p = 8/20 s; single shot p pp 246 w esd immunity contact discharge acc. iec 61000-4-2; 10 pulses v esd 30 kv air discharge acc. ie c 61000-4-2; 10 pulses v esd 30 kv operating temperature junction temperature t j - 40 to + 85 c
www.vishay.com 2 document number 83299 rev. 1.1, 28-may-10 VBUS054CV-06S vishay semiconductors for technical support, please contact: esdprotection@vishay.com electrical characteristics ratings at 25 c, ambient temperature unless otherwise specified VBUS054CV-06S date line: pin 1 , 3, 4 or 6 to pin 2 VBUS054CV-06S v bus -line: pin 5 to pin 2 application note with the VBUS054CV-06S a double, high speed usb-por t can be protected against transient voltage signals. negative transients will be clamped clos e below the ground level while posi tive transients will be clamped close above the 5 v working range. an aval anche diode clamps the supply line (v bus at pin 5) to ground (pin 2). the high speed data lines, d1+, d2+, d1- and d2- , are connec ted to pin 1, 3, 4 and 6. as long as the signal voltage on the data lines is between the ground- and the v bus -level, the low capacitance pn-diodes offer a very high isolation to v bus , ground and to the other data lines. but as soon as any transient signal exceeds this working range, one of the pn-diodes gets in the forward mode and clamps the transient to ground or the avalanche break through voltage level. parameter test conditions/remarks symbol min. ty p. max. unit protection paths number of line which can be protected n lines 4lines reverse working voltage at i r = 0.1 a v rwm 5.5 v reverse current at v in = v rwm = 5.5 v i r 0.01 0.1 a reverse breakdown voltage at i r = 1 ma v br 77.98.6v reverse clamping voltage at i pp = 11 a; acc. iec 61000-4-5 v c 18 22 v forward clamping voltage at i f = 11 a; acc. iec 61000-4-5 v f 56.5v data line capacitance v r (at i/o pin) = 0 v; v r (at pin 5) = 5 v; f = 1 mhz c d 1.2 2.5 pf line symmetry difference of the line capacitances dc d 0.2 pf parameter test conditions/remarks symbol min. ty p. max. unit reverse working voltage at i r = 0.1 a v rwm 5.5 6.6 v reverse current at v in = v rwm = 5.5 v i r 0.01 0.1 a reverse breakdown voltage at i r = 1 ma v br 6.3 7.1 8 v reverse clamping voltage at i pp = 13 a; acc. iec 61000-4-5 v c 18 22 v forward clamping voltage at i f = 13 a; acc. iec 61000-4-5 v f 7v line capacitance v r (at pin 5) = 0 v; f = 1 mhz c d 190 pf
VBUS054CV-06S document number 83299 rev. 1.1, 28-may-10 vishay semiconductors www.vishay.com 3 for technical support, please contact: esdprotection@vishay.com typical characteristics (t amb = 25 c, unless otherwise specified) t w i n u s b - p o r t d 2+ v bus g n d r e c e i v e r ic d 2- d 1+ d 1- 2207 8 5 4 6 2 3 1 figure 1. esd discharge current wave form acc. iec 61000-4-2 (330 /150 pf) figure 2. 8/20 s peak pulse current wave form acc. iec 61000-4-5 0 % 20 % 40 % 60 % 8 0 % 100 % 120 % - 10 0 10 20 30 40 50 60 70 8 0 90 100 time (ns) discharge c u rrent i esd rise time = 0.7 ns to 1 ns 53 % 27 % 20557 0 % 20 % 40 % 60 % 8 0 % 100 % 010203040 time ( s) i ppm 20 s to 50 % 8 s to 100 % 2054 8 figure 3. typical capacitance c d vs. reverse voltage v r figure 4. typical capacitance c d vs. reverse voltage v r 0 0.5 1.0 1.5 2.0 2.5 0123456 22026 v r ( v ) c d (pf) f = 1 mhz pin 1, 3, 4 or 6 to pin 2 0 20 40 60 8 0 100 120 140 160 1 8 0 200 0123456 22027 v r ( v ) c d (pf) f = 1 mhz pin 5 to pin 2
www.vishay.com 4 document number 83299 rev. 1.1, 28-may-10 VBUS054CV-06S vishay semiconductors for technical support, please contact: esdprotection@vishay.com figure 5. typical forward current i f vs. forward voltage v f figure 6. typical reverse voltage v r vs. reverse current i r figure 7. typical peak clamping voltage v c vs. peak pulse current i pp 0.001 0.01 0.1 1 10 100 0.5 0.6 0.7 0. 8 0.9 1 v f ( v ) i f (ma) 2202 8 pin 5 to pin 2 pin 1, 3, 4 or 6 to pin 2 0 1 2 3 4 5 6 7 8 9 0.01 0.1 1 10 100 1000 10 000 pin 5 to pin 2 pin 1, 3, 4 or 6 to pin 2 i r ( a) v r ( v ) 22029 i pp (a) v c ( v ) 22030 0 5 10 15 20 25 01234567 8 910111213 pin 5 to pin 2 pin 1, 3, 4 or 6 to pin 2 meas u red acc. iec 61000-4-5 ( 8 /20 s - w a v e form) v c figure 8. typical clamping performance at + 8 kv contact discharge (acc. iec 61000-4-2) figure 9. typical clamping performance at - 8 kv contact discharge (acc. iec 61000-4-2) figure 10. typical peak clamping voltage at esd contact discharge (acc. iec 61000-4-2) t (ns) v c-esd ( v ) 22031 - 40 - 20 0 20 40 60 8 0 100 120 - 10 0 10 20 30 40 50 60 70 8 090 acc. iec 61000-4-2 + 8 k v contact discharge pin 1, 3, 4 or 6 to pin 2 t (ns) v c-esd ( v ) 22032 - 200 - 150 - 100 - 50 0 50 - 10 0 10 20 30 40 50 60 70 8 090 acc. iec 61000-4-2 - 8 k v contact discharge pin 1, 3, 4 or 6 to pin 2 v esd (k v ) v c-esd ( v ) 22033 - 500 - 400 - 300 - 200 - 100 0 100 200 300 400 0 5 10 15 20 25 30 v c-esd acc. iec 61000-4-2 contact discharge pin 1, 3, 4 or 6 to pin 2
VBUS054CV-06S document number 83299 rev. 1.1, 28-may-10 vishay semiconductors www.vishay.com 5 for technical support, please contact: esdprotection@vishay.com package dimensions in millimeter s (inches): sot-23-6l orientation in blistertape foot print recommendation: doc u ment no.: s 8 -3929.01-002 (4) 1.50 (0.059) 0.40 (0.015) 0.45 (0.01 8 ) 1.70 (0.067) 0.93 (0.037) 0.97 (0.03 8 ) 0.97 (0.03 8 ) 0.93 (0.037) 0.9 (0.035) 0.5 (0.020) 2.4 (0.094) 0.95 (0.037) 0.95 (0.037) re v . 1 - date: 15.jan.2010 22034 1.1 (0.043) max. 0.40 (0.015) 0.45 (0.01 8 ) 0.40 (0.015) 0.45 (0.01 8 ) 3.0 (0.11 8 ) 2. 8 (0.110) 2.60 (0.102) 3.00 (0.11 8 ) 0.19 (0.007) 0.11 (0.004) 1.15 (0.045) 0.9 (0.035) 0 to 8 0.2 (0.00 8 ) 0.3 (0.012) 0.5 (0.020) 0.550 ref (0.022 ref) 123 4 65 pin 1 location s 8 - v -3929.01-003 (4) date: 23. 11. 2009 22007 top v ie w unreeling direction
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of VBUS054CV-06S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X