Part Number Hot Search : 
RCS1008 AN932 LA6540 MC34129 BAR90 KS823C03 4AUP1G 2000314
Product Description
Full Text Search
 

To Download VBUS053CZ-HAF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 85200 for technical questions, contact: esdprotection@vishay.com www.vishay.com rev. 1.3, 23-may-11 1 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 usb-otg bus-port esd-protection for v bus = 28 v VBUS053CZ-HAF vishay semiconductors marking (example only) dot = pin 1 marking xx = date code yy = type code (see table below) features ? ultra compact llp75-7l package ? low package height < 0.6 mm ? 3-line usb esd-protectio n with max. working range = 5.5 v ?v bus -protection with 28 v working range ? low leakage current ? low load capacitance c d = 0.7 pf ? esd-protection to iec 61000-4-2 15 kv contact discharge 15 kv air discharge ? surge current acc. iec 61000-4-5 i pp > 3 a ? e4 - precious metal (e.g. ag, au, nipd, nipdau) (no sn) ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec 20517 1 6 4 5 1 2 3 7 21102 21001 xx yy ordering information device name ordering code taped units per reel (8 mm tape on 7" reel) minimum order quantity VBUS053CZ-HAF VBUS053CZ-HAF-g-08 3000 15 000 package data device name package name type code weight molding compound flammability rating moisture sensitivity level soldering conditions VBUS053CZ-HAF llp75-7l ua 4.2 mg ul 94 v-0 msl level 1 (according j-std-020) 260 c/10 s at terminals absolute maximum ratings parameter test conditions symbol value unit data line d+, d-, id: pin 1, 2 and 3 to ground (pin 7) peak pulse current acc. iec 61000-4-5; t p = 8/20 s; single shot i ppm 3a peak pulse power acc. iec 61000-4-5; t p = 8/20 s; single shot p pp 36 w esd immunity contact discharge acc. iec 61000-4-2; 10 pulses v esd 15 kv air discharge acc. iec 61000-4-2; 10 pulses 15 kv v bus : pin 6 to ground (pin 7) peak pulse current acc. iec 61000-4-5; t p = 8/20 s; single shot i ppm 3a peak pulse power acc. iec 61000-4-5; t p = 8/20 s; single shot p pp 156 w esd immunity contact discharge acc. iec 61000-4-2; 10 pulses v esd 30 kv air discharge acc. iec 61000-4-2; 10 pulses 30 kv operating temperature junction temperature t j - 40 to + 125 c storage temperature t stg - 55 to + 150 c ** please see document vishay material category policy: www.vishay.com/doc?99902
www.vishay.com for technical questions, contact: esdprotection@vishay.com document number: 85200 2 rev. 1.3, 23-may-11 this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 VBUS053CZ-HAF vishay semiconductors usb-otg bus-port esd-protection for v bus = 28 v note ? ratings at 25 c, ambient temperature unless otherwise specified note ? ratings at 25 c, ambient temperature unless otherwise specified application note the VBUS053CZ-HAF is intended as an esd-protection and transient voltage suppressor for one usb-otg port. the llp75-7l package contains two separate dies which are mounted on a common ground plane (pin 7). the high-speed data lines d-, d+ and id, are connected to any of the pins no. 1 to 3. as long as the signal voltage on the data lines is between the ground- and the 5 v working range, the lo w capacitance pn-diodes offer a very high isolation to ground and to the other data lines. but as soon as any transient signal like an esd-signal, exceeds this working range of 5 v in eithe r the positive or negative direction, one of the pn-diodes gets intothe forward mode and clamps the transient either to ground or to the avalanche break through level. an extra avalanch e diode (separate die) clamps the supply line voltage (v bus at pin 6) above the 28 v working range to ground (pin 7). due to the two die construction the v bus line has a very high isolation to the data lines. in case of a destructive transient signal, i.e. coming from a charger, the data lines will not be influenced. remark: the input pins no. 1, 2 and 3 are symmetric al. each of the data signals d-, d+ and id can be connected to pin 1, 2 or 3. electrical characteristics VBUS053CZ-HAF all inputs (pin 1, 2, an d 3) to ground (pin 7) parameter test conditions/re marks symbol min. typ. max. unit protection paths number of li ne which can be protected n channel --3lines reverse working voltage at i r = 0.1 a v rwm --5.5v reverse current at v r = 3.3 v i r - - 0.02 a at v r = 3.3 v; t = 65 c - - 0.085 a at v r = v rwm = 5.5 v - - 0.1 a forward voltage at i f = 15 ma v f 0.7 - 1.2 v reverse breakdown voltage at i r = 1 ma v br 6.5 - 10 v reverse clamping voltage at i pp = 1 a; acc. iec 61000-4-5 v c -1012v at i pp = 3 a; acc. iec 61000-4-5 - 15 18 v forward clamping voltage at i f = 3 a; acc. iec 61000-4-5 v f -3.44.1v line capacitance test pin at v r = 0 v; any other i/o pin at v r = 3.3 v; f = 1 mhz c d -0.71pf line to line capacitance among pins 1, 2 and 3 at v r = 0 v; f = 1 mhz - 0.35 0.5 pf line symmetry difference of the line capacitance dc d --0.1pf electrical characteristics VBUS053CZ-HAF v bus (pin 6) to ground (pin 7) parameter test conditions/re marks symbol min. typ. max. unit protection paths number of li ne which can be protected n channel --1lines reverse working voltage at i r = 100 na v rwm --28v reverse current at v r = v rwm = 28 v i r - - 100 na forward voltage at i f = 10 ma v f 0.6 0.75 0.9 v reverse breakdown voltage at i r = 1 ma v br 32 - 40 v reverse clamping voltage at i pp = 1 a; acc. iec 61000-4-5; t = 25 c v c -3745v at i pp = 3 a; acc. iec 61000-4-5; t = 25 c - 42 52 v forward clamping voltage at i f = 3 a; acc. iec 61000-4-5 v f --2.2v line capacitance at v r = 0 v; f = 1 mhz c d -3140pf 3 6 54 7 1 2 6 5 7 1 2 4 3 nc. nc. d- d+ id gnd v bus 21103 (pinning top view)
document number: 85200 for technical questions, contact: esdprotection@vishay.com www.vishay.com rev. 1.3, 23-may-11 3 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 VBUS053CZ-HAF usb-otg bus-port esd-protection for v bus = 28 v vishay semiconductors typical characteristics (t amb = 25 c, unless otherwise specified) fig. 1 - esd discharge current wave form acc. iec 61000-4-2 (330 ? /150 pf) fig. 2 - 8/20 s peak pulse current wave form acc. iec 61000-4-5 fig. 3 - typical capacitance c d vs. reverse voltage v r fig. 4 - typical capacitance c d vs. reverse voltage v r fig. 5 - typical forward current i f vs. forward voltage v f fig. 6 - typical reverse voltage v r vs.reverse current i r 0 % 20 % 40 % 60 % 80 % 100 % 120 % - 10 0 10 20 30 40 50 60 70 80 90 100 time (ns) discharge current i esd rise time = 0.7 ns to 1 ns 53 % 27 % 20557 0 % 20 % 40 % 60 % 80 % 100 % 010203040 time (s) i ppm 20 s to 50 % 8 s to 100 % 20548 v r (v) c d (pf) 22408 0 5 10 15 20 25 30 35 0 5 10 15 20 25 f = 1 mhz pin 6 to pin 7 v r (v) c d (pf) 22080 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 01234 f = 1 mhz, one i/o pin at 3.3 v pin 1, 2 or 3 to pin 7 0.001 0.01 0.1 1 10 100 0.5 0.6 0.7 0.8 0.9 1.0 1.1 22409 v f (v) i f (ma) pin 6 to pin 7 pin 1, 2 or 3 to pin 7 22410 i r (a) v r (v) 0.01 0.1 1 10 100 1000 10 000 0 5 10 15 20 25 30 35 40 pin 6 to pin 7 pin 1, 2 or 3 to pin 7
www.vishay.com for technical questions, contact: esdprotection@vishay.com document number: 85200 4 rev. 1.3, 23-may-11 this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 VBUS053CZ-HAF vishay semiconductors usb-otg bus-port esd-protection for v bus = 28 v fig. 7 - typical peak clamping voltage v c vs. peak pulse current i pp fig. 8 - typical peak clamping voltage v c vs. peak pulse current i pp fig. 9 - typical clamping performance at + 8 kv contact discharge (acc. iec 61000-4-2) fig. 10 - typical clamping pe rformance at - 8 kv contact discharge (acc. iec 61000-4-2) fig. 11 - typical clamping pe rformance at + 8 kv contact discharge (acc. iec 61000-4-2) fig. 12 - typical clamping pe rformance at - 8 kv contact discharge (acc. iec 61000-4-2) 0 2 4 6 8 10 12 14 16 18 01234 pin 1, 2 or 3 to pin 7 pin 7 to pin 1, 2 or 3 v f measured acc. iec 61000-4-5 (8/20 s - wave form) 22083 i pp (a) v c (v) 22411 i pp (a) v c (v) 012345 0 5 10 15 20 25 30 35 40 45 50 pin 6 to pin 7 pin 7 to pin 6 v c measured acc. iec 61000-4-5 (8/20 s - wave form) t (ns) v c-esd (v) 22412 - 100 102030405060708090 - 20 0 20 40 60 80 100 acc. iec 61000-4-2 + 8 kv contact discharge pin 6 to pin 7 t (ns) v c-esd (v) 22413 - 100 102030405060708090 - 60 - 50 - 40 - 30 - 20 - 10 0 10 20 30 40 50 acc. iec 61000-4-2 - 8 kv contact discharge pin 6 to pin 7 t (ns) v c-esd (v) 22414 - 100 102030405060708090 - 40 - 20 0 20 40 60 80 100 120 140 acc. iec 61000-4-2 + 8 kv contact discharge pin 1, 2 or 3 to pin 7 t (ns) v c-esd (v) 22415 - 100 102030405060708090 - 140 - 120 - 100 - 80 - 60 - 40 - 20 0 20 40 acc. iec 61000-4-2 - 8 kv contact discharge pin 1, 2 or 3 to pin 7
document number: 85200 for technical questions, contact: esdprotection@vishay.com www.vishay.com rev. 1.3, 23-may-11 5 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 VBUS053CZ-HAF usb-otg bus-port esd-protection for v bus = 28 v vishay semiconductors fig. 13 - typical clamping voltage at after 30 ns of esd contact discharge (acc. iec 61000-4-2) fig. 14 - typical clamping vo ltage at after 30 ns of esd contact discharge (acc. iec 61000-4-2) package dimensions in millimeters (inches): llp75-7l 0 5 10 15 20 22416 v c-e s d (v) v e s d (kv) - 40 - 30 - 20 - 10 0 10 20 30 40 50 60 acc. iec 61000-4-2 contact discharge pin 1, 2 or 3 to pin 7 v c-esd t = 30 ns 22417 v c-e s d (v) v e s d (kv) - 40 - 20 0 20 40 60 80 0 5 10 15 20 25 30 acc. iec 61000-4-2 contact discharge pin 6 to pin 7 v c-esd t = 30 ns 1.05 (0.041) 0.5 (0.020) 0.95 (0.037) heat sink 0.3 (0.012) 0.2 (0.008) 0.3 (0.012) 0.2 (0.008) 0.3 (0.012) 0.2 (0.008) 0.55 (0.022) 0.45 (0.018) 0.6 (0.024) 0.25 (0.010) 0.6 (0.024) 0.54 (0.021) 0.05 (0.002) 0 (0.000) 0.15 (0.006) 1.65 (0.065) 1.55 (0.061) 1.65 (0.065) 1.55 (0.061) pin 1 marking 0.5 (0.020) 0.5 (0.020) 0.3 (0.012) 0.3 (0.012) 0.15 (0.006) 0.15 (0.006) 0.5 (0.020) 0.5 (0.020) 1 (0.039) 0.25 (0.010) solder resist mask solder pad document no.:s8-v-3906.02-014 (4) 20500 created - date: 04. april 2006 foot print recommendation: 1 (0.039) 1 (0.039)
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of VBUS053CZ-HAF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X