Part Number Hot Search : 
PS604R PS604R IRLR120A R25H160F LC5523F C2655 C8030 TIP50G
Product Description
Full Text Search
 

To Download TDA9859 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d a t a sh eet preliminary speci?cation file under integrated circuits, ic02 1997 sep 01 integrated circuits TDA9859 universal hi-fi audio processor for tv
1997 sep 01 2 philips semiconductors preliminary speci?cation universal hi-? audio processor for tv TDA9859 features multi-source selector switches six af inputs (three stereo sources or six mono sources) each of the input signals can be switched to each of the outputs (crossbar switch) outputs for loudspeaker channel and peri-tv connector (scart) switchable spatial stereo and pseudo stereo effects audio surround decoder can be added externally two general purpose logic output ports i 2 c-bus control of all functions. general description the TDA9859 provides control facilities for the main and the scart channel of a tv set. due to extended switching possibilities, signals from three stereo sources can be handled. quick reference data ordering information symbol parameter min. typ. max. unit v p positive supply voltage (pin 6) 7.2 8.0 8.8 v i p supply current - 25 - ma v i(rms) input signal levels for 0 db gain (rms value) 2 -- v v o(rms) output signal levels for 0 db gain (rms value) 2 -- v g v voltage gain in main channel volume control (1 db steps, balance included) - 63 - +15 db mute - 80 -- db bass control (1.5 db steps) - 12 - +15 db treble control (3 db steps) - 12 - +12 db thd total harmonic distortion - 0.1 - % s/n signal-to-noise ratio - 85 - db t amb operating ambient temperature 0 - 70 c type number package name description version TDA9859 sdip32 plastic shrink dual in-line package; 32 leads (400 mil) sot232-1
1997 sep 01 3 philips semiconductors preliminary speci?cation universal hi-? audio processor for tv TDA9859 block diagram e width mha778 l 470 nf 28 r 470 nf 30 l 470 nf 1 r 470 nf 32 l 470 nf 3 r 470 nf 5 multiple source and mode selector (crossbar switch) reference voltage lr v p + 8 v 6 scart output lr scout l scout r 26 7 48 c smo 100 m f gnd 24 9 mout l mout r line output or optional surround sound decoder connection volume control 23 10 stereo spatial stereo pseudo stereo forced mono c ps1 c ps2 29 27 bass control c br1 c br2 11 12 33 nf c bl1 c bl2 22 21 treble control 5.6 nf c tr 5.6 nf c tl 14 volume balance mute 18 15 loudspeaker channel outputs l r lout r lout l i 2 c-bus interface mad sda scl i 2 c-bus 19 25 17 16 p1 p2 31 2 TDA9859 11 (22) 12 (21) 68 nf 0.15 m f 13 k w extended bass control (1) aux scart main 33 nf ain l ain r scin l scin r min l min r lin l lin r audio inputs (1) (1) fig.1 block diagram and application circuit. (1) for extended bass control, the capacitor between c br/l1 and c br/l2 should be replaced by the extended bass control network.
1997 sep 01 4 philips semiconductors preliminary speci?cation universal hi-? audio processor for tv TDA9859 pinning symbol pin description scin l 1 scart input; left channel p1 2 port 1 output min l 3 main input; left channel c smo 4 smoothing capacitor of reference voltage min r 5 main input; right channel v p 6 supply voltage scout r 7 scart output; right channel gnd 8 ground mout r 9 main output; right channel lin r 10 input to right loudspeaker channel c br1 11 bass capacitor connection 1; right channel c br2 12 bass capacitor connection 2; right channel n.c. 13 not connected c tr 14 treble capacitor connection; right channel lout r 15 loudspeaker output; right channel scl 16 serial clock input; i 2 c-bus sda 17 serial data input/output; i 2 c-bus lout l 18 loudspeaker output; left channel c tl 19 treble capacitor connection; left channel n.c. 20 not connected c bl2 21 bass capacitor connection 2; left channel c bl1 22 bass capacitor connection 1; left channel lin l 23 input to left loudspeaker channel mout l 24 main output; left channel mad 25 module address select input scout l 26 scart output; left channel c ps2 27 pseudo stereo capacitor 2 ain l 28 aux input; left channel c ps1 29 pseudo stereo capacitor 1 ain r 30 aux input; right channel p2 31 port 2 output scin r 32 scart input signal right fig.2 pin configuration. handbook, halfpage TDA9859 mha779 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 scin r scin l p2 p1 ain r min l c ps1 c smo ain l min r c ps2 scout l v p mad mout l scout r lin l c bl1 c bl2 n.c. c tl lout l sda gnd mout r lin r c tr c br1 c br2 n.c. lout r scl
1997 sep 01 5 philips semiconductors preliminary speci?cation universal hi-? audio processor for tv TDA9859 functional description the TDA9859 consists of the following functions: source select switching block loudspeaker channel with effect controls two port outputs for general purpose i 2 c-bus control. source select switching block the TDA9859 selects and switches the input signals from three stereo or six mono sources main, aux and scart (see fig.1) to the outputs scart and loudspeaker (crossbar-switching; table 4). the main channel (line outputs) is looped outside the circuit (from pins 9 and 24 to pins 10 and 23), so signals can be used as line output or a surround sound decoder can be inserted. loudspeaker channel volume control is divided into volume control common and volume control left/right. the common part ( - 40 to +15 db) controls the left and right channels simultaneously; the left/right part ( - 23 to 0 db) controls the volume of left and right channels independently. treble control provides a control range from - 12 to +12 db and bass control from - 12 to +15 db. extended bass control can be provided by an external t-network (see fig.1) from - 15 to +19 db (2 db steps). effect controls linear stereo, stereo with spatial effect (30% or 52% anti-phase crosstalk) and forced mono with or without pseudo-stereo effect are controlled by three bits. a muting of 85 db is provided. i 2 c-bus control all settings of control are stored in subaddress registers. data transmission is simplified by auto-incrementing the subaddresses. the on-chip power-on reset sets the mute bit to active, so both the scart and the loudspeaker outputs are muted. the muting can be switched off by writing a 0 (non-muted) into the mute control bits. limiting values in accordance with the absolute maximum rating system (iec 134). notes 1. equivalent to discharging a 200 pf capacitor through a 0 w series resistor (machine model). 2. equivalent to discharging a 100 pf capacitor through a 1.5 k w series resistor (human body model). thermal characteristics symbol parameter min. max. unit v p supply voltage (pin 6) 0 10 v v n voltage on all pins, ground excluded 0 v p v i o output current at lout and scout pins - 2.5 ma at port output pins - 1.5 ma p tot total power dissipation - 850 mw t amb operating ambient temperature 0 70 c t stg storage temperature - 25 +150 c v es electrostatic handling for all pins; note 1 - 300 v electrostatic handling for all pins; note 2 - 2000 v symbol parameter conditions value unit r th(j-a) thermal resistance from junction to ambient in free air 60 k/w
1997 sep 01 6 philips semiconductors preliminary speci?cation universal hi-? audio processor for tv TDA9859 characteristics v p =8v; t amb =25 c; treble and bass in linear positions (0 db); volume control left/right 0 db; spatial function, pseudo-stereo function and forced-mono function in off position and measurements taken in fig.1; unless otherwise speci?ed. symbol parameter conditions min. typ. max. unit v p supply voltage (pin 6) 7.2 8.0 8.8 v i p supply current (pin 6) - 25 - ma v ref internal reference voltage - 0.5v p - v v 4 voltage at pin 4 - v p - 0.1 - v dc voltage on pins v i dc input voltage at pins 1, 3, 5, 10, 23, 28, 30 and 32 (inputs scin, min, lin and ain) - 0.5v p - v v o dc output voltage at pins 7, 9, 15, 18, 24, 26 (outputs scout, mout and lout) - 0.5v p - v v c dc voltage on capacitors (pins 11, 12, 14, 19, 21, 22, 27 and 29) - 0.5v p - v audio select switch; line and scart outputs (controlled via i 2 c-bus); see table 4 v i(rms) maximum af input signal on pins scin, min and ain (rms value) thd 0.5% on output pins 2 -- v r i input resistance (pins scin, min and ain) 20 30 40 k w b - 0.5 db - 0.5 db bandwidth for pins scout, mout and lout. 20 - 20 000 hz v o(rms) maximum af output signal on pins scout and mout (rms value) thd 0.5% 2 -- v r l allowed external load resistance on output (pins mout) 10 -- k w on output (pins scout) 5 -- k w g v voltage gain from any input to scart and main outputs - 0 - db a cr switch crosstalk on outputs between af inputs at f = 10 khz unused inputs connected to ground - 90 - db volume control common (f = 1 khz, 55 steps) v i(rms) maximum input signal (rms value; pins lin) g v = 0; thd 0.5% on output pins 15 and 18 2 -- v r i input resistance (pins lin) 7.5 10 - k w g v volume control common voltage gain nominal - 40 - +15 db minimum - 38 - +14 db
1997 sep 01 7 philips semiconductors preliminary speci?cation universal hi-? audio processor for tv TDA9859 d g v volume control common voltage gain step width g v = - 32 to +15 db 0.5 1.0 1.5 db g v = - 40 to - 33 db 0.25 1.0 1.75 db volume control common voltage gain set error g v = - 32 to +15 db -- 1db g v = - 40 to - 33 db -- 2db volume control left/right ( f = 1 khz, 24 steps) g v volume control left/right voltage gain nominal - 24 - 0db minimum - 23 -- 1db mute position - 80 - 85 - db d g v volume control left/right voltage gain step width 0.5 1.0 1.5 db volume control left/right voltage gain tracking error -- 2db bass control g v bass control voltage gain c b =33nf maximum boost f = 40 hz 14 15 16 db maximum attenuation f = 40 hz 11 12 13 db d g v bass control voltage gain step width 1 1.5 2 db g v(extended) extended bass control voltage gain see fig.1 maximum boost f = 60 hz 18 19 20 db maximum attenuation f = 60 hz 14 15 16 db d g v(extended) extended bass control voltage gain step width 123db treble control g v treble control voltage gain maximum boost f = 15 khz 11 12 13 db maximum attenuation f = 15 khz 11 12 13 db d g v treble control voltage gain step width 2.5 3 3.5 db effect controls a ct(spat1) anti-phase crosstalk by spatial effect 1 - 52 - % a ct(spat2) anti-phase crosstalk by spatial effect 2 - 30 - % j phase shift by pseudo-stereo see fig.3 loudspeaker channel outputs (pins 15 and 18) v o(max)(rms) maximum output signal (rms value) thd 0.5%; r l >10k w ; c l < 1.5 nf 2 -- v symbol parameter conditions min. typ. max. unit
1997 sep 01 8 philips semiconductors preliminary speci?cation universal hi-? audio processor for tv TDA9859 d v 15,18 maximum dc offset voltage between adjoining step and any step to mute for volume control g v = 0 to +15 db/mute - 215mv g v = - 64 to 0 db/mute - 0.5 10 mv for bass control g v = 0 to +15 db/mute - 215mv g v = - 12 to 0 db/mute - 0.5 10 mv for treble control g v = - 12 to +12 db/mute - 0.5 10 mv r o output resistance -- 100 w r o(l) allowed output load resistor 10 -- k w c o(l) allowed output load capacitor -- 1.5 nf v no(w) weighted noise voltage at output (quasi-peak level) ccir 468-3 weighted g v = +15 db - 102 -m v g v =0db - 32 -m v g v = - 40 db - 27 -m v g v = - 80 db (mute) - 20 -m v b - 1db - 1 db bandwidth for loudspeaker channel 20 - 20000 hz thd total harmonic distortion f = 20 to 12500 hz for v i(rms) = 0.2 v g v = - 30 to +15 db - 0.1 0.3 % for v i(rms) =1v g v = - 30 to 0 db - 0.1 0.3 % for v i(rms) =2v g v = - 30 to - 6db - 0.1 0.3 % a cs(l-r) stereo channel separation f = 10 khz; g v = 0 db; opposite input grounded by 1 k w resistor - 75 - db a ct(bus) crosstalk from i 2 c-bus to af outputs (v bus = spurious i 2 c-bus signal voltage on af output). g v =0db - 100 - db psrr 100 power supply ripple rejection with 100 hz ripple g v = 0 db; v r(rms) < 200 mv - 55 - db scart output (pins 7 and 26) v o(max)(rms) maximum output signal (rms value) thd 0.5%; r l >5k w 2 -- v r o(l) output load resistor 5 -- k w power-on reset v ponr increasing supply voltage start of reset -- 2.5 v end of reset 5.2 6.0 6.8 v v ponr decreasing supply voltage start of reset 4.4 5.2 6.0 v i 2 c-bus, scl and sda (pins 16 and 17) v ih high-level input voltage 3 - v p v symbol parameter conditions min. typ. max. unit a bus 20 log v bus(p-p) v o(rms) -------------------- - =
1997 sep 01 9 philips semiconductors preliminary speci?cation universal hi-? audio processor for tv TDA9859 v il low-level input voltage 0 - 1.5 v i i input current -- 10 m a v ack output voltage at acknowledge (pin 17) i 17 = - 3ma -- 0.4 v module address (pin 25) v il low-level input voltage 0 - 1.5 v v ih high-level input voltage 3 - v p v port outputs p1 and p2 (open-collector outputs pins 2 and 31) v ol low-level output voltage i o(sink) =1ma -- 0.3 v i o(sink) port output sink current -- 1ma symbol parameter conditions min. typ. max. unit
1997 sep 01 10 philips semiconductors preliminary speci?cation universal hi-? audio processor for tv TDA9859 i 2 c-bus protocol this circuit operates as a slave receiver only. for more information about the i 2 c-bus, see the i 2 c-bus and how to use it , order number 9398 393 40011. i 2 c-bus format note 1. multiple data-a (acknowledge) sequences may occur. table 1 explanation of i 2 c-bus format note 1. if more than 1 byte of data is transmitted, then auto-increment of the subaddress is performed by the device. table 2 i 2 c-bus transmission note 1. if auto-increment of the subaddress is used, it is necessary to insert three dummy data words between the treble control byte and the switching control bytes. s slave address w a subaddress a data (1) a (1) p name description s start condition (scl high, sda high-to-low) slave address 100 0000 (v 25 = low) or 100 0001 (v 25 = high) w0 a acknowledge (sda = low); generated by the device subaddress subaddress (byte); see table 2 data (1) data byte; see table 2 p stop condition (scl = high, sda = low-to-high) function subaddress data bits binary hex d7 d6 d5 d4 d3 d2 d1 d0 loudspeaker channel volume control common 0000 0000 00 0 0 v05 v04 v03 v02 v01 v00 volume control left 0000 0001 01 0 0 0 vl4 vl3 vl2 vl1 vl0 volume control right 0000 0010 02 0 0 0 vr4 vr3 vr2 vr1 vr0 bass control 0000 0011 03 0 0 0 ba4 ba3 ba2 ba1 ba0 treble control 0000 0100 04 0 0 0 0 tr3 tr2 tr1 tr0 switching control byte scart output (1) 0000 1000 08 0 mu1 p1 p2 i13 i12 i11 i10 loudspeaker output 0000 1001 09 ef2 mu2 ef1 st i23 i22 i21 i20
1997 sep 01 11 philips semiconductors preliminary speci?cation universal hi-? audio processor for tv TDA9859 table 3 function of the bits in table 2 table 4 input selection note 1. byte 8 (scart channels): the value of x depends on mu1 and control bits p1 and p2. byte 9 (loudspeaker channels): see table 5 for the programming of these bits. the value of x depends on the selected effects and mu2. bits function v00 to v05 volume control common for loudspeaker channel; see table 9 vl0 to vl4 volume control for left loudspeaker channel; see table 6 vr0 to vr4 volume control for right loudspeaker channel; see table 6 ba0 to ba4 bass control for left and right loudspeaker channels; see table 7 tr0 to tr3 treble control for left and right loudspeaker channels; see table 8 i10 to i13 input selection for scart channels; see table 4 i20 to i23 input selection for loudspeaker channels; see table 4 mu1 and mu2 mute control bits (mu1 for scart channel, mu2 for loudspeaker channel) 0 = channel not muted 1 = channel muted ef1, ef2 and st effect control bits for loudspeaker channel; see table 5 p1 and p2 control bits for ports p1 (pin 2) and p2 (pin 31) control bit = 0: ports p1 = low control bit = 1: ports p1 = high input bits of data byte 8 and 9 hex d7 d6 d5 d4 d3 d2 d1 d0 aux left xb (1) (1) mu (1) (1) 1011 aux right x9 (1) (1) mu (1) (1) 1001 aux stereo x7 (1) (1) mu (1) (1) 0111 scart left xa (1) (1) mu (1) (1) 1010 scart right x5 (1) (1) mu (1) (1) 0101 scart stereo x6 (1) (1) mu (1) (1) 0110 main left xc (1) (1) mu (1) (1) 1100 main right xd (1) (1) mu (1) (1) 1101 main stereo x8 (1) (1) mu (1) (1) 1000
1997 sep 01 12 philips semiconductors preliminary speci?cation universal hi-? audio processor for tv TDA9859 table 5 effect controls note 1. see table 4. the value of x depends on the selected input. setting special effects data byte to subaddress 09 hex ef2 mu2 ef1 st i23 i22 i21 i20 stereo with spatial effect 1 (52%) bx (1) 1011 (1) (1) (1) (1) stereo with spatial effect 2 (30%) 3x (1) 0011 (1) (1) (1) (1) stereo without spatial effect 1x (1) 0001 (1) (1) (1) (1) forced mono with pseudo stereo 2x (1) 0010 (1) (1) (1) (1) forced mono without pseudo stereo 0x (1) 0000 (1) (1) (1) (1) table 6 volume control left/right g v (db) data bits hex vl4 vl3 vl2 vl1 vl0 vr4 vr3 vr2 vr1 vr0 01f11111 - 11e11110 - 21d11101 - 31c11100 - 41b11011 - 51a11010 - 61911001 - 71811000 - 81710111 - 91610110 - 101510101 - 111410100 - 121310011 - 131210010 - 141110001 - 151010000 - 160f01111 - 170e01110 - 180d01101 - 190c01100 - 200b01011 - 210a01010 - 220901001 - 230801000 mute 07 0 0 1 1 1 table 7 bass control g v (db) data bits hex ba4 ba3 ba2 ba1 ba0 +15 19 1 1 0 0 1 +13.5 18 1 1 0 0 0 +12 17 1 0 1 1 1 +10.5 16 1 0 1 1 0 +9 15 1 0 1 0 1 +7.5 14 1 0 1 0 0 +6 13 1 0 0 1 1 +4.5 12 1 0 0 1 0 +3 11 1 0 0 0 1 +1.5 10 1 0 0 0 0 00f0 1 1 1 1 00e01110 - 1.5 0d 0 1 1 0 1 - 30c01100 - 4.5 0b 0 1 0 1 1 - 60a01010 - 7.5 09 0 1 0 0 1 - 90801000 - 10.5 07 0 0 1 1 1 - 12 06 0 0 1 1 0
1997 sep 01 13 philips semiconductors preliminary speci?cation universal hi-? audio processor for tv TDA9859 table 8 treble control table 9 volume control common g v (db) data bits hex 0 tr3 tr2 tr1 tr0 +12 0a 0 1 0 1 0 +90901001 +60801000 +30700111 00600110 - 30500101 - 60400100 - 90300011 - 120200010 g v (db) data bits hex v05 v04 v03 v02 v01 v00 +153f111111 +143e111110 +133d111101 +123c111100 +113b111011 +103a111010 +939111001 +838111000 +737110111 +636110110 +535110101 +434110100 +333110011 +232110010 +131110001 030110000 - 12f101111 - 22e101110 - 32d101101 - 42c101100 - 52b101011 - 62a101010 - 729101001 - 828101000 - 927100111 - 1026100110 - 1125100101 - 1224100100 - 1323100011 - 1422100010 - 1521100001 - 1620100000 - 171f011111 - 181e011110 - 191d011101 - 201c011100 - 211b011011 - 221a011010 - 2319011001 - 2418011000 - 2517010111 - 2616010110 - 2715010101 - 2814010100 - 2913010011 - 3012010010 - 3111010001 - 3210010000 - 330f001111 - 340e001110 - 350d001101 - 360c001100 - 370b001011 - 380a001010 - 3909001001 - 4008001000 g v (db) data bits hex v05 v04 v03 v02 v01 v00
1997 sep 01 14 philips semiconductors preliminary speci?cation universal hi-? audio processor for tv TDA9859 fig.3 pseudo stereo effect (phase) as a function of frequency. (1) normal effect; c ps1 =c ps2 =15nf. (2) intensified effect; c ps1 = 47 nf; c ps2 = 5.6 nf. (3) more intensified effect; c ps1 = 68 nf; c ps2 = 5.6 nf. handbook, full pagewidth - 400 0 (1) (2) (3) phase (degree) - 300 - 200 - 100 mha311 10 2 10 3 10 4 f (hz) 10 5 10
1997 sep 01 15 philips semiconductors preliminary speci?cation universal hi-? audio processor for tv TDA9859 package outline unit b 1 cee m h l references outline version european projection issue date iec jedec eiaj mm dimensions (mm are the original dimensions) sot232-1 92-11-17 95-02-04 b max. w m e e 1 1.3 0.8 0.53 0.40 0.32 0.23 29.4 28.5 9.1 8.7 3.2 2.8 0.18 1.778 10.16 10.7 10.2 12.2 10.5 1.6 4.7 0.51 3.8 m h c (e ) 1 m e a l seating plane a 1 w m b 1 e d a 2 z 32 1 17 16 b e pin 1 index 0 5 10 mm scale note 1. plastic or metal protrusions of 0.25 mm maximum per side are not included. (1) (1) d (1) z a max. 12 a min. a max. sdip32: plastic shrink dual in-line package; 32 leads (400 mil) sot232-1
1997 sep 01 16 philips semiconductors preliminary speci?cation universal hi-? audio processor for tv TDA9859 soldering introduction there is no soldering method that is ideal for all ic packages. wave soldering is often preferred when through-hole and surface mounted components are mixed on one printed-circuit board. however, wave soldering is not always suitable for surface mounted ics, or for printed-circuits with high population densities. in these situations reflow soldering is often used. this text gives a very brief insight to a complex technology. a more in-depth account of soldering ics can be found in our ic package databook (order code 9398 652 90011). soldering by dipping or by wave the maximum permissible temperature of the solder is 260 c; solder at this temperature must not be in contact with the joint for more than 5 seconds. the total contact time of successive solder waves must not exceed 5 seconds. the device may be mounted up to the seating plane, but the temperature of the plastic body must not exceed the specified maximum storage temperature (t stg max ). if the printed-circuit board has been pre-heated, forced cooling may be necessary immediately after soldering to keep the temperature within the permissible limit. repairing soldered joints apply a low voltage soldering iron (less than 24 v) to the lead(s) of the package, below the seating plane or not more than 2 mm above it. if the temperature of the soldering iron bit is less than 300 c it may remain in contact for up to 10 seconds. if the bit temperature is between 300 and 400 c, contact may be up to 5 seconds. definitions life support applications these products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify philips for any damages resulting from such improper use or sale. purchase of philips i 2 c components data sheet status objective speci?cation this data sheet contains target or goal speci?cations for product development. preliminary speci?cation this data sheet contains preliminary data; supplementary data may be published later. product speci?cation this data sheet contains ?nal product speci?cations. limiting values limiting values given are in accordance with the absolute maximum rating system (iec 134). stress above one or more of the limiting values may cause permanent damage to the device. these are stress ratings only and operation of the device at these or at any other conditions above those given in the characteristics sections of the speci?cation is not implied. exposure to limiting values for extended periods may affect device reliability. application information where application information is given, it is advisory and does not form part of the speci?cation. purchase of philips i 2 c components conveys a license under the philips i 2 c patent to use the components in the i 2 c system provided the system conforms to the i 2 c specification defined by philips. this specification can be ordered using the code 9398 393 40011.
1997 sep 01 17 philips semiconductors preliminary speci?cation universal hi-? audio processor for tv TDA9859 notes
1997 sep 01 18 philips semiconductors preliminary speci?cation universal hi-? audio processor for tv TDA9859 notes
1997 sep 01 19 philips semiconductors preliminary speci?cation universal hi-? audio processor for tv TDA9859 notes
internet: http://www.semiconductors.philips.com philips semiconductors C a worldwide company ? philips electronics n.v. 1997 sca55 all rights are reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owne r. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reli able and may be changed without notice. no liability will be accepted by the publisher for any consequence of its use. publication thereof does not con vey nor imply any license under patent- or other industrial or intellectual property rights. netherlands: postbus 90050, 5600 pb eindhoven, bldg. vb, tel. +31 40 27 82785, fax. +31 40 27 88399 new zealand: 2 wagener place, c.p.o. box 1041, auckland, tel. +64 9 849 4160, fax. +64 9 849 7811 norway: box 1, manglerud 0612, oslo, tel. +47 22 74 8000, fax. +47 22 74 8341 philippines: philips semiconductors philippines inc., 106 valero st. salcedo village, p.o. box 2108 mcc, makati, metro manila, tel. +63 2 816 6380, fax. +63 2 817 3474 poland: ul. lukiska 10, pl 04-123 warszawa, tel. +48 22 612 2831, fax. +48 22 612 2327 portugal: see spain romania: see italy russia: philips russia, ul. usatcheva 35a, 119048 moscow, tel. +7 095 755 6918, fax. +7 095 755 6919 singapore: lorong 1, toa payoh, singapore 1231, tel. +65 350 2538, fax. +65 251 6500 slovakia: see austria slovenia: see italy south africa: s.a. philips pty ltd., 195-215 main road martindale, 2092 johannesburg, p.o. box 7430 johannesburg 2000, tel. +27 11 470 5911, fax. +27 11 470 5494 south america: rua do rocio 220, 5th floor, suite 51, 04552-903 s?o paulo, s?o paulo - sp, brazil, tel. +55 11 821 2333, fax. +55 11 829 1849 spain: balmes 22, 08007 barcelona, tel. +34 3 301 6312, fax. +34 3 301 4107 sweden: kottbygatan 7, akalla, s-16485 stockholm, tel. +46 8 632 2000, fax. +46 8 632 2745 switzerland: allmendstrasse 140, ch-8027 zrich, tel. +41 1 488 2686, fax. +41 1 481 7730 taiwan: philips semiconductors, 6f, no. 96, chien kuo n. rd., sec. 1, taipei, taiwan tel. +886 2 2134 2865, fax. +886 2 2134 2874 thailand: philips electronics (thailand) ltd., 209/2 sanpavuth-bangna road prakanong, bangkok 10260, tel. +66 2 745 4090, fax. +66 2 398 0793 turkey: talatpasa cad. no. 5, 80640 gltepe/istanbul, tel. +90 212 279 2770, fax. +90 212 282 6707 ukraine : philips ukraine, 4 patrice lumumba str., building b, floor 7, 252042 kiev, tel. +380 44 264 2776, fax. +380 44 268 0461 united kingdom: philips semiconductors ltd., 276 bath road, hayes, middlesex ub3 5bx, tel. +44 181 730 5000, fax. +44 181 754 8421 united states: 811 east arques avenue, sunnyvale, ca 94088-3409, tel. +1 800 234 7381 uruguay: see south america vietnam: see singapore yugoslavia: philips, trg n. pasica 5/v, 11000 beograd, tel. +381 11 625 344, fax.+381 11 635 777 for all other countries apply to: philips semiconductors, marketing & sales communications, building be-p, p.o. box 218, 5600 md eindhoven, the netherlands, fax. +31 40 27 24825 argentina: see south america australia: 34 waterloo road, north ryde, nsw 2113, tel. +61 2 9805 4455, fax. +61 2 9805 4466 austria: computerstr. 6, a-1101 wien, p.o. box 213, tel. +43 160 1010, fax. +43 160 101 1210 belarus: hotel minsk business center, bld. 3, r. 1211, volodarski str. 6, 220050 minsk, tel. +375 172 200 733, fax. +375 172 200 773 belgium: see the netherlands brazil: see south america bulgaria: philips bulgaria ltd., energoproject, 15th floor, 51 james bourchier blvd., 1407 sofia, tel. +359 2 689 211, fax. +359 2 689 102 canada: philips semiconductors/components, tel. +1 800 234 7381 china/hong kong: 501 hong kong industrial technology centre, 72 tat chee avenue, kowloon tong, hong kong, tel. +852 2319 7888, fax. +852 2319 7700 colombia: see south america czech republic: see austria denmark: prags boulevard 80, pb 1919, dk-2300 copenhagen s, tel. +45 32 88 2636, fax. +45 31 57 0044 finland: sinikalliontie 3, fin-02630 espoo, tel. +358 9 615800, fax. +358 9 61580920 france: 4 rue du port-aux-vins, bp317, 92156 suresnes cedex, tel. +33 1 40 99 6161, fax. +33 1 40 99 6427 germany: hammerbrookstra?e 69, d-20097 hamburg, tel. +49 40 23 53 60, fax. +49 40 23 536 300 greece: no. 15, 25th march street, gr 17778 tavros/athens, tel. +30 1 4894 339/239, fax. +30 1 4814 240 hungary: see austria india: philips india ltd, band box building, 2nd floor, 254-d, dr. annie besant road, worli, mumbai 400 025, tel. +91 22 493 8541, fax. +91 22 493 0966 indonesia: see singapore ireland: newstead, clonskeagh, dublin 14, tel. +353 1 7640 000, fax. +353 1 7640 200 israel: rapac electronics, 7 kehilat saloniki st, po box 18053, tel aviv 61180, tel. +972 3 645 0444, fax. +972 3 649 1007 italy: philips semiconductors, piazza iv novembre 3, 20124 milano, tel. +39 2 6752 2531, fax. +39 2 6752 2557 japan: philips bldg 13-37, kohnan 2-chome, minato-ku, tokyo 108, tel. +81 3 3740 5130, fax. +81 3 3740 5077 korea: philips house, 260-199 itaewon-dong, yongsan-ku, seoul, tel. +82 2 709 1412, fax. +82 2 709 1415 malaysia: no. 76 jalan universiti, 46200 petaling jaya, selangor, tel. +60 3 750 5214, fax. +60 3 757 4880 mexico: 5900 gateway east, suite 200, el paso, texas 79905, tel. +9-5 800 234 7381 middle east: see italy printed in the netherlands 547047/1200/01/pp20 date of release: 1997 sep 01 document order number: 9397 750 02004


▲Up To Search▲   

 
Price & Availability of TDA9859

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X