Part Number Hot Search : 
MC9S12 XVT9002 1R200 VR1203W CS5346 CRZ16 MS12ANA DK2053WB
Product Description
Full Text Search
 

To Download SPA06AB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dip h specifications contact rating: carry: 10 ma @ 5vdc switching: 0.1 ma @ 0.1m vdc min. mechanical and electrical life: 1,000 cycles min. contact resistance: 50 m max. @ 20 v dc 10ma. insulation resistance: 100 m min. @ 100 v dc. dielectric strength : 1 minute @ 300 v ac. capacitance: 5pf max. between adjacent terminals. opera ting tempera ture : -30 c to 60 . storage temperature: -30 to 80? operating force: 5.9n max. solderability: dip & look solderability testing per c&k spec. #448. unplated edges of terminals permitted. packaging: switches supplied in rigid dispensing tubes in full- tube quantities only, this may affect order quantity. numbers of switches per tube varies with model. materials base: pps (ul94v-0). cover: pbt (ul94v-0). actuator: 4/6 nylon (ul 94v-0). movable contact: beryllium copper alloy, gold over nickel plate. fixed contact: copper alloy, gold over nickel plate. clip : phosphor br onze wir e. phosphor bronze, tin over nickel plate. note : specifications and materials listed above are for switches with standard options. for information on specific and custom switches, consult customer service center . spa series single in-line package switches features/benefits ? thin single in-line packaging saves pcb space ? retention feature holds part to pcb prior to soldering ? available in vertical or right angle models ? high pressure contact system does not require tape sealing ? rohs compliant typical applications ? address switch for industrial controls ? logic switching for computers and peripherals ? function controlling for numerous applications how to order our easy build-a switch concept allows you to mix and match options to create the switch you need. below is a complete listing of options shown in catalog. t o or der , simply select desired option from each category and place in the appropriate box. all switches supplied in ff?osition. number of positions spa02 2 positions spa04 4 positions spa06 6 positions spa08 8 positions spa10 10 positions switch function none ver tical a right angle contact material b gold s p a b hC 19 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com see detail a dim. ' dim. ' 3x 120 0 40 0 ?7.48 ?(190,0) ?.512 ?(13,0) ?.827 ?(21,0) 13.0 (330) 3.937 (100,0) dim. ' 2 x .079 (2p-7p) (2 x 2.0) 2 x .11 8 (8p-10p) (2 x 3.0) .079 (2,00) .079 (2,00) .079 (2,00) .069 (1,75) 0.020 (0,5) .157 (4,00) .450 (11 ,5) .630 (16,0) .315 (8,00) 3 0 max. 3 0 max. dim ' ?012 (0,30) max. ?059 (1,50) ?012 (0,30) max. ?012 (0,30) max. .630 (16,0) 0.020 (0,5) 3 0 max. dim ' dim. ' .079 (2,00) .069 (1,75) .157 (4,00) ?059 (1,50) dim. ' dim. ' .450 (11 ,5) .315 (8,00) 3 0 max. feed direction 1 2 3 4 5 6 7 8 1 2 3 4 feed direction ?012 (0,30) max. bpa0 1 0.079 (2 , 00) 0.1 57 (4 , 0) 0.069 (1 , 75 ) dim ' a' 3 0 dim ' d' 0.3 60 0.098 (2 , 5) 0.3 15 (8 , 0) 3 0 m a x ? 0 . 059 ( ? 1 ,5 0) max 0.2 09 (5 , 3) feed direction dim ' c'
dip h hC 20 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com 1 2345678 .100 (2,54) .035 (0,9) .125 (3,2) .244 (6,2) .086 (2,2) .083 (2,1) .098 (2,5) .268 (6,81) dim ' .020 (0,5) .065 (1,65) .030 (0,75) ?016 (0.4) .200 (5,08) .236/.252 (6,0/6,4) .181 (4,6) .020 rad. (0,5) .063 (1,6) ?032 typ. (0,8) dim ' dim ' dim ' dim ' .100 (2,54) .100 (2,54) .200 (5,08) .020 spa series single in-line package switches no. qty per pos. dim. a dim. b dim. c tube 2 .342 (8,68) .200 (5,08) .339 (8,6) 50 4 .542 (13,76) .400 (10,16) .540 (13,7) 30 6 .742 (18,84) .600 (15,24) .736 (18,7) 25 8 .942 (23,92) .800 (20,32) .937 (23,8) 20 10 1.142 (29,00) 1.000 (25,40) 1.138 (28,9) 15 schematic spst sp a08ab 1 2 3 4 5 6 7 8 c spa02ab sp a04ab sp a06ab sp a08ab spa10ab rohs part # 12345678 .070 (1,79) .028 (0,71) .039 (0,99) .009 (0,25) .028 (0,71) .100 (2,54) dim ' .012 (0,30) .020 (0,50) .035 (0,89) .126 (3,2) .244 (6,2) .141 (3,6) .100 (2,54) ?032 typ. (0,81) dim ' .100 (2,54) dim ' rohs part no. quanity number pos. dim. dim. per tube spa02b 2 .342 (8,68) .200 (5,08) 50 spa04b 4 .542 (13,76) .400 (10,16) 30 spa06b 6 .742 (18,84) .600 (15,24) 25 spa08b 8 .942 (23,92) .800 (20,32) 20 spa10b 10 1.142 (29,00) 1.000 (25,40) 15 schematic spst 1 2 3 4 5 6 7 8 c spa08b v ertical


▲Up To Search▲   

 
Price & Availability of SPA06AB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X