Part Number Hot Search : 
RB201 NTE1527 TGS2611 101GAA 2SK142 MBT22 S2186 Q800300
Product Description
Full Text Search
 

To Download RMPG06A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  RMPG06A thru rmpg06j vishay semiconductors formerly general semiconductor document number 88706 www.vishay.com 08-feb-02 1 miniature glass passivated fast switching plastic rectifier reverse voltage 50 to 600v forward current 1.0a maximum ratings & thermal characteristics ratings at 25? ambient temperature unless otherwise specified. rmpg rmpg rmpg rmpg rmpg symbol 06a 06b 06d 06g 06j unit maximum repetitive peak reverse voltage v rrm 50 100 200 400 600 v maximum rms voltage v rms 35 70 140 280 420 v maximum dc blocking voltage v dc 50 70 200 400 600 v maximum average forward rectified current, 0.375" (9.5mm) lead length at t a =25? i f(av) 1.0 a peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 40 a typical thermal resistance (1) r ja 67 r jl 30 ?/w operating junction and storage temperature range t j , t stg -55 to +150 ? electrical characteristics ratings at 25? ambient temperature unless otherwise specified. rmpg rmpg rmpg rmpg rmpg symbol 06a 06b 06d 06g 06j unit maximum instantaneous forward voltage at 1.0a v f 1.3 v maximum dc reverse current t a =25? 5.0 at rated dc blocking voltage t a =125? i r 50 a typical junction capacitance at 4.0v, 1mhz c j 6.6 pf typical reverse recovery time at i f =0.5a, i r =1.0a, i rr =0.25a t rr 150 200 ns notes: (1) thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5mm) lead length, p.c.b. mounted with 0.2 2 x 0.22 (5.5 x 5.5mm) copper pads dimensions in inches and (millimeters) features ?plastic package has underwriters laboratory flammability classification 94v-0 ?low forward voltage drops, high current capability ?glass passivated chip junction ?high surge capability ?typical i r less than 0.1 a ?high temperature soldering guaranteed: 250?/10 seconds 0.375 (9.5mm) lead length, 5 lbs. (2.3kg) tension mechanical data case: molded plastic over passivated chip terminals: plated axial leads, solderable per mil-std-750, method 2026 polarity: color band denotes cathode end mounting position: any weight: 0.0064 oz., 0.181 g packaging codes/options: 1/5k per bulk box 3/3k per ammo box (26mm tape) 4/5.5k per 13" reel (52mm tape) 23/3k per ammo box (52mm tape) 50/2.5k per radial-tape ammo box 1.0 (25.4) min. 1.0 (25.4) min. 0.125 (3.18) 0.115 (2.92) 0.100 (2.54) 0.090 (2.29) 0.025 (0.635) 0.023 (0.584) dia dia. case style mpg06
ambient temperature ( c) fig. 1 ?forward current derating curve average forward rectified current (a) fig. 3 ?typical instantaneous forward characteristics instantaneous forward voltage (v) instantaneous forward current (a) percent of rated peak reverse voltage (%) instantaneous reverse current ( a) fig. 4 ?typical reverse characteristics fig. 6 ?typical transient thermal impedance number of cycles at 60 h z t, pulse duration (sec.) fig. 2 ?maximum peak forward surge current peak forward surge current (a) reverse voltage (v) junction capacitance (pf) transient thermal impedance ( cw) fig. 5 ?typical junction capacitance per leg 0 25 50 75 100 125 150 175 0 0.2 0.4 0.6 0.8 1.0 1.2 60 h z resistive or inductive load 0.375" (9.5mm) lead length capacitance loads 5.0 ipk/i av = 10 20 1 10 100 0 10 20 30 40 50 t j = t j max. 8.3ms single half sine-wave (jedec method) rated load no load condition 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 0.01 0.1 1 10 30 t j = 25 c pulse width = 300 s 1% duty cycle t j = 125 c 0 20 40 60 80 100 0.01 0.1 1 10 1 10 100 1 10 30 t j = 25 c f = 1.0mh z vsig = 50mvp-p 0.01 0.1 1 10 100 0.1 1 10 100 t j = 75 c t j = 25 c t j = 125 c RMPG06A thru rmpg06j vishay semiconductors formerly general semiconductor www.vishay.com document number 88706 2 08-feb-02 ratings and characteristic curves (t a = 25 c unless otherwise noted)


▲Up To Search▲   

 
Price & Availability of RMPG06A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X