Part Number Hot Search : 
DDZ10CS C14018 LC87F AM27S L1021 DS21Q44T 5348AR BT137
Product Description
Full Text Search
 

To Download MFU1206 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 28747 for technical questions contact: ff3eresistors @vishay.com www.vishay.com revision: 13-feb-06 1 thin film flat chip fuses mfu series - thin film fuse vishay beyschlag features ? advanced thin film technology ? very quick acting fuse characteristics ? outstanding stability of fusing characteristics ? standard metric smd sizes ? compatible with (pb)-free and lead containing soldering processes ? lead (pb)-free and rohs compliant applications ? information technology ? industrial electronics ? automotive electronics ? telecommunication ? medical equipment ? audio/video electronics metric size inch: 0402 0603 0805 1206 metric: rr 1005m rr 1608m rr 2012m rr 3216m mfu thin film flat chip fuses are the perfect choice for the most fields of modern electronics. the highly controlled manufacturing thin film proc ess guarantees an outstanding stability of fusing characteristics. typical applications include information technology, telecommunication, medical equipment, industrial, audio/video and automotive electronics. r technical specification description mfu 0402 1) mfu 0603 mfu 0805 mfu 1206 metric size rr 1005m rr 1608m rr 2012m rr 3216m rated current range i r 0.5 a to 2.0 a 0.5 a to 4.0 a 0.5 a to 4.0 a 0.5 a to 5.0 a rated voltage, u max dc 32 v 32 v 32 v 63 v breaking capacity, i max at u max dc 50 a at 32 v 50 a at 32 v 50 a at 32 v 50 a at 63 v voltage drop at 1 x i r 170 mv to 220 mv 140 mv to 415 mv 145 mv to 430 mv 150 mv to 460 mv cold resistance at 0.1 x i r 65 m to 640 m 23 m to 640 m 24 m to 660 m 24 m to 670 m climatic category (lct/uct/days) 55/125/56 55/125/56 55/125/56 55/125/56 permissible continuous current rating at ? amb. = 23 c 0.7 x i r 0.7 x i r 0.7 x i r 0.7 x i r approval ul recognition file n/a e253806 e253806 e2530806 iec 60127-4 refer to table: mfu 0603 rating iec-approval under preparation refer to table: mfu 1206 rating note: 1. mfu 0402 available on request.
www.vishay.com for technical questions contact: ff3eresistors@vishay.com document number: 28747 2 revision: 13-feb-06 mfu series - thin film fuse vishay beyschlag thin film flat chip fuses note: 1. products can be ordered using either t he part number or the product description. 2. the part number is shown to facilitate the introduction of the unified part numbering system. currently, this part number is applicable in the americas only. 3. please refer to table packing, see below. 4. we recommend that the product description is used to minimize the possi bility of errors in order handling. part number and produc t description mfu series 1) part number 2) : mfu0603ff01000pw00 model/size fuse characteristic rated current value packing 3) special mfu0402 mfu0603 mfu0805 MFU1206 ff = very quick acting rated current value in ma. examples: 00500 = 0.5 a 01000 = 1.0 a 05000 = 5.0 a e1 e5 e0 p1 p5 pw up to 2 digits 00 = standard product description 4) : mfu 0603-ff pw 1a0 mfu 0603 -ff pw 1a0 model size fuse characteristic packing 3) rated current value mfu 0402 0603 0805 1206 ff = very quick acting e1 e5 e0 p1 p5 pw see rating tables examples: 0a5 = 0.5 a 1a0 = 1.0 a 5a0 = 5.0 a packing model paper tape on reel diameter pieces/reel code mfu0402 180 mm/7" 1000 e1 180 mm/7" 5000 e5 330 mm/13" 10000 e0 mfu0603 180 mm/7" 1000 p1 mfu0805 180 mm/7" 5000 p5 MFU1206 330 mm/13" 20000 pw mfu0603ff01000pw00
document number: 28747 for technical questions contact: ff3eresistors @vishay.com www.vishay.com revision: 13-feb-06 3 mfu series - thin film fuse thin film flat chip fuses vishay beyschlag dimensions note: 1. mfu 0402 available on request. 2. other values of rated cu rrent are available on request. 3. typical values. 4. for packages with 1000 pi eces, please use for packing e1 instead of e0. 5. for packages with 5000 pi eces, please use for packing e5 instead of e0. dimensions - chip fuse types, mass and relevant physical dimensions type h (mm) l (mm) w (mm) w t (mm) t 1 (mm) t 2 (mm) mass (mg) mfu 0402 0.32 0.05 1.0 0.05 0.5 0.05 > 75 % of w 0.2 + 0.1/- 0.15 0.2 0.1 0.65 mfu 0603 0.45 + 0.1/- 0.05 1.55 0.05 0.85 0.1 > 75 % of w 0.3 + 0.15/- 0.2 0.3 + 0.15/- 0.2 1.9 mfu 0805 0.45 + 0.1/- 0.05 2.0 0.1 1.25 0.15 > 75 % of w 0.4 + 0.1/- 0.2 0.4 + 0.1/- 0.2 4.7 mfu 1206 0.55 0.1 3.2 + 0.1/- 0.2 1.6 0.15 > 75 % of w 0.5 0.25 0.5 0.25 9.5 mfu 0402 rating - very quick acting (ff) 1) size fuse char. rated current 2) rated voltage pre-arcing 3) i 2 t at 10 x i r volt. drop 3) at 1 x i r cold resis. 3) at 0.1 x i r breaking capacity dc mark. ordering code 4)5) 0402 ff 500 ma 32 v 0.0009 a 2 s 415 mv 640 m 50 a at 32 v - mfu 0402-ff e0 0a5 630 ma 32 v 0.0014 a 2 s 334 mv 400 m 50 a at 32 v - mfu 0402-ff e0 0a63 750 ma 32 v 0.0020 a 2 s 278 mv 280 m 50 a at 32 v - mfu 0402-ff e0 0a75 800 ma 32 v 0.0023 a 2 s 243 mv 230 m 50 a at 32 v - mfu 0402-ff e0 0a8 1.0 a 32 v 0.0028 a 2 s 220 mv 170 m 50 a at 32 v - mfu 0402-ff e0 1a0 1.25 a 32 v 0.0039 a 2 s 182 mv 111 m 50 a at 32 v - mfu 0402-ff e0 1a25 1.5 a 32 v 0.0059 a 2 s 169 mv 86 m 50 a at 32 v - mfu 0402-ff e0 1a5 1.6 a 32 v 0.0065 a 2 s 160 mv 76 m 50 a at 32 v - mfu 0402-ff e0 1a6 1.75 a 32 v 0.0077 a 2 s 167 mv 72 m 50 a at 32 v - mfu 0402-ff e0 1a75 2.0 a 32 v 0.0101 a 2 s 170 mv 65 m 50 a at 32 v - mfu 0402-ff e0 2a0 t 2 t 1 l h w w t
www.vishay.com for technical questions contact: ff3eresistors@vishay.com document number: 28747 4 revision: 13-feb-06 mfu series - thin film fuse vishay beyschlag thin film flat chip fuses note: 1. other values of rated current are available on request. 2. typical values. 3. for packages with 1000 pieces, please use for packing p1 instead of pw. 4. for packages with 5000 pieces, please use for packing p5 instead of pw. note: 1. other values of rated current are available on request. 2. typical values. 3. for packages with 1000 pieces, please use for packing p1 instead of pw. 4. for packages with 5000 pieces, please use for packing p5 instead of pw. mfu 0603 rating - very quick acting (ff) size fuse char. rated current 1) rated voltage pre-arcing 2) i 2 t at 10 x i r volt. drop 2) at 1 x i r cold resis. 2) at 0.1 x i r breaking capacity dc mark. approval ordering code 3)4) 0603 ff 500 ma 32 v 0.0009 a 2 s 415 mv 640 m 50 a at 32 v f ul/iec mfu 0603-ff pw 0a5 630 ma 32 v 0.0014 a 2 s 334 mv 400 m 50 a at 32 v ct ul mfu 0603-ff pw 0a63 750 ma 32 v 0.0020 a 2 s 278 mv 280 m 50 a at 32 v g ul mfu 0603-ff pw 0a75 800 ma 32 v 0.0023 a 2 s 243 mv 230 m 50 a at 32 v cv ul mfu 0603-ff pw 0a8 1.0 a 32 v 0.0028 a 2 s 220 mv 170 m 50 a at 32 v h ul/iec mfu 0603-ff pw 1a0 1.25 a 32 v 0.0039 a 2 s 182 mv 110 m 50 a at 32 v j ul mfu 0603-ff pw 1a25 1.5 a 32 v 0.0059 a 2 s 169 mv 85 m 50 a at 32 v k ul mfu 0603-ff pw 1a5 1.6 a 32 v 0.0065 a 2 s 160 mv 76 m 50 a at 32 v ef ul/iec mfu 0603-ff pw 1a6 1.75 a 32 v 0.0077 a 2 s 167 mv 72 m 50 a at 32 v l ul mfu 0603-ff pw 1a75 2.0 a 32 v 0.0101 a 2 s 170 mv 65 m 50 a at 32 v n ul/iec mfu 0603-ff pw 2a0 2.5 a 32 v 0.0157 a 2 s 150 mv 45 m 50 a at 32 v o ul mfu 0603-ff pw 2a5 3.0 a 32 v 0.0227 a 2 s 140 mv 32 m 50 a at 32 v p ul mfu 0603-ff pw 3a0 3.15 a 32 v 0.0250 a 2 s 135 mv 29 m 50 a at 32 v el ul/iec mfu 0603-ff pw 3a15 3.5 a 32 v 0.0308 a 2 s 135 mv 26 m 50 a at 32 v r ul mfu 0603-ff pw 3a5 4.0 a 32 v 0.0403 a 2 s 142 mv 23 m 50 a at 32 v s ul mfu 0603-ff pw 4a0 mfu 0805 rating - very quick acting (ff) size fuse char. rated current 1) rated voltage pre-arcing 2) i 2 t at 10 x i r volt. drop 2) at 1 x i r cold resis. 2) at 0.1 x i r breaking capacity dc mark. approval ordering code 3)4) 0805 ff 500 ma 32 v 0.0009 a 2 s 430 mv 660 m 50 a at 32 v f ul mfu 0805-ff pw 0a5 630 ma 32 v 0.0014 a 2 s 350 mv 420 m 50 a at 32 v ct ul mfu 0805-ff pw 0a63 750 ma 32 v 0.0021 a 2 s 297 mv 300 m 50 a at 32 v g ul mfu 0805-ff pw 0a75 800 ma 32 v 0.0023 a 2 s 259 mv 245 m 50 a at 32 v cv ul mfu 0805-ff pw 0a8 1.0 a 32 v 0.0028 a 2 s 240 mv 185 m 50 a at 32 v h ul mfu 0805-ff pw 1a0 1.25 a 32 v 0.0040 a 2 s 210 mv 125 m 50 a at 32 v j ul mfu 0805-ff pw 1a25 1.5 a 32 v 0.0059 a 2 s 180 mv 90 m 50 a at 32 v k ul mfu 0805-ff pw 1a5 1.6 a 32 v 0.0065 a 2 s 175 mv 78 m 50 a at 32 v ef ul mfu 0805-ff pw 1a6 1.75 a 32 v 0.0077 a 2 s 174 mv 74 m 50 a at 32 v l ul mfu 0805-ff pw 1a75 2.0 a 32 v 0.0101 a 2 s 173 mv 67 m 50 a at 32 v n ul mfu 0805-ff pw 2a0 2.5 a 32 v 0.0157 a 2 s 159 mv 47 m 50 a at 32 v o ul mfu 0805-ff pw 2a5 3.0 a 32 v 0.0227 a 2 s 149 mv 34 m 50 a at 32 v p ul mfu 0805-ff pw 3a0 3.15 a 32 v 0.0250 a 2 s 145 mv 31 m 50 a at 32 v el ul mfu 0805-ff pw 3a15 3.5 a 32 v 0.0308 a 2 s 144 mv 27 m 50 a at 32 v r ul mfu 0805-ff pw 3a5 4.0 a 32 v 0.0403 a 2 s 145 mv 24 m 50 a at 32 v s ul mfu 0805-ff pw 4a0
document number: 28747 for technical questions contact: ff3eresistors @vishay.com www.vishay.com revision: 13-feb-06 5 mfu series - thin film fuse thin film flat chip fuses vishay beyschlag note: 1. other values of rated cu rrent are available on request. 2. typical values. 3. for packages with 1000 pi eces, please use for packing p1 instead of pw. 4. for packages with 5000 pi eces, please use for packing p5 instead of pw. mfu 1206 rating - very quick acting (ff) size fuse char. rated current 1) rated voltage pre-arcing 2) i 2 t at 10 x i r volt. drop 2) at 1 x i r cold resis. 2) at 0.1 x i r breaking capacity dc mark. approval ordering code 3)4) 1206 ff 500 ma 63 v 0.0009 a 2 s 440 mv 670 m 50 a at 63 v f ul/iec mfu 1206-ff pw 0a5 630 ma 63 v 0.0014 a 2 s 366 mv 440 m 50 a at 63 v ct ul mfu 1206-ff pw 0a63 750 ma 63 v 0.0022 a 2 s 327 mv 330 m 50 a at 63 v g ul mfu 1206-ff pw 0a75 800 ma 63 v 0.0023 a 2 s 290 mv 260 m 50 a at 63 v cv ul mfu 1206-ff pw 0a8 1.0 a 63 v 0.0028 a 2 s 264 mv 200 m 50 a at 63 v h ul/iec mfu 1206-ff pw 1a0 1.25 a 63 v 0.0041 a 2 s 231 mv 140 m 50 a at 63 v j ul mfu 1206-ff pw 1a25 1.5 a 63 v 0.0059 a 2 s 208 mv 105 m 50 a at 63 v k ul mfu 1206-ff pw 1a5 1.6 a 63 v 0.0066 a 2 s 180 mv 80 m 50 a at 63 v ef ul/iec mfu 1206-ff pw 1a6 1.75 a 63 v 0.0077 a 2 s 176 mv 76 m 50 a at 63 v l ul mfu 1206-ff pw 1a75 2.0 a 63 v 0.0102 a 2 s 182 mv 69 m 50 a at 63 v n ul/iec mfu 1206-ff pw 2a0 2.5 a 63 v 0.0159 a 2 s 162 mv 49 m 50 a at 63 v o ul mfu 1206-ff pw 2a5 3.0 a 63 v 0.0229 a 2 s 143 mv 36 m 50 a at 63 v p ul mfu 1206-ff pw 3a0 3.15 a 63 v 0.0251 a 2 s 137 mv 33 m 50 a at 63 v el ul/iec mfu 1206-ff pw 3a15 3.5 a 63 v 0.0310 a 2 s 129 mv 30 m 50 a at 63 v r ul mfu 1206-ff pw 3a5 4.0 a 63 v 0.0404 a 2 s 132 mv 28 m 50 a at 63 v s ul mfu 1206-ff pw 4a0 5.0 a 63 v 0.0631 a 2 s 180 mv 24 m 50 a at 63 v t - mfu 1206-ff pw 5a0 description production is strictly controlled and follows an extensive set of instructions established for reproducibility. a homogeneous film of metal al loy is deposited on a high grade ceramic body. the fuse elements are covered by a protective coating designed for electrical, mechanical and climatic protection. the terminations re ceive a final pure tin on nickel plating. the result of the determined production is verified by an extensive testing procedure performed on 100 % of the individual fuses. only accepted products are laid directly into the paper tape in accordance with iec 60286-3 . assembly the fuses are suitable for processing on automatic smd assembly systems. they are su itable for automa tic soldering using wave, reflow or vapour phase. the encapsulation is resistant to all cleaning solvents commonly used in the electronics industry, including alcohols, esters and aqueous solutions. the fuses are lead (pb)-free (category e3 ), the pure tin plating provides com patibility with lead (pb)-free and lead-containing soldering proc esses. the immunity of the plating against tin whisker growth has been proven under extensive testing. all products comply with the cefic-eeca-eicta list of legal restrictions on hazardous substances. this includes full compliance with the following directives: ? 2000/53/ec end of vehicle life directive (elv) ? 2000/53/ec annex ii to end of vehicle life directive (elv ii) ? 2002/95/ec restriction of the use of hazardous substances directive (rohs) ? 2002/96/ec waste electrical and electronic equipment directive (weee) solderability is specified for 2 years after production or requalification. the permitted storage time is 20 years. approvals the fuses are tested in accordance with iec 60127-4 and ul 248-14 which refers to ul 248-1, iec 60127-1 and iec 60068 series. vde-approval of conformity is indicated by the umf logo on the package label. recognition by underwriter laboratories inc. is indicated by the ul logo on the package label. pb-free identification on the packa g elabel e3
www.vishay.com for technical questions contact: ff3eresistors@vishay.com document number: 28747 6 revision: 13-feb-06 mfu series - thin film fuse vishay beyschlag thin film flat chip fuses functional performance 0.1 1 10 100 c u rrent [a] pre-arc time [s] 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 3 10 4 4.00 a 3.50 a 3.15 a 3.00 a 2.50 a 2.00 a 1.75 a 1.60 a 1.50 a 1.25 a 1.00 a 0. 8 0 a 0.75 a 0.63 a 0.50 a mfu 0603 typical characteristics (ff) mo u nted on test b oard acc. iec 60127-4 typical i-t characteristic of mfu 0603 pre-arc time [s] jo u le integral i2t [a2s] 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 3 10 4 10 -5 10 -4 10 2 10 1 10 0 10 -1 10 -2 10 -3 mfu 0603 typical characteristics (ff) mo u nted on test b oard acc. iec 60127-4 4.00 a 3.50 a 3.15 a 3.00 a 2.50 a 2.00 a 1.75 a 1.60 a 1.50 a 1.25 a 1.00 a 0. 8 0 a 0.75 a 0.63 a 0.50 a typical i 2 t vs. t characteristic of mfu 0603
document number: 28747 for technical questions contact: ff3eresistors @vishay.com www.vishay.com revision: 13-feb-06 7 mfu series - thin film fuse thin film flat chip fuses vishay beyschlag 0.1 1 10 100 c u rrent [a] pre-arc time [s] 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 3 10 4 4.00 a 3.50 a 3.15 a 3.00 a 2.50 a 2.00 a 1.75 a 1.60 a 1.50 a 1.25 a 1.00 a 0. 8 0 a 0.75 a 0.63 a 0.50 a mfu 0 8 05 typical characteristics (ff) mo u nted on test b oard acc. iec 60127-4 typical i-t characteristic of mfu 0805 pre-arc time [s] jo u le integral i2t [a2s] 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 3 10 4 10 -5 10 -4 10 2 10 1 10 0 10 -1 10 -2 10 -3 mfu 0 8 05 typical characteristics (ff) mo u nted on test b oard acc. iec 60127-4 4.00 a 3.50 a 3.15 a 3.00 a 2.50 a 2.00 a 1.75 a 1.60 a 1.50 a 1.25 a 1.00 a 0. 8 0 a 0.75 a 0.63 a 0.50 a typical i 2 t vs. t characteristic of mfu 0805
www.vishay.com for technical questions contact: ff3eresistors@vishay.com document number: 28747 8 revision: 13-feb-06 mfu series - thin film fuse vishay beyschlag thin film flat chip fuses 0.1 1 10 100 c u rrent [a] pre-arc time [s] 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 3 10 4 mfu 1206 typical characteristics (ff) mo u nted on test b oard acc. iec 60127-4 5.00 a 4.00 a 3.50 a 3.15 a 3.00 a 2.50 a 2.00 a 1.75 a 1.60 a 1.50 a 1.25 a 1.00 a 0. 8 0 a 0.75 a 0.63 a 0.50 a typical i-t characteristic of mfu 1206 pre-arc time [s] jo u le integral i2t [a2s] 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 3 10 4 10 -5 10 -4 10 2 10 1 10 0 10 -1 10 -2 10 -3 mfu 1206 typical characteristics (ff) mo u nted on test b oard acc. iec 60127-4 1.50 a 1.25 a 1.00 a 0. 8 0 a 0.75 a 0.63 a 0.50 a 5.00 a 4.00 a 3.50 a 3.15 a 3.00 a 2.50 a 2.00 a 1.75 a 1.60 a typical i 2 t vs. t characteristic of mfu 1206
document number: 28747 for technical questions contact: ff3eresistors @vishay.com www.vishay.com revision: 13-feb-06 9 mfu series - thin film fuse thin film flat chip fuses vishay beyschlag test and requirements all tests are carried out in accordance with the following specifications: iec 60127-1, miniature fuse - part 1: definitions for miniature fuses and general requirements for miniature fuse-links iec 60127-4, universal modular fuse links (umf) ul 248-1, low voltage fuses - part 1: general requirements ul 248-14, low voltage fuses - part 14: supplemental fuses for the full test schedule refer to the documents listed above. the testing also covers most of the requirements specified by meti and ccc. the tests are carried out in accordance with iec 60068 and under standard atmospheric conditions in accordance with iec 60068-1, 5.3. climatic category lct/uct/56 (rated temperature range: lower ca tegory temperature, upper category temperature; damp heat, long term, 56 days) is valid. unless otherwise specified the following values apply: temperature: 15 c to 35 c relative humidity: 45 % to 75 % air pressure: 86 kpa to 106 kpa (860 mbar to 1060 mbar). the components are mounted for testing on printed-circuit boards in accordance with iec 60127-4, unless otherwise specified. the requirements stated in the test procedures and requirements table are based on the required tests and permitted limits of iec 60127-1 and iec 60127-4 respectively. however, some additional tests and a number of improvements against thos e minimum requirements have been included. test procedures and requirements iec 60127-4 clause iec 60068-2 test method test procedure requirements permissible change ( r/r ) 8.3.2 21 (u e1 ) substrate bending depth 1 mm; rate 1 mm/s 1 times no visible damage r/r 10 % 8.6.2 58 (td) solderability solder bath method; snpb40; non-activated flux; (215 3) c; (3 0.3) s good tinning ( 95 % covered); no visible damage solder bath method; snag3cu0.5 or snag3.5; non-activated flux; (235 3) c; (2 0.2) s good tinning ( 95 % covered); no visible damage 8.7.2 58 (td) resistance to soldering heat solder bath method; (260 5) c; (10 1) s no visible damage r/r 10 % reflow method 2 (ir/forced gas convection); (260 5) c; (10 1) s no visible damage r/r 10 % 9.2.1 - time/current characteristics at nominal temperature cold resistance at 0.1 x i r ; destructive testing under overcurrent conditions (dc-current) at 1.25 x i r , t pre-arc > 1 h at 2.0 x i r , t pre-arc < 5 s at 10 x i r , t pre-arc < 0.001 s 9.3.2 - breaking capacity 50 a at rated voltage acc. to ul 248-14 optical inspection with naked eye no visible damage 9.3.3 - residual resistance 50 a at rated voltage acc. to ul 248-14 insulation resistance at 2.0 x u r (dc) higher than 0.1 m
www.vishay.com for technical questions contact: ff3eresistors@vishay.com document number: 28747 10 revision: 13-feb-06 mfu series - thin film fuse vishay beyschlag thin film flat chip fuses test procedures and requirements - continued iec 60127-4 clause iec 60068-2 test method test procedure requirements permissible change ( r/r ) 9.4 - endurance test acc. to iec 60127-1 a) i = 1.0 x i r (dc) 1.0 h on; 0.25 h off; 23 c; 100 times b) i = 1.25 x i r (dc) 1.0 h on 23 c; 1 time mfu 0603 i r 3.15 a no visible damage r/r 10 % mfu 0805 i r 3.15 a mfu 1206 i r 3.15 a - - verification of temp.-rise and current- carrying capacity acc. to ul 248-14 clause 8.2.3 i = 1.0 x i r (dc) mfu 0603 i r 4.0 a temperature rise of hot spot 75 k acc. to ul 248-14 clause 8.2.4 mfu 0805 i r 4.0 a mfu 1206 i r 5.0 a 9.5 - maximum sustained dissipation acc. to iec 60127-1 calculation in accordance with results of clause 9.4 b) dissipation acc. to iec 60127-4 table 2 9.7 - fuse-link temperature the test is performed during the final 5 min. of clause 9.4 b) mfu 0603 i r 3.15 a temperature rise of terminals 85 k mfu 0805 i r 3.15 a mfu 1206 i r 3.15 a - 78 (cab) damp heat, steady state (40 2) c; 56 days; (93 3) % rh r/r 10 % i-t characteristic - 14 (na) rapid change of temperature 30 min. at lct 30 min. at uct; lct = - 55 c uct = 125 c; 5 cycles r/r 10 % - 6 (fc) vibration endurance by sweeping; 10 to 2000 hz; no resonance; amplitude 1.5 mm or 200 m/s 2 ; 6 h r/r 10 % - 45 (xa) component solvent resistance isopropyl alcohol; 50 c; method 2 no visible damage - 45 (xa) solvent resistance of marking isopropyl alcohol; 50 c; method 1, toothbrush marking legible, no visible damage - 21 (ue 3 ) shear (adhesion) rr 1608m; 9 n no visible damage rr 2012m and rr 3216m; 45 n - - flammability iec 60695-2-2, needle flame test; 10 s no burning after 30 s
legal disclaimer notice vishay document number: 91000 www.vishay.com revision: 08-apr-05 1 notice specifications of the products displayed herein are subjec t to change without notice. vishay intertechnology, inc., or anyone on its behalf, assume s no responsibility or liability fo r any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. except as provided in vishay's terms and conditions of sale for such products, vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and /or use of vishay products including liab ility or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify vishay for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of MFU1206

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X