specification model rated current rated power max. output voltage output current adj. range setup, rise time hold up time (typ.) voltage range note.3 frequency range power factor (typ.) efficiency (typ.) ac current (typ.) input inrush current ( .) typ leakage current safety standards note.4 working temp. working humidity storage temp., humidity temp. coefficient vibration mtbf dimension others note packing over temperature over voltage can be adjusted by internal potentiometer or through output cable 3000ms, 150ms ; b type 5000ms, 150ms at 95% load 440vac / 347vac at full load 440vac / 347vac 30ms at full load 440vac / 347vac 180 ~ 480vac 254vdc ~ 679vdc 47 ~ 63hz 0.32a / 347vac 0.26a / 440vac cold start 50a / 440vac <0.75ma / 440vac -40 ~ +70 (refer to "derating curve") 20 ~ 95% rh non-condensing -40 ~ +80 , 10 ~ 95% rh 0.03%/ (0 ~ 50 ) 10 ~ 500hz, 5g 12min./1cycle, period for 72min. each along x, y, z axes 186.1khrs min. mil-hdbk-217f (25 ) 236*68*38.8 mm (l*w*h) ripple & noise (max.) note.2 environment safety & emc protection 100 10 (rth2) 300 ~ 320v protection type : shut down o/p voltage, recovers automatically afte r temperature goes down protection type : shut down o/p voltage with auto-recovery or re-power on t o recovery short circuit 91% HVGC-100-350 HVGC-100-700 1vp-p 0.5vp-p 1. all parameters not specially mentioned are measured at 347vac input, r ated load and 25 of ambient temperature. 2. ripple & noise are measured at 20mhz of bandwidth by using a 12" twisted pair- wire terminated with a 0.1uf & 2.2uf parallel capacitor. 3. derating may be needed under low input voltages. please check the static c haracteristics for more details. 4. safety and emc design refer to en60598-1, cns15233, gb7000.1. 5. the power supply is considered as a component that will be operated in combi nation with final equipment. since emc performance will be affected by th e complete installation, the final equipment manufacturers must re- qualify emc directive on the complete installation again. 6. refer to warranty statement. compliance to en61000-4-2,3,4,5,6,8,11, en61547 , light industry level (surge 4kv), criteria a ul8750 csa c22.2 no. 250.0-08, en61347-1, en61347-2-13 independ ent, approved , ip65 or ip67 constant current limiting, recovers automatically after fault con dition is removed 210 ~ 350ma 420 ~ 700ma 350ma 99.75w 3 ~ 285v 1.18kg ; 12pcs/15.2kg/0.74cuft i/p-o/p:3.75kvac i/p-fg:1.88kvac o/p-fg:0.5kvac i/p-o/p, i/p-fg, o/p-fg:100m ohms / 500vdc / 25 / 70% rh withstand voltage isolation resistance 91% 150 ~ 160v 700ma 99.4w 3 ~ 142v features : a : ip65 rated. output voltage and constant current level can be adjusted thr ough internal potentiometer. b : ip67 rated. constant current level adjustable through output cable w ith 0~10vdc or 10v pwm signal or resistance. d (option) : ip67 rated. timer dimming function, contact mean well for deta ils. constant current designwide input range 180~480vac built-in active pfc function protections: short circuit / over voltage / over temperature cooling by free air convection ocp point adjustable through output cable or internal potentiometer ip67 / ip65 design for indoor or outdoor installations three in one dimming function (0~10vdc or 10v pwm signal or resistance) suitable for led lighting and street lighting applications compliance to worldwide safety regulations for lighting 5 years warranty (note.6) suitable for dry / damp / wet locations high efficiency up to 91% f m m 110 ip65 ip67 HVGC-100-350 a 100w single output led power supply h v g c - 1 0 0 s e r i e s file name:HVGC-100-spec 2011-12-16 emc immunity emc emission current accuracy 5.0% pf 0.98/230vac, pf 0.98/277vac, pf 0.97/347vac, pf 0.94/440va c at full load (please refer to "power factor characteristic" curve) compliance to en55015, en61000-3-2 class c ( 50% load) ; en61000-3-3, f cc part 15 class b
mechanical specification case no.994 unit:mm 300 20 fg (green/yellow) sjtw 18awg 2c sjtw 18awg 3c 236 236 236 212 212 212 ac/l(brown) ac/n(blue) 12 9.6 9.4 9.4 34.2 68 4.2 4pl 300 20 ip65 rated. output voltage and constant current level can be adjusted thr ough internal (can access by removing the rubber stopper on the case.) potentiometer. 38.8 a type:(HVGC-100-_a) 104.4 104.4 104.4 t case t case t case 34 34 34 t case: max. case temperature. t case: max. case temperature. t case: max. case temperature. ip67 rated. timer dimming function, contact mean well for details. 300 20 fg (green/yellow) sjtw 18awg 2c 38.8 sjtw 18awg 3c ac/l(brown) ac/n(blue) 12 9.6 9.4 9.4 34.2 68 4.2 4pl 300 20 d type(option):(HVGC-100-_d) b type:(HVGC-100-_b) 300 20 38.8 sjtw 18awg 3c 12 9.6 9.4 9.4 34.2 68 4.2 4pl 300 20 dim+(blue) dim-(white) fg (green/yellow) ac/l(brown) ac/n(blue) ul2517 18awg 2c sjtw 18awg 2c io adj. +v(red) +v(red) -v(black) -v(black) +v(red) -v(black) 100w single output led power supply h v g c - 1 0 0 s e r i e s file name:HVGC-100-spec 2011-12-16
0.80 0.82 0.84 0.86 0.88 0.90 0.92 0.94 0.96 0.98 1.00 50% 60% 70% 80% 90% 100% 440v 347v 277v 230v derating curve static characteristics input voltage (v) 60hz 180 347 440 480 100 90 80 70 60 50 40 load (%) dim+ (b type) dim- fosc : 80khz detection pwm & pfc circuit o.l.p. o.t.p. emi filter rectifiers power switching filter & rectifiers +v -v i/p fg control o.v.p. & o.l.p. pfc circuit pfc control block diagram ambient temperature ( ) load (%) -40 -25 -10 0 15 30 50 60 70 20 40 60 80 100 (horizontal) power factor characteristic pf load constant current mode (100w) 100w single output led power supply h v g c - 1 0 0 s e r i e s file name:HVGC-100-spec 2011-12-16
0.58 0.62 0.66 0.70 0.74 0.78 0.82 0.86 0.90 0.94 10% 20% 30% 40% 50% 60% 70% 80% 90% 100% 440v 347v 277v 230v efficiency vs load (HVGC-100-700 model) HVGC-100 series possess superior working efficiency that up to 91% can be r eached in field applications. load efficiency (%) there are two major kinds of led drive method "direct drive" and "with led driv er". a typical led power supply may either work in "constant voltage mode (cv) or c onstant current mode (cc)" to drive the leds. mean well's led power supply with cv+ cc characteristic can b e operated at both cv mode (with led driver, at area (a) and cc m ode (direct drive, at area (b). driving methods of led module typical led power supply i-v curve vo(%) 100 50 50 100 (max.) io (%) constant voltage area constant current area (a) (b) 100w single output led power supply h v g c - 1 0 0 s e r i e s file name:HVGC-100-spec 2011-12-16
HVGC-100 dimming operation dim+(blue) dim-(white) fg (green/yellow) ac/l(brown) ac/n(blue) reference resistance value for output current adjustment (typical ) built-in 3 in 1 dimming function, ip67 rated. output constant current lev el can be adjusted through output cable by connecting a resistance or 0 ~ 10vdc or 10v pwm signal between dim+ and dim-. please do not connect "dim-" to "-v". 60k 60% 60% 10k 10k /n 20k /n 30k /n 40k /n 50k /n 60k /n 70k /n 80k /n 90k /n 100k /n single driver multiple drivers (n=driver quantity for synchronized dimming operation) 1v 0v 4v 7v 2v 5v 8v 3v 6v 9v 10v 10% 10% 0% 20k 20% 20% 30k 30% 30% 40k 40% 40% 50k 50% 50% 70k 70% 70% 80k 80% 80% 90k 100k open open open 90% 90% 100% 100% resistance value dimming value percentage of rated current percentage of rated current 0 ~ 10v dimming function for output current adjustment (typical) 60% 60% 10% 10% 20% 20% 30% 30% 40% 40% 50% 50% 70% 70% 80% 80% 90% 90% 100% 100% duty value percentage of rated current 102%~108% ----- 102%~108% 102%~108% 10v pwm signal for output current adjustment (typical): frequency ra nge :100hz ~ 3khz waterproof connector waterproof connector can be assembled on the output cable of HVGC-100 to op erate in dry/wet/damp or outdoor environment. HVGC-100 i/p o/p led lamp ac source pin configuration (female) pin configuration (female) size size m12 m15 4-pin 5a/pin m12-04 order no. order no. 10a max. suitable current suitable current 5-pin 5a/pin m12-05 10a max. 2-pin 12a/pin m15-02 12a max. waterproof connection +v(red) -v(black) 100w single output led power supply h v g c - 1 0 0 s e r i e s file name:HVGC-100-spec 2011-12-16
cable joiner up to four wires can be connected through this cable joiner bysoldering or clamping by tools. 66 26 20 25 cj04-2 suitable for 18awg~22awg cj04-1 suitable for 14awg~16awg o/p wires led lamp HVGC-100 cj04 cable joiner can be purchased independently for user's own assembl y. mean well order no. : cj04-1, cj04-2. junction box(option ) optional junction box available for , please contact meaw well for deta ils. a / blank - type 150 20 3- pf 1/2" 86 76 5 10 38.8 35 2- 5 61 32 8.5 8.5 6 208.8 370.8 150 20 3- pf 1/2" 68 sjtw 18awg 2c sjtw 18awg 3c fg (green/yellow) ac/l(brown) ac/n(blue) -v(black) +v(red) 100w single output led power supply h v g c - 1 0 0 s e r i e s file name:HVGC-100-spec 2011-12-16
|