Part Number Hot Search : 
BC857AW 2R600C TA8184F VN1306N2 1M4735A 21FQ030 K2012 2000W
Product Description
Full Text Search
 

To Download DS9490R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 of 6 features ? high - speed 12mbps universal serial bus (usb) interface ? supports standard and overdrive 1 - wire ? communication ? slew - rate - controlled 1 - wire timing and active pullup for improved 1 - wire network performance ? DS9490R has an rj11 interf ace for standard connectivity accessories such as the ds1402d - dr8 ? ds9490b has an i button ? interface and retains a fixed i button ? built - in custom ds2401 identification chip ? reads all 1 - wire and ibutton devices. writes all except eprom 1 - wire/ i button device s applications ? software authorization ? protection against software piracy by tying software operation to the presence of i button hardware. ? i button initialization and download ? loggers like the thermochron ? can be missioned and downloaded. ? demonstration ? demonstrate the features of i buttons or 1 - wire chips on personal computers. ? development ? aid development of 1 - wire applications by providing a pc interface to verify device contents and state. typical operating ci rcuit pc usb ds9490b ibutton pc usb DS9490R ds1402d - dr8 ordering information part type ds9490b# usb single f5 i button holder with protective cap DS9490R# usb - to - 1- wire rj11 #denotes a rohs - compliant device that may include lead(pb) that is exempt under the rohs requirements. packaging/shipping information the part is shipped individually in an anti static bag. description the ds9490b is a usb bridge and holder for a single f5 - size i button. the i button is securely held behind a latched door. the DS9490R is a u sb bridge with 1 - wire rj11 interface to accommodate 1- wire receptacles and networks. for a list of suitable 1 - wire network cables, refer to the connectivity matrix table in the ds1402x 1- wire network cables data sheet. both adapters are based on the ds2490 usb - to - 1- wire bridge chip. free software drivers for windows ? - based pcs can be downloaded from www.maxim - ic.com/1 - wiredrivers . DS9490R/ds9490b usb to 1 - wire/ i button adapter s 1 - wire, i button, and thermochron are registered trademarks of maxim integrated products, inc. windows is a registered trademark of microsoft corp. 19 - 4881; rev 6/11
ds9490 r/ds9490b 2 of 6 figure 1. DS9490R figure 2. ds9490b *note: to eject an i button, insert a straigh tened paper clip into the side access hole of the ds9490b. push the paper clip in the direction of the i button. a different i button can then be inserted. the data contact faces down and away from the embossed ?i?. before inserting the paper clip disconnect the ds9490b from the usb bus. each usb bridge contains a unique built - in identification chip. the identification chip is a custom ds2401 that is a 64 - bit id number (see figure 3). figure 3. ds2401 id chip 64 - bit lasered rom msb lsb 8 - bit crc code 12- bit fixed (000h ) 36- bit serial number 8 - bit family code ( 81h ) msb lsb msb lsb msb lsb msb lsb
ds9490 r/ds9490b 3 of 6 pin configuration figure 4. 1 - w ire rj11 socket for DS9490R pin signal name description 1 v dd 5vdc output 2 gnd power ground 3 ow 1 - wire d ata 4 gnd_ow 1 - wire return 5 suso usb suspend output 6 n.c. no connection figure 5. i b utton socket for ds9490b pin signal name description 1 ow 1 - wire data 2 gnd_ow 1 - wire return *note: the data contact faces down and away from the embossed ?i?. once the i button is inserted in the enclosure, snap the end cap over it. the end cap is removed by depressing the release tab with a paper clip, swinging it fully open, and slidi ng out the hinge. looking into female rj11 connector 6 5 4 3 2 1
ds9490 r/ds9490b 4 of 6 mechanical dimensions all dimensions are in millimeters. figure 6. DS9490R 11.66 3.12 20.42 42.65 13.89 21.54 figure 7. ds9490b 3.28 11.66 56.82 24.94 16.54 8.74 environmental requirements condition parameter value storage temperature - 10c to +85c storage relative humidity, noncondensing 95% storage duration 1yr (max) at 95%rh and +85 c operating temperature 0c to +70c operating relative humidity, noncondensing 80%
ds9490 r/ds9490b 5 of 6 electrical characteristics parameter specification usb i/f as define d in chapter 7 of the usb specification* 1 - wire i/f see the ds2490 data sheet** the DS9490R and ds9490b consume 58ma in usb active mode and 0.5ma in suspend mode*. the DS9490R has the v bus power and ground available on the rj11 connector. in active mode the current available to an externally powered fixture is 42ma* (100ma to 58ma); however it is recommended that no more than 25ma be used. an external circuit can detect when the module is in suspend by monitoring the suso signal on pin 5 of the rj11 conn ector. when this condition is detected, the external circuit must also go into a low power state. note : the suso pin of the ds2490 is an open drain output and requires a pullup resistor to create a valid signal. see the ds2490 data sheet for the conditions where suso is active. revision c of the DS9490R and all revisions of the DS9490R# have suso routed to the rj11 connector. the availability of suso at the rj11 connector is not production tested. therefore, before relying on suso in an application, first v erify the presence of this signal with the particular adapter. *guaranteed by design, not production tested. **tested at ds2490 component level. figure 8. functional diagram emi filter vbus d - d+ gnd vin vout en n/c gnd lp2980im5 - 3.3 p mod vd nc nc nc nc nc nc vb x1 suso x0 d - nc d+ vpp nc nc ow nc nc nc gnd nc ds2490 c2 1.0uf emi filter c3 4.7 r2 24 r3 24 r1 1.5k c1 0.1uf ow gnd ds2401 ow gnd ds9503 usb connector c6 33pf c5 33p f x1 12mhz l1 l2 c7 33pf c8 33pf u1 u2 u3 u4 j2 1 2 1 2 j1 1 2 3 4 1 3 4 5 2 1 5 7 8 12 24 19 20 17 10 1 2 3 4 5 6 female rj11 DS9490R ds9490b 1 2 ibutton socket j3 6 5 3 1 r7 10
ds9490 r/ds9490b 6 of 6 maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no cir cuit patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408 - 737- 7600 ? 2011 maxim integrated products maxim is a registered trademark of maxim int egrated products, inc . revision history revision date description pages c hanged 5/03 initial release ? 1/07 added rohs - compliant part numbers to the ordering information table; replaced product graphics with product photos; changed schematic and figure 4 to route the suso signal to rj11 pin 5; reworded the text in the electri cal characteristics section to include the suso pin and its use 1, 2, 3, 5 8/09 removed references to leaded packages in the ordering information table ; added the revision history table 1, 6 6/11 deleted reference to m onetary i button s ; added reference t o the connectivity matrix table in the ds1402 x 1- wire network cables data sheet; revised description and url for software drivers download 1


▲Up To Search▲   

 
Price & Availability of DS9490R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X