Part Number Hot Search : 
PIC7501 A1020 ICS8525 VT8363 KSP6602 PI3B3244 12515 COM20051
Product Description
Full Text Search
 

To Download D6F-03A3-00010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mems mass flow sensor d6f-03a3-000 19 mems mass flow sensor d6f-03a3-000 compact, sensors featuring mems technology for precision mass airflow measurement. ? precision unidirectional mass airflow up to 3 lpm ? fast response (< 5 msec, typical) ? ultra-compact size 36.6 (l) x 8 (w) x 16.8 (h) mm ? low power consumption ? rohs compliant ordering information note: cable assembly is sold separately. * contact omron for other gases. **mass flow converted to volumetric fl ow (standard liters per minute) at 0 c and 1 atm. application examples ? pick and place systems ? industrial processes ? leak detection ? spectroscopy ? mass flow controllers ? scientific / test equipment ? environmental comfort controls ? fuel cell controls ratings absolute maximum rating electrical performance description case applicable gas flow range** model mass flow sensor thermoplastic resin / aluminum alloy air* 0-3l/min d6f-03a3-000 cable connector assembly - - - - - - - - - d6f-cable2 item symbol rating unit power supply v cc 26.4 vdc output voltage v out 6vdc item symbol condition min. max. unit power supply v cc ? 10.8 26.4 vdc operating temperature t opr no condensation or icing 0 50 c output voltage (max.) v oh load resistance: 10k 55.7vdc output voltage (min.) v ol load resistance: 10k 01vdc
20 mems mass flow sensor d6f-03a3-000 characteristics * contact omron for other gases. operating characteristics d6f-03a3-000 d6f-03a3-000 model d6f-03a3-000 flow rate @ 0 c and 101.3 kpa 0-3l/min case material thermoplastic resin applicable gas* air electrical connection connector (3 wire) withstand pressure (max.) 200kpa (about 30 psi) accuracy 5% f.s. max of detected characteristics at 25 c operating temperature 0 to 50 c (with no icing or condensation) storage temperature -10 to 60 c (with no icing or condensation) operating and storage humidity 85% rh max (with no icing or condensation) power supply voltage 10.8 to 26.4 vdc output signal 1 to 5 vdc, analog output (load resistance: 10k ) current consumption 15 ma max. (no-load with v cc = 12 to 24 vdc, v ss = 0v and 25 c) insulation resistance 20m min. at 500 vdc, between lead terminal and case dielectric strength 500 vac, 50/60 hz, for 1 minute. (leakage current typ <1 ma.), between the lead terminals and case 0.0 0.6 1.2 1. 8 2.4 3.0 o u tp u t v oltage( v ) flo w rate(l/min) 6.0 5.0 4.0 3.0 2.0 1.0 0.0 flow rate (lpm) 0 0.6 1.2 1.8 2.4 3.0 output voltage (vdc) 1.00 0.2 2.83 0.2 3.77 0.2 4.34 0.2 4.72 0.2 5.00 0.2
mems mass flow sensor d6f-03a3-000 21 test results (typical performance) (5 samples, repeated 10 times each) dimensions unit: mm d6f-03a3-000 note: 1. when installing the pipes, use m5 screws for the joints and tighten to a torque of 1.5 n?m max. use sealing tape to make the jo ints airtight. 2. mount to a flat surface using an m3 pan head screw, tightened to 0.59 n?m max. torque. applicable cable for d6f-03a3-0 00 (optional - sold separately) part number: d6f-cable2 note: be sure to read the precautions and information common to all d6f sensors, contained in the technical user?s guide, ?d6f techni cal information? for correct use. -3.0 -2.0 -1.0 0.0 1.0 2.0 3.0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 flow rate (lpm) repeatability (%f.s.) inlet o u tlet m5 scre w (effecti v e depth: 4.5) 3.1 + 0.15 ? 0.05 + 0.15 ? 0.05 3.4 dia. 1 8 0.15 36.6 14 16. 8 3.1 dia. thro u gh holes 8 6. 8 1 8 0.05 t w o, m3 scre w holes 3: v cc 1: g n d enlar g ed view mountin g hole dimensions 2: v o u t connect using the following from jst; housing: shr-03v-s-b or shr-03v-2 terminal: sh-003t-p0.2 wire: 28-32 awg 15 3 (5) 1 8 0 10 w hite w ire black w ire red w ire 1. g n d 2. v o u t 3. v cc
mems mass flow sensor d6f-03a3-000 omron on-line global - http://www.omron.com usa - http://www.components.omron.com cat. no. x305-e-1 printed in usa omron electronic components llc 55 e. commerce drive, suite b schaumburg, il 60173 847-882-2288 10/10 specificat ions subject to change without notice all sales are subject to omron electronic components llc standard terms and conditions of sale, which can be found at http://www.components.omron.com/compon ents/web/webfiles.ns f/sales_terms.html all dimensions shown are in millimeters. to convert millimeters into inches, multiply by 0.0393 7. to convert grams into ounces, multiply by 0.03527.


▲Up To Search▲   

 
Price & Availability of D6F-03A3-00010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X