Part Number Hot Search : 
20M250 BFT44 SB860 CM3110 LB1955 PRODUCTS 2SB64 L113611
Product Description
Full Text Search
 

To Download CMR2-04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cmr2-02 cmr2-06 CMR2-04 cmr2-10 surface mount general purpose silicon rectifier 2 amp, 200 thru 1000 volts description: the central semiconductor cmr2-02 series 2.0 amp surface mount silicon rectifier is a high quality, well constructed, highly reliable component designed for use in all types of commercial, industrial, entertainment, computer, and automotive applications. to order devices on 12mm tape and reel (3000/13? reel), add tr13 suffix to part number. features: ? low cost ? special selections available ? high reliability ? superior lot to lot consistency ? glass passivated chip ? ? c? bend construction provides strain relief when mounted on pc board maximum ratings: (t a =25c unless otherwise noted) symbol cmr2-02 CMR2-04 cmr2-06 cmr2-10 units peak repetitive reverse voltage v rrm 200 400 600 1000 v dc blocking voltage v r 200 400 600 1000 v rms reverse voltage v r(rms) 140 280 420 700 v average forward current (t a =50c) i o 2.0 a peak forward surge current, tp=8.3ms i fsm 60 a operating and storage junction temperature t j , t stg -65 to +150 c thermal resistance jl 20 c/w electrical characteristics: (t a =25c unless otherwise noted) symbol test conditions typ max units i r v r =rated v rrm 5.0 a i r v r =rated v rrm , t a =125c 125 a v f i f =2.0a 1.1 v t rr i f =0.5a, i r =1.0a, i rr =0.25a 2.5 s c j v r =4.0v, f=1.0mhz 30 pf marking code: see marking code table on following page smb case r3 (3-february 2010) www.centralsemi.com
cmr2-02 cmr2-06 CMR2-04 cmr2-10 surface mount general purpose silicon rectifier 2 amp, 200 thru 1000 volts smb case - mechanical outline device marking code cmr2-02 c202 CMR2-04 c204 cmr2-06 c206 cmr2-10 c210 www.centralsemi.com r3 (3-february 2010)


▲Up To Search▲   

 
Price & Availability of CMR2-04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X