Part Number Hot Search : 
LG231 MC1430 5CKW01 0066AQ0R B1515XLD N5416A 5KP11CA UDZS20B
Product Description
Full Text Search
 

To Download BTA316X-800B0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. product profile 1.1 general description planar passivated high commutation three qua drant triac in a sot186a "full pack" plastic package intended for use in circuits where hi gh static and dynamic dv/dt and high di/dt can occur. this "series b0" triac will commutate the full rated rms current at the maximum rated junction temperatur e without the aid of a snubber. 1.2 features and benefits ? 3q technology for improved noise immunity ? high immunity to false turn-on by dv/dt ? high minimum igt for guaranteed immunity to gate noise ? high voltage capability ? isolated mounting base package ? planar passivated for voltage ruggedness and reliability ? triggering in three quadrants only ? very high commutation capability with maximum false trigger immunity 1.3 applications ? electronic thermostats ? high power motor controls - e.g. washing machines and vacuum cleaners ? rectifier-fed dc inductive loads e.g. dc motors and solenoids ? refrigeration and air conditioning compressors 1.4 quick reference data BTA316X-800B0 3q hi-com triac rev. 1 ? 12 november 2010 product data sheet table 1. quick reference data symbol parameter conditions min typ max unit v drm repetitive peak off-state voltage --800v i tsm non-repetitive peak on-state current full sine wave; t j(init) =25c; t p = 20 ms; see figure 4 ; see figure 5 --140a i t(rms) rms on-state current full sine wave; t h 45 c; see figure 1 ; see figure 2 ; see figure 3 --16a
BTA316X-800B0 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 12 november 2010 2 of 14 nxp semiconductors BTA316X-800B0 3q hi-com triac 2. pinning information 3. ordering information static characteristics i gt gate trigger current v d =12v; i t = 0.1 a; t2+ g+; t j =25c; see figure 7 10 - 50 ma v d =12v; i t = 0.1 a; t2+ g-; t j =25c; see figure 7 10 - 50 ma v d =12v; i t = 0.1 a; t2- g-; t j =25c; see figure 7 10 - 50 ma table 1. quick reference data ?continued symbol parameter conditions min typ max unit table 2. pinning information pin symbol description simplified outline graphic symbol 1 t1 main terminal 1 sot186a (to-220f) 2 t2 main terminal 2 3 g gate mb n.c. mounting base; isolated 3 2 1 mb sym051 t1 g t2 table 3. ordering information type number package name description version BTA316X-800B0 to-220f plastic single-ended package; isolated heatsink mounted; 1 mounting hole; 3-lead to-220 "full pack" sot186a
BTA316X-800B0 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 12 november 2010 3 of 14 nxp semiconductors BTA316X-800B0 3q hi-com triac 4. limiting values table 4. limiting values in accordance with the absolute maxi mum rating system (iec 60134). symbol parameter conditions min max unit v drm repetitive peak off-state voltage - 800 v i t(rms) rms on-state current full sine wave; t h 45 c; see figure 1 ; see figure 2 ; see figure 3 -16a i tsm non-repetitive peak on-state current full sine wave; t j(init) =25c; t p = 20 ms; see figure 4 ; see figure 5 - 140 a full sine wave; t j(init) =25c; t p = 16.7 ms; see figure 4 ; see figure 5 - 150 a i 2 t i 2 t for fusing t p = 10 ms; sine-wave pulse - 98 a 2 s di t /dt rate of rise of on-state current i t =20a; i g = 0.2 a; di g /dt = 0.2 a/s - 100 a/s i gm peak gate current - 2 a v gm peak gate voltage - 5 v p gm peak gate power - 5 w p g(av) average gate power over any 20 ms period - 0.5 w t stg storage temperature -40 150 c t j junction temperature - 125 c f = 50 hz; t h = 45 c fig 1. rms on-state current as a function of surge duration; maximum values fig 2. rms on-state current as a function of heatsink temperature; maximum values 003aab669 0 20 40 60 80 100 120 10 -2 10 -1 1 10 surge duration (s) i t(rms) (a) 003aab667 0 4 8 12 16 20 -50 0 50 100 150 t h ( c) i t(rms) (a)
BTA316X-800B0 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 12 november 2010 4 of 14 nxp semiconductors BTA316X-800B0 3q hi-com triac fig 3. total power dissipation as a function of rms on-state cu rrent; maximum values fig 4. non-repetitive peak on-state current as a function of the number of sinusoidal current cycles; maximum values 003aab689 0 5 10 15 20 0246810121416 i t(rms) (a) p tot (w) = 180 120 90 60 30 conduction angle, (degrees) form factor a 30 60 90 120 180 4 2.8 2.2 1.9 1.57 003aab668 0 40 80 120 160 1 10 10 2 10 3 number of cycles (n) i tsm (a) i tsm t i t t j(init) = 25 c max 1/f
BTA316X-800B0 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 12 november 2010 5 of 14 nxp semiconductors BTA316X-800B0 3q hi-com triac 5. thermal characteristics fig 5. non-repetitive peak on-state current as a function of pulse duration; maximum values 003aab671 10 10 2 10 3 10 -5 10 -4 10 -3 10 -2 10 -1 t p (s) i tsm (a) i tsm t i t t j(init) = 25 c max t p (1) table 5. thermal characteristics symbol parameter conditions min typ max unit r th(j-h) thermal resistance from junction to heatsink full cycle or half cycle; with heatsink compound; see figure 6 --4k/w full cycle or half cycle; without heatsink compound; see figure 6 --5.5k/w r th(j-a) thermal resistance from junction to ambient in free air - 55 - k/w
BTA316X-800B0 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 12 november 2010 6 of 14 nxp semiconductors BTA316X-800B0 3q hi-com triac 6. isolation characteristics (1) unidirectional (half cycle) without heatsink compound (2) unidirectional (half cycle) with heatsink compound (3) bidirectional (full cycle) without heatsink compound (4) bidirectional (full cycle) with heatsink compound fig 6. transient thermal impedance from junction to heatsink as a function of pulse duration 003aab672 10 ? 1 10 ? 2 1 10 z th(j-h) (k/w) 10 ? 3 t p (s) 10 ? 5 110 10 ? 1 10 ? 2 10 ? 4 10 ? 3 t p p t (1) (2) (3) (4) table 6. isolation characteristics symbol parameter conditions min typ max unit v isol(rms) rms isolation voltage from all three terminals to external heatsink; sinusoidal waveform; clean and dust free ; 50 hz f 60 hz; rh 65 %; t h =25c - - 2500 v c isol isolation capacitance from main terminal 2 to external heatsink ; f = 1 mhz; t h =25c -10-pf
BTA316X-800B0 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 12 november 2010 7 of 14 nxp semiconductors BTA316X-800B0 3q hi-com triac 7. characteristics table 7. characteristics symbol parameter conditions min typ max unit static characteristics i gt gate trigger current v d =12v; i t = 0.1 a; t2+ g+; t j =25c; see figure 7 10 - 50 ma v d =12v; i t = 0.1 a; t2+ g-; t j =25c; see figure 7 10 - 50 ma v d =12v; i t = 0.1 a; t2- g-; t j =25c; see figure 7 10 - 50 ma i l latching current v d =12v; i g = 0.1 a; t2+ g+; t j =25c; see figure 8 --60ma v d =12v; i g = 0.1 a; t2+ g-; t j =25c; see figure 8 --90ma v d =12v; i g = 0.1 a; t2- g-; t j =25c; see figure 8 --60ma i h holding current v d =12v; t j =25c; see figure 9 --60ma v t on-state voltage i t =18a; t j = 25 c; see figure 10 -1.31.5v v gt gate trigger voltage v d =12v; i t = 0.1 a; t j =25c; see figure 11 -0.81.5v v d =400v; i t = 0.1 a; t j =125c; see figure 11 0.25 0.4 - v i d off-state current v d =800v; t j = 125 c - 0.1 0.5 ma dynamic characteristics dv d /dt rate of rise of off-state voltage v dm =536v; t j = 125 c; exponential waveform; gate open circuit 1000 - - v/s di com /dt rate of change of commutating current v d =400v; t j = 125 c; i t(rms) =16a; dv com /dt = 10 v/s; gate open circuit; without snubber 20--a/ms t gt gate-controlled turn-on time i tm =20a; v d = 800 v; i g =0.1a; di g /dt = 5 a/s -2-s
BTA316X-800B0 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 12 november 2010 8 of 14 nxp semiconductors BTA316X-800B0 3q hi-com triac (1) t2- g- (2) t2+ g- (3) t2+ g+ fig 7. normalized gate trigger current as a function of junction temperature fig 8. normalized latching current as a function of junction temperature v o = 1.024 v r s = 0.021 ? (1) t j = 125 c; typical values (2) t j = 125 c; maximum values (3) t j = 25 c; maximum values fig 9. normalized holding current as a function of junction temperature fig 10. on-state current as a function of on-state voltage t j ( c) ? 50 150 100 050 001aac669 1 2 3 0 (1) (2) (3) i gt i gt(25 c) t j ( c) ? 50 150 100 050 001aab100 1 2 3 0 i l i l(25 c) t j ( c) ? 50 150 100 050 001aab099 1 2 3 0 i h i h(25 c) 003aab666 0 10 20 30 40 50 0 0.5 1 1.5 2 v t (v) i t (a) (1) (2) (3)
BTA316X-800B0 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 12 november 2010 9 of 14 nxp semiconductors BTA316X-800B0 3q hi-com triac fig 11. normalized gate trigger voltage as a function of junction temperature t j ( c) ? 50 150 100 050 001aab101 0.8 1.2 1.6 0.4 v gt v gt(25 c)
BTA316X-800B0 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 12 november 2010 10 of 14 nxp semiconductors BTA316X-800B0 3q hi-com triac 8. package outline fig 12. package outline sot186a (to-220f) references outline version european projection issue date iec jedec jeita sot186a 3-lead to-220f 0 5 10 mm scale plastic single-ended package; isolated heatsink mounted; 1 mounting hole; 3-lead to-220 'full pack' sot186 a a a 1 q c k j notes 1. terminal dimensions within this zone are uncontrolled. 2. both recesses are ? 2.5 0.8 max. depth d d 1 l l 2 l 1 b 1 b 2 e 1 e b w m 1 23 q e p t unit d b 1 d 1 e q q p l c l 2 (1) max. e 1 a 5.08 3 mm 4.6 4.0 a 1 2.9 2.5 b 0.9 0.7 1.1 0.9 b 2 1.4 1.0 0.7 0.4 15.8 15.2 6.5 6.3 e 10.3 9.7 2.54 14.4 13.5 t (2) 2.5 0.4 l 1 3.30 2.79 j 2.7 1.7 k 0.6 0.4 2.6 2.3 3.0 2.6 w 3.2 3.0 dimensions (mm are the original dimensions) 02-04-09 06-02-14 mounting base
BTA316X-800B0 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 12 november 2010 11 of 14 nxp semiconductors BTA316X-800B0 3q hi-com triac 9. revision history table 8. revision history document id release date data sheet status change notice supersedes BTA316X-800B0 v.1 20101112 product data sheet - -
BTA316X-800B0 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 12 november 2010 12 of 14 nxp semiconductors BTA316X-800B0 3q hi-com triac 10. legal information 10.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term 'short data sheet' is explained in section "definitions". [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple de vices. the latest product status information is available on the internet at url http://www.nxp.com . 10.2 definitions draft ? the document is a draft version only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 10.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interrupt ion, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. quick reference data ? the quick reference data is an extract of the product data given in the limiting values and characteristics sections of this document, and as such is not comp lete, exhaustive or legally binding. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objective specification for product development. preliminary [short] data sheet qualific ation this document contains data fr om the preliminary specification. product [short] data sheet production this doc ument contains the product specification.
BTA316X-800B0 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 12 november 2010 13 of 14 nxp semiconductors BTA316X-800B0 3q hi-com triac agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any licens e under any copyrights, patents or other industrial or intellectual property rights. export control ? this document as well as the item(s) described herein may be subject to export control regulati ons. export might require a prior authorization from national authorities. non-automotive qualified products ? unless this data sheet expressly states that this specific nxp semicon ductors product is automotive qualified, the product is not suitable for automotive use. it is neither qualified nor tested in accordance with automotive testing or application requirements. nxp semiconductors accepts no liabili ty for inclusion and/or use of non-automotive qualified products in automotive equipment or applications. in the event that customer uses t he product for design-in and use in automotive applications to automotive s pecifications and standards, customer (a) shall use the product without nxp semiconductors? warranty of the product for such automotive applicat ions, use and specifications, and (b) whenever customer uses the product for automotive applications beyond nxp semiconductors? specifications such use shall be solely at customer?s own risk, and (c) customer fully indemnifies nxp semiconductors for any liability, damages or failed product claims resulting from customer design and use of the product for automotive app lications beyond nxp semiconductors? standard warranty and nxp semiconduct ors? product specifications. 10.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. adelante , bitport , bitsound , coolflux , coreuse , desfire , ez-hv , fabkey , greenchip , hipersmart , hitag , i2c-bus logo, icode , i-code , itec , labelution , mifare , mifare plus , mifare ultralight , moreuse , qlpak , silicon tuner , siliconmax , smartxa , starplug , topfet , trenchmos , trimedia and ucode ? are trademarks of nxp b.v. hd radio and hd radio logo ? are trademarks of ibiquity digital corporation. 11. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors BTA316X-800B0 3q hi-com triac ? nxp b.v. 2010. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 12 november 2010 document identifier: BTA316X-800B0 please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 12. contents 1 product profile . . . . . . . . . . . . . . . . . . . . . . . . . . .1 1.1 general description . . . . . . . . . . . . . . . . . . . . . .1 1.2 features and benefits . . . . . . . . . . . . . . . . . . . . .1 1.3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . .1 1.4 quick reference data . . . . . . . . . . . . . . . . . . . . .1 2 pinning information . . . . . . . . . . . . . . . . . . . . . . .2 3 ordering information . . . . . . . . . . . . . . . . . . . . . .2 4 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . .3 5 thermal characteristics . . . . . . . . . . . . . . . . . . .5 6 isolation characteristics . . . . . . . . . . . . . . . . . . .6 7 characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . .7 8 package outline . . . . . . . . . . . . . . . . . . . . . . . . .10 9 revision history . . . . . . . . . . . . . . . . . . . . . . . . . 11 10 legal information. . . . . . . . . . . . . . . . . . . . . . . .12 10.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . .12 10.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12 10.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . .12 10.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . .13 11 contact information. . . . . . . . . . . . . . . . . . . . . .13


▲Up To Search▲   

 
Price & Availability of BTA316X-800B0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X