Part Number Hot Search : 
0US60 RG30D MSO2M 330M3 RGP20B D301LT 4412M D301LT
Product Description
Full Text Search
 

To Download 78476-0001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/02/2010 please check www.molex.com for latest part information part number: 0784760001 status: active description: 1.27mm (.050") signal pitch, 0.80mm (.031") scsi pitch, 1.27mm (.050") power pitch sas receptacle, smt, straddle mount, 1.20mm (.047") height, 29 circuits, tray, leadfree documents: 3d model product specification ps-78476-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family i/o connectors series 78476 application board-to-board component type receptacle product name sas type n/a physical boot color n/a circuits (loaded) 29 circuits (maximum) 29 circuits detail signal 7, scsi 7, power 15 color - resin black durability (mating cycles max) 200 gender female keying to mating part yes lock to mating part none material - metal copper alloy material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 2 orientation horizontal pcb locator no pcb retention yes pcb thickness recommended (in) 0.063 in pcb thickness recommended (mm) 1.60 mm packaging type tray panel mount yes pitch - mating interface (in) 0.031 in, 0.050 in pitch - mating interface (mm) 0.80 mm, 1.27 mm pitch - term. interface (in) 0.031 in, 0.050 in pitch - term. interface (mm) 0.80 mm, 1.27 mm plating min: mating (in) 30 plating min: mating (m) 0.76 plating min: termination (in) 100 plating min: termination (m) 2.54 polarized to mating part yes polarized to pcb yes ports 3 surface mount compatible (smc) yes temperature range - operating 0c to +55c termination interface: style straddle mount waterproof / dustproof no wire size awg n/a series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 78476 series mates with sff-8482 hard disk drive and backplane plug, 78744 , 78012 plugs
electrical current - maximum per contact 1.5a voltage - maximum 30v material info reference - drawing numbers product specification ps-78476-001 sales drawing sd-78476-001 this document was generated on 04/02/2010 please check www.molex.com for latest part information





▲Up To Search▲   

 
Price & Availability of 78476-0001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X