Part Number Hot Search : 
118CS CDLL960B 38335 Q6700 00222 PS224 RZ1030 6222E
Product Description
Full Text Search
 

To Download 74AHCT595BQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the 74ahc595; 74ahct595 are high-speed si-gate cmos devices and are pin compatible with low-power schottky ttl (lsttl). they are speci?ed in compliance with jedec standard no. 7a. the 74ahc595; 74ahct595 are 8-stage serial shift registers with a storage register and 3-state outputs. the registers have separate clocks. data is shifted on the positive-going transitions of the shift register clock input (shcp). the data in each register is transferred to the storage register on a positive-going transition of the storage register clock input (stcp). if both clocks are connected together, the shift register will always be one clock pulse ahead of the storage register. the shift register has a serial input (ds) and a serial standard output (q7s) for cascading. it is also provided with asynchronous reset (active low) for all 8 shift register stages. the storage register has 8 parallel 3-state bus driver outputs. data in the storage register appears at the output whenever the output enable input ( oe) is low. 2. features n balanced propagation delays n all inputs have schmitt-trigger action n inputs accept voltages higher than v cc n input levels: u the 74ahc595 operates with cmos input levels u the 74ahct595 operates with ttl input levels n esd protection: u hbm jesd22-a114e exceeds 2000 v u mm jesd22-a115-a exceeds 200 v u cdm jesd22-c101c exceeds 1000 v n multiple package options n speci?ed from - 40 c to +85 c and from - 40 c to +125 c 3. applications n serial-to-parallel data conversion n remote control holding register 74ahc595; 74ahct595 8-bit serial-in/serial-out or parallel-out shift register with output latches; 3-state rev. 04 11 august 2009 product data sheet
74ahc_ahct595_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 11 august 2009 2 of 21 nxp semiconductors 74ahc595; 74ahct595 8-bit serial-in/serial-out or parallel-out shift register with output latches 4. ordering information 5. functional diagram table 1. ordering information type number package temperature range name description version 74ahc595 74ahc595d - 40 c to +125 c so16 plastic small outline package; 16 leads; body width 3.9 mm sot109-1 74ahc595pw - 40 c to +125 c tssop16 plastic thin shrink small outline package; 16 leads; body width 4.4 mm sot403-1 74ahc595bq - 40 c to +125 c dhvqfn16 plastic dual in-line compatible thermal enhanced very thin quad ?at package; no leads; 16 terminals; body 2.5 3.5 0.85 mm sot763-1 74ahct595 74ahct595d - 40 c to +125 c so16 plastic small outline package; 16 leads; body width 3.9 mm sot109-1 74ahct595pw - 40 c to +125 c tssop16 plastic thin shrink small outline package; 16 leads; body width 4.4 mm sot403-1 74AHCT595BQ - 40 c to +125 c dhvqfn16 plastic dual in-line compatible thermal enhanced very thin quad ?at package; no leads; 16 terminals; body 2.5 3.5 0.85 mm sot763-1 fig 1. functional diagram mna554 3-state outputs 8-bit storage register 8-stage shift register q 0 q 1 q 2 q 3 q 4 q 5 q 6 q 7 q 7 s 14 151 234567 9 d s sh cp st cp oe 11 10 12 13 mr
74ahc_ahct595_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 11 august 2009 3 of 21 nxp semiconductors 74ahc595; 74ahct595 8-bit serial-in/serial-out or parallel-out shift register with output latches fig 2. logic symbol fig 3. iec logic symbol oe mr 9 15 1 2 3 4 5 6 7 13 10 14 11 12 mna552 q 1 q 0 q 2 q 3 q 4 q 5 q 6 q 7 q 7 s d s st cp sh cp mna553 15 9 1 2 3 4 5 6 7 1d 2d c1/ 10 11 14 c2 12 13 en3 srg8 r 3 fig 4. logic diagram stage 0 stages 1 to 6 stage 7 ff0 d cp q r latch d cp q ff7 d cp q r latch d cp q mna555 dq q 1 q 2 q 3 q 4 q 5 q 6 q 7 q 7 s q 0 d s st cp sh cp oe mr
74ahc_ahct595_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 11 august 2009 4 of 21 nxp semiconductors 74ahc595; 74ahct595 8-bit serial-in/serial-out or parallel-out shift register with output latches 6. pinning information 6.1 pinning 6.2 pin description fig 5. pin con?guration so16 and tssop16 fig 6. pin con?guration dhvqfn16 74ahc595 74ahct595 q1 v cc q2 q0 q3 ds q4 oe q5 stcp q6 shcp q7 mr gnd q7s 001aae538 1 2 3 4 5 6 7 8 10 9 12 11 14 13 16 15 001aae483 74ahc595 74ahct595 q7 mr q6 shcp q5 stcp q4 oe q3 ds q2 q0 gnd q7s q1 v cc transparent top view 7 10 6 11 5 12 4 13 3 14 2 15 8 9 1 16 terminal 1 index area table 2. pin description symbol pin description q1 1 parallel data output 1 q2 2 parallel data output 2 q3 3 parallel data output 3 q4 4 parallel data output 4 q5 5 parallel data output 5 q6 6 parallel data output 6 q7 7 parallel data output 7 gnd 8 ground (0 v) q7s 9 serial data output mr 10 master reset (active low) shcp 11 shift register clock input stcp 12 storage register clock input oe 13 output enable input (active low) ds 14 serial data input q0 15 parallel data output 0 v cc 16 supply voltage
74ahc_ahct595_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 11 august 2009 5 of 21 nxp semiconductors 74ahc595; 74ahct595 8-bit serial-in/serial-out or parallel-out shift register with output latches 7. functional description [1] h = high voltage state; l = low voltage state; - = low-to-high transition; x = dont care; nc = no change; z = high-impedance off-state. table 3. function table [1] control input output function shcp stcp oe mr ds q7s qn x x l l x l nc a low-level on mr only affects the shift registers x - l l x l l empty shift register loaded into storage register x x h l x l z shift register clear; parallel outputs in high-impedance off-state - x l h h q6s nc logic high-level shifted into shift register stage 0. contents of all shift register stages shifted through, e.g. previous state of stage 6 (internal q6s) appears on the serial output (q7s). x - l h x nc qns contents of shift register stages (internal qns) are transferred to the storage register and parallel output stages -- l h x q6s qns contents of shift register shifted through; previous contents of the shift register is transferred to the storage register and the parallel output stages fig 7. timing diagram sh cp d s st cp mr oe q 0 q 1 q 6 q 7 q 7 s z-state z-state z-state z-state mna556
74ahc_ahct595_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 11 august 2009 6 of 21 nxp semiconductors 74ahc595; 74ahct595 8-bit serial-in/serial-out or parallel-out shift register with output latches 8. limiting values [1] the input and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] for so16 packages: above 70 c the value of p tot derates linearly at 8 mw/k. for tssop16 packages: above 60 c the value of p tot derates linearly at 5.5 mw/k. for dhvqfn16 packages: above 60 c the value of p tot derates linearly at 4.5 mw/k. 9. recommended operating conditions table 4. limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc supply voltage - 0.5 +7.0 v v i input voltage - 0.5 +7.0 v i ik input clamping current v i < - 0.5 v [1] - 20 - ma i ok output clamping current v o < - 0.5 v or v o >v cc + 0.5 v [1] - 20 +20 ma i o output current v o = - 0.5 v to (v cc + 0.5 v) - 25 +25 ma i cc supply current - +75 ma i gnd ground current - 75 - ma t stg storage temperature - 65 +150 c p tot total power dissipation t amb = - 40 c to +125 c [2] - 500 mw table 5. operating conditions symbol parameter conditions min typ max unit 74ahc595 v cc supply voltage 2.0 5.0 5.5 v v i input voltage 0 - 5.5 v v o output voltage 0 - v cc v t amb ambient temperature - 40 +25 +125 c d t/ d v input transition rise and fall rate v cc = 3.0 v to 3.6 v - - 100 ns/v v cc = 4.5 v to 5.5 v - - 20 ns/v 74ahct595 v cc supply voltage 4.5 5.0 5.5 v v i input voltage 0 - 5.5 v v o output voltage 0 - v cc v t amb ambient temperature - 40 +25 +125 c d t/ d v input transition rise and fall rate v cc = 4.5 v to 5.5 v - - 20 ns/v
74ahc_ahct595_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 11 august 2009 7 of 21 nxp semiconductors 74ahc595; 74ahct595 8-bit serial-in/serial-out or parallel-out shift register with output latches 10. static characteristics table 6. static characteristics at recommended operating conditions; voltages are referenced to gnd (ground = 0 v). symbol parameter conditions 25 c - 40 c to +85 c - 40 c to +125 c unit min typ max min max min max 74ahc595 v ih high-level input voltage v cc = 2.0 v 1.5 - - 1.5 - 1.5 - v v cc = 3.0 v 2.1 - - 2.1 - 2.1 - v v cc = 5.5 v 3.85 - - 3.85 - 3.85 - v v il low-level input voltage v cc = 2.0 v - - 0.5 - 0.5 - 0.5 v v cc = 3.0 v - - 0.9 - 0.9 - 0.9 v v cc = 5.5 v - - 1.65 - 1.65 - 1.65 v v oh high-level output voltage v i = v ih or v il i o = - 50 m a; v cc = 2.0 v 1.9 2.0 - 1.9 - 1.9 - v i o = - 50 m a; v cc = 3.0 v 2.9 3.0 - 2.9 - 2.9 - v i o = - 50 m a; v cc = 4.5 v 4.4 4.5 - 4.4 - 4.4 - v i o = - 4.0 ma; v cc = 3.0 v 2.58 - - 2.48 - 2.40 - v i o = - 8.0 ma; v cc = 4.5 v 3.94 - - 3.80 - 3.70 - v v ol low-level output voltage v i = v ih or v il i o = 50 m a; v cc = 2.0 v - 0 0.1 - 0.1 - 0.1 v i o = 50 m a; v cc = 3.0 v - 0 0.1 - 0.1 - 0.1 v i o = 50 m a; v cc = 4.5 v - 0 0.1 - 0.1 - 0.1 v i o = 4.0 ma; v cc = 3.0 v - - 0.36 - 0.44 - 0.55 v i o = 8.0 ma; v cc = 4.5 v - - 0.36 - 0.44 - 0.55 v i i input leakage current v i = 5.5 v or gnd; v cc = 0 v to 5.5 v - - 0.1 - 1.0 - 2.0 m a i oz off-state output current v i =v ih or v il ; v o =v cc or gnd; v cc = 5.5 v -- 0.25 - 2.5 - 10 m a i cc supply current v i =v cc or gnd; i o = 0 a; v cc = 5.5 v - - 4.0 - 40 - 80 m a c i input capacitance - 3 10 - 10 - 10 pf 74ahct595 v ih high-level input voltage v cc = 4.5 v to 5.5 v 2.0 - - 2.0 - 2.0 - v v il low-level input voltage v cc = 4.5 v to 5.5 v - - 0.8 - 0.8 - 0.8 v v oh high-level output voltage v i = v ih or v il ; v cc = 4.5 v i o = - 50 m a 4.4 4.5 - 4.4 - 4.4 - v i o = - 8.0 ma 3.94 - - 3.80 - 3.70 - v v ol low-level output voltage v i = v ih or v il ; v cc = 4.5 v i o = 50 m a - 0 0.1 - 0.1 - 0.1 v i o = 8.0 ma - - 0.36 - 0.44 - 0.55 v
74ahc_ahct595_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 11 august 2009 8 of 21 nxp semiconductors 74ahc595; 74ahct595 8-bit serial-in/serial-out or parallel-out shift register with output latches i i input leakage current v i = 5.5 v or gnd; v cc = 0 v to 5.5 v - - 0.1 - 1.0 - 2.0 m a i oz off-state output current v i =v ih or v il ; v o =v cc or gnd per input pin; other inputs at v cc or gnd; i o = 0 a; v cc = 5.5 v -- 0.25 - 2.5 - 10 m a i cc supply current v i =v cc or gnd; i o = 0 a; v cc = 5.5 v - - 4.0 - 40 - 80 m a d i cc additional supply current per input pin; v i =v cc - 2.1 v; other inputs at v cc or gnd; i o = 0 a; v cc = 4.5 v to 5.5 v - - 1.35 - 1.5 - 1.5 ma c i input capacitance - 3 10 - 10 - 10 pf table 6. static characteristics continued at recommended operating conditions; voltages are referenced to gnd (ground = 0 v). symbol parameter conditions 25 c - 40 c to +85 c - 40 c to +125 c unit min typ max min max min max
74ahc_ahct595_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 11 august 2009 9 of 21 nxp semiconductors 74ahc595; 74ahct595 8-bit serial-in/serial-out or parallel-out shift register with output latches 11. dynamic characteristics table 7. dynamic characteristics voltages are referenced to gnd (ground = 0 v); for test circuit see figure 13 . symbol parameter conditions 25 c - 40 c to +85 c - 40 c to +125 c unit min typ [1] max min max min max 74ahc595 t pd propagation delay shcp to q7s; see figure 8 [2] v cc = 3.0 v to 3.6 v c l = 15 pf - 5.7 13.0 1.0 15.0 1.0 16.5 ns c l = 50 pf - 7.7 16.5 1.0 18.5 1.0 20.1 ns v cc = 4.5 v to 5.5 v c l = 15 pf - 4.0 8.2 1.0 9.4 1.0 10.5 ns c l = 50 pf - 5.4 10.0 1.0 11.4 1.0 12.5 ns stcp to qn; see figure 9 [2] v cc = 3.0 v to 3.6 v c l = 15 pf - 5.9 11.9 1.0 13.5 1.0 15.0 ns c l = 50 pf - 7.7 15.4 1.0 17.0 1.0 18.5 ns v cc = 4.5 v to 5.5 v c l = 15 pf - 4.2 7.4 1.0 8.5 1.0 9.5 ns c l = 50 pf - 5.5 9.0 1.0 10.5 1.0 11.5 ns mr to q7s; see figure 11 [3] v cc = 3.0 v to 3.6 v c l = 15 pf - 5.9 12.8 1.0 13.7 1.0 15.0 ns c l = 50 pf - 7.4 16.3 1.0 17.2 1.0 18.7 ns v cc = 4.5 v to 5.5 v c l = 15 pf - 4.4 8.0 1.0 9.1 1.0 10.0 ns c l = 50 pf - 5.6 10.0 1.0 11.1 1.0 12.0 ns t en enable time oe to qn; see figure 12 [4] v cc = 3.0 v to 3.6 v c l = 15 pf - 5.6 11.5 1.0 13.5 1.0 15.0 ns c l = 50 pf - 7.4 15.0 1.0 17.0 1.0 18.5 ns v cc = 4.5 v to 5.5 v c l = 15 pf - 4.0 8.6 1.0 10.0 1.0 11.0 ns c l = 50 pf - 5.3 10.6 1.0 12.0 1.0 13.0 ns t dis disable time oe to qn; see figure 12 [5] v cc = 3.0 v to 3.6 v c l = 15 pf - 5.4 11.0 1.0 13.0 1.0 14.5 ns c l = 50 pf - 8.7 15.7 1.0 16.2 1.0 17.5 ns v cc = 4.5 v to 5.5 v c l = 15 pf - 3.8 8.0 1.0 9.5 1.0 10.5 ns c l = 50 pf - 5.8 10.3 1.0 11.0 1.0 12.0 ns
74ahc_ahct595_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 11 august 2009 10 of 21 nxp semiconductors 74ahc595; 74ahct595 8-bit serial-in/serial-out or parallel-out shift register with output latches f max maximum frequency shcp or stcp; see figure 8 and 9 v cc = 3.0 v to 3.6 v 80 125 - 60 - 40 - mhz v cc = 4.5 v to 5.5 v 130 170 - 110 - 90 - mhz t w pulse width shcp high or low; see figure 8 v cc = 3.0 v to 3.6 v 5.0 - - 5.0 - 5.0 - ns v cc = 4.5 v to 5.5 v 5.0 - - 5.0 - 5.0 - ns stcp high or low; see figure 9 v cc = 3.0 v to 3.6 v 5.0 - - 5.0 - 5.0 - ns v cc = 4.5 v to 5.5 v 5.0 - - 5.0 - 5.0 - ns mr low; see figure 11 v cc = 3.0 v to 3.6 v 5.0 - - 5.0 - 5.0 - ns v cc = 4.5 v to 5.5 v 5.0 - - 5.0 - 5.0 - ns t su set-up time ds to shcp; see figure 9 v cc = 3.0 v to 3.6 v 3.5 - - 3.5 - 3.5 - ns v cc = 4.5 v to 5.5 v 3.0 - - 3.0 - 3.0 - ns shcp to stcp; see figure 10 v cc = 3.0 v to 3.6 v 8.5 - - 8.5 - 8.5 - ns v cc = 4.5 v to 5.5 v 5.0 - - 5.0 - 5.0 - ns t h hold time ds to shcp; see figure 10 v cc = 3.0 v to 3.6 v 1.5 - - 1.5 - 1.5 - ns v cc = 4.5 v to 5.5 v 2.0 - - 2.0 - 2.0 - ns t rec recovery time mr to shcp; see figure 11 v cc = 3.0 v to 3.6 v 3.0 - - 3.0 - 3.0 - ns v cc = 4.5 v to 5.5 v 2.5 - - 2.5 - 2.5 - ns c pd power dissipation capacitance f i = 1 mhz; v i = gnd to v cc [6] [7] - 180 - - - - - pf 74ahct595; v cc = 4.5 v to 5.5 v t pd propagation delay shcp to q7s; see figure 8 [2] c l = 15 pf - 3.8 8.2 1.0 9.0 1.0 10.0 ns c l = 50 pf - 5.2 10.0 1.0 11.0 1.0 12.0 ns stcp to qn; see figure 9 [2] c l = 15 pf - 4.0 7.4 1.0 8.5 1.0 9.5 ns c l = 50 pf - 5.3 9.0 1.0 10.5 1.0 11.5 ns mr to q7s; see figure 11 [3] c l = 15 pf - 4.6 8.2 1.0 9.5 1.0 10.5 ns c l = 50 pf - 5.8 10.5 1.0 11.5 1.0 12.5 ns table 7. dynamic characteristics continued voltages are referenced to gnd (ground = 0 v); for test circuit see figure 13 . symbol parameter conditions 25 c - 40 c to +85 c - 40 c to +125 c unit min typ [1] max min max min max
74ahc_ahct595_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 11 august 2009 11 of 21 nxp semiconductors 74ahc595; 74ahct595 8-bit serial-in/serial-out or parallel-out shift register with output latches [1] typical values are measured at nominal supply voltage. [2] t pd is the same as t phl and t plh . [3] t pd is the same as t phl only. [4] t en is the same as t pzl and t pzh . [5] t dis is the same as t plz and t phz . [6] c pd is used to determine the dynamic power dissipation (p d in m w). p d =c pd v cc 2 f i + s (c l v cc 2 f o ) where: f i = input frequency in mhz; f o = output frequency in mhz; s (c l v cc 2 f o ) = sum of outputs; c l = output load capacitance in pf; v cc = supply voltage in v. [7] all 9 outputs switching. t en enable time oe to qn; see figure 12 [4] c l = 15 pf - 4.8 9.0 1.0 11.0 1.0 12.0 ns c l = 50 pf - 6.2 11.6 1.0 13.0 1.0 14.5 ns t dis disable time oe to qn; see figure 12 [5] c l = 15 pf - 3.6 6.9 1.0 8.0 1.0 9.0 ns c l = 50 pf - 5.8 10.3 1.0 11.0 1.0 12.0 ns f max maximum frequency shcp and stcp; see figure 8 and 9 130 170 - 110 - 90 - mhz t w pulse width shcp high or low; see figure 8 5.0 - - 5.0 - 5.0 - ns stcp high or low; see figure 9 5.0 - - 5.0 - 5.0 - ns mr low; see figure 11 5.0 - - 5.0 - 5.0 - ns t su set-up time ds to shcp; see figure 9 3.0 - - 3.0 - 3.0 - ns shcp to stcp; see figure 10 5.0 - - 5.0 - 5.0 - ns t h hold time ds to shcp; see figure 10 2.0 - - 2.0 - 2.0 - ns t rec recovery time mr to shcp; see figure 11 3.0 - - 3.0 - 3.0 - ns c pd power dissipation capacitance f i = 1 mhz; v i = gnd to v cc [6] [7] - 190 - - - - - pf table 7. dynamic characteristics continued voltages are referenced to gnd (ground = 0 v); for test circuit see figure 13 . symbol parameter conditions 25 c - 40 c to +85 c - 40 c to +125 c unit min typ [1] max min max min max
74ahc_ahct595_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 11 august 2009 12 of 21 nxp semiconductors 74ahc595; 74ahct595 8-bit serial-in/serial-out or parallel-out shift register with output latches 12. waveforms measurement points are given in t ab le 8 . v ol and v oh are typical output voltage levels that occur with the output load. fig 8. shift clock pulse, maximum frequency and input to output propagation delays mna557 sh cp input q 7 s output t plh t phl t w 1/f max v m v oh v i gnd v ol v m measurement points are given in t ab le 8 . v ol and v oh are typical output voltage levels that occur with the output load. fig 9. storage clock to output propagation delays mna558 st cp input q n output t plh t phl t w t su 1/f max v m v oh v i gnd v ol v m sh cp input v i gnd v m
74ahc_ahct595_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 11 august 2009 13 of 21 nxp semiconductors 74ahc595; 74ahct595 8-bit serial-in/serial-out or parallel-out shift register with output latches measurement points are given in t ab le 8 . the shaded areas indicate when the input is permitted to change for predictable output performance. v ol and v oh are typical output voltage levels that occur with the output load. fig 10. data set-up and hold times mna560 gnd gnd t h t su t h t su v m v m v m v i v oh v ol v i q 7 s output sh cp input d s input measurement points are given in t ab le 8 . v ol and v oh are typical output voltage levels that occur with the output load. fig 11. master reset to output propagation delays mna561 mr input sh cp input q 7 s output t phl t w t rec v m v oh v ol v i gnd v i gnd v m v m
74ahc_ahct595_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 11 august 2009 14 of 21 nxp semiconductors 74ahc595; 74ahct595 8-bit serial-in/serial-out or parallel-out shift register with output latches measurement points are given in t ab le 8 . v ol and v oh are typical output voltage levels that occur with the output load. fig 12. enable and disable times mna450 t plz t phz outputs disabled outputs enabled v oh - 0.3 v v ol + 0.3 v outputs enabled output low-to-off off-to-low output high-to-off off-to-high oe input v i v cc v m v ol v oh gnd gnd t pzl t pzh v m v m table 8. measurement points type input output v m v m 74ahc595 0.5v cc 0.5v cc 74ahct595 1.5 v 0.5v cc
74ahc_ahct595_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 11 august 2009 15 of 21 nxp semiconductors 74ahc595; 74ahct595 8-bit serial-in/serial-out or parallel-out shift register with output latches test data is given in t ab le 9 . de?nitions for test circuit: c l = load capacitance including jig and probe capacitance. r l = load resistance. r t = termination resistance should be equal to the output impedance z o of the pulse generator. s1 = test selection switch. fig 13. load circuitry for switching times v m v m t w t w 10 % 90 % 0 v v i v i negative pulse positive pulse 0 v v m v m 90 % 10 % t f t r t r t f 001aad983 dut v cc v cc v i v o r t r l s1 c l open g table 9. test data type input load s1 position v i t r , t f c l r l t phl , t plh t pzh , t phz t pzl , t plz 74ahc595 v cc 3.0 ns 15 pf, 50 pf 1 k w open gnd v cc 74ahct595 3.0 v 3.0 ns 15 pf, 50 pf 1 k w open gnd v cc
74ahc_ahct595_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 11 august 2009 16 of 21 nxp semiconductors 74ahc595; 74ahct595 8-bit serial-in/serial-out or parallel-out shift register with output latches 13. package outline fig 14. package outline sot109-1 (so16) x w m q a a 1 a 2 b p d h e l p q detail x e z e c l v m a (a ) 3 a 8 9 1 16 y pin 1 index unit a max. a 1 a 2 a 3 b p cd (1) e (1) (1) eh e ll p qz y w v q references outline version european projection issue date iec jedec jeita mm inches 1.75 0.25 0.10 1.45 1.25 0.25 0.49 0.36 0.25 0.19 10.0 9.8 4.0 3.8 1.27 6.2 5.8 0.7 0.6 0.7 0.3 8 0 o o 0.25 0.1 dimensions (inch dimensions are derived from the original mm dimensions) note 1. plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. 1.0 0.4 sot109-1 99-12-27 03-02-19 076e07 ms-012 0.069 0.010 0.004 0.057 0.049 0.01 0.019 0.014 0.0100 0.0075 0.39 0.38 0.16 0.15 0.05 1.05 0.041 0.244 0.228 0.028 0.020 0.028 0.012 0.01 0.25 0.01 0.004 0.039 0.016 0 2.5 5 mm scale so16: plastic small outline package; 16 leads; body width 3.9 mm sot109-1
74ahc_ahct595_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 11 august 2009 17 of 21 nxp semiconductors 74ahc595; 74ahct595 8-bit serial-in/serial-out or parallel-out shift register with output latches fig 15. package outline sot403-1 (tssop16) unit a 1 a 2 a 3 b p cd (1) e (2) (1) eh e ll p qz y w v q references outline version european projection issue date iec jedec jeita mm 0.15 0.05 0.95 0.80 0.30 0.19 0.2 0.1 5.1 4.9 4.5 4.3 0.65 6.6 6.2 0.4 0.3 0.40 0.06 8 0 o o 0.13 0.1 0.2 1 dimensions (mm are the original dimensions) notes 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. plastic interlead protrusions of 0.25 mm maximum per side are not included. 0.75 0.50 sot403-1 mo-153 99-12-27 03-02-18 w m b p d z e 0.25 18 16 9 q a a 1 a 2 l p q detail x l (a ) 3 h e e c v m a x a y 0 2.5 5 mm scale tssop16: plastic thin shrink small outline package; 16 leads; body width 4.4 mm sot403-1 a max. 1.1 pin 1 index
74ahc_ahct595_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 11 august 2009 18 of 21 nxp semiconductors 74ahc595; 74ahct595 8-bit serial-in/serial-out or parallel-out shift register with output latches fig 16. package outline sot763-1 (dhvqfn16) terminal 1 index area 0.5 1 a 1 e h b unit y e 0.2 c references outline version european projection issue date iec jedec jeita mm 3.6 3.4 d h 2.15 1.85 y 1 2.6 2.4 1.15 0.85 e 1 2.5 0.30 0.18 0.05 0.00 0.05 0.1 dimensions (mm are the original dimensions) sot763-1 mo-241 - - - - - - 0.5 0.3 l 0.1 v 0.05 w 0 2.5 5 mm scale sot763-1 dhvqfn16: plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 16 terminals; body 2.5 x 3.5 x 0.85 mm a (1) max. a a 1 c detail x y y 1 c e l e h d h e e 1 b 27 15 10 9 8 1 16 x d e c b a terminal 1 index area a c c b v m w m e (1) note 1. plastic or metal protrusions of 0.075 mm maximum per side are not included. d (1) 02-10-17 03-01-27
74ahc_ahct595_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 11 august 2009 19 of 21 nxp semiconductors 74ahc595; 74ahct595 8-bit serial-in/serial-out or parallel-out shift register with output latches 14. abbreviations 15. revision history table 10. abbreviations acronym description cdm charged device model cmos complementary metal-oxide semiconductor esd electrostatic discharge hbm human body model mm machine model ttl transistor-transistor logic table 11. revision history document id release date data sheet status change notice supersedes 74ahc_ahct595_4 20090811 product data sheet - 74ahc_ahct595_3 modi?cations: ? added type number 74AHCT595BQ (dhvqfn16 package) 74ahc_ahct595_3 20080425 product data sheet - 74ahc_ahct595_2 74ahc_ahct595_2 20060323 product data sheet - 74ahc_ahct595_1 74ahc_ahct595_1 20000315 product speci?cation - -
74ahc_ahct595_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 11 august 2009 20 of 21 nxp semiconductors 74ahc595; 74ahct595 8-bit serial-in/serial-out or parallel-out shift register with output latches 16. legal information 16.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term short data sheet is explained in section de?nitions. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple dev ices. the latest product status information is available on the internet at url http://www .nxp .com . 16.2 de?nitions draft the document is a draft version only. the content is still under internal review and subject to formal approval, which may result in modi?cations or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. short data sheet a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request via the local nxp semiconductors sales of?ce. in case of any inconsistency or con?ict with the short data sheet, the full data sheet shall prevail. 16.3 disclaimers general information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. right to make changes nxp semiconductors reserves the right to make changes to information published in this document, including without limitation speci?cations and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use nxp semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customers own risk. applications applications that are described herein for any of these products are for illustrative purposes only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the speci?ed use without further testing or modi?cation. limiting values stress above one or more limiting values (as de?ned in the absolute maximum ratings system of iec 60134) may cause permanent damage to the device. limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the characteristics sections of this document is not implied. exposure to limiting values for extended periods may affect device reliability. terms and conditions of sale nxp semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www .nxp .com/pro? le/ter ms , including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by nxp semiconductors. in case of any inconsistency or con?ict between information in this document and such terms and conditions, the latter will prevail. no offer to sell or license nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. export control this document as well as the item(s) described herein may be subject to export control regulations. export might require a prior authorization from national authorities. 16.4 trademarks notice: all referenced brands, product names, service names and trademarks are the property of their respective owners. 17. contact information for more information, please visit: http://www .nxp.com for sales of?ce addresses, please send an email to: salesad dresses@nxp.com document status [1] [2] product status [3] de?nition objective [short] data sheet development this document contains data from the objective speci?cation for product development. preliminary [short] data sheet quali?cation this document contains data from the preliminary speci?cation. product [short] data sheet production this document contains the product speci?cation.
nxp semiconductors 74ahc595; 74ahct595 8-bit serial-in/serial-out or parallel-out shift register with output latches ? nxp b.v. 2009. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com date of release: 11 august 2009 document identifier: 74ahc_ahct595_4 please be aware that important notices concerning this document and the product(s) described herein, have been included in section legal information. 18. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 4 ordering information . . . . . . . . . . . . . . . . . . . . . 2 5 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 6 pinning information . . . . . . . . . . . . . . . . . . . . . . 4 6.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 6.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 4 7 functional description . . . . . . . . . . . . . . . . . . . 5 8 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 6 9 recommended operating conditions. . . . . . . . 6 10 static characteristics. . . . . . . . . . . . . . . . . . . . . 7 11 dynamic characteristics . . . . . . . . . . . . . . . . . . 9 12 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 13 package outline . . . . . . . . . . . . . . . . . . . . . . . . 16 14 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 19 15 revision history . . . . . . . . . . . . . . . . . . . . . . . . 19 16 legal information. . . . . . . . . . . . . . . . . . . . . . . 20 16.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 20 16.2 de?nitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 16.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 16.4 trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 17 contact information. . . . . . . . . . . . . . . . . . . . . 20 18 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21


▲Up To Search▲   

 
Price & Availability of 74AHCT595BQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X