Part Number Hot Search : 
WB201 0DC12 22001 16080 354AK CXB1573R MM74HC 1102E
Product Description
Full Text Search
 

To Download 74AHCT594BQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the 74ahc594; 74ahct594 is a high-speed si-gate cmos device and is pin compatible with low-power schottky ttl (lsttl). it is speci?ed in compliance with jedec standard no. 7a. the 74ahc594; 74ahct594 is an 8-bit, non-inverting, serial-in, parallel-out shift register that feeds an 8-bit d-type storage register. separate clocks (shcp and stcp) and direct overriding clears ( shr and str) are provided on both the shift and storage registers. a serial output (q7s) is provided for cascading purposes. both the shift and storage register clocks are positive-edge triggered. if the user wishes to connect both clocks together, the shift register will always be one count pulse ahead of the storage register. 2. features n wide supply voltage range from 2.0 v to 5.5 v n 8-bit serial-in, parallel-out shift register with storage n independent direct overriding clears on shift and storage registers n independent clocks for shift and storage registers n latch-up performance exceeds 100 ma per jesd 78 class ii n input levels: u cmos levels: 74ahc594 only u ttl levels: 74ahct594 only n esd protection: u hbm jesd22-a114-c exceeds 2000 v u mm jesd22-a115-a exceeds 200 v u cdm jesd22-c101-c exceeds 1000 v n speci?ed from - 40 c to +85 c and from - 40 c to +125 c 3. applications n serial-to parallel data conversion n remote control holding register 74ahc594; 74ahct594 8-bit shift register with output register rev. 01 4 july 2006 product data sheet
74ahc_ahct594_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 4 july 2006 2 of 29 philips semiconductors 74ahc594; 74ahct594 8-bit shift register with output register 4. ordering information 5. functional diagram table 1. ordering information type number package temperature range name description version 74ahc594d - 40 c to +125 c so16 plastic small outline package; 16 leads; body width 3.9 mm sot109-1 74ahc594db - 40 c to +125 c ssop16 plastic shrink small outline package; 16 leads; body width 5.3 mm sot338-1 74ahc594pw - 40 c to +125 c tssop16 plastic thin shrink small outline package; 16 leads; body width 4.4 mm sot403-1 74ahc594bq - 40 c to +125 c dhvqfn16 plastic dual in-line compatible thermal enhanced very thin quad ?at package; no leads; 16 terminals; body 2.5 3.5 0.85 mm sot763-1 74ahct594d - 40 c to +125 c so16 plastic small outline package; 16 leads; body width 3.9 mm sot109-1 74ahct594db - 40 c to +125 c ssop16 plastic shrink small outline package; 16 leads; body width 5.3 mm sot338-1 74ahct594pw - 40 c to +125 c tssop16 plastic thin shrink small outline package; 16 leads; body width 4.4 mm sot403-1 74AHCT594BQ - 40 c to +125 c dhvqfn16 plastic dual in-line compatible thermal enhanced very thin quad ?at package; no leads; 16 terminals; body 2.5 3.5 0.85 mm sot763-1 fig 1. functional diagram mbc320 q7 q0 q1 q2 q3 q4 q5 q6 ds shcp shr stcp str 14 10 13 11 12 15 9 1234567 8-stage shift register 8-bit storage register q7s
74ahc_ahct594_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 4 july 2006 3 of 29 philips semiconductors 74ahc594; 74ahct594 8-bit shift register with output register fig 2. logic symbol fig 3. iec logic symbol mbc319 stcp shcp str shr ds q7s q0 q1 q2 q3 q4 q5 q6 q7 14 10 13 11 12 15 9 1 2 3 4 5 6 7 mbc322 shcp stcp q0 q1 q2 q3 q4 q5 q6 q7 shr str ds 15 9 1 2 3 4 5 6 7 1d 2d c1/ 10 11 14 c2 12 13 r2 srg8 r1 q7s fig 4. logic diagram mbc321 q0 q1 q2 q3 q4 q5 q6 ds shcp shr stcp str d q cp ffsh 0 r stage 0 d q cp ffst 0 r stages 1 to 6 dq q7 dq cp ffsh 7 r stage 7 d q cp ffst 7 r q7s
74ahc_ahct594_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 4 july 2006 4 of 29 philips semiconductors 74ahc594; 74ahct594 8-bit shift register with output register 6. pinning information 6.1 pinning fig 5. timing diagram mbc323 q7s q0 str shr stcp ds shcp q1 q6 q7 fig 6. pin con?guration so16 q1 v cc q2 q0 q3 ds q4 str q5 stcp q6 shcp q7 shr gnd q7s 001aae343 1 2 3 4 5 6 7 8 10 9 12 11 14 13 16 15 74ahc594 74ahct594
74ahc_ahct594_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 4 july 2006 5 of 29 philips semiconductors 74ahc594; 74ahct594 8-bit shift register with output register 6.2 pin description (1) the die substrate is attached to this pad using conductive die attach material. it can not be used as supply pin or input fig 7. pin con?guration tssop16 fig 8. pin con?guration dhvqfn16 74ahc594 74ahct594 q1 v cc q2 q0 q3 ds q4 str q5 stcp q6 shcp q7 shr gnd q7s 001aae344 1 2 3 4 5 6 7 8 10 9 12 11 14 13 16 15 001aae345 74ahc594 74ahct594 q7 shr q6 shcp q5 stcp q4 str q3 ds q2 q0 gnd q7s q1 v cc transparent top view 7 10 6 11 5 12 4 13 3 14 2 15 8 9 1 16 terminal 1 index area gnd (1) table 2. pin description symbol pin description q1 1 parallel data output q1 q2 2 parallel data output q2 q3 3 parallel data output q3 q4 4 parallel data output q4 q5 5 parallel data output q5 q6 6 parallel data output q6 q7 7 parallel data output q7 gnd 8 ground (0 v) q7s 9 serial data output q7s shr 10 shift register reset shr (active low) shcp 11 shift register clock input shcp stcp 12 storage register clock input stcp str 13 storage register reset str (active low) ds 14 serial data input ds q0 15 parallel data output q0 v cc 16 supply voltage
74ahc_ahct594_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 4 july 2006 6 of 29 philips semiconductors 74ahc594; 74ahct594 8-bit shift register with output register 7. functional description [1] h = high voltage level; l = low voltage level; - = low-to-high transition; x = dont care. 8. limiting values [1] the input and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] for so16 packages: above 70 c the value of p tot derates linearly with 8 mw/k. for (t)ssop16 packages: above 60 c the value of p tot derates linearly with 5.5 mw/k. for dhvqfn16 packages: above 60 c the value of p tot derates linearly with 4.5 mw/k. table 3. function table [1] function inputs shr str shcp stcp ds clear shift register l x x x x clear storage register x l x x x load ds into shift register stage 0, advance previous stage data to the next stage h x - x h or l transfer shift register data to storage register and outputs qn x h x - x table 4. limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc supply voltage - 0.5 +7.0 v v i input voltage - 0.5 +7.0 v i ik input clamping current v i < - 0.5 v [1] - - 20 ma i ok output clamping current v o < - 0.5 v or v o > v cc + 0.5 v [1] - 20 ma i o output current v o = - 0.5 v to v cc + 0.5 v - 25 ma i cc quiescent supply current - 75 ma i gnd ground current - - 75 ma t stg storage temperature - 65 +150 c p tot total power dissipation t amb = - 40 c to +125 c [2] - 500 mw
74ahc_ahct594_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 4 july 2006 7 of 29 philips semiconductors 74ahc594; 74ahct594 8-bit shift register with output register 9. recommended operating conditions 10. static characteristics table 5. recommended operating conditions symbol parameter conditions min typ max unit type 74ahc594 v cc supply voltage 2.0 5.0 5.5 v v i input voltage 0 - 5.5 v v o output voltage 0 - v cc v t amb ambient temperature - 40 +25 +125 c d t/ d v input transition rise and fall rate v cc = 3.3 v 0.3 v - - 100 ns/v v cc = 5 v 0.5 v - - 20 ns/v type 74ahct594 v cc supply voltage 4.5 5.0 5.5 v v i input voltage 0 - 5.5 v v o output voltage 0 - v cc v t amb ambient temperature - 40 +25 +125 c d t/ d v input transition rise and fall rate v cc = 3.3 v 0.3 v - - 20 ns/v table 6. static characteristics type 74ahc594 at recommended operating conditions; voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit t amb = 25 c v ih high-level input voltage v cc = 2.0 v 1.5 - - v v cc = 3.0 v 2.1 - - v v cc = 5.5 v 3.85 - - v v il low-level input voltage v cc = 2.0 v - - 0.5 v v cc = 3.0 v - - 0.9 v v cc = 5.5 v - - 1.65 v v oh high-level output voltage v i = v ih or v il i o = - 50 m a; v cc = 2.0 v 1.9 2.0 - v i o = - 50 m a; v cc = 3.0 v 2.9 3.0 - v i o = - 50 m a; v cc = 4.5 v 4.4 4.5 - v i o = - 4.0 ma; v cc = 3.0 v 2.58 - - v i o = - 8.0 ma; v cc = 4.5 v 3.94 - - v v ol low-level output voltage v i = v ih or v il i o = 50 m a; v cc = 2.0 v - 0 0.1 v i o = 50 m a; v cc = 3.0 v - 0 0.1 v i o = 50 m a; v cc = 4.5 v - 0 0.1 v i o = 4 ma; v cc = 3.0 v - - 0.36 v i o = 8 ma; v cc = 4.5 v - - 0.36 v i i input leakage current v i = v cc or gnd; v cc = 5.5 v - - 0.1 m a
74ahc_ahct594_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 4 july 2006 8 of 29 philips semiconductors 74ahc594; 74ahct594 8-bit shift register with output register i cc quiescent supply current v i = v cc or gnd; i o = 0 a; v cc = 5.5 v - - 4.0 m a c i input capacitance v i =v cc or gnd - 3 10 pf t amb = - 40 c to +85 c v ih high-level input voltage v cc = 2.0 v 1.5 - - v v cc = 3.0 v 2.1 - - v v cc = 5.5 v 3.85 - - v v il low-level input voltage v cc = 2.0 v - - 0.5 v v cc = 3.0 v - - 0.9 v v cc = 5.5 v - - 1.65 v v oh high-level output voltage v i = v ih or v il i o = - 50 m a; v cc = 2.0 v 1.9 - - v i o = - 50 m a; v cc = 3.0 v 2.9 - - v i o = - 50 m a; v cc = 4.5 v 4.4 - - v i o = - 4.0 ma; v cc = 3.0 v 2.48 - - v i o = - 8.0 ma; v cc = 4.5 v 3.8 - - v v ol low-level output voltage v i = v ih or v il i o = 50 m a; v cc = 2.0 v - - 0.1 v i o = 50 m a; v cc = 3.0 v - - 0.1 v i o = 50 m a; v cc = 4.5 v - - 0.1 v i o = 4 ma; v cc = 3.0 v - - 0.44 v i o = 8 ma; v cc = 4.5 v - - 0.44 v i i input leakage current v i = v cc or gnd; v cc = 5.5 v - - 1.0 m a i cc quiescent supply current v i = v cc or gnd; i o = 0 a; v cc = 5.5 v --40 m a t amb = - 40 c to +125 c v ih high-level input voltage v cc = 2.0 v 1.5 - - v v cc = 3.0 v 2.1 - - v v cc = 5.5 v 3.85 - - v v il low-level input voltage v cc = 2.0 v - - 0.5 v v cc = 3.0 v - - 0.9 v v cc = 5.5 v - - 1.65 v v oh high-level output voltage v i = v ih or v il i o = - 50 m a; v cc = 2.0 v 1.9 - - v i o = - 50 m a; v cc = 3.0 v 2.9 - - v i o = - 50 m a; v cc = 4.5 v 4.4 - - v i o = - 4.0 ma; v cc = 3.0 v 2.40 - - v i o = - 8.0 ma; v cc = 4.5 v 3.70 - - v table 6. static characteristics type 74ahc594 continued at recommended operating conditions; voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit
74ahc_ahct594_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 4 july 2006 9 of 29 philips semiconductors 74ahc594; 74ahct594 8-bit shift register with output register v ol low-level output voltage v i = v ih or v il i o = 50 m a; v cc = 2.0 v - - 0.1 v i o = 50 m a; v cc = 3.0 v - - 0.1 v i o = 50 m a; v cc = 4.5 v - - 0.1 v i o = 4 ma; v cc = 3.0 v - - 0.55 v i o = 8 ma; v cc = 4.5 v - - 0.55 v i i input leakage current v i = v cc or gnd; v cc = 5.5 v - - 2.0 m a i cc quiescent supply current v i = v cc or gnd; i o = 0 a; v cc = 5.5 v --80 m a table 6. static characteristics type 74ahc594 continued at recommended operating conditions; voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit table 7. static characteristics type 74ahct594 at recommended operating conditions; voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit t amb = 25 c v ih high-level input voltage v cc = 4.5 v to 5.5 v 2.0 - - v v il low-level input voltage v cc = 4.5 v to 5.5 v - - 0.8 v v oh high-level output voltage v i = v ih or v il i o = - 50 m a; v cc = 4.5 v 4.4 4.5 - v i o = - 8.0 ma; v cc = 4.5 v 3.94 - - v v ol low-level output voltage v i = v ih or v il i o = 50 m a; v cc = 4.5 v - 0 0.1 v i o = 8 ma; v cc = 4.5 v - - 0.36 v i i input leakage current v i = v ih or v il ; v cc = 5.5 v - - 0.1 m a i cc quiescent supply current v i = v cc or gnd; i o = 0 a; v cc = 5.5 v - - 4.0 m a d i cc additional quiescent supply current per input pin; v i =v cc - 2.1 v; other inputs at v cc or gnd; i o = 0 a; v cc = 4.5 v to 5.5 v - - 1.35 ma c i input capacitance v i =v cc or gnd - 3 10 pf t amb = - 40 c to +85 c v ih high-level input voltage v cc = 4.5 v to 5.5 v 2.0 - - v v il low-level input voltage v cc = 4.5 v to 5.5 v - - 0.8 v v oh high-level output voltage v i = v ih or v il i o = - 50 m a; v cc = 4.5 v 4.4 - - v i o = - 8.0 ma; v cc = 4.5 v 3.8 - - v v ol low-level output voltage v i = v ih or v il i o = 50 m a; v cc = 4.5 v - - 0.1 v i o = 8 ma; v cc = 4.5 v - - 0.44 v i i input leakage current v i = v ih or v il ; v cc = 5.5 v - - 1.0 m a i cc quiescent supply current v i = v cc or gnd; i o = 0 a; v cc = 5.5 v --40 m a
74ahc_ahct594_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 4 july 2006 10 of 29 philips semiconductors 74ahc594; 74ahct594 8-bit shift register with output register 11. dynamic characteristics d i cc additional quiescent supply current per input pin; v i =v cc - 2.1 v; other inputs at v cc or gnd; i o = 0 a; v cc = 4.5 v to 5.5 v - - 1.5 ma t amb = - 40 c to +125 c v ih high-level input voltage v cc = 4.5 v to 5.5 v 2.0 - - v v il low-level input voltage v cc = 4.5 v to 5.5 v - - 0.8 v v oh high-level output voltage v i = v ih or v il i o = - 50 m a; v cc = 4.5 v 4.4 - - v i o = - 8.0 ma; v cc = 4.5 v 3.70 - - v v ol low-level output voltage v i = v ih or v il i o = 50 m a; v cc = 4.5 v - - 0.1 v i o = 8 ma; v cc = 4.5 v - - 0.55 v i i input leakage current v i = v ih or v il ; v cc = 5.5 v - - 2.0 m a i cc quiescent supply current v i = v cc or gnd; i o = 0 a; v cc = 5.5 v --80 m a d i cc additional quiescent supply current per input pin; v i =v cc - 2.1 v; other inputs at v cc or gnd; i o = 0 a; v cc = 4.5 v to 5.5 v - - 1.5 ma table 7. static characteristics type 74ahct594 continued at recommended operating conditions; voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit table 8. dynamic characteristics type 74ahc594 gnd = 0 v; t r = t f 3.0 ns; see figure 15 . symbol parameter test conditions min typ max unit t amb = 25 c [1] t plh low-to-high propagation delay shcp to q7s v cc = 3.0 v to 3.6 v; see figure 9 c l = 15 pf - 5.2 8.5 ns c l = 50 pf - 7.4 11.5 ns v cc = 4.5 v to 5.5 v; see figure 9 c l = 15 pf - 3.8 6.3 ns c l = 50 pf - 4.8 8.0 ns t phl high-to-low propagation delay shcp to q7s v cc = 3.0 v to 3.6 v; see figure 9 c l = 15 pf - 5.5 8.9 ns c l = 50 pf - 7.4 12.1 ns v cc = 4.5 v to 5.5 v; see figure 9 c l = 15 pf - 4.1 6.7 ns c l = 50 pf - 5.4 8.8 ns
74ahc_ahct594_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 4 july 2006 11 of 29 philips semiconductors 74ahc594; 74ahct594 8-bit shift register with output register t plh low-to-high propagation delay stcp to qn v cc = 3.0 v to 3.6 v; see figure 10 c l = 15 pf - 5.1 8.3 ns c l = 50 pf - 7.3 11.9 ns v cc = 4.5 v to 5.5 v; see figure 10 c l = 15 pf - 3.5 5.7 ns c l = 50 pf - 4.8 7.8 ns t phl high-to-low propagation delay stcp to qn v cc = 3.0 v to 3.6 v; see figure 10 c l = 15 pf - 5.5 9.1 ns c l = 50 pf - 7.3 12.0 ns v cc = 4.5 v to 5.5 v; see figure 10 c l = 15 pf - 3.7 6.0 ns c l = 50 pf - 5.2 8.5 ns t phl high-to-low propagation delay shr to q7s v cc = 3.0 v to 3.6 v; see figure 13 c l = 15 pf - 5.7 9.5 ns c l = 50 pf - 7.5 12.2 ns v cc = 4.5 v to 5.5 v; see figure 13 c l = 15 pf - 4.1 6.7 ns c l = 50 pf - 5.4 8.8 ns high-to-low propagation delay str to qn v cc = 3.0 v to 3.6 v; see figure 14 c l = 15 pf - 5.8 9.6 ns c l = 50 pf - 7.7 12.5 ns v cc = 4.5 v to 5.5 v; see figure 14 c l = 15 pf - 4.1 7.2 ns c l = 50 pf - 5.4 9.4 ns t w pulse width high or low shcp and stcp c l = 50 pf; see figure 9 and figure 10 v cc = 3.0 v to 3.6 v 6.0 - - ns v cc = 4.5 v to 5.5 v 5.5 - - ns pulse width high or low shr and str c l = 50 pf; see figure 13 and figure 14 v cc = 3.0 v to 3.6 v 5.0 - - ns v cc = 4.5 v to 5.5 v 5.0 - - ns t su set-up time ds to shcp c l = 50 pf; see figure 11 v cc = 3.0 v to 3.6 v 3.5 - - ns v cc = 4.5 v to 5.5 v 3.0 - - ns set-up time shr to stcp c l = 50 pf; see figure 12 v cc = 3.0 v to 3.6 v 8.0 - - ns v cc = 4.5 v to 5.5 v 5.0 - - ns set-up time shcp to stcp c l = 50 pf; see figure 10 v cc = 3.0 v to 3.6 v 8.0 - - ns v cc = 4.5 v to 5.5 v 5.0 - - ns table 8. dynamic characteristics type 74ahc594 continued gnd = 0 v; t r = t f 3.0 ns; see figure 15 . symbol parameter test conditions min typ max unit
74ahc_ahct594_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 4 july 2006 12 of 29 philips semiconductors 74ahc594; 74ahct594 8-bit shift register with output register t h hold time ds to shcp c l = 50 pf; see figure 11 v cc = 3.0 v to 3.6 v 1.5 - - ns v cc = 4.5 v to 5.5 v 2.0 - - ns t rec recovery time shr to shcp c l = 50 pf; see figure 13 v cc = 3.0 v to 3.6 v 4.2 - - ns v cc = 4.5 v to 5.5 v 2.9 - - ns recovery time str to stcp c l = 50 pf; see figure 14 v cc = 3.0 v to 3.6 v 4.6 - - ns v cc = 4.5 v to 5.5 v 3.2 - - ns f max maximum frequency shcp or stcp c l = 50 pf; see figure 9 and figure 10 v cc = 3.0 v to 3.6 v 80 125 - mhz v cc = 4.5 v to 5.5 v 90 170 - mhz c pd power dissipation capacitance v i = gnd to v cc ; v cc =5v; c l = 50 pf; f i = 1 mhz [2] -55-pf t amb = - 40 c to +85 c t plh low-to-high propagation delay shcp to q7s v cc = 3.0 v to 3.6 v; see figure 9 c l = 15 pf 2.2 - 9.7 ns c l = 50 pf 3.0 - 13.2 ns v cc = 4.5 v to 5.5 v; see figure 9 c l = 15 pf 1.7 - 7.2 ns c l = 50 pf 2.4 - 9.1 ns t phl high-to-low propagation delay shcp to q7s v cc = 3.0 v to 3.6 v; see figure 9 c l = 15 pf 2.3 - 10.2 ns c l = 50 pf 3.0 - 13.9 ns v cc = 4.5 v to 5.5 v; see figure 9 c l = 15 pf 1.9 - 7.6 ns c l = 50 pf 2.5 - 10.1 ns t plh low-to-high propagation delay stcp to qn v cc = 3.0 v to 3.6 v; see figure 10 c l = 15 pf 2.3 - 9.5 ns c l = 50 pf 3.3 - 13.6 ns v cc = 4.5 v to 5.5 v; see figure 10 c l = 15 pf 1.8 - 6.5 ns c l = 50 pf 2.6 - 9.0 ns t phl high-to-low propagation delay stcp to qn v cc = 3.0 v to 3.6 v; see figure 10 c l = 15 pf 2.4 - 10.4 ns c l = 50 pf 3.2 - 13.8 ns v cc = 4.5 v to 5.5 v; see figure 10 c l = 15 pf 1.9 - 6.9 ns c l = 50 pf 2.6 - 9.7 ns table 8. dynamic characteristics type 74ahc594 continued gnd = 0 v; t r = t f 3.0 ns; see figure 15 . symbol parameter test conditions min typ max unit
74ahc_ahct594_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 4 july 2006 13 of 29 philips semiconductors 74ahc594; 74ahct594 8-bit shift register with output register t phl high-to-low propagation delay shr to q7s v cc = 3.0 v to 3.6 v; see figure 13 c l = 15 pf 2.3 - 10.8 ns c l = 50 pf 3.6 - 14.0 ns v cc = 4.5 v to 5.5 v; see figure 13 c l = 15 pf 2.0 - 7.6 ns c l = 50 pf 2.8 - 10.1 ns high-to-low propagation delay str to qn v cc = 3.0 v to 3.6 v; see figure 14 c l = 15 pf 2.8 - 11.0 ns c l = 50 pf 3.8 - 14.4 ns v cc = 4.5 v to 5.5 v; see figure 14 c l = 15 pf 2.2 - 8.2 ns c l = 50 pf 3.0 - 10.7 ns t w pulse width high or low shcp and stcp c l = 50 pf; see figure 9 and figure 10 v cc = 3.0 v to 3.6 v 6.5 - - ns v cc = 4.5 v to 5.5 v 6.0 - - ns pulse width high or low shr and str c l = 50 pf; see figure 13 and figure 14 v cc = 3.0 v to 3.6 v 5.0 - - ns v cc = 4.5 v to 5.5 v 5.2 - - ns t su set-up time ds to shcp c l = 50 pf; see figure 11 v cc = 3.0 v to 3.6 v 3.5 - - ns v cc = 4.5 v to 5.5 v 3.0 - - ns set-up time shr to stcp c l = 50 pf; see figure 12 v cc = 3.0 v to 3.6 v 9.0 - - ns v cc = 4.5 v to 5.5 v 5.0 - - ns set-up time shcp to stcp c l = 50 pf; see figure 10 v cc = 3.0 v to 3.6 v 8.5 - - ns v cc = 4.5 v to 5.5 v 5.0 - - ns t h hold time ds to shcp c l = 50 pf; see figure 11 v cc = 3.0 v to 3.6 v 1.5 - - ns v cc = 4.5 v to 5.5 v 2.0 - - ns t rec recovery time shr to shcp c l = 50 pf; see figure 13 v cc = 3.0 v to 3.6 v 4.8 - - ns v cc = 4.5 v to 5.5 v 3.3 - - ns recovery time str to stcp c l = 50 pf; see figure 14 v cc = 3.0 v to 3.6 v 5.3 - - ns v cc = 4.5 v to 5.5 v 3.7 - - ns table 8. dynamic characteristics type 74ahc594 continued gnd = 0 v; t r = t f 3.0 ns; see figure 15 . symbol parameter test conditions min typ max unit
74ahc_ahct594_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 4 july 2006 14 of 29 philips semiconductors 74ahc594; 74ahct594 8-bit shift register with output register f max maximum frequency shcp or stcp c l = 50 pf; see figure 9 and figure 10 v cc = 3.0 v to 3.6 v 70 - - mhz v cc = 4.5 v to 5.5 v 80 - - mhz t amb = - 40 c to +125 c t plh low-to-high propagation delay shcp to q7s v cc = 3.0 v to 3.6 v; see figure 9 c l = 15 pf 2.2 - 10.6 ns c l = 50 pf 3.0 - 14.3 ns v cc = 4.5 v to 5.5 v; see figure 9 c l = 15 pf 1.7 - 7.8 ns c l = 50 pf 2.4 - 10.0 ns t phl high-to-low propagation delay shcp to q7s v cc = 3.0 v to 3.6 v; see figure 9 c l = 15 pf 2.3 - 11.0 ns c l = 50 pf 3.0 - 15.1 ns v cc = 4.5 v to 5.5 v; see figure 9 c l = 15 pf 1.9 - 8.2 ns c l = 50 pf 2.5 - 11.0 ns t plh low-to-high propagation delay stcp to qn v cc = 3.0 v to 3.6 v; see figure 10 c l = 15 pf 2.3 - 10.6 ns c l = 50 pf 3.3 - 14.7 ns v cc = 4.5 v to 5.5 v; see figure 10 c l = 15 pf 1.8 - 7.1 ns c l = 50 pf 2.6 - 9.8 ns t phl high-to-low propagation delay stcp to qn v cc = 3.0 v to 3.6 v; see figure 10 c l = 15 pf 2.4 - 11.3 ns c l = 50 pf 3.2 - 15.0 ns v cc = 4.5 v to 5.5 v; see figure 10 c l = 15 pf 1.9 - 7.5 ns c l = 50 pf 2.6 - 10.5 ns table 8. dynamic characteristics type 74ahc594 continued gnd = 0 v; t r = t f 3.0 ns; see figure 15 . symbol parameter test conditions min typ max unit
74ahc_ahct594_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 4 july 2006 15 of 29 philips semiconductors 74ahc594; 74ahct594 8-bit shift register with output register t phl high-to-low propagation delay shr to q7s v cc = 3.0 v to 3.6 v; see figure 13 c l = 15 pf 2.3 - 11.7 ns c l = 50 pf 3.6 - 15.2 ns v cc = 4.5 v to 5.5 v; see figure 13 c l = 15 pf 2.0 - 8.2 ns c l = 50 pf 2.8 - 11.0 ns high-to-low propagation delay str to qn v cc = 3.0 v to 3.6 v; see figure 14 c l = 15 pf 2.8 - 12.0 ns c l = 50 pf 3.8 - 15.6 ns v cc = 4.5 v to 5.5 v; see figure 14 c l = 15 pf 2.2 - 8.9 ns c l = 50 pf 3.0 - 11.6 ns t w pulse width high or low shcp and stcp c l = 50 pf; see figure 9 and figure 10 v cc = 3.0 v to 3.6 v 7.0 - - ns v cc = 4.5 v to 5.5 v 6.5 - - ns pulse width high or low shr and str c l = 50 pf; see figure 13 and figure 14 v cc = 3.0 v to 3.6 v 5.5 - - ns v cc = 4.5 v to 5.5 v 5.7 - - ns t su set-up time ds to shcp c l = 50 pf; see figure 11 v cc = 3.0 v to 3.6 v 4.0 - - ns v cc = 4.5 v to 5.5 v 3.5 - - ns set-up time shr to stcp c l = 50 pf; see figure 12 v cc = 3.0 v to 3.6 v 9.5 - - ns v cc = 4.5 v to 5.5 v 5.5 - - ns set-up time shcp to stcp c l = 50 pf; see figure 10 v cc = 3.0 v to 3.6 v 9.0 - - ns v cc = 4.5 v to 5.5 v 5.5 - - ns t h hold time ds to shcp c l = 50 pf; see figure 11 v cc = 3.0 v to 3.6 v 2.0 - - ns v cc = 4.5 v to 5.5 v 2.5 - - ns t rec recovery time shr to shcp c l = 50 pf; see figure 13 v cc = 3.0 v to 3.6 v 5.3 - - ns v cc = 4.5 v to 5.5 v 3.8 - - ns recovery time str to stcp c l = 50 pf; see figure 14 v cc = 3.0 v to 3.6 v 5.8 - - ns v cc = 4.5 v to 5.5 v 4.3 - - ns table 8. dynamic characteristics type 74ahc594 continued gnd = 0 v; t r = t f 3.0 ns; see figure 15 . symbol parameter test conditions min typ max unit
74ahc_ahct594_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 4 july 2006 16 of 29 philips semiconductors 74ahc594; 74ahct594 8-bit shift register with output register [1] typical values are measured at nominal v cc . [2] c pd is used to determine the dynamic power dissipation (p d in m w): p d =c pd v cc 2 f i n+ ? (c l v cc 2 f o ) where: f i = input frequency in mhz; f o = output frequency in mhz; c l = output load capacitance in pf; v cc = supply voltage in v; n = number of inputs switching; ? (c l v cc 2 f o ) = sum of outputs. f max maximum frequency shcp or stcp c l = 50 pf; see figure 9 and figure 10 v cc = 3.0 v to 3.6 v 65 - - mhz v cc = 4.5 v to 5.5 v 70 - - mhz table 8. dynamic characteristics type 74ahc594 continued gnd = 0 v; t r = t f 3.0 ns; see figure 15 . symbol parameter test conditions min typ max unit table 9. dynamic characteristics type 74ahct594 gnd = 0 v; t r = t f 3.0 ns; v cc = 4.5 v to 5.5 v; see figure 15 symbol parameter test conditions min typ max unit t amb = 25 c [1] t plh low-to-high propagation delay shcp to q7s see figure 9 c l = 15 pf - 3.8 6.3 ns c l = 50 pf - 4.8 8.0 ns t phl high-to-low and low-to-high propagation delay shcp to q7s see figure 9 c l = 15 pf - 4.1 6.7 ns c l = 50 pf - 5.4 8.8 ns t plh low-to-high propagation delay stcp to qn see figure 10 c l = 15 pf - 3.5 5.7 ns c l = 50 pf - 4.6 7.7 ns t phl high-to-low propagation delay stcp to qn see figure 10 c l = 15 pf - 3.7 6.1 ns c l = 50 pf - 5.2 8.5 ns t phl high-to-low propagation delay shr to q7s see figure 13 c l = 15 pf - 4.3 7.0 ns c l = 50 pf - 5.4 8.8 ns high-to-low propagation delay str to qn see figure 14 c l = 15 pf - 4.5 7.4 ns c l = 50 pf - 5.7 9.4 ns t w pulse width high or low shcp and stcp c l = 50 pf; see figure 9 and figure 10 5.5 - - ns pulse width high or low shr and str c l = 50 pf; see figure 13 and figure 14 5.2 - - ns
74ahc_ahct594_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 4 july 2006 17 of 29 philips semiconductors 74ahc594; 74ahct594 8-bit shift register with output register t su set-up time ds to shcp c l = 50 pf; see figure 11 3.0 - - ns set-up time shr to stcp c l = 50 pf; see figure 12 5.0 - - ns set-up time shcp to stcp c l = 50 pf; see figure 10 5.0 - - ns t h hold time ds to shcp see figure 11 2.0 - - ns t rec recovery time shr to shcp c l = 50 pf; see figure 13 2.9 - - ns recovery time str to stcp c l = 50 pf; see figure 14 3.4 - - ns f max maximum frequency shcp or stcp c l = 50 pf; see figure 9 and figure 10 90 160 - mhz c pd power dissipation capacitance v i = gnd to v cc ; v cc =5v; c l = 50 pf; f i = 1 mhz [2] -55-pf t amb = - 40 c to +85 c t plh low-to-high propagation delay shcp to q7s see figure 9 c l = 15 pf 1.7 - 7.2 ns c l = 50 pf 2.2 - 9.1 ns t phl high-to-low propagation delay shcp to q7s see figure 9 c l = 15 pf 1.8 - 7.6 ns c l = 50 pf 2.4 - 10.1 ns t plh low-to-high propagation delay stcp to qn see figure 10 c l = 15 pf 1.8 - 6.5 ns c l = 50 pf 2.6 - 8.8 ns t phl high-to-low propagation delay stcp to qn see figure 10 c l = 15 pf 1.9 - 6.9 ns c l = 50 pf 2.6 - 9.7 ns t phl high-to-low propagation delay shr to q7s see figure 13 c l = 15 pf 2.4 - 8.0 ns c l = 50 pf 2.7 - 10.1 ns high-to-low propagation delay str to qn see figure 14 c l = 15 pf 2.3 - 8.4 ns c l = 50 pf 3.1 - 10.7 ns t w pulse width high or low shcp and stcp c l = 50 pf; see figure 9 and figure 10 6.0 - - ns pulse width high or low shr and str c l = 50 pf; see figure 13 and figure 14 5.5 - - ns table 9. dynamic characteristics type 74ahct594 continued gnd = 0 v; t r = t f 3.0 ns; v cc = 4.5 v to 5.5 v; see figure 15 symbol parameter test conditions min typ max unit
74ahc_ahct594_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 4 july 2006 18 of 29 philips semiconductors 74ahc594; 74ahct594 8-bit shift register with output register t su set-up time ds to shcp c l = 50 pf; see figure 11 3.0 - - ns set-up time shr to stcp c l = 50 pf; see figure 12 5.0 - - ns set-up time shcp to stcp c l = 50 pf; see figure 10 5.0 - - ns t h hold time ds to shcp see figure 11 2.0 - - ns t rec recovery time shr to shcp c l = 50 pf; see figure 13 3.3 - - ns recovery time str to stcp c l = 50 pf; see figure 14 3.8 - - ns f max maximum frequency shcp or stcp c l = 50 pf; see figure 9 and figure 10 80 - - mhz t amb = - 40 c to +125 c t plh low-to-high propagation delay shcp to q7s see figure 9 c l = 15 pf 1.7 - 7.8 ns c l = 50 pf 2.2 - 9.9 ns t phl high-to-low propagation delay shcp to q7s see figure 9 c l = 15 pf 1.8 - 8.3 ns c l = 50 pf 2.4 - 11.0 ns t plh low-to-high propagation delay stcp to qn see figure 10 c l = 15 pf 1.8 - 7.1 ns c l = 50 pf 2.6 - 9.6 ns t phl high-to-low propagation delay stcp to qn see figure 10 c l = 15 pf 1.9 - 7.2 ns c l = 50 pf 2.6 - 10.5 ns t phl high-to-low propagation delay shr to q7s see figure 13 c l = 15 pf 2.4 - 8.7 ns c l = 50 pf 2.7 - 11.0 ns high-to-low propagation delay str to qn see figure 14 c l = 15 pf 2.3 - 9.2 ns c l = 50 pf 3.1 - 11.7 ns t w pulse width high or low shcp and stcp c l = 50 pf; see figure 9 and figure 10 6.5 - - ns pulse width high or low shr and str c l = 50 pf; see figure 13 and figure 14 6.0 - - ns t su set-up time ds to shcp c l = 50 pf; see figure 11 3.5 - - ns set-up time shr to stcp c l = 50 pf; see figure 12 5.5 - - ns set-up time shcp to stcp c l = 50 pf; see figure 10 5.5 - - ns t h hold time ds to shcp see figure 11 2.5 - - ns table 9. dynamic characteristics type 74ahct594 continued gnd = 0 v; t r = t f 3.0 ns; v cc = 4.5 v to 5.5 v; see figure 15 symbol parameter test conditions min typ max unit
74ahc_ahct594_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 4 july 2006 19 of 29 philips semiconductors 74ahc594; 74ahct594 8-bit shift register with output register [1] typical values are measured at v cc = 5.0 v. [2] c pd is used to determine the dynamic power dissipation (p d in m w): p d =c pd v cc 2 f i n+ ? (c l v cc 2 f o ) where: f i = input frequency in mhz; f o = output frequency in mhz; c l = output load capacitance in pf; v cc = supply voltage in v; n = number of inputs switching; ? (c l v cc 2 f o ) = sum of outputs. 12. waveforms t rec recovery time shr to shcp c l = 50 pf; see figure 13 3.8 - - ns recovery time str to stcp c l = 50 pf; see figure 14 4.3 - - ns f max maximum frequency shcp or stcp c l = 50 pf; see figure 9 and figure 10 70 - - mhz table 9. dynamic characteristics type 74ahct594 continued gnd = 0 v; t r = t f 3.0 ns; v cc = 4.5 v to 5.5 v; see figure 15 symbol parameter test conditions min typ max unit measurement points are given in t ab le 10 . v ol and v oh are typical voltage output drop that occur with the output load. fig 9. the shift clock (shcp) to output (q7s) propagation delays, the shift clock pulse width, and the maximum shift clock frequency 001aae341 shcp input q7s output v m t plh t tlh t thl t phl v m t w 1/f max
74ahc_ahct594_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 4 july 2006 20 of 29 philips semiconductors 74ahc594; 74ahct594 8-bit shift register with output register measurement points are given in t ab le 10 . v ol and v oh are typical voltage output drop that occur with the output load. fig 10. the storage clock (stcp) to output (qn), propagation delays, the storage clock pulse width, the maximum storage clock pulse frequency and the shift clock to storage clock set-up time v m t w 1/ f max v m v m t su t plh q n outputs stcp input shcp input t phl mla512 measurement points are given in t ab le 10 . the shaded areas indicate when the input is permitted to change for predictable output performance. v ol and v oh are typical voltage output drop that occur with the output load. fig 11. the data set-up time and hold times for ds input to shcp 001aae342 t h t su t h t su v m v m v m q 7 output sh cp input d s input
74ahc_ahct594_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 4 july 2006 21 of 29 philips semiconductors 74ahc594; 74ahct594 8-bit shift register with output register measurement points are given in t ab le 10 . v ol and v oh are typical voltage output drop that occur with the output load. fig 12. the set-up time shift reset ( shr) to storage clock (stcp) mbc325 v m t phl v m t rec t w v m stcp input q n outputs str input measurement points are given in t ab le 10 . v ol and v oh are typical voltage output drop that occur with the output load. fig 13. the shift reset ( shr) pulse width, the shift reset to output (q7s) propagation delay and the shift reset to shift clock (shcp) recovery time mbc324 v m t phl v m t rec t w v m shcp input q7s output shr input
74ahc_ahct594_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 4 july 2006 22 of 29 philips semiconductors 74ahc594; 74ahct594 8-bit shift register with output register measurement points are given in t ab le 10 . v ol and v oh are typical voltage output drop that occur with the output load. fig 14. the storage reset ( str) pulse width, the storage reset to output (qn) propagation delay and the storage reset to storage clock (stcp) recovery time mbc326 v m t su v m v m stcp input q n outputs shr input table 10. measurement points type input output v m v m 74ahc594 0.5 v cc 0.5 v cc 74ahct594 1.5 v 0.5 v cc for test data see t ab le 11 . de?nitions for test circuit: c l = load capacitance including jig and probe capacitance. r t = termination resistance should be equal to output impedance z o of the pulse generator. fig 15. load circuitry for switching times mna101 v cc v i v o r t c l pulse generator dut table 11. test data type input load test v i t r , t f c l 74ahc594 v cc 3.0 ns 50 pf, 15 pf t plh , t phl 74ahct594 3.0 v 3.0 ns 50 pf, 15 pf t plh , t phl
74ahc_ahct594_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 4 july 2006 23 of 29 philips semiconductors 74ahc594; 74ahct594 8-bit shift register with output register 13. package outline fig 16. package outline sot109-1 (so16) x w m q a a 1 a 2 b p d h e l p q detail x e z e c l v m a (a ) 3 a 8 9 1 16 y pin 1 index unit a max. a 1 a 2 a 3 b p cd (1) e (1) (1) eh e ll p qz y w v q references outline version european projection issue date iec jedec jeita mm inches 1.75 0.25 0.10 1.45 1.25 0.25 0.49 0.36 0.25 0.19 10.0 9.8 4.0 3.8 1.27 6.2 5.8 0.7 0.6 0.7 0.3 8 0 o o 0.25 0.1 dimensions (inch dimensions are derived from the original mm dimensions) note 1. plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. 1.0 0.4 sot109-1 99-12-27 03-02-19 076e07 ms-012 0.069 0.010 0.004 0.057 0.049 0.01 0.019 0.014 0.0100 0.0075 0.39 0.38 0.16 0.15 0.05 1.05 0.041 0.244 0.228 0.028 0.020 0.028 0.012 0.01 0.25 0.01 0.004 0.039 0.016 0 2.5 5 mm scale so16: plastic small outline package; 16 leads; body width 3.9 mm sot109-1
74ahc_ahct594_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 4 july 2006 24 of 29 philips semiconductors 74ahc594; 74ahct594 8-bit shift register with output register fig 17. package outline sot338-1 (ssop16) unit a 1 a 2 a 3 b p cd (1) e (1) eh e ll p qz y w v q references outline version european projection issue date iec jedec jeita mm 0.21 0.05 1.80 1.65 0.25 0.38 0.25 0.20 0.09 6.4 6.0 5.4 5.2 0.65 1.25 7.9 7.6 1.03 0.63 0.9 0.7 1.00 0.55 8 0 o o 0.13 0.2 0.1 dimensions (mm are the original dimensions) note 1. plastic or metal protrusions of 0.25 mm maximum per side are not included. sot338-1 99-12-27 03-02-19 (1) w m b p d h e e z e c v m a x a y 1 8 16 9 q a a 1 a 2 l p q detail x l (a ) 3 mo-150 pin 1 index 0 2.5 5 mm scale ssop16: plastic shrink small outline package; 16 leads; body width 5.3 mm sot338-1 a max. 2
74ahc_ahct594_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 4 july 2006 25 of 29 philips semiconductors 74ahc594; 74ahct594 8-bit shift register with output register fig 18. package outline sot403-1 (tssop16) unit a 1 a 2 a 3 b p cd (1) e (2) (1) eh e ll p qz y w v q references outline version european projection issue date iec jedec jeita mm 0.15 0.05 0.95 0.80 0.30 0.19 0.2 0.1 5.1 4.9 4.5 4.3 0.65 6.6 6.2 0.4 0.3 0.40 0.06 8 0 o o 0.13 0.1 0.2 1 dimensions (mm are the original dimensions) notes 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. plastic interlead protrusions of 0.25 mm maximum per side are not included. 0.75 0.50 sot403-1 mo-153 99-12-27 03-02-18 w m b p d z e 0.25 18 16 9 q a a 1 a 2 l p q detail x l (a ) 3 h e e c v m a x a y 0 2.5 5 mm scale tssop16: plastic thin shrink small outline package; 16 leads; body width 4.4 mm sot403-1 a max. 1.1 pin 1 index
74ahc_ahct594_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 4 july 2006 26 of 29 philips semiconductors 74ahc594; 74ahct594 8-bit shift register with output register fig 19. package outline sot763-1 (dhvqfn16) terminal 1 index area 0.5 1 a 1 e h b unit y e 0.2 c references outline version european projection issue date iec jedec jeita mm 3.6 3.4 d h 2.15 1.85 y 1 2.6 2.4 1.15 0.85 e 1 2.5 0.30 0.18 0.05 0.00 0.05 0.1 dimensions (mm are the original dimensions) sot763-1 mo-241 - - - - - - 0.5 0.3 l 0.1 v 0.05 w 0 2.5 5 mm scale sot763-1 dhvqfn16: plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 16 terminals; body 2.5 x 3.5 x 0.85 mm a (1) max. a a 1 c detail x y y 1 c e l e h d h e e 1 b 27 15 10 9 8 1 16 x d e c b a terminal 1 index area a c c b v m w m e (1) note 1. plastic or metal protrusions of 0.075 mm maximum per side are not included. d (1) 02-10-17 03-01-27
74ahc_ahct594_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 4 july 2006 27 of 29 philips semiconductors 74ahc594; 74ahct594 8-bit shift register with output register 14. abbreviations 15. revision history table 12. abbreviations acronym description cmos complementary metal oxide semiconductor hbm human body model esd electrostatic discharge mm machine model dut device under test table 13. revision history document id release date data sheet status change notice supersedes 74ahc_ahct594_1 20060704 product data sheet - -
74ahc_ahct594_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 4 july 2006 28 of 29 philips semiconductors 74ahc594; 74ahct594 8-bit shift register with output register 16. legal information 16.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term short data sheet is explained in section de?nitions. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple dev ices. the latest product status information is available on the internet at url http://www .semiconductors .philips .com. 16.2 de?nitions draft the document is a draft version only. the content is still under internal review and subject to formal approval, which may result in modi?cations or additions. philips semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. short data sheet a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request via the local philips semiconductors sales of?ce. in case of any inconsistency or con?ict with the short data sheet, the full data sheet shall prevail. 16.3 disclaimers general information in this document is believed to be accurate and reliable. however, philips semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. right to make changes philips semiconductors reserves the right to make changes to information published in this document, including without limitation speci?cations and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use philips semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of a philips semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. philips semiconductors accepts no liability for inclusion and/or use of philips semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customers own risk. applications applications that are described herein for any of these products are for illustrative purposes only. philips semiconductors makes no representation or warranty that such applications will be suitable for the speci?ed use without further testing or modi?cation. limiting values stress above one or more limiting values (as de?ned in the absolute maximum ratings system of iec 60134) may cause permanent damage to the device. limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the characteristics sections of this document is not implied. exposure to limiting values for extended periods may affect device reliability. terms and conditions of sale philips semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www .semiconductors .philips .com/pro? le/ter ms , including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by philips semiconductors. in case of any inconsistency or con?ict between information in this document and such terms and conditions, the latter will prevail. no offer to sell or license nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. 16.4 trademarks notice: all referenced brands, product names, service names and trademarks are the property of their respective owners. 17. contact information for additional information, please visit: http://www.semiconductors.philips.com for sales of?ce addresses, send an email to: sales.addresses@www.semiconductors.philips.com document status [1] [2] product status [3] de?nition objective [short] data sheet development this document contains data from the objective speci?cation for product development. preliminary [short] data sheet quali?cation this document contains data from the preliminary speci?cation. product [short] data sheet production this document contains the product speci?cation.
philips semiconductors 74ahc594; 74ahct594 8-bit shift register with output register ? koninklijke philips electronics n.v. 2006. all rights reserved. for more information, please visit: http://www.semiconductors.philips.com. for sales office addresses, email to: sales.addresses@www.semiconductors.philips.com. date of release: 4 july 2006 document identifier: 74ahc_ahct594_1 please be aware that important notices concerning this document and the product(s) described herein, have been included in section legal information. 18. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 4 ordering information . . . . . . . . . . . . . . . . . . . . . 2 5 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 6 pinning information . . . . . . . . . . . . . . . . . . . . . . 4 6.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 6.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 5 7 functional description . . . . . . . . . . . . . . . . . . . 6 8 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 6 9 recommended operating conditions. . . . . . . . 7 10 static characteristics. . . . . . . . . . . . . . . . . . . . . 7 11 dynamic characteristics . . . . . . . . . . . . . . . . . 10 12 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 13 package outline . . . . . . . . . . . . . . . . . . . . . . . . 23 14 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 27 15 revision history . . . . . . . . . . . . . . . . . . . . . . . . 27 16 legal information. . . . . . . . . . . . . . . . . . . . . . . 28 16.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 28 16.2 de?nitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28 16.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 28 16.4 trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 28 17 contact information. . . . . . . . . . . . . . . . . . . . . 28 18 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29


▲Up To Search▲   

 
Price & Availability of 74AHCT594BQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X